Part Number Hot Search : 
TTY5003 4724B SMG1332E 2SC22 M63023 N74ACT CDRH6D28 2SB933
Product Description
Full Text Search
 

To Download CS43L43 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 01/23/01
Errata: CS43L43 Revision G
CS43L43 Low Voltage, Stereo DAC with Headphone Amp All references to the CS43L43 mentioned below shall be taken to refer to revision G of the CS43L43 product. The hardware revision code can be found in the 7-character field printed below the part number on each chip. The letter which appears as the fifth character from the right is the revision code (e.g. OCG0046 is a Revision G part). * For critical applications, the PopGuard Transient Control may not be sufficient in eliminating extraneous audible artifacts on the headphone outputs during power-up. For these applications, an optional external mute can be used to maintain an absolute minimum of extraneous clicks and pops. Please see Figures 1 and 2 for the headphone mute circuit. The headphone outputs clip when the value of VA_HP is below VA. It is recommended that these two supplies be tied together. When the Analog Headphone Attenuation Control registers (02h and 03h) are set for attenuation levels greater than -10 dB, the actual attenuation deviates from the register setting by more than 1 dB.
* *
Cirrus Logic P.O. Box 17847, Austin, Texas 78760 (512) 445 7222 FAX: (512) 445 7581 http://www.cirrus.com
JAN `01 ER479C1 1
The Motorola MOSFETs shown have been tested to work properly, however, an equivalent device may be used.
M G S F1 NH 02 EL T 2 2 0 uF 47 u H F rom C S4 3L 43 Pin 10 (H P_ A)
Headphones
1k
16
M G S F1 NH 02 EL T 2 2 0 uF 47 u H F rom C S4 3L 43 Pin 14 (H P_ B)
1k
16
M ute C on trol from uC or D SP 1 00 K
See attached timing diagram for /RST and the Mute control. Customer will need to generate the mute control from their DSP or micro-controller.
Figure 1. Optional Headphone Mute Circuit for Revision G
Headphone output at pin of part
~300 msec. /RST
~900 msec. Mute Control from DSP or uC
Figure 2. Timing for Headphone Mute
Contacting Cirrus Logic Support:
For a complete listing of Direct Sales, Distributor, and Sales Representative contacts, visit the Cirrus Logic web site at: http://www.cirrus.com/corporate/contacts/sales.cfm or email: proaudio@crystal.com 2 ER479C1


▲Up To Search▲   

 
Price & Availability of CS43L43

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X