Part Number Hot Search : 
SPR13 AN260 7456M 560MA S1205 4C04W 2412E GPP20G
Product Description
Full Text Search
 

To Download BY296 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BY 296 ... BY 299 Fast Silicon Rectifiers Schnelle Silizium Gleichrichter Nominal current - Nennstrom Repetitive peak reverse voltage Periodische Spitzensperrspannung Plastic case Kunststoffgehause Weight approx. - Gewicht ca. Plastic material has UL classification 94V-0 Gehausematerial UL94V-0 klassifiziert
Dimensions / Mae in mm
2A 100...800 V ~ DO-201 1g
Standard packaging taped in ammo pack Standard Lieferform gegurtet in Ammo-Pack
see page 16 siehe Seite 16
Maximum ratings Type Typ BY 296 BY 297 BY 298 BY 299 Repetitive peak reverse voltage Periodische Spitzensperrspannung VRRM [V] 100 200 400 800
Grenzwerte Surge peak reverse voltage Stospitzensperrspannung VRSM [V] 100 200 400 800
Max. average forward rectified current, R-load Dauergrenzstrom in Einwegschaltung mit R-Last Repetitive peak forward current Periodischer Spitzenstrom Peak forward surge current, 50 Hz half sine-wave Stostrom fur eine 50 Hz Sinus-Halbwelle Rating for fusing, t < 10 ms Grenzlastintegral, t < 10 ms Operating junction temperature - Sperrschichttemperatur Storage temperature - Lagerungstemperatur
TA = 50/C f >15 Hz TA = 25/C TA = 25/C
IFAV IFRM IFSM i2t Tj TS
2 A 1) 20 A 1) 70 A 24 A2s - 50...+150/C - 50...+175/C
1
) Valid, if leads are kept at ambient temperature at a distance of 10 mm from case Gultig, wenn die Anschludrahte in 10 mm Abstand von Gehause auf Umgebungstemperatur gehalten werden 114 01.10.2002
BY 296 ... BY 299 Characteristics Forward voltage - Durchlaspannung Leakage current - Sperrstrom Forward recovery time - Durchlaverzug Reverse recovery time Sperrverzugszeit Tj = 25/C Tj = 25/C IF = 3 A VR = VRRM IF = 100 mA VF IR tfr trr RthA Kennwerte < 1.3 V < 10 :A < 1.0 :s < 500 ns < 25 K/W 1)
IF = 0.5 A through/uber IR = 1 A to/auf IR = 0.25 A
Thermal resistance junction to ambient air Warmewiderstand Sperrschicht - umgebende Luft
1
) Valid, if leads are kept at ambient temperature at a distance of 10 mm from case Gultig, wenn die Anschludrahte in 10 mm Abstand von Gehause auf Umgebungstemperatur gehalten werden 01.10.2002
115


▲Up To Search▲   

 
Price & Availability of BY296

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X