|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Philips Semiconductors Product specification Silicon Diffused Power Transistor BUT12AI GENERAL DESCRIPTION Improved high-voltage, high-speed glass-passivated npn power transistor in a TO220AB envelope specially suited for use in overhead/high frequency lighting ballast applications and converters, inverters, switching regulators, motor control systems, etc. QUICK REFERENCE DATA SYMBOL VCESM VCEO IC ICM Ptot VCEsat ICsat tf PARAMETER Collector-emitter voltage peak value Collector-emitter voltage (open base) Collector current (DC) Collector current peak value Total power dissipation Collector-emitter saturation voltage Collector saturation current Inductive fall time CONDITIONS VBE = 0 V TYP. 5 MAX. 1000 450 8 20 110 1.5 300 UNIT V V A A W V A ns Ths 25 C IC = 5 A; IB = 0.86A ICon = 5 A; IBon = 1.0 A;Tj 100C PINNING - TO220AB PIN 1 2 3 tab base collector emitter collector DESCRIPTION PIN CONFIGURATION tab SYMBOL c b 1 23 e LIMITING VALUES Limiting values in accordance with the Absolute Maximum Rating System (IEC 134) SYMBOL VCESM VCEO IC ICM IB IBM Ptot Tstg Tj PARAMETER Collector-emitter voltage peak value Collector-emitter voltage (open base) Collector current (DC) Collector current peak value Base current (DC) Base current peak value Total power dissipation Storage temperature Junction temperature CONDITIONS VBE = 0 V MIN. -65 MAX. 1000 450 8 20 4 6 110 150 150 UNIT V V A A A A W C C Ths 25 C THERMAL RESISTANCES SYMBOL Rth j-hs Rth j-a PARAMETER Junction to heatsink Junction to ambient CONDITIONS with heatsink compound in free air TYP. MAX. 1.15 60 UNIT K/W K/W June 1997 1 Rev 1.000 Philips Semiconductors Product specification Silicon Diffused Power Transistor BUT12AI STATIC CHARACTERISTICS Ths = 25 C unless otherwise specified SYMBOL ICES ICES IEBO VCEOsust VCEsat VBEsat hFE hFE hFEsat PARAMETER Collector cut-off current 1 CONDITIONS MIN. 450 10 14 5.8 TYP. 18 20 10 MAX. 1.0 3.0 10 1.5 1.3 35 35 12.5 UNIT mA mA mA V V V VBE = 0 V; VCE = VCESMmax VBE = 0 V; VCE = VCESMmax; Tj = 125 C Emitter cut-off current VEB = 9 V; IC = 0 A Collector-emitter sustaining voltage IB = 0 A; IC = 100 mA; L = 25 mH Collector-emitter saturation voltages IC = 5 A; IB = 0.86 A Base-emitter saturation voltage IC = 5 A; IB = 0.86 A DC current gain IC = 10mA; VCE = 5 V IC = 1.0A; VCE = 5 V IC = 5.0A; VCE = 1.5 V DYNAMIC CHARACTERISTICS Ths = 25 C unless otherwise specified SYMBOL ton ts tf PARAMETER Switching times (resistive load) Turn-on time Turn-off storage time Turn-off fall time Switching times (inductive load) ts tf Turn-off storage time Turn-off fall time CONDITIONS ICon =5 A; IBon = -IBoff = 1.0 A TYP. MAX. 1.0 4.0 0.8 UNIT s s s s ns ICon = 5 A; IBon = 1.0 A; LB = 1 H; -VBB = 5 V; Tj = 100 C 1.9 150 2.5 300 IC / mA + 50v 100-200R 250 Horizontal Oscilloscope Vertical 300R 30-60 Hz 6V 1R 200 100 0 VCE / V min VCEOsust Fig.1. Test circuit for VCEOsust. Fig.2. Oscilloscope display for VCEOsust. 1 Measured with half sine-wave voltage (curve tracer). June 1997 2 Rev 1.000 Philips Semiconductors Product specification Silicon Diffused Power Transistor BUT12AI VCC ICon 90 % IC RL VIM 0 tp IB RB T.U.T. ts toff IBon 10 % tf t T -IBoff t Fig.3. Test circuit resistive load. VIM = -6 to +8 V VCC = 250 V; tp = 20 s; = tp / T = 0.01. RB and RL calculated from ICon and IBon requirements. ICon Fig.6. Switching times waveforms with inductive load. 90 % 90 % VCC IC 10 % ts ton toff IBon 10 % tr 30ns -IBoff tf LC IB IBend VCL LB T.U.T. CFB -VBB Fig.4. Switching times waveforms with resistive load. Fig.7. Test circuit RBSOA. VCC = 150 V; -VBB = 5 V LC = 200 H; VCL 850 V; LB = 1 H PD% Normalised Power Derating VCC 120 110 100 90 80 LC 70 60 50 IBon LB T.U.T. 40 30 20 10 0 0 20 40 60 80 100 Tmb / C 120 140 -VBB Fig.5. Test circuit inductive load. VCC = 300 V; -VBE = 5 V;LB = 1 uH Fig.8. Normalised power dissipation. PD% = 100PD/PD 25C = f (Tmb) June 1997 3 Rev 1.000 Philips Semiconductors Product specification Silicon Diffused Power Transistor BUT12AI VBEsat / V 1.2 1.1 1 0.9 0.8 0.7 0.6 0.5 0.4 1 10 IC / A Fig.9. Typical base-emitter saturation voltage. VBEsat = f(IC); parameter IC/IB 0.1 IC/IB= 8 10 12 1 0.9 0.8 0.7 0.6 1.2 VBEsat / V Tj = 25 C Tj = 125 C 1.1 Tj = 25 C Tj = 125 C IC = 6A 3A 2A 0 0.4 0.8 1.2 IB / A 1.6 2 2.4 Fig.11. Typical base-emitter saturation voltage. VBEsat = f(IB); parameter IC VCEsat / V 10 Tj = 25 C Tj = 125 C VCEsat / V 1 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 0.1 1 IC / A 10 Tj = 25 C Tj = 125 C IC/IB= 12 10 8 5 6A 1 4A IC=2A 0.1 Fig.10. Typical collector-emitter saturation voltage. VCEsat = f(IC); parameter IC/IB 1 10 IB / A Fig.12. Typical collector-emitter saturation voltage. VCEsat = f(IB); parameter IC 0.1 June 1997 4 Rev 1.000 Philips Semiconductors Product specification Silicon Diffused Power Transistor BUT12AI IC / A 100 h FE 100 ICMmax 10 5V ICmax 10 II 1V 1 Tj = 25 C Tj = 125 C I 0.1 DC 1 0.01 0.1 IC / A 1 10 Fig.15. Typical DC current gain. hFE = f(IC) parameter VCE 0.01 1 10 100 1000 VCE / V Fig.13. Forward bias safe operating area. Tmb = 25C I II NB: Region of permissible DC operation. Extension for repetitive pulse operation. Mounted with heatsink compound and 30 5 newton force on the centre of the envelope. 1E+01 IC / A 8 7 Zth / (K/W) BUX100 6 5 4 3 2 1 0 1E+00 0.5 0.2 0.1 1E-01 0.05 0.02 D=0 1E-02 0 200 400 600 800 1000 P D tp D= tp T t T 1E-05 1E-03 t/s 1E-01 1E+01 VCE / V Fig.14. Reverse bias safe operating area. Tj Tj max Fig.16. Transient thermal impedance. Zth j-mb = f(t); parameter D = tp/T June 1997 5 Rev 1.000 Philips Semiconductors Product specification Silicon Diffused Power Transistor BUT12AI MECHANICAL DATA Dimensions in mm Net Mass: 2 g 4,5 max 10,3 max 1,3 3,7 2,8 5,9 min 15,8 max 3,0 max not tinned 3,0 13,5 min 1,3 max 1 2 3 (2x) 2,54 2,54 0,9 max (3x) 0,6 2,4 Fig.17. TO220AB; pin 2 connected to mounting base. Notes 1. Refer to mounting instructions for TO220 envelopes. 2. Epoxy meets UL94 V0 at 1/8". June 1997 6 Rev 1.000 Philips Semiconductors Product specification Silicon Diffused Power Transistor BUT12AI DEFINITIONS Data sheet status Objective specification Product specification Limiting values Limiting values are given in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of this specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. (c) Philips Electronics N.V. 1997 All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, it is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent or other industrial or intellectual property rights. This data sheet contains target or goal specifications for product development. This data sheet contains final product specifications. Preliminary specification This data sheet contains preliminary data; supplementary data may be published later. LIFE SUPPORT APPLICATIONS These products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale. June 1997 7 Rev 1.000 |
Price & Availability of BUT12AI |