Part Number Hot Search : 
3314G SR20100C SSCDA100 SR20100C NTE5496 45KN033 5TRPB AD9773
Product Description
Full Text Search
 

To Download BU2507AF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BU2507AF
GENERAL DESCRIPTION
Enhanced performance, new generation, high-voltage, high-speed switching npn transistor in a plastic full-pack envelope intended for use in horizontal deflection circuits of colour television receivers and computer monitors. Features exceptional tolerance to base drive and collector current load variations resulting in a very low worst case dissipation.
QUICK REFERENCE DATA
SYMBOL VCESM VCEO IC ICM Ptot VCEsat VCEsat ICsat tf PARAMETER Collector-emitter voltage peak value Collector-emitter voltage (open base) Collector current (DC) Collector current peak value Total power dissipation Collector-emitter saturation voltage Collector-emitter saturation voltage Collector saturation current Fall time CONDITIONS VBE = 0 V TYP. 4 0.25 MAX. 1500 700 8 15 45 1.0 5.0 0.5 UNIT V V A A W V V A s
Ths 25 C IC = 4 A; IB = 0.95 A IC = 4 A; IB = 0.8 A f = 16kHz ICsat = 4 A; f = 16kHz
PINNING - SOT199
PIN 1 2 3 base collector emitter DESCRIPTION
PIN CONFIGURATION
case
SYMBOL
c b
1 2 3
case isolated
e
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum Rating System (IEC 134) SYMBOL VCESM VCEO IC ICM IB IBM -IB(AV) -IBM Ptot Tstg Tj PARAMETER Collector-emitter voltage peak value Collector-emitter voltage (open base) Collector current (DC) Collector current peak value Base current (DC) Base current peak value Reverse base current Reverse base current peak value 1 Total power dissipation Storage temperature Junction temperature CONDITIONS VBE = 0 V MIN. -65 MAX. 1500 700 8 15 4 6 100 5 45 150 150 UNIT V V A A A A mA A W C C
average over any 20 ms period Ths 25 C
1 Turn-off current.
September 1997
1
Rev 1.100
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BU2507AF
THERMAL RESISTANCES
SYMBOL Rth j-hs Rth j-hs Rth j-a PARAMETER Junction to heatsink Junction to heatsink Junction to ambient CONDITIONS without heatsink compound with heatsink compound in free air TYP. 35 MAX. 3.7 2.8 UNIT K/W K/W K/W
ISOLATION LIMITING VALUE & CHARACTERISTIC
Ths = 25 C unless otherwise specified SYMBOL Visol PARAMETER Repetitive peak voltage from all three terminals to external heatsink CONDITIONS R.H. 65 % ; clean and dustfree MIN. TYP. MAX. 2500 UNIT V
Cisol
Capacitance from T2 to external f = 1 MHz heatsink
-
22
-
pF
STATIC CHARACTERISTICS
Ths = 25 C unless otherwise specified SYMBOL ICES ICES IEBO VCEOsust BVEBO VCEsat VBEsat hFE hFE PARAMETER Collector cut-off current
2
CONDITIONS
MIN. 700 7.5 5.0
TYP. 13.5 17 7.0
MAX. 1.0 2.0 1.0 5.0 1.1 9.0
UNIT mA mA mA V V V V
VBE = 0 V; VCE = VCESMmax VBE = 0 V; VCE = VCESMmax Tj = 125 C Emitter cut-off current VEB = 7.5 V; IC = 0 A Collector-emitter sustaining voltage IB = 0 A; IC = 100 mA; L = 25 mH Emitter-base breakdown voltage IB = 1 mA Collector-emitter saturation voltages IC = 4 A; IB = 0.8 A Base-emitter saturation voltage DC current gain IC = 4 A; IB = 0.8 A IC = 100 mA; VCE = 5 V IC = 4 A; VCE = 5 V
DYNAMIC CHARACTERISTICS
Ths = 25 C unless otherwise specified SYMBOL Cc PARAMETER Collector capacitance Switching times (16 kHz line deflection circuit) Turn-off storage time Turn-off fall time CONDITIONS IE = 0 A; VCB = 10 V; f = 1 MHz ICsat = 4 A; IB(end) = 0.7 A; LB = 6 H; -VBB = 4 V TYP. 68 MAX. UNIT pF s s
ts tf
5.0 0.25
6.0 0.5
2 Measured with half sine-wave voltage (curve tracer).
September 1997
2
Rev 1.100
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BU2507AF
TRANSISTOR IC DIODE
ICsat
100
hFE VCE = 1 V
BU2507AF/X Ths = 25 C Ths = 85 C
t
IB
IBend t 20us 26us 64us
10
VCE
t
1 0.01
0.1
1
10
IC / A
100
Fig.1. Switching times waveforms.
Fig.4. High and low DC current gain. hFE = f (IC) VCE = 1 V
ICsat 90 % IC
100
hFE VCE = 5 V
BU2507AF/X Ths = 25 C Ths = 85 C
10 % tf ts IB IBend
t
10
t
1 0.01
- IBM
0.1
1
10
IC / A
100
Fig.2. Switching times definitions.
Fig.5. High and low DC current gain. hFE = f (IC) VCE = 5 V
+ 150 v nominal adjust for ICsat
10
VCEsat / V Ths = 25 C Ths = 85 C
BU2507AF/X
Lc
1
IC/IB = 3 IC/IB = 4 IC/IB = 5
IBend
LB
T.U.T. Cfb
0.1
-VBB
0.01 0.1 1 10 IC / A 100
Fig.3. Switching times test circuit.
Fig.6. Typical collector-emitter saturation voltage. VCEsat = f (IC); parameter IC/IB
September 1997
3
Rev 1.100
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BU2507AF
VBEsat / V
BU2507AF/AX Ths = 25 C Ths = 85 C
1.2 1.1 1 0.9 0.8 0.7 0.6
IC = 3 A
120 110 100 90 80 70 60 50 40 30 20 10 0
PD%
Normalised Power Derating
with heatsink compound
IC = 4 A
0
0 0.5 1 1.5 IB / A 2
20
40
60
80 Ths / C
100
120
140
Fig.7. Typical base-emitter saturation voltage. VBEsat = f (IB); parameter IC
Fig.10. Normalised power dissipation. PD% = 100PD/PD 25C = f (Tmb)
10
Ptot / W
BU2507AF/DF/AX/DX
10
Zth / K/W
BU2507AF/X/DF/X
Ths = 25 C Ths = 85 C
0.5 1 0.2 0.1 0.05 0.02
P D tp D= tp T t
1
0.1
0.01
D=0
T
0.1
0.001 1E-06
1E-4
10E-2 t/s
1E+00
0
0.5
1
IB / A 1.5
2
Fig.8. Typical losses. PTOT = f (IB); IC = 4 A; f = 16 kHz
ts/tf/ us
Fig.11. Transient thermal impedance. Zth j-hs = f(t); parameter D = tp/T
10
BU2507AF/AX/Df/DX85ts/tf
8
6
4
2
0
0
0.5
1
1.5
IB / A
2
Fig.9. Typical collector storage and fall time. ts = f (IB); tf = f (IB); IC = 4.0 A; Tj = 85C; f = 16 kHz
September 1997
4
Rev 1.100
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BU2507AF
MECHANICAL DATA
Dimensions in mm Net Mass: 5.5 g
15.3 max 0.7 7.3 3.1 3.3 6.2 5.8 21.5 max 3.2
5.2 max
o 45
seating plane
3.5
3.5 max not tinned
15.7 min 1 2.1 max 2 3 1.2 1.0
5.45
0.7 max 0.4 M 2.0
5.45
Fig.12. SOT199; The seating plane is electrically isolated from all terminals.
Notes 1. Refer to mounting instructions for F-pack envelopes. 2. Epoxy meets UL94 V0 at 1/8".
September 1997
5
Rev 1.100
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BU2507AF
DEFINITIONS
Data sheet status Objective specification Product specification Limiting values Limiting values are given in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of this specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. (c) Philips Electronics N.V. 1997 All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, it is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent or other industrial or intellectual property rights. This data sheet contains target or goal specifications for product development. This data sheet contains final product specifications. Preliminary specification This data sheet contains preliminary data; supplementary data may be published later.
LIFE SUPPORT APPLICATIONS
These products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale.
September 1997
6
Rev 1.100


▲Up To Search▲   

 
Price & Availability of BU2507AF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X