Part Number Hot Search : 
1N3890 OL5492A 00051 SMF36CA SS432G 2SJ364 2SA1823S 01M35V8
Product Description
Full Text Search
 

To Download BSR56 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DISCRETE SEMICONDUCTORS
DATA SHEET
BSR56; BSR57; BSR58 N-channel FETs
Product specification File under Discrete Semiconductors, SC07 April 1991
Philips Semiconductors
Product specification
N-channel FETs
DESCRIPTION Symmetrical silicon n-channel depletion type junction field-effect transistors in a plastic microminiature envelope intended for application in thick and thin-film circuits. The transistors are intended for low-power, chopper or switching applications in industrial service. PINNING 1 2 3 = drain = source = gate
BSR56; BSR57; BSR58
handbook, halfpage
3 d s
g
1 Top view
2
MAM385
Note 1. Drain and source are interchangeable. Marking code BSR56 = M4P BSR57 = M5P BSR58 = M6P Fig.1 Simplified outline and symbol, SOT23.
QUICK REFERENCE DATA BSR56 Drain-source voltage Total power dissipation up to Tamb = 40 C Drain current VDS = 15 V; VGS = 0 Gate-source cut-off voltage VDS = 15 V; ID = 0.5 nA Drain-source resistance (on) at f = 1 kHz ID = 0; VGS = 0 Feedback capacitance at f = 1 MHz -VGS = 10 V; VDS = 0 Turn-off time VDD = 10 V; VGS = 0 ID = 20 mA; -VGSM = 10 V ID = 10 mA; -VGSM = 6 V ID = 5 mA; -VGSM = 4 V April 1991 2 toff toff toff < < < 25 - - - 50 - - ns - ns 100 ns Crs < 5 5 5 pF rds on < 25 40 60 -V(P)GS > < 4 10 2 6 0.8 V 4V IDSS > < 50 - 20 100 8 mA 80 mA VDS Ptot max. max. 40 250 BSR57 40 250 BSR58 40 V 250 mW
Philips Semiconductors
Product specification
N-channel FETs
RATINGS Limiting values in accordance with the Absolute Maximum System (IEC 134) Drain-source voltage Drain-gate voltage Gate-source voltage Forward gate current Total power dissipation up to Tamb = 40 C (note 1) Storage temperature range Junction temperature THERMAL RESISTANCE From junction to ambient (note 1) Notes 1. Mounted on a ceramic substrate of 8 mm x 10 mm x 0.7 mm. CHARACTERISTICS Tj = 25 C unless otherwise specified Gate-source cut-off current VDS = 0 V; -VGS = 20 V Drain cut-off current VDS = 15 V; -VGS = 10 V IDSX
BSR56; BSR57; BSR58
VDS VDGO -VGSO IGF Ptot Tstg Tj
max. max. max. max. max. max.
40 V 40 V 40 V 50 mA 250 mW 150 C
-65 to +150 C
Rth j-a
=
430 K/W
-IGSS
max. max. BSR57 20 100 40 2 6 - 500 - 40 5
1.0 nA 1.0 nA BSR58 8 mA 80 mA 40 V 0.8 V 4V - mV - mV 400 mV 60 5 pF
BSR56 Drain current VDS = 15 V; VGS = 0 Gate-source breakdown voltage -IG = 1 A; VDS = 0 Gate-source cut-off voltage ID = 0,5 nA; VDS = 15 V Drain-source voltage (on) ID = 20 mA; VGS = 0 ID = 10 mA; VGS = 0 ID = 5 mA; VGS = 0 Drain-source resistance (on) at f = 1 kHz ID = 0; VGS = 0; Ta = 25 C Feedback capacitance at f = 1 MHz -VGS = 10 V; VDS = 0 Crss < 5 rds on < 25 VDSon VDSon VDSon < < < 750 - - -V(P)GS > < 4 10 -V(BR)GSS > 40 IDSS > < 50 -
April 1991
3
Philips Semiconductors
Product specification
N-channel FETs
BSR56; BSR57; BSR58
BSR56 Switching times VDD = 10 V; VGS = 0 Conditions ID and -VGSM Delay time Rise time Turn-off time ID -VGSM td tr toff = = < < < 20 10 6 3 25
BSR57 10 6 6 4 50
BSR58 5 mA 4V 10 ns 10 ns 100 ns
0 handbook, halfpage
handbook, halfpage
VDD R
Vi VGSM td tr 10% Vo 90%
MBK299
200 ns toff Vi 50
Vo T.U.T
MBK298
Fig.2 Switching times waveforms.
Fig.3 Test circuit.
BSR56; R = BSR57; R = BSR58; R =
464 953 1910
handbook, halfpage
300
MDA245
Ptot (mW) 200
Pulse generator tr = tf 1 ns Zo = 0.02 = 50
100
Oscilloscope tr 0.75 ns 1 M 2.5 pF
0 0 40 80 120 200 160 Tamb (C)
Ri Ci
Fig.4 Power derating curve.
April 1991
4
Philips Semiconductors
Product specification
N-channel FETs
PACKAGE OUTLINE Plastic surface mounted package; 3 leads
BSR56; BSR57; BSR58
SOT23
D
B
E
A
X
HE
vMA
3
Q A A1
1
e1 e bp
2
wMB detail X Lp
c
0
1 scale
2 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A 1.1 0.9 A1 max. 0.1 bp 0.48 0.38 c 0.15 0.09 D 3.0 2.8 E 1.4 1.2 e 1.9 e1 0.95 HE 2.5 2.1 Lp 0.45 0.15 Q 0.55 0.45 v 0.2 w 0.1
OUTLINE VERSION SOT23
REFERENCES IEC JEDEC EIAJ
EUROPEAN PROJECTION
ISSUE DATE 97-02-28
April 1991
5
Philips Semiconductors
Product specification
N-channel FETs
DEFINITIONS Data sheet status Objective specification Preliminary specification Product specification Short-form specification Limiting values
BSR56; BSR57; BSR58
This data sheet contains target or goal specifications for product development. This data sheet contains preliminary data; supplementary data may be published later. This data sheet contains final product specifications. The data in this specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook.
Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. LIFE SUPPORT APPLICATIONS These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale.
April 1991
6


▲Up To Search▲   

 
Price & Availability of BSR56

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X