Part Number Hot Search : 
UPD17 P1011 ASIBFW13 40011 621220A EVM31G 156M8 POWER
Product Description
Full Text Search
 

To Download BF245A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DISCRETE SEMICONDUCTORS
DATA SHEET
BF245A; BF245B; BF245C N-channel silicon field-effect transistors
Product specification Supersedes data of April 1995 File under Discrete Semiconductors, SC07 1996 Jul 30
Philips Semiconductors
Product specification
N-channel silicon field-effect transistors
FEATURES * Interchangeability of drain and source connections * Frequencies up to 700 MHz. APPLICATIONS * LF, HF and DC amplifiers. DESCRIPTION General purpose N-channel symmetrical junction field-effect transistors in a plastic TO-92 variant package. CAUTION The device is supplied in an antistatic package. The gate-source input must be protected against static discharge during transport or handling. QUICK REFERENCE DATA SYMBOL VDS VGSoff VGSO IDSS PARAMETER drain-source voltage gate-source cut-off voltage gate-source voltage drain current BF245A BF245B BF245C Ptot yfs Crs total power dissipation forward transfer admittance reverse transfer capacitance Tamb = 75 C VDS = 15 V; VGS = 0; f = 1 kHz; Tamb = 25 C VDS = 20 V; VGS = -1 V; f = 1 MHz; Tamb = 25 C ID = 10 nA; VDS = 15 V open drain VDS = 15 V; VGS = 0 CONDITIONS Fig.1 PINNING PIN 1 2 3
BF245A; BF245B; BF245C
SYMBOL d s g drain source gate
DESCRIPTION
handbook, halfpage 2
1
3 g
MAM257
d s
Simplified outline (TO-92 variant) and symbol.
MIN. - -0.25 - 2 6 12 - 3 - - - - - - - - -
TYP.
MAX. 30 -8 -30 6.5 15 25 300 6.5 -
UNIT V V V mA mA mA mW mS pF
1.1
1996 Jul 30
2
Philips Semiconductors
Product specification
N-channel silicon field-effect transistors
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 134). SYMBOL VDS VGDO VGSO ID IG Ptot Tstg Tj Note PARAMETER drain-source voltage gate-drain voltage gate-source voltage drain current gate current total power dissipation storage temperature operating junction temperature up to Tamb = 75 C; open source open drain
BF245A; BF245B; BF245C
CONDITIONS - - - - - - - up to Tamb = 90 C; note 1
MIN.
MAX. 30 -30 -30 25 10 300 300 +150 150 V V V
UNIT
mA mA mW mW C C
-65 -
1. Device mounted on a printed-circuit board, minimum lead length 3 mm, mounting pad for drain lead minimum 10 mm x 10 mm. THERMAL CHARACTERISTICS SYMBOL Rth j-a PARAMETER thermal resistance from junction to ambient thermal resistance from junction to ambient STATIC CHARACTERISTICS Tj = 25 C; unless otherwise specified. SYMBOL V(BR)GSS VGSoff VGS PARAMETER gate-source breakdown voltage gate-source cut-off voltage gate-source voltage BF245A BF245B BF245C IDSS drain current BF245A BF245B BF245C IGSS gate cut-off current VGS = -20 V; VDS = 0 VGS = -20 V; VDS = 0; Tj = 125 C Note 1. Measured under pulse conditions: tp = 300 s; 0.02. VDS = 15 V; VGS = 0; note 1 2 6 12 - - 6.5 15 25 -5 -0.5 mA mA mA nA A CONDITIONS IG = -1 A; VDS = 0 ID = 10 nA; VDS = 15 V ID = 200 A; VDS = 15 V -0.4 -1.6 -3.2 -2.2 -3.8 -7.5 V V V MIN. -30 -0.25 - -8.0 MAX. V V UNIT CONDITIONS in free air VALUE 250 200 UNIT K/W K/W
1996 Jul 30
3
Philips Semiconductors
Product specification
N-channel silicon field-effect transistors
DYNAMIC CHARACTERISTICS Common source; Tamb = 25 C; unless otherwise specified. SYMBOL Cis Crs Cos gis gos yfs yrs yos fgfs F PARAMETER input capacitance reverse transfer capacitance output capacitance input conductance output conductance forward transfer admittance reverse transfer admittance output admittance cut-off frequency noise figure CONDITIONS
BF245A; BF245B; BF245C
MIN. - - - - - 3 - - - - -
TYP. MAX. 4 1.1 1.6 250 40 - 6 1.4 25 700 1.5 - - - - - 6.5 - - - - -
UNIT pF pF pF S S mS mS mS S MHz dB
VDS = 20 V; VGS = -1 V; f = 1 MHz VDS = 20 V; VGS = -1 V; f = 1 MHz VDS = 20 V; VGS = -1 V; f = 1 MHz VDS = 15 V; VGS = 0; f = 200 MHz VDS = 15 V; VGS = 0; f = 200 MHz VDS = 15 V; VGS = 0; f = 1 kHz VDS = 15 V; VGS = 0; f = 200 MHz VDS = 15 V; VGS = 0; f = 200 MHz VDS = 15 V; VGS = 0; f = 1 kHz VDS = 15 V; VGS = 0; gfs = 0.7 of its value at 1 kHz VDS = 15 V; VGS = 0; f = 100 MHz; RG = 1 k (common source); input tuned to minimum noise
handbook, halfpage
-10
MGE785
handbook, halfpage
6
MGE789
IGSS (nA) -1
ID
(mA) 5
4
typ
-10-1
3
2
-10-2
1
-10-3
0
50
100
Tj (C)
150
0 -4
-2
VGS (V)
0
VDS = 0; VGS = -20 V.
VDS = 15 V; Tj = 25 C.
Fig.2
Gate leakage current as a function of junction temperature; typical values.
Fig.3
Transfer characteristics for BF245A; typical values.
1996 Jul 30
4
Philips Semiconductors
Product specification
N-channel silicon field-effect transistors
BF245A; BF245B; BF245C
handbook, halfpage
6
MBH555
ID (mA) 5
handbook, halfpage
15
MGE787
ID (mA) VGS = 0 V 10
4
3 -0.5 V 2 5
1
-1 V -1.5 V
0
0
10
VDS (V)
20
0 -4
-2
VGS (V)
0
VDS = 15 V; Tj = 25 C.
VDS = 15 V; Tj = 25 C.
Fig.4
Output characteristics for BF245A; typical values.
Fig.5
Transfer characteristics for BF245B; typical values.
handbook, halfpage
15
MBH553
handbook, halfpage
30
MGE788
ID (mA) 10 VGS = 0 V
ID (mA) 20
-0.5 V -1 V 5 -1.5 V -2 V -2.5 V 0 0 10 VDS (V) 20 0 -10 -5 VGS (V) 0 10
VDS = 15 V; Tj = 25 C.
VDS = 15 V; Tj = 25 C.
Fig.6
Output characteristics for BF245B; typical values.
Fig.7
Transfer characteristics for BF245C; typical values.
1996 Jul 30
5
Philips Semiconductors
Product specification
N-channel silicon field-effect transistors
BF245A; BF245B; BF245C
handbook, halfpage
30
MBH554
MGE775
handbook, halfpage
4
ID (mA) 20 VGS = 0 V
ID (mA) 3 VGS = 0 V
2
-0.5 V
-1 V 10 -2 V
1
-1 V -1.5 V
-3 V -4 V 0 0 10 VDS (V) 20
0 0 50 100
Tj (C)
150
VDS = 15 V; Tj = 25 C.
VDS = 15 V.
Fig.8
Output characteristics for BF245C; typical values.
Fig.9
Drain current as a function of junction temperature; typical values for BF245A.
MGE776
handbook, halfpage
15
handbook, halfpage
20
MGE779
ID (mA) 10
ID (mA)
16 VGS = 0 V
12 VGS = 0 V 8 5 -1 V -2 V 4
-2 V
-4 V 0
0 0 50 100 Tj (C) 150
0
50
100
Tj (C)
150
VDS = 15 V.
VDS = 15 V.
Fig.10 Drain current as a function of junction temperature; typical values for BF245B.
Fig.11 Drain current as a function of junction temperature; typical values for BF245C.
1996 Jul 30
6
Philips Semiconductors
Product specification
N-channel silicon field-effect transistors
BF245A; BF245B; BF245C
103 handbook, halfpage gis (A/V) 102 bis
MGE778
102 bis (mA/V) 10
104 handbook, halfpage brs (A/V) 103 Crs
MGE780
10 Crs (pF) 1
gis
brs 10 1 102
10-1
1 10 102 f (MHz)
10-1 103
10 10
102
f (MHz)
10-2 103
VDS = 15 V; VGS = 0; Tamb = 25 C. VDS = 15 V; VGS = 0; Tamb = 25 C.
Fig.12 Input admittance; typical values.
Fig.13 Common source reverse admittance as a function of frequency; typical values.
handbook, halfpage gfs,
10
MGE782
103 handbook, halfpage gos (A/V) 102
MGE783
10 bos (mA/V) 1 gos
-bfs
(mA/V)
8
bos
6 gfs 4 10 2 10-1
-bfs 1 10 102 f (MHz) 10-2 103
0 10
102
f (MHz)
103
VDS = 15 V; VGS = 0; Tamb = 25 C.
VDS = 15 V; VGS = 0; Tamb = 25 C.
Fig.14 Common-source forward transfer admittance as a function of frequency; typical values.
Fig.15 Common-source output admittance as a function of frequency; typical values.
1996 Jul 30
7
Philips Semiconductors
Product specification
N-channel silicon field-effect transistors
BF245A; BF245B; BF245C
handbook, halfpage
6
MGE777
MGE781
handbook, halfpage
1.5
Cis (pF) 4
Crs (pF) typ
typ
1
2
0 0
-2
-4
-6
-8 -10 VGS (V)
0.5 0
-2
-4
-6
-8 -10 VGS (V)
VDS = 20 V; f = 1 MHz; Tamb = 25 C.
VDS = 20 V; f = 1 MHz; Tamb = 25 C.
Fig.16 Input capacitance as a function of gate-source voltage; typical values.
Fig.17 Reverse transfer capacitance as a function of gate-source voltage; typical values.
handbook, halfpage
8
MGE791
|yfs| (mA/V) 6 BF245A BF245B BF245C
handbook, halfpage V
-10
MGE784
GSoff at ID = 10 nA (V)
-8
-6 4 -4 2 BF245C BF245B 0 -0 BF245A 0 10 20 IDSS at VGS = 0 (mA) 30
-2
0
5
10
15 ID (mA)
20
VDS = 15 V; f = 1 kHz; Tamb = 25 C.
VDS = 15 V; Tj = 25 C.
Fig.18 Forward transfer admittance as a function of drain current; typical values.
Fig.19 Gate-source cut-off voltage as a function of drain current; typical values.
1996 Jul 30
8
Philips Semiconductors
Product specification
N-channel silicon field-effect transistors
BF245A; BF245B; BF245C
103 handbook, halfpage RDSon (k) 102
MGE790
handbook, halfpage
3
MGE786
F (dB) 2 typ
10
1
1
BF245A BF245B BF245C
10-1 0
-1
-2
-3 VGS (V)
-4
0 1 10
102
f (MHz)
103
VDS = 0; f = 1 kHz; Tamb = 25 C.
VDS = 15 V; VGS = 0; RG = 1 k; Tamb = 25 C. Input tuned to minimum noise.
Fig.20 Drain-source on-state resistance as a function of gate-source voltage; typical values.
Fig.21 Noise figure as a function of frequency; typical values.
1996 Jul 30
9
Philips Semiconductors
Product specification
N-channel silicon field-effect transistors
PACKAGE OUTLINE
BF245A; BF245B; BF245C
handbook, full pagewidth
0.40 min
4.2 max 1.7 1.4 1 4.8 max 2.54 3 2
5.2 max
12.7 min 0.48 0.40
0.66 0.56 2.5 max
(1)
MBC015 - 1
Dimensions in mm. (1) Terminal dimensions within this zone are uncontrolled.
Fig.22 TO-92 variant.
1996 Jul 30
10
Philips Semiconductors
Product specification
N-channel silicon field-effect transistors
DEFINITIONS Data Sheet Status Objective specification Preliminary specification Product specification Limiting values
BF245A; BF245B; BF245C
This data sheet contains target or goal specifications for product development. This data sheet contains preliminary data; supplementary data may be published later. This data sheet contains final product specifications.
Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. LIFE SUPPORT APPLICATIONS These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale.
1996 Jul 30
11


▲Up To Search▲   

 
Price & Availability of BF245A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X