|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
IDTTM InterpriseTM Integrated Communications Processor 79RC32355 Features List RC32300 32-bit Microprocessor - Enhanced MIPS-II ISA - Enhanced MIPS-IV cache prefetch instruction - DSP Instructions - MMU with 16-entry TLB - 8KB Instruction Cache, 2-way set associative - 2KB Data Cache, 2-way set associative - Per line cache locking - Write-through and write-back cache management - Debug interface through the EJTAG port - Big or Little endian support Interrupt Controller - Allows status of each interrupt to be read and masked 2 IC - Flexible I2C standard serial interface to connect to a variety of peripherals - Standard and fast mode timing support - Configurable 7 or 10-bit addressable slave UARTs - Two 16550 Compatible UARTs - Baud rate support up to 1.5 Mb/s Counter/Timers - Three general purpose 32-bit counter/timers General Purpose I/O Pins (GPIOP) - 36 individually programmable pins - Each pin programmable as input, output, or alternate function - Input can be an interrupt or NMI source - Input can also be active high or active low SDRAM Controller - 2 memory banks, non-interleaved, 512 MB total - 32-bit wide data path - Supports 4-bit, 8-bit, and 16-bit wide SDRAM chips - SODIMM support - Stays on page between transfers - Automatic refresh generation Peripheral Device Controller - 26-bit address bus - 32-bit data bus with variable width support of 8-,16-, or 32-bits - 8-bit boot ROM support - 6 banks available, up to 64MB per bank - Supports Flash ROM, PROM, SRAM, dual-port memory, and peripheral devices - Supports external wait-state generation, Intel or Motorola style - Write protect capability - Direct control of optional external data transceivers System Integrity - Programmable system watchdog timer resets system on timeout - Programmable bus transaction times memory and peripheral transactions and generates a warm reset on time-out DMA - 16 DMA channels - Services on-chip and external peripherals - Supports memory-to-memory, memory-to-I/O, and I/O-to-I/O transfers - Supports flexible descriptor based operation and chaining via linked lists of records (scatter / gather capability) - Supports unaligned transfers - Supports burst transfers Block Diagram RC32300 CPU Core ICE EJTAG D. Cache MMU I. Cache 3 Counter Timers Watchdog Timer Interrupt Controller : : 10/100 Ethernet Interface USB Interface 16 Channel DMA Controller Arbiter Ext. Bus Master SDRAM & Device Controller I2C Controller 2 UARTS (16550) GPIO Interface TDM Interface ATM Interface Memory & Peripheral Bus I2C Bus Ch. 1 Ch. 2 Serial Channels GPIO Pins TDM Bus Utopia 1 / 2 Figure 1 RC32355 Internal Block Diagram IDT and the IDT logo are registered trademarks of Integrated Device Technology, Inc. 1 of 47 2002 Integrated Device Technology, Inc. December 17, 2002 DSC 5900 IDT 79RC32355 USB - Revision 1.1 compliant - USB slave device controller - Supports a 6th USB endpoint - Full speed operation at 12 Mb/s - Supports control, interrupt, bulk and isochronous endpoints - Supports USB remote wakeup - Integrated USB transceiver TDM - Serial Time Division Multiplexed (TDM) voice and data interface - Provides interface to telephone CODECs and DSPs - Interface to high quality audio A/Ds and D/As with external glue logic - Support 1 to 128 8-bit time slots - Compatible with Lucent CHI, GCI, Mitel ST-bus, K2 and SLD busses - Supports data rates of up to 8.192 Mb/s - Supports internal or external frame generation - Supports multiple non-contiguous active input and output time slots EJTAG - Run-time Mode provides a standard JTAG interface - Real-Time Mode provides additional pins for real-time trace information Ethernet - Full duplex support for 10 and 100 Mb/s Ethernet - IEEE 802.3u compatible Media Independent Interface (MII) with serial management interface - IEEE 802.3u auto-negotiation for automatic speed selection - Flexible address filtering modes - 64-entry hash table based multicast address filtering ATM SAR - Can be configured as one UTOPIA level 1 interface or 1 UTOPIA level 2 interface with 2 address lines (3 PHYs max) - Supports 25Mb/s and faster ATM - Supports UTOPIA data path interface operation at speeds up to 33 MHz - Supports standard 53-byte ATM cells - Performs HEC generation and checking - Cell processing discards short cells and clips long cells - 16 cells worth of buffering - UTOPIA modes: 8 cell input buffer and 8 cell output buffer - Hardware support for CRC-32 generation and checking for AAL5 - Hardware support for CRC-10 generation and checking - Virtual caching receive mechanism supports reception of any length packet without CPU intervention on up to eight simultaneously active receive channels - Frame Mode transmit mechanism supports transmission of any length packet without CPU intervention System Features - JTAG Interface (IEEE Std. 1149.1 compatible) - 208 pin PQFP package - 2.5V core supply and 3.3V I/O supply - Up to 150 MHz pipeline frequency and up to 75 MHz bus frequency RC32300 CPU Core Debug port Timers UART Interrupt Ctl DMA Channels USB to PC Echo Codec SLIC USB TDM Data Buffers SDRAM Ctl Memory & I/O Controller ATM I/F Ethernet MAC MII I/F Ethernet Transceiver POTS telephone RJ11 Ethernet to PC Clock 32-bit Data Bus SDRAM Memory & I/O Transmission Convergence Data Pump AFE Figure 2 Example of xDSL Residential Gateway Using RC32355 2 of 47 December 17, 2002 IDT 79RC32355 Device Overview The RC32355 is a "System on a Chip" which contains a high performance 32-bit microprocessor. The microprocessor core is used extensively at the heart of the device to implement the most needed functionalities in software with minimal hardware support. The high performance microprocessor handles diverse general computing tasks and specific application tasks that would have required dedicated hardware. Specific application tasks implemented in software can include routing functions, fire wall functions, modem emulation, ATM SAR emulation, and others. The RC32355 meets the requirements of various embedded communications and digital consumer applications. It is a single chip solution that incorporates most of the generic system functionalities and application specific interfaces that enable rapid time to market, very low cost systems, simplified designs, and reduced board real estate. CPU Execution Core The RC32355 is built around the RC32300 32-bit high performance microprocessor core. The RC32300 implements the enhanced MIPS-II ISA and helps meet the real-time goals and maximize throughput of communications and consumer systems by providing capabilities such as a prefetch instruction, multiple DSP instructions, and cache locking. The DSP instructions enable the RC32300 to implement 33.6 and 56kbps modem functionality in software, removing the need for external dedicated hardware. Cache locking guarantees real-time performance by holding critical DSP code and parameters in the cache for immediate availability. The microprocessor also implements an on-chip MMU with a TLB, making the it fully compliant with the requirements of real time operating systems. Memory and IO Controller The RC32355 incorporates a flexible memory and peripheral device controller providing support for SDRAM, Flash ROM, SRAM, dual-port memory, and other I/O devices. It can interface directly to 8-bit boot ROM for a very low cost system implementation. It enables access to very high bandwidth external memory (300 MB/sec peak) at very low system costs. It also offers various trade-offs in cost / performance for the main memory architecture. The timers implemented on the RC32355 satisfy the requirements of most RTOS. DMA Controller The DMA controller off-loads the CPU core from moving data among the on-chip interfaces, external peripherals, and memory. The DMA controller supports scatter / gather DMA with no alignment restrictions, appropriate for communications and graphics systems. TDM Bus Interface The RC32355 incorporates an industry standard TDM bus interface to directly access external devices such as telephone CODECs and quality audio A/Ds and D/As. This feature is critical for applications, such as cable modems and xDSL modems, that need to carry voice along with data to support Voice Over IP capability. Ethernet Interface The RC32355 contains an on-chip Ethernet MAC capable of 10 and 100 Mbps line interface with an MII interface. It supports up to 4 MAC addresses. In a SOHO router, the high performance RC32300 CPU core routes the data between the Ethernet and the ATM interface. In other applications, such as high speed modems, the Ethernet interface can be used to connect to the PC. USB Device Interface The RC32355 includes the industry standard USB device interface to enable consumer appliances to directly connect to the PC. ATM SAR The RC32355 includes a configurable ATM SAR that supports a UTOPIA level 1 or a UTOPIA level 2 interface. The ATM SAR is implemented as a hybrid between software and hardware. A hardware block provides the necessary low level blocks (like CRC generation and checking and cell buffering) while the software is used for higher level SARing functions. In xDSL modem applications, the UTOPIA port interfaces directly to an xDSL chip set. In SOHO routers or in a line card for a Layer 3 switch, it provides access to an ATM network. Enhanced JTAG Interface for ICE For low-cost In-Circuit Emulation (ICE), the RC32300 CPU core includes an Enhanced JTAG (EJTAG) interface. This interface consists of two operation modes: Run-Time Mode and Real-Time Mode. The Run-Time Mode provides a standard JTAG interface for on-chip debugging, and the Real-Time Mode provides additional status pins-- PCST[2:0]--which are used in conjunction with the JTAG pins for realtime trace information at the processor internal clock or any division of the pipeline clock. 3 of 47 December 17, 2002 IDT 79RC32355 Thermal Considerations The RC32355 consumes less than 2.5 W peak power. It is guaranteed in a ambient temperature range of 0 to +70 C for commercial temperature devices and - 40 to +85 for industrial temperature devices. Revision History March 29, 2001: Initial publication. September 24, 2001: Removed references to DPI interface. Removed references to "edge-triggered interrupt input" for GPIO pins. Changed 208-pin package designation from DP to DH. October 10, 2001: Revised AC timing characteristics in Tables 5, 6, 7, 8, 10, 12, and 15. Revised values in Table 18, "DC Electrical Characteristics"; Table 20, "RC32355 Power Consumption"; and Figure 23, "Typical Power Usage." Changed data sheet from Preliminary to Final. October 23, 2001: Revised Figure 23, "Typical Power Usage." November 1, 2001: Added Input Voltage Undershoot parameter and a footnote to Table 21. January 30, 2002: In Table 6, changed values from 1.5 to 1.2 for the following signals: MDATA Tdo1, MADDR Tdo2, CASN Tdo3, CKENP Tdo4, BDIRN Tdo5, BOEN Tdo6. May 20, 2002: Changed values in Table 20, Power Consumption. September 19, 2002: Added COLDRSTN Trise1 parameter to Table 5, Reset and System AC Timing Characteristics. December 6, 2002: In Features section, changed UART speed from 115 Kb/s to 1.5 Mb/s. December 17, 2002: Added VOH parameter to Table 18, DC Electrical Characteristics. 4 of 47 December 17, 2002 IDT 79RC32355 Pin Description Table The following table lists the functions of the pins provided on the RC32355. Some of the functions listed may be multiplexed onto the same pin. To define the active polarity of a signal, a suffix will be used. Signals ending with an "N" should be interpreted as being active, or asserted, when at a logic zero (low) level. All other signals (including clocks, buses and select lines) will be interpreted as being active, or asserted when at a logic one (high) level. Note: The input pads of the RC32355 do not contain internal pull-ups or pull-downs. Unused inputs should be tied off to appropriate levels. This is especially critical for unused control signal inputs (such as BRN) which, if left floating, could adversely affect the RC32355's operation. Also, any input pin left floating can cause a slight increase in power consumption. Name System CLKP COLDRSTN RSTN I I I/O Input STI1 System Clock input. This is the system master clock input. The RISCore 32300 pipeline frequency is a multiple (x2, x3, or x4) of this clock frequency. All other logic runs at this frequency or less. Cold Reset. The assertion of this signal low initiates a cold reset. This causes the RC32355 state to be initialized, boot configuration to be loaded, and the internal processor PLL to lock onto the system clock (CLKP). Type I/O Type Description Low Drive Reset. This bidirectional signal is either driven low or tri-stated, an external pull-up is required to supply the high state. The with STI RC32355 drives RSTN low during a reset (to inform the external system that a reset is taking place) and then tri-states it. The external system can drive RSTN low to initiate a warm reset, and then should tri-state it. High Drive System clock output. This is a buffered and delayed version of the system clock input (CLKP). All SDRAM transactions are synchronous to this clock. This pin should be externally connected to the SDRAMs and to the RC32355 SDCLKINP pin (SDRAM clock input). [21:0] High Memory Address Bus. 26-bit address bus for memory and peripheral accesses. MADDR[20:17] are used for the Drive SODIMM data mask enables if SODIMM mode is selected. [25:22] Low MADDR[22] Primary function: General Purpose I/O, GPIOP[27]. Drive with MADDR[23] Primary function: General Purpose I/O, GPIOP[28]. STI MADDR[24] Primary function: General Purpose I/O, GPIOP[29]. MADDR[25] Primary function: General Purpose I/O, GPIOP[30]. SYSCLKP O Memory and Peripheral Bus MADDR[25:0] O MDATA[31:0] BDIRN BOEN[1:0] I/O O O High Drive Memory Data Bus. 32-bit data bus for memory and peripheral accesses. High Drive External Buffer Direction. External transceiver direction control for the memory and peripheral data bus, MDATA[31:0]. It is asserted low during any read transaction, and remains high during write transactions. High Drive External Buffer Output Enable. These signals provide two output enable controls for external data bus transceivers on the memory and peripheral data bus, MDATA. BOEN[0] is asserted low during external device read transactions. BOEN[1] is asserted low during SDRAM read transactions. STI External Bus Request. This signal is asserted low by an external master device to request ownership of the memory and peripheral bus. BRN BGN WAITACKN I O I Low Drive External Bus Grant. This signal is asserted low by RC32355 to indicate that RC32355 has relinquished ownership of the local memory and peripheral bus to an external master. STI Wait or Transfer Acknowledge. When configured as wait, this signal is asserted low during a memory and peripheral device bus transaction to extend the bus cycle. When configured as transfer acknowledge, this signal is asserted low during a memory and peripheral device bus transaction to signal the completion of the transaction. CSN[5:0] O [3:0] Device Chip Select. These signals are used to select an external device on the memory and peripheral bus during device High Drive transactions. Each bit is asserted low during an access to the selected external device. CSN[4] Primary function: General purpose I/O, GPIOP[16]. [5:4] CSN[5] Primary function: General purpose I/O, GPIOP[17]. Low Drive Table 1 Pin Descriptions (Part 1 of 8) 5 of 47 December 17, 2002 IDT 79RC32355 Name RWN OEN BWEN[3:0] Type I/O Type O O O Description High Drive Read or Write. This signal indicates if the transaction on the memory and peripheral bus is a read transaction or a write transaction. A high level indicates a read from an external device, a low level indicates a write to an external device. High Drive Output Enable. This signal is asserted low when data should be driven by an external device during device read transactions on the memory and peripheral bus. High Drive SDRAM Byte Enable Mask or Memory and I/O Byte Write Enables. These signals are used as data input/output masks during SDRAM transactions and as byte write enable signals during device controller transactions on the memory and peripheral bus. They are active low. BWEN[0] corresponds to byte lane MDATA[7:0]. BWEN[1] corresponds to byte lane MDATA[15:8]. BWEN[2] corresponds to byte lane MDATA[23:16]. BWEN[3] corresponds to byte lane MDATA[31:24]. High Drive SDRAM Chip Select. These signals are used to select the SDRAM device on the memory and peripheral bus. Each bit is asserted low during an access to the selected SDRAM. High Drive SDRAM Row Address Strobe. The row address strobe asserted low during memory and peripheral bus SDRAM transactions. High Drive SDRAM Column Address Strobe. The column address strobe asserted low during memory and peripheral bus SDRAM transactions. High Drive SDRAM Write Enable. Asserted low during memory and peripheral bus SDRAM write transactions. Low Drive SDRAM Clock Enable. Asserted high during active SDRAM clock cycles. Primary function: General Purpose I/O, GPIOP[21]. STI SDRAM Clock Input. This clock input is a delayed version of SYSCLKP. SDRAM read data is sampled into the RC32355 on the rising edge of this clock. ATM PHY Inputs. These pins are the inputs for the ATM interface. SDCSN[1:0] RASN CASN SDWEN CKENP SDCLKINP ATM Interface ATMINP[11:0] ATMIOP[1:0] ATMOUTP[9:0] TXADDR[1:0] O O O O O I I I/O O O STI Low Drive ATM PHY Bidirectional Signals. These pins are the bidirectional pins for the ATM interface. with STI Low Drive ATM PHY Outputs. These pins are the outputs for the ATM interface. Low Drive ATM Transmit Address [1:0]. 2-bit address bus used for transmission in Utopia-2 mode. TXADDR[0] Primary function: General purpose I/O, GPIOP[22]. TXADDR[1] Primary function: General purpose I/O, GPIOP[23]. Low Drive ATM Receive Address [1:0]. 2-bit address bus for receiving in Utopia-2 mode. RXADDR[0] Primary function: General purpose I/O, GPIOP[24]. RXADDR[1] Primary function: General purpose I/O, GPIOP[25]. High Drive TDM Serial Data Output. Serial data is driven by the RC32355 on this signal during an active output time slot. During inactive time slots this signal is tri-stated. Primary function: General purpose I/O, GPIOP[32]. STI TDM Serial Data Input. Serial data is received by the RC32355 on this signal during active input time slots. Primary function: General purpose I/O, GPIOP[33]. RXADDR[1:0] O TDM Bus TDMDOP O TDMDIP TDMFP I I/O High Drive TDM Frame Signal. A transition on this signal, the active polarity of which is programmable, delineates the start of a new TDM bus frame. TDMFP is driven if the RC32355 is a master, and is received if it is a slave. Primary function: General purpose I/O, GPIOP[34]. STI TDM Clock. This input clock controls the rate at which data is sent and received on the TDM bus. Primary function: General purpose I/O, GPIOP[35]. Table 1 Pin Descriptions (Part 2 of 8) TDMCLKP I 6 of 47 December 17, 2002 IDT 79RC32355 Name TDMTEN Type I/O Type O Description Low Drive TDM External Buffer Enable. This signal controls an external tri-state buffer output enable connected to the TDM output data, TDMDOP. It is asserted low when the RC32355 is driving data on TDMDOP. Primary function: General Purpose I/O, GPIOP[26] Low Drive General Purpose I/O. This pin can be configured as a general purpose I/O pin. with STI Alternate function: UART channel 0 serial output, U0SOUTP. Low Drive General Purpose I/O. This pin can be configured as a general purpose I/O pin. with STI Alternate function: UART channel 0 serial input, U0SINP. Low Drive General Purpose I/O. This pin can be configured as a general purpose I/O pin. with STI 1st Alternate function: UART channel 0 ring indicator, U0RIN. 2nd Alternate function: JTAG boundary scan tap controller reset, JTAG_TRST_N. Low Drive General Purpose I/O. This pin can be configured as a general purpose I/O pin. with STI Alternate function: UART channel 0 data carrier detect, U0DCRN. Low Drive General Purpose I/O. This pin can be configured as a general purpose I/O pin. with STI 1st Alternate function: UART channel 0 data terminal ready, U0DTRN. 2nd Alternate function: CPU or DMA transaction indicator, CPUP. Low Drive General Purpose I/O. This pin can be configured as a general purpose I/O pin. with STI Alternate function: UART channel 0 data set ready, U0DSRN. Low Drive General Purpose I/O. This pin can be configured as a general purpose I/O pin. with STI Alternate function: UART channel 0 request to send, U0RTSN. Low Drive General Purpose I/O. with STI This pin can be configured as a general purpose I/O pin. Alternate function: UART channel 0 clear to send, U0CTSN. Low Drive General Purpose I/O. This pin can be configured as a general purpose I/O pin. with STI 1st Alternate function: UART channel 1 serial output, U1SOUTP. 2nd Alternate function: Active DMA channel code, DMAP[3]. Low Drive General Purpose I/O. This pin can be configured as a general purpose I/O pin. with STI 1st Alternate function: UART channel 1 serial input, U1SINP. 2nd Alternate function: Active DMA channel code, DMAP[2]. Low Drive General Purpose I/O. This pin can be configured as a general purpose I/O pin. with STI 1st Alternate function: UART channel 1 data terminal ready, U1DTRN. 2nd Alternate function: ICE PC trace status, EJTAG_PCST[0]. Low Drive General Purpose I/O. This pin can be configured as a general purpose I/O pin. with STI 1st Alternate function: UART channel 1 data set ready, U1DSRN. 2nd Alternate function: ICE PC trace status, EJTAG_PCST[1]. Low Drive General Purpose I/O. This pin can be configured as a general purpose I/O pin. with STI 1st Alternate function: UART channel 1 request to send, U1RTSN. 2nd Alternate function: ICE PC trace status, EJTAG_PCST[2]. Low Drive General Purpose I/O. This pin can be configured as a general purpose I/O pin. with STI 1st Alternate function: UART channel 1 clear to send, U1CTSN. 2nd Alternate function: ICE PC trace clock, EJTAG_DCLK. Low Drive General Purpose I/O. This pin can be configured as a general purpose I/O pin. with STI Alternate function: I2C interface data, SDAP. Low Drive General Purpose I/O. This pin can be configured as a general purpose I/O pin. with STI Alternate function: I2C interface clock, SCLP. High Drive General Purpose I/O. This pin can be configured as a general purpose I/O pin. Alternate function: Memory and peripheral bus chip select, CSN[4]. Table 1 Pin Descriptions (Part 3 of 8) General Purpose Input/Output GPIOP[0] GPIOP[1] GPIOP[2] I/O I/O I/O GPIOP[3] GPIOP[4] I/O I/O GPIOP[5] GPIOP[6] GPIOP[7] I/O I/O I/O GPIOP[8] I/O GPIOP[9] I/O GPIOP[10] I/O GPIOP[11] I/O GPIOP[12] I/O GPIOP[13] I/O GPIOP[14] GPIOP[15] GPIOP[16] I/O I/O I/O 7 of 47 December 17, 2002 IDT 79RC32355 Name GPIOP[17] GPIOP[18] GPIOP[19] GPIOP[20] GPIOP[21] GPIOP[22] GPIOP[23] Type I/O Type I/O I/O I/O I/O I/O I/O I/O Description High Drive General Purpose I/O. This pin can be configured as a general purpose I/O pin. Alternate function: Memory and peripheral bus chip select, CSN[5]. Low Drive General Purpose I/O. This pin can be configured as a general purpose I/O pin. with STI Alternate function: External DMA device request, DMAREQN. Low Drive General Purpose I/O. This pin can be configured as a general purpose I/O pin. with STI Alternate function: External DMA device done, DMADONEN. Low Drive General Purpose I/O. This pin can be configured as a general purpose I/O pin. with STI Alternate function: USB start of frame, USBSOF. Low Drive General Purpose I/O. This pin can be configured as a general purpose I/O pin. with STI Alternate function: SDRAM clock enable CKENP. Low Drive General Purpose I/O. This pin can be configured as a general purpose I/O pin. with STI Alternate function: ATM transmit PHY address, TXADDR[0]. Low Drive General Purpose I/O. This pin can be configured as a general purpose I/O pin. with STI 1st Alternate function: ATM transmit PHY address, TXADDR[1]. 2nd Alternate function: Active DMA channel code, DMAP[0]. Low Drive General Purpose I/O. This pin can be configured as a general purpose I/O pin. with STI Alternate function: ATM receive PHY address, RXADDR[0]. Low Drive General Purpose I/O. This pin can be configured as a general purpose I/O pin. with STI 1st Alternate function: ATM receive PHY address, RXADDR[1]. 2nd Alternate function: Active DMA channel code, DMAP[1]. Low Drive General Purpose I/O. This pin can be configured as a general purpose I/O pin. with STI Alternate function: TDM external buffer enable, TDMTEN. Low Drive General Purpose I/O. This pin can be configured as a general purpose I/O pin. with STI Alternate function: Memory and peripheral bus address, MADDR[22]. Low Drive General Purpose I/O. This pin can be configured as a general purpose I/O pin. with STI Alternate function: Memory and peripheral bus address, MADDR[23]. Low Drive General Purpose I/O. This pin can be configured as a general purpose I/O pin. with STI Alternate function: Memory and peripheral bus address, MADDR[24]. Low Drive General Purpose I/O. This pin can be configured as a general purpose I/O pin. with STI Alternate function: Memory and peripheral bus address, MADDR[25]. Low Drive General Purpose I/O. This pin can be configured as a general purpose I/O pin. with STI 1ST Alternate function: DMA finished, DMAFIN. 2nd Alternate function: EJTAG/ICE reset, EJTAG_TRST_N. High Drive General Purpose I/O. This pin can be configured as a general purpose I/O pin. Alternate function: TDM interface data output, TDMDOP. At reset, this pin defaults to the primary function, GPIOP[32]. Low Drive General Purpose I/O. This pin can be configured as a general purpose I/O pin. with STI Alternate function: TDM interface data input, TDMDIP. At reset, this pin defaults to the primary function, GPIOP[33]. High Drive General Purpose I/O. This pin can be configured as a general purpose I/O pin. Alternate function: TDM interface frame signal, TDMFP. At reset, this pin defaults to the primary function, GPIOP[34]. Low Drive General Purpose I/O. This pin can be configured as a general purpose I/O pin. with STI Alternate function: TDM interface clock, TDMCLKP. At reset, this pin defaults to the primary function, GPIOP[35]. Low External DMA finished. This signal is asserted low by the RC32355 when the number of bytes specified in the DMA descriptor have been transferred to or from an external device. Primary function: General Purpose I/O, GPIOP[31]. At reset, this pin defaults to primary function GPIOP[31]. 2nd Alternate function: EJTAG_TRST_N. Table 1 Pin Descriptions (Part 4 of 8) GPIOP[24] GPIOP[25] I/O I/O GPIOP[26] GPIOP[27] GPIOP[28] GPIOP[29] GPIOP[30] GPIOP[31] I/O I/O I/O I/O I/O I/O GPIOP[32] GPIOP[33] GPIOP[34] GPIOP[35] DMA DMAFIN I/O I/O I/O I/O O 8 of 47 December 17, 2002 IDT 79RC32355 Name DMAREQN DMADONEN Type I/O Type I I STI STI Description External DMA Device Request. The external DMA device asserts this pin low to request DMA service. Primary function: General purpose I/O, GPIOP[18]. At reset, this pin defaults to primary function GPIOP[18]. External DMA Device Done. The external DMA device asserts this signal low to inform the RC32355 that it is done with the current DMA transaction. Primary function: General purpose I/O, GPIOP[19]. At reset, this pin defaults to primary function GPIOP[19]. USB Clock. 48 MHz clock input used as time base for the USB interface. USB D- Data Line. This is the negative differential USB data signal. USB D+ Data Line. This is the positive differential USB data signal. USB USBCLKP USBDN USBDP USBSOF Ethernet MIICOLP MIICRSP MIIMDCP MIIMDIOP MIIRXCLKP MIIRXDP[3:0] MIIRXDVP MIIRXERP MIITXCLKP MIITXDP[3:0] MIITXENP MIITXERP I2C SCLP I/O Low Drive I2C Interface Clock. An external pull-up is required on SCLP, see the I2C spec.2 with STI Primary function: General purpose I/O, GPIOP[15]. At reset, this pin defaults to primary function GPIOP[15]. Low Drive I2C Interface Data Pin. An external pull-up is required on SDAP, see the I2C spec.2 with STI Primary function: General purpose I/O, GPIOP[14]. At reset, this pin defaults to primary function GPIOP[14]. I I O I/O I I I I I O O O STI STI MII Collision Detected. This signal is asserted by the ethernet PHY when a collision is detected. MII Carrier Sense. This signal is asserted by the ethernet PHY when either the transmit or receive medium is not idle. I I/O I/O O STI USB USB Low Drive USB start of frame. Primary function: General Purpose I/O, GPIOP[20]. At reset, this pin defaults to primary function GPIOP[20]. Low Drive MII Management Data Clock. This signal is used as a timing reference for transmission of data on the management interface. Low Drive MII Management Data. This bidirectional signal is used to transfer data between the station management entity and the with STI ethernet PHY. STI STI STI STI STI MII Receive Clock. This clock is a continuous clock that provides a timing reference for the reception of data. MII Receive Data. This nibble wide data bus contains the data received by the ethernet PHY. MII Receive Data Valid. The assertion of this signal indicates that valid receive data is in the MII receive data bus. MII Receive Error. The assertion of this signal indicates that an error was detected somewhere in the ethernet frame currently being sent in the MII receive data bus. MII Transmit Clock. This clock is a continuous clock that provides a timing reference for the transfer of transmit data. Low Drive MII Transmit Data. This nibble wide data bus contains the data to be transmitted. Low Drive MII Transmit Enable. The assertion of this signal indicates that data is present on the MII for transmission. Low Drive MII Transmit Coding Error. When this signal is asserted together with MIITXENP, the ethernet PHY will transmit symbols which are not valid data or delimiters. SDAP I/O EJTAG JTAG_TCK JTAG_TDI I I STI STI JTAG Clock. This is an input test clock, used to shift data into or out of the boundary scan logic. This signal requires an external resistor, listed in Table 16. JTAG Data Input. This is the serial data shifted into the boundary scan logic. This signal requires an external resistor, listed in Table 16. This is also used to input EJTAG_DINTN during EJTAG/ICE mode. EJTAG_DINTN is an interrupt to switch the PC trace mode off. JTAG_TDO O Low Drive JTAG Data Output. This is the serial data shifted out from the boundary scan logic. When no data is being shifted out, this signal is tri-stated. This signal requires an external resistor, listed in Table 16. This is also used to output the EJTAG_TPC during EJTAG/ICE mode. EJTAG_TPC is the non-sequential program counter output. Table 1 Pin Descriptions (Part 5 of 8) 9 of 47 December 17, 2002 IDT 79RC32355 Name JTAG_TMS EJTAG_PCST[0] Type I/O Type I O STI Description JTAG Mode Select. This input signal is decoded by the tap controller to control test operation. This signal requires an external resistor, listed in Table 16. Low Drive PC trace status. This bus gives the PC trace status information during EJTAG/ICE mode. EJTAG/ICE enable is selected during reset using the boot configuration and overrides the selection of the Primary and Alternate functions. This signal requires an external resistor, listed in Table 16. Primary function: General Purpose I/O, GPIOP[10]. 1st Alternate function: UART channel 1 data terminal ready, U1DTRN. Low Drive PC trace status. This bus gives the PC trace status information during EJTAG/ICE mode. EJTAG/ICE enable is selected during reset using the boot configuration and overrides the selection of the Primary and Alternate functions. This signal requires an external resistor, listed in Table 16. Primary function: General Purpose I/O, GPIOP[11]. At reset, this pin defaults to primary function GPIOP[11]. 1st Alternate function: UART channel 1 data set ready, U1DSRN. Low Drive PC trace status. This bus gives the PC trace status information during EJTAG/ICE mode. EJTAG/ICE enable is selected during reset using the boot configuration and overrides the selection of the Primary and Alternate functions. This signal requires an external resistor, listed in Table 16. Primary function: General Purpose I/O, GPIOP[12]. 1st Alternate function: UART channel 1 request to send, U1RTSN. Low Drive PC trace clock. This is used to capture address and data during EJTAG/ICE mode. EJTAG/ICE enable is selected during reset using the boot configuration and overrides the selection of the Primary and Alternate functions. This signal requires an external resistor, listed in Table 16. Primary function: General Purpose I/O, GPIOP[13]. 1st Alternate function: UART channel 1 clear to send, U1CTSN. STI EJTAG Test Reset. EJTAG_TRST_N is an active-low signal for asynchronous reset of only the EJTAG/ICE controller. EJTAG_TRST_N requires an external pull-up on the board. EJTAG/ICE enable is selected during reset using the boot configuration and overrides the selection of the Primary and Alternate functions. This signal requires an external resistor, listed in Table 16. Primary: General Purpose I/O, GPIOP[31] 1st Alternate function: DMA finished output, DMAFIN. JTAG Test Reset. JTAG_TRST_N is an active-low signal for asynchronous reset of only the JTAG boundary scan controller. JTAG_TRST_N requires an external pull-down on the board that will hold the JTAG boundary scan controller in reset when not in use if selected. JTAG reset enable is selected during reset using the boot configuration and overrides the selection of the Primary and Alternate functions. Primary function: General Purpose I/O, GPIOP[2]. 1st Alternate function: UART channel 0 ring indicator, U0RIN. EJTAG_PCST[1] O EJTAG_PCST[2] O EJTAG_DCLK O EJTAG_TRST_N I JTAG_TRST_N I STI Debug INSTP CPUP O O Low Drive Instruction or Data Indicator. This signal is driven high during CPU instruction fetches and low during CPU data transactions on the memory and peripheral bus. Low Drive CPU or DMA Transaction Indicator. This signal is driven high during CPU transactions and low during DMA transactions on the memory and peripheral bus if CPU/DMA Transaction Indicator Enable is enabled. CPU/DMA Status mode enable is selected during reset using the boot configuration and overrides the selection of the Primary and Alternate functions. Primary function: General Purpose I/O, GPIOP[4]. 1st Alternate function: UART channel 0 data terminal ready U0DTRN. Low Drive Active DMA channel code. DMA debug enable is selected during reset using the boot configuration and overrides the selection of the Primary and Alternate functions. Primary function: General Purpose I/O, GPIOP[23]. 1st Alternate function: TXADDR[1]. Low Drive Active DMA channel code. DMA debug enable is selected during reset using the boot configuration and overrides the selection of the Primary and Alternate functions. Primary function: General Purpose I/O, GPIOP[25]. 1st Alternate function: RXADDR[1]. Table 1 Pin Descriptions (Part 6 of 8) DMAP[0] O DMAP[1] O 10 of 47 December 17, 2002 IDT 79RC32355 Name DMAP[2] Type I/O Type O Description Low Drive Active DMA channel code. DMA debug enable is selected during reset using the boot configuration and overrides the selection of the Primary and Alternate functions. Primary function: General Purpose I/O, GPIOP[9]. 1st Alternate function: U1SINP. Low Drive Active DMA channel code. DMA debug enable is selected during reset using the boot configuration and overrides the selection of the Primary and Alternate functions. Primary function: General Purpose I/O, GPIOP[8]. 1st Alternate function: U1SOUTP. STI STI STI UART channel 0 serial transmit. Primary function: General Purpose I/O, GPIOP[0]. At reset, this pin defaults to primary function GPIOP[0]. UART channel 0 serial receive. Primary function: General Purpose I/O, GPIOP[1]. At reset, this pin defaults to primary function GPIOP[1]. UART channel 0 ring indicator. Primary function: General Purpose I/O, GPIOP[2]. At reset, this pin defaults to primary function GPIOP[2] if JTAG reset enable is not selected during reset using the boot configuration. 2nd Alternate function: JTAG boundary scan reset, JTAG_TRST_N. UART channel 0 data carrier detect. Primary function: General Purpose I/O, GPIOP[3]. At reset, this pin defaults to primary function GPIOP[3]. DMAP[3] O UART U0SOUTP U0SINP U0RIN I I I U0DCRN U0DTRN I O STI Low Drive UART channel 0 data terminal ready. Primary function: General Purpose I/O, GPIOP[4]. At reset, this pin defaults to primary function GPIOP[4] if CPU/DMA Status Mode enable is not selected during reset using the boot configuration. 2nd Alternate function: CPU or DMA transaction indicator, CPUP. STI UART channel 0 data set ready. Primary function: General Purpose I/O, GPIOP[5]. At reset, this pin defaults to primary function GPIOP[5]. U0DSRN U0RTSN U0CTSN U0SOUTP I O I O Low Drive UART channel 0 request to send. Primary function: General Purpose I/O, GPIOP[6]. At reset, this pin defaults to primary function GPIOP[6]. STI UART channel 0 clear to send. Primary function: General Purpose I/O, GPIOP[7]. At reset, this pin defaults to primary function GPIOP[7]. Low Drive UART channel 1 serial transmit. Primary function: General Purpose I/O, GPIOP[8]. At reset, this pin defaults to primary function GPIOP[8] if DMA Debug enable is not selected during reset using the boot configuration. 2nd Alternate function: DMA channel, DMAP[3]. STI UART channel 1 serial receive. Primary function: General Purpose I/O, GPIOP[9]. At reset, this pin defaults to primary function GPIOP[9] if DMA Debug enable is not selected during reset using the boot configuration. 2nd Alternate function: DMA channel, DMAP[2]. U1SINP I U1DTRN O Low Drive UART channel 1 data terminal ready. Primary function: General Purpose I/O, GPIOP[10]. At reset, this pin defaults to primary function GPIOP[10] if ICE Interface enable is not selected during reset using the boot configuration. Alternate function: PC trace status bit 0, EJTAG_PCST[0]. STI UART channel 1 data set ready. Primary function: General Purpose I/O, GPIOP[11]. At reset, this pin defaults to primary function GPIOP[11] if ICE Interface enable is not selected during reset using the boot configuration. 2nd Alternate function: PC trace status bit 1, EJTAG_PCST[1]. U1DSRN I U1RTSN O Low Drive UART channel 1 request to send. Primary function: General Purpose I/O, GPIOP[12]. At reset, this pin defaults to primary function GPIOP[12] if ICE Interface enable is not selected during reset using the boot configuration. 2nd Alternate function: PC trace status bit 2, EJTAG_PCST[2]. Table 1 Pin Descriptions (Part 7 of 8) 11 of 47 December 17, 2002 IDT 79RC32355 Name U1CTSN Type I/O Type I STI Description UART channel 1 clear to send. Primary function: General Purpose I/O, GPIOP[13]. At reset, this pin defaults to primary function GPIOP[13] if ICE Interface enable is not selected during reset using the boot configuration. 2nd Alternate function: PC trace clock, EJTAG_DCLK. Table 1 Pin Descriptions (Part 8 of 8) 1. Schmitt Trigger Input. 2. 2 2 I C - Bus Specification by Philips Semiconductors. Boot Configuration Vector The boot configuration vector is read into the RC32355 during cold reset. The vector defines parameters in the RC32355 that are essential to operation when cold reset is complete. The encoding of boot configuration vector is described in Table 2, and the vector input is illustrated in Figure 6. Signal MDATA[2:0] Name/Description Clock Multiplier. This field specifies the value by which the system clock (CLKP) is multiplied internally to generate the CPU pipeline clock. 0x0 - multiply by 2 0x1 - multiply by 3 0x2 - multiply by 4 0x3 - reserved 0x4 - reserved 0x5 - reserved 0x6 - reserved 0x7 - reserved Endian. This bit specifies the endianness of RC32355. 0x0 - little endian 0x1 - big endian Reserved. Must be set to 0. Debug Boot Mode. When this bit is set, the RC32355 begins executing from address 0xFF20_0200 rather than 0xBFC0_0000 following a reset. 0x0 - regular mode (processor begins executing at 0xBFC0_0000) 0x1 - debug boot mode (processor begins executing at 0xFF20_0200) Boot Device Width. This field specifies the width of the boot device. 0x0 - 8-bit boot device width 0x1 - 16-bit boot device width 0x2 - 32-bit boot device width 0x3 - reserved EJTAG/ICE Interface Enable. When this bit is set, Alternate 2 pin functions EJTAG_PCST[2:0], EJTAG_DCLK, and EJTAG_TRST_N are selected. 0x0 - GPIOP[31, 13:10] pins behaves as GPIOP 0x1 - GPIOP[31] pin behaves as EJTAG_TRST_N, GPIOP[12:10] pins behave as EJTAG_PCST[2:0], and GPIOP[13] pin behaves as EJTAG_DCLK Fast Reset. When this bit is set, RC32355 drives RSTN for 64 clock cycles, used during test only. Clear this bit for normal operation. 0x0 - Normal reset: RC32355 drives RSTN for minimum of 4096 clock cycles 0x1 - Fast Reset: RC32355 drives RSTN for 64 clock cycles (test only) DMA Debug Enable. When this bit is set, Alternate 2 pin function, DMAP is selected. DMAP provides the DMA channel number during memory and peripheral bus DMA transactions. 0x0 - GPIOP[8, 9, 25, 23] pins behave as GPIOP 0x1 - GPIOP[8, 9, 25, 23] pins behave as DMAP[3:0] Table 2 Boot Configuration Vector Encoding (Part 1 of 2) MDATA[3] MDATA[4] MDATA[5] MDATA[7:6] MDATA[8] MDATA[9] MDATA[10] 12 of 47 December 17, 2002 IDT 79RC32355 Signal MDATA[11] Name/Description Hold SYSCLKP Constant. For systems that do not require a SYSCLKP output and can instead use CLKP, setting this bit to a one causes the SYSCLKP output to be held at a constant level. This may be used to reduce EMI. 0x0 - Allow SYSCLKP to toggle 0x1 - Hold SYSCLKP constant JTAG Boundary Scan Reset Enable. When this bit is set, Alternate 2 pin function, JTAG_TRST_N is selected. 0x0 - GPIOP[2] pin behaves as GPIOP 0x1 - GPIOP[2] pin behaves as JTAG_TRST_N CPU / DMA Transaction Indicator Enable. When this bit is set, Alternate 2 pin function, CPUP is selected. 0x0 - GPIOP[4] pin behaves as GPIOP 0x1 - GPIOP[4] pin behaves as CPUP Reserved. These pins must be driven low during boot configuration. Table 2 Boot Configuration Vector Encoding (Part 2 of 2) MDATA[12] MDATA[13] MDATA[15:14] 13 of 47 December 17, 2002 IDT 79RC32355 Logic Diagram The following Logic Diagram shows the primary pin functions of the RC32355. Miscellaneous Signals CLKP SYSCLKP COLDRSTN RSTN USBDP USBDN USBCLKP MIIRXDP[3:0] MIIRXDVP MIIRXERP MIIRXCLKP MIICRSP 4 22 32 4 MADDR[21:0] MDATA[31:0] BWEN[3:0] OEN USB Interface RWN 4 CSN[3:0] BRN BGN RASN CASN SDWEN 2 SDCSN[1:0] BOEN[1:0] BDIRN SDCLKINP 12 2 Ethernet Interface MIICOLP MIITXDP[3:0] MIITXENP MIITXERP MIITXCLKP MIIMDCP MIIMDIOP JTAG_TCK 4 RC32355 Logic Diagram (Primary Functions) 2 10 ATMIOP[1:0] ATMOUTP[9:0] JTAG JTAG_TMS JTAG_TDI INSTP 4 Power/Ground VccCore VccI/O Vss VccP (PLL) VssP (PLL) 32 GPIOP[35:32] GPIOP[31:0] Figure 3 Logic Diagram 14 of 47 December 17, 2002 TDM General Purpose General Purpose Input/Output Input/Output JTAG_TDO Debug ATM Interface ATMINP[11:0] Memory and Peripheral Bus WAITACKN IDT 79RC32355 Clock Parameters (Ta = 0C to +70C Commercial, Ta = -40C to +85C Industrial, Vcc I/O = +3.3V5%,Vcc Core and VccP = +2.5V5%) RC32355 133MHz Min 100 25 15 6 6 -- -- -- Max 133 67 40 -- -- 3 3 250 RC32355 150MHz Min 100 25 13.3 5.4 5.4 -- -- -- Max 150 75 40 -- -- 2.5 2.5 200 MHz MHz ns ns ns ns ns ps Timing Diagram Reference Figure 4 Parameter Internal CPU pipeline clock1 CLKP2,3,4 Symbol Frequency Frequency Tperiod1 Thigh1 Tlow1 Trise1 Tfall1 Tjitter Reference Edge none none Units 1 The CPU pipeline clock speed is selected during cold reset by the boot configuration vector (see Table 2). 3 USB clock (USBCLKP) frequency must be less than CLKP frequency. 2 Ethernet clock (MIIRXCLKP and MIITXCLKP) frequency must be equal to or less than 1/2 CLKP frequency. 4 ATM Utopia clock (RXCLKP and TXCLKP) frequency must be equal to or less than 1/2 CLKP frequency. Table 3 Clock Parameters Tlow1 Tperiod1 CLKP Tjitter Tjitter Trise1 Tfall1 Thigh1 Figure 4 Clock Parameters Waveform 15 of 47 December 17, 2002 IDT 79RC32355 AC Timing Definitions Below are examples of the AC timing characteristics used throughout this document. Tlow Tperiod clock Tdo Output signal 1 Tzd Output signal 2 Tsu Input Signal 1 Tpw Signal Thld Tdz Tdo Tjitter Trise Tfall Thigh Figure 5 AC Timing Definitions Waveform Symbol Tperiod Tlow Thigh Trise Tfall Tjitter Tdo Tzd Tdz Tsu Thld Tpw Clock period. Clock low. Amount of time the clock is low in one clock period. Clock high. Amount of time the clock is high in one clock period. Rise time. Low to high transition time. Fall time. High to low transition time. Definition Jitter. Amount of time the reference clock (or signal) edge can vary on either the rising or falling edges. Data out. Amount of time after the reference clock edge that the output will become valid. The minimum time represents the data output hold. The maximum time represents the earliest time the designer can use the data. Z state to data valid. Amount of time after the reference clock edge that the tri-stated output takes to become valid. Data valid to Z state. Amount of time after the reference clock edge that the valid output takes to become tri-stated. Input set-up. Amount of time before the reference clock edge that the input must be valid. Input hold. Amount of time after the reference clock edge that the input must remain valid. Pulse width. Amount of time the input or output is active. Table 4 AC Timing Definitions 16 of 47 December 17, 2002 IDT 79RC32355 AC Timing Characteristics (Ta = 0C to +70C Commercial, Ta = -40C to +85C Industrial, Vcc I/O = +3.3V5%,Vcc Core = +2.5V5%, VccP = +2.5V5%) Signal Reset and System COLDRSTN 1 Symbol Reference Edge 133MHz Min Max 150MHz Min Max Unit Conditions Timing Diagram Reference Tpw1 Trise1 none none CLKP rising COLDRSTN rising CLKP rising CLKP rising CLKP rising none none CLKP rising CLKP rising 110 -- 4.0 3 5.0 3.5 3.5 (CLKP+7) (CLKP+7) 3.5 1.6 0 -- 5.0 10.7 -- 8.0 7.0 6.6 -- -- 5.9 -- -- 5.8 110 -- 4.0 3 5.0 3.5 3.5 (CLKP+7) (CLKP+7) 3.5 1.6 0 3.3 -- 5.0 10.7 -- 8.0 7.0 6.6 -- -- 5.9 -- -- 5.8 ms ns ns ns ns ns ns ns ns ns ns ns ns Figure 6 Figure 7 RSTN Tdo2 Thld3 Tdo Tdo Tdo 2 MDATA[15:0] Boot Configuration Vector INSTP CPUP DMAP DMAREQN DMADONEN2 DMAFIN BRN Tpw Tpw Tdo Tsu Thld BGN Tdo CLKP rising 3.3 1 RSTN is a bidirectional signal. It is treated as an asynchronous input. 2 DMAREQN and DMADONEN minimum pulse width equals the CLKP period plus 7ns. Table 5 Reset and System AC Timing Characteristics 17 of 47 December 17, 2002 IDT 79RC32355 1 2 3 4 5 6 7 8 CLKP SYSCLKP COLDRSTN Trise1 Tdo2 RSTN Thld3 BOOT VECT MDATA[31:0] FFFF_FFFF BDIRN BOEN[0] >= 100 ms Tpw1 >=10ms >= 4096 CLKP clock cycles OR >= 64 CLKP clock cycles * >= 4096 CLKP clock cycles OR >= 64 CLKP clock cycles * * Selection of 4096 or 64 cycles is selected by the boot configuration vector (fast reset). 1. 2. 3. 4. 5. 6. 7. 8. COLDRSTN asserted by external logic. The RC32355 asserts RSTN, asserts BOEN[0] low, drives BDIRN low, and tri-states the data bus in response. External logic begins driving valid boot configuration vector on the data bus, and the RC32355 starts sampling it. External logic negates COLDRSTN and tri-states the boot configuration vector on MDATA[15:0]. The boot configuration vector must not be tri-stated before COLDRSTN is deasserted. The RC32355 stops sampling the boot configuration vector. The RC32355 starts driving the data bus, MDATA[31:0], deasserts BOEN[0] high, and drives BDIRN high. SYSCLKP may be held constant after this point if Hold SYSCLKP Constant is selected in the boot configuration vector. RSTN negated by RC32355. CPU begins executing by taking MIPS reset exception, and the RC32355 starts sampling RSTN as a warm reset input. Figure 6 Cold Reset AC Timing Waveform 1 2 3 4 5 CLKP COLDRSTN RSTN MDATA[31:0] Mem Control Signals Active Deasserted FFFF_FFFF Active >= 4096 CLKP clock cycles OR >= 64 CLKP clock cycles* >= 4096 CLKP clock cycles OR >= 64 CLKP clock cycles* (RSTN ignored during this period to allow pull-up to drive signal high) * Selection of 4096 or 64 cycles is selected by the boot configuration vector (fast reset). 1. 2. 3. 4. 5. Warm reset condition caused by either RSTN asserted, write to reset register, or bus transaction timer time-out. The RC32355 asserts RSTN output low in response. The RC32355 tri-states the data bus, MDATA[31:0], and deasserts all memory control signals, such as RASN, CASN, RWN, OEN, etc. The RC32355 deasserts RSTN. The RC32355 starts driving the data bus, MDATA[31:0], again, but does not sample the RSTN input. CPU begins executing by taking a MIPS soft reset exception and also starts sampling the RSTN input again. Figure 7 Warm Reset AC Timing Waveform 18 of 47 December 17, 2002 IDT 79RC32355 133MHz Reference Edge Min Max 150MHz Min Max Timing Diagram Reference Signal Symbol Unit Conditions Memory and Peripheral Bus - SDRAM Access MDATA[31:0] Tsu1 Thld1 Tdo1 Tdz1 Tzd1 MADDR[20:2], BWEN[3:0] CASN, RASN, SDCSN[1:0], SDWEN CKENP BDIRN BOEN[1:0] SYSCLKP rising SDCLKINP Tdo2 Tdo3 Tdo4 Tdo5 Tdo6 Tdo7 Tperiod8 Thigh8,Tlow8 Trise8,Tfall8 Tdelay8 SYSCLKP rising SYSCLKP rising SYSCLKP rising SYSCLKP rising SYSCLKP rising SYSCLKP rising CLKP rising none SDCLKINP rising SYSCLKP rising 2.5 1.5 1.2 -- 1.0 1.2 1.2 1.2 1.2 1.2 0.5 15 6.0 -- 0 -- -- 5.8 5.0 -- 5.3 5.3 5.3 5.3 5.3 5.0 50 -- 3.0 4.8 2.5 1.5 1.2 -- 1.0 1.2 1.2 1.2 1.2 1.2 0.5 13.3 5.4 -- 0 -- -- 5.8 5.0 -- 5.3 5.3 5.3 5.3 5.3 5.0 50 -- 2.5 4.8 ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns Figure 8 Figure 9 Figure 10 Table 6 Memory and Peripheral Bus AC Timing Characteristics (Part 1 of 2) 19 of 47 December 17, 2002 IDT 79RC32355 133MHz Reference Edge Min Max 150MHz Min Max Timing Diagram Reference Signal Symbol Unit Conditions Memory and Peripheral Bus - Device Access MDATA[31:0] Tsu1 Thld1 Tdo1 Tdz1 Tzd1 WAITACKN, BRN Tsu Thld MADDR[21:0] Tdo2 Tdz2 Tzd2 MADDR[25:22] Tdo3 Tdz3 Tzd3 BDIRN, BOEN[0] Tdo4 Tdz4 Tzd4 BGN, BWEN[3:0], OEN, RWN Tdo5 Tdz5 Tzd5 CSN[3:0] Tdo6 Tdz6 Tzd6 CSN[5:4] Tdo7 Tdz7 Tzd7 CLKP rising CLKP rising CLKP rising CLKP rising CLKP rising CLKP rising CLKP rising CLKP rising 2.5 1.5 2.0 -- 2.0 2.5 1.5 2.0 -- 2.0 2.5 -- 2.0 2.0 -- 2.0 2.0 -- 2.0 1.7 -- 2.0 2.5 -- 2.0 -- -- 6.5 9.0 -- -- -- 6.0 9.0 -- 6.5 9.0 -- 6.0 9.0 -- 6.0 9.0 -- 5.0 9.0 -- 6.0 9.0 -- 2.5 1.5 2.0 -- 2.0 2.5 1.5 2.0 -- 2.0 2.5 -- 2.0 2.0 -- 2.0 2.0 -- 2.0 1.7 -- 2.0 2.5 -- 2.0 -- -- 6.5 9.0 -- -- -- 6.0 9.0 -- 6.5 9.0 -- 6.0 9.0 -- 6.0 9.0 -- 5.0 9.0 -- 6.0 9.0 -- ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns Figure 11 Figure 12 Table 6 Memory and Peripheral Bus AC Timing Characteristics (Part 2 of 2) Note: The RC32355 provides bus turnaround cycles to prevent bus contention when going from a read to write, write to read, and during external bus ownership. For example, there are no cycles where an external device and the RC32355 are both driving. See the chapters "Device Controller," "Synchronous DRAM Controller," and "Bus Arbitration" in the RC32355 User Reference Manual. 20 of 47 December 17, 2002 IDT 79RC32355 CLKP Tdo7 SYSCLKP SDRAM CAS Latency Tdo2 MADDR[21:0] Addr Tdo2 BWEN[3:0] 1111 BE's Tdo3 CMD[2:0]* NOP READ Tdo3 SDCSN[1:0] 11 Chip-Sel Tdo5 BDIRN Tdo6 BOEN[1:0] 11 Tdz1 MDATA[31:0] Data RC32355 samples read data SDCLKINP Buffer Enables Tsu1 Thld1 Tdo6 11 Tdo5 NOP 1111 Tdelay8 11 Tzd1 * NOTE: CMD[2:0] = {RASN, CASN, SDWEN} Figure 8 Memory and Peripheral Bus AC Timing Waveform - SDRAM Read Access Vcc SYSCLKP Tdelay8 pull-up RSTN COLDRSTN CLKLP RC32355 SDCLKINP Memory Bus external buffer SDRAM SRAM, EPROM, etc. Figure 9 SYSCLKP - SDCLKINP Relationship 21 of 47 December 17, 2002 IDT 79RC32355 CLKP Tdo7 SYSCLKP Tdo2 MADDR[21:0] Tdo2 BWEN[3:0] 1111 Tdo3 CMD[2:0]* NOP Tdo3 SDCSN[1:0] 11 Chip-Sel Tdo5 BDIRN Tdo6 BOEN[1:0] 11 Buff Enable Tdo1 MDATA[31:0] Data 11 11 WRITE NOP BE's 1111 Addr SDRAM samples write data * NOTE: CMD[2:0] = {RASN, CASN, SDWEN} Figure 10 Memory and Peripheral Bus AC Timing Waveform - SDRAM Write Access 22 of 47 December 17, 2002 IDT 79RC32355 CLKP Tdo2 MADDR[21:0] Tdo3 MADDR[25:22] RWN Tdo6 Tdo6 CSN[3:0] Addr[25:22] Addr[21:0] BWEN[3:0] Tdo5 OEN 1111 Tdo5 Thld1 Tdz1 MDATA[31:0] Tdo4 BDIRN Tdo4 BOEN[0] WAITACKN RC32355 samples read data Tsu1 Data Tzd1 Tdo4 Tdo4 Figure 11 Memory and Peripheral Bus AC Timing Waveform - Device Read Access 23 of 47 December 17, 2002 IDT 79RC32355 CLKP Tdo2 MADDR[21:0] Tdo3 MADDR[25:22] Tdo5 RWN Tdo6 CSNx Tdo5 BWEN[3:0] OEN Tdo1 MDATA[31:0] BDIRN Tdo4 BOEN[0] WAITACKN Data 1111 Byte Enables 1111 Addr[25:22] Addr[21:0] Figure 12 Memory AC and Peripheral Bus Timing Waveform - Device Write Access 24 of 47 December 17, 2002 IDT 79RC32355 133MHz Min Max 150MHz Min Max Timing Diagram Reference Signal Ethernet1,2 MIIRXCLKP, MIITXCLKP Symbol Reference Edge Unit Conditions Tperiod1 Thigh1,Tlow1 Trise1,Tfall1 none 399.96 400.04 399.96 400.04 180 -- 220 3 180 -- 220 3 ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns 10 Mbps Figure 13 MIIRXCLKP, MIITXCLKP Tperiod1 Thigh1,Tlow1 Trise1,Tfall1 none 39.996 40.004 39.996 40.004 18 -- 22 2 -- -- 13 -- -- 11 8 -- -- 7 18 -- 5 3 7 27 13 -- -- 6 0.5 3 22 2 -- -- 13 -- -- 11 8 -- -- 7 100 Mbps MIIRXDP[3:0], MIIRXDVP, MIIRXERP MIITXDP[3:0], MIITXENP, MIITXERP MIIMDCP Tsu2 Thld2 Tdo3 Tperiod4 Thigh4,Tlow4 Trise4 Tfall4 MIIRXCLKP rising MIITXCLKP rising none 5 3 7 30 14 -- -- MIIMDIOP Tsu5 Thld5 Tdo5 MIIMDCP rising 6 0.5 3 1 Ethernet clock (MIIRXCLKP and MIITXCLKP) frequency must be equal to or less than 1/2 CLKP frequency. 2 MIICOLP and MIICRSP are asynchronous signals. Table 7 Ethernet AC Timing Characteristics 25 of 47 December 17, 2002 IDT 79RC32355 Thigh1 Tperiod1 MIIRXCLKP Thld2 Tsu2 MIIRXDVP, MIIRXDP[3:0], MIIRXERP Thigh1 Tperiod1 MIITXCLKP Tdo3 Tdo3 MIITXENP, MIITXDP[3:0], MMTXERP Thigh4 Tperiod4 MIIMDCP Tdo5 MIIMDIOP (output) Thld5 Tsu5 MIIMDIOP (input) Tlow1 Tlow1 Tlow4 Tdo5 Figure 13 Ethernet AC Timing Waveform 26 of 47 December 17, 2002 IDT 79RC32355 133MHz Reference Edge Min Max 150MHz Min Max Timing Diagram Reference Signal Symbol Unit Conditions ATM Interface, Utopia Mode1, 2 RXCLKP, TXCLKP1 Tperiod1 Thigh1,Tlow1 Trise1,Tfall1 RXCLKP, TXCLKP 1 none -- 16 -- 40 -- 4 30 -- 3 20 -- 2 -- -- 8 -- -- 8 -- 16 -- -- 12 -- -- 8 -- 2 2 4 3 2 3 40 -- 4 30 -- 3 20 -- 2 -- -- 8 -- -- 8 ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns 25 MHz Utopia Figure 14 Tperiod1 Thigh1,Tlow1 Trise1,Tfall1 none -- 12 -- 33 MHz Utopia RXCLKP, TXCLKP Tperiod1 Thigh,Tlow1 Trise1,Tfall1 none -- 8 -- 50 MHz Utopia TXFULLN Tsu2 Thld2 TXCLKP rising TXCLKP rising RXCLKP rising RXCLKP rising 2 2 4 3 2 3 TXDATA[7:0], TXSOC, TXENBN, TXADDR[1:0] RXDATA[7:0], RXEMPTYN, RXSOC RXADDR[1:0], RXENBN Tdo3 Tsu4 Thld4 Tdo5 Table 8 ATM AC Timing Characteristics 1. ATM Utopia clock (RXCLKP and TXCLKP) frequency must be equal to or less than 1/2 CLKP frequency. 2. All Utopia Mode pins are multiplexed on the ATM interface pins as described in Table 9. 27 of 47 December 17, 2002 IDT 79RC32355 Tperiod1 TXCLKP Tsu2 TXFULL Tdo3 TXDATA,TXSOC,TXENB,TXADDR Tperiod1 RXCLKP Tsu4 RXDATA, RXEMPTY, RXSOC Tdo5 RXADDR, RXENB Tperiod6 O0CLKP, O1CLKP Tdo7 O0DP, O0FRMP Tdo8 O1DP, O1FRMP Tperiod6 I0CLKP, I1CLKP Tsu9 I0DP Thld10 Tsu10 I1DP Thld9 Thld4 Thld2 Figure 14 ATM AC Timing Waveform 28 of 47 December 17, 2002 IDT 79RC32355 ATM Pin Name ATMINP[0] ATMINP[1] ATMINP[2] ATMINP[3] ATMINP[4] ATMINP[5] ATMINP[6] ATMINP[7] ATMINP[8] ATMINP[9] ATMINP[10] ATMINP[11] ATMIOP[0] ATMIOP[1] ATMOUTP[0] ATMOUTP[1] ATMOUTP[2] ATMOUTP[3] ATMOUTP[4] ATMOUTP[5] ATMOUTP[6] ATMOUTP[7] ATMOUTP[8] ATMOUTP[9] GPIOP[22] GPIOP[23] GPIOP[24] GPIOP[25] Utopia Level 1 RXDATA[0] RXDATA[1] RXDATA[2] RXDATA[3] RXDATA[4] RXDATA[5] RXDATA[6] RXDATA[7] RXCLKP RXEMPTYN RXSOC TXFULLN RXENBN TXCLKP TXDATA[0] TXDATA[1] TXDATA[2] TXDATA[3] TXDATA[4] TXDATA[5] TXDATA[6] TXDATA[7] TXSOC TXENBN Utopia Level 2 RXDATA[0] RXDATA[1] RXDATA[2] RXDATA[3] RXDATA[4] RXDATA[5] RXDATA[6] RXDATA[7] RXCLKP RXEMPTYN RXSOC TXFULLN RXENBN TXCLKP TXDATA[0] TXDATA[1] TXDATA[2] TXDATA[3] TXDATA[4] TXDATA[5] TXDATA[6] TXDATA[7] TXSOC TXENBN TXADDR[0] TXADDR[1] RXADDR[0] RXADDR[1] Table 9 ATM I/O Pin Multiplexing 29 of 47 December 17, 2002 IDT 79RC32355 133MHz Reference Edge Min Max 150MHz Min Max Timing Diagram Reference Signal TDM TDMCLKP1 Symbol Unit Conditions Tperiod1 Thigh1 Tlow1 Trise1 Tfall1 none -- 62.5 62.5 -- -- 125 -- -- 3 3 -- -- 9 -- -- 9 12 -- 9 -- 31.2 31.2 -- -- 4 1 2 4 1 2 -- 3 2 62.5 -- -- 3 3 -- -- 9 -- -- 9 12 -- 9 ns ns ns ns ns ns ns ns ns ns ns ns ns ns Figure 15 Figure 16 TDMFP Tsu2 Thld2 Tdo2 TDMCLKP rising or falling 4 1 2 TDMDIP Tsu3 Thld3 TDMCLKP rising or falling TDMCLKP rising or falling 4 1 2 -- 3 TDMDOP Tdo4 Tdz4 Tzd4 TDMTEN Tdo5 TDMCLKP rising or falling 2 1The rising or falling edge of TDMCLKP is used as the reference clock edge for the timing depending on the TDM bus mode and protocol selection. Table 10 TDM AC Timing Characteristics Tperiod1 TDMCLKP Tdo2 TDMFP Tdo4 TDMDOP Thigh1 Tlow1 Tfall1 Trise1 Tdo2 Tdo4 Tsu3 TDMDIP Tdo5 TDMTEN Thld3 Figure 15 TDM AC Timing Waveform, Master Mode 30 of 47 December 17, 2002 IDT 79RC32355 TDMCLKP Thld2 Tsu2 TDMFP Tdo4 TDMDOP Thld3 Tsu3 TDMDIP Tdo5 TDMTEN Tdo5 Tdo4 Figure 16 TDM AC Timing Waveform, Slave Mode 31 of 47 December 17, 2002 IDT 79RC32355 133MHz Reference Edge Min Max 150MHz Min Max Timing Diagram Reference Signal USB USBCLKP1 Symbol Unit Conditions Tperiod1 Thigh1,Tlow1 Trise1,Tfall1 Tjitter1 none 19.79 21.87 19.79 21.87 8.3 -- -- 4 -- 3 0.8 20 8.3 -- -- 4 -- 3 0.8 20 ns ns ns ns ns 1/4th of the minimum Source data jitter Universal Serial Bus Specification (USBS) Revision 1.1: Figures 7.6 and 7.7. USBS Revision 1.1: Figures 7.6 and 7.7. USBS Revision 1.1: Note 10, Section 7.1.2. Figure 17 USBDN, USBDP Trise2 Tfall2 USBDN and USBDP Rise and Fall Time Matching Data valid period Skew between USBDN and USBDP Source data jitter Receive data jitter Source EOP length Receive EOP length EOP jitter Full-speed Data Rate Frame Interval Consecutive Frame Interval Jitter Tfdrate Tseop Treop Tstate 4 90 20 111.11 4 90 20 111.11 ns % 60 -- -- -- 160 82 -2 -- 0.4 3.5 12 175 -- 5 60 -- -- -- 160 82 -2 -- 0.4 3.5 12 175 -- 5 ns ns ns ns ns ns ns MHz ms ns ns Average bit rate, USBS Section 7.1.11. USBS Section 7.1.12. Without frame adjustment. With frame adjustment. USBS Revision 1.1: Section 7.1.3 USBS Revision 1.1: Table 7-6 11.97 12.03 11.97 12.03 0.9995 1.0005 0.9995 1.0005 -- -- 42 126 -- -- 42 126 1 USB clock (USBCLKP) frequency must be less than CLKP frequency. Table 11 USB AC Timing Characteristics 32 of 47 December 17, 2002 IDT 79RC32355 Tfall1 USBCLKP Tjitter1 USBDN 90% Tperiod1 Thigh1 Trise1 Tstate 90% Tlow1 USBDP 10% Trise2 Tfdrate Tfall2 10% USBDN USBDP Tseop Treop Figure 17 USB AC Timing Waveform Signal UART U0SINP, U0RIN, U0DCDN, U0DSRN, U0CTSN, U1SINP, U1DSRN, U1CTSN U0SOUTP, U0DTRN, U0RTSN, U1SOUTP, U1DTRN, U1RTSN Symbol 133MHz Reference Edge Min Max 150MHz Min Max Unit Conditions Timing Diagram Reference Tsu1 Thld1 Tdo1 CLKP rising CLKP rising 5 3 1 -- -- 12 5 3 1 -- -- 12 ns ns ns 1 These are asynchronous signals and the values are provided for ATE (test) only. Table 12 UART AC Timing Characteristics 33 of 47 December 17, 2002 IDT 79RC32355 133MHz Reference Edge Min Max 150MHz Min Max Timing Diagram Reference Signal I2C1 SCLP Symbol Unit Conditions Frequency Thigh1 Tlow1 Trise1 Tfall1 none 0 4.0 4.7 -- -- 100 -- -- 1000 300 -- 3.45 1000 300 -- -- -- -- 400 -- -- 300 300 -- 0.9 300 300 -- -- -- -- 0 4.0 4.7 -- -- 250 0 -- -- 4.7 4.0 4.0 4.7 0 0.6 1.3 -- -- 100 0 -- -- 0.6 0.6 0.6 1.3 100 -- -- 1000 300 -- 3.45 1000 300 -- -- -- -- 400 -- -- 300 300 -- 0.9 300 300 -- -- -- -- kHz s s ns ns ns s ns ns s s s s kHz s s ns ns ns s ns ns s s s s 100 KHz Figure 18 SDAP Tsu2 Thld2 Trise2 Tfall2 SCLP rising 250 0 -- -- Start or repeated start condition Stop condition Bus free time between a stop and start condition SCLP Tsu3 Thld3 Tsu4 Tdelay5 Frequency Thigh1 Tlow1 Trise1 Tfall1 SDAP falling SDAP rising none 4.7 4.0 4.0 4.7 0 0.6 1.3 -- -- 400 KHz SDAP Tsu2 Thld2 Trise2 Tfall2 SCLP rising 100 0 -- -- Start or repeated start condition Stop condition Bus free time between a stop and start condition Tsu3 Thld3 Tsu4 Tdelay5 SDAP falling SDAP rising 0.6 0.6 0.6 1.3 Table 13 I2C AC Timing Characteristics 1. For more information see the I2C-Bus specification by Philips Semiconductor Tdelay5 SDAP Tlow1 Thld3 SCLP Figure 18 I2C AC Timing Waveform Thld2 Tsu2 Tsu3 Thld3 Tsu4 Thigh1 34 of 47 December 17, 2002 IDT 79RC32355 Signal GPIOP GPIOP[31:0]1 Symbol 133MHz Reference Edge Min Max 150MHz Min Max Unit Conditions Timing Diagram Reference Tsu1 Thld1 Tdo1 CLKP rising 4 1.4 2 3 1 3 -- -- 8 -- -- 8 4 1.4 2 3 1 3 -- -- 8 -- -- 8 ns ns ns ns ns ns Figure 19 GPIOP[35:32]2 Tsu1 Thld1 Tdo1 1 GPIOP[31:0] are controlled through the GPIO interface. GPIO[31:0] are asynchronous signals, the values are provided for ATE (test) only. 2 GPIOP[35:32] are controlled through the TDM interface. Table 14 GPIOP AC Timing Characteristics CLKP Tdo1 GPIOP (output) Thld1 Tsu1 GPIOP (input) Tdo1 Figure 19 GPIOP AC Timing Waveform 35 of 47 December 17, 2002 IDT 79RC32355 133MHz Min Max 150MHz Min Max Timing Diagram Reference Signal EJTAG and JTAG JTAG_TCK Symbol Reference Edge Unit Conditions Tperiod1 Thigh1, Tlow1 Trise1, Tfall1 1 none 100 40 -- -- -- 5 10.0 -- 3.5 -- -- 12.0 1.0 -- -- 3.3 100 40 -- 6.7 2.5 -- 3.0 1.0 2 -0.72 100 2 -0.32 -- -- 5 10.0 -- 3.5 -- -- 12.0 1.0 -- -- 3.3 ns ns ns ns ns ns ns ns ns ns ns ns ns Figure 20 EJTAG_DCLK Tperiod2 Thigh2, Tlow2 Trise2, Tfall2 none 7.5 2.5 -- JTAG_TMS, JTAG_TDI, JTAG_TRST_N JTAG_TDO Tsu3 Thld3 Tdo4 Tdo5 JTAG_TCK rising 3.0 1.0 JTAG_TCK falling 2.0 2 EJTAG_DCLK rising -0.7 none JTAG_TCK rising JTAG_TRST_N Tpw6 Tsu6 100 2 EJTAG_PCST[2:0] 2. Tdo7 EJTAG_DCLK rising -0.32 1. EJTAG_DCLK is equal to the internal CPU pipeline clock. A negative delay denotes the amount of time before the reference clock edge. Table 15 JTAG AC Timing Characteristics Tperiod1 JTAG_TCK Trise1 EJTAG_DCLK Tlow1 Tfall1 Thigh1 Thigh2 Trise2 JTAG_TMS, JTAG_TDI Tsu3 JTAG_TDO TDO Tdo4 EJTAG_PCST Tdo7 JTAG_TRST_N EJTAG_TRST_N Tpw6 Figure 20 JTAG AC Timing Waveform Thld3 TDO Tdo5 PCST TPC Tfall2 EJTAG TPC, TCST capture Tperiod2 Tlow2 Tsu6 36 of 47 December 17, 2002 IDT 79RC32355 Table 16 shows the pin numbering for the Standard EJTAG connector. All the even numbered pins are connected to ground. Multiplexing of pin functions should be considered when connecting EJTAG_TRST_N and EJTAG_PCST. For details on using the JTAG connector, see the JTAG chapters in the RC32355 user reference manual. PIN 1 SIGNAL EJTAG_TRST_N RC32355 I/O Input TERMINATION1 10 k pull-down resistor. A pull-down resistor will hold the EJTAG controller in reset when not in use if the EJTAG_TRST_N function is selected with the boot configuration vector. Refer to the User Manual. 10 k pull-up resistor 33 series resistor 10 k pull-up resistor 10 k pull-up resistor2 10 k pull-up resistor is used if it is combined with the system cold reset control, COLDRSTN. 33 series resistor 33 series resistor 33 series resistor 33 series resistor This can be connected to the boot configuration vector to control debug boot mode if desired. Refer to Table 2 on page 12 and the RC32355 user reference manual. Used to sense the circuit board power. Must be connected to the VCC I/O supply of the circuit board. 3 5 7 9 11 13 15 17 19 21 23 1. JTAG_TDI JTAG_TDO JTAG_TMS JTAG_TCK System Reset EJTAG_PCST[0] EJTAG_PCST[1] EJTAG_PCST[2] EJTAG_DCLK Debug Boot VCCI/O Input Output Input Input Input Output Output Output Output Input Output Table 16 Pin Numbering of the JTAG and EJTAG Target Connector The value of the series resistor may depend on the actual printed circuit board layout situation. 2. JTAG_TCK pull-up resistor is not required according to the JTAG (IEEE1149) standard. It is indicated here to prevent a floating CMOS input when the EJTAG connector is unconnected. AC Test Conditions 1.5V 50 RC32355 Output . 50 Test Point Parameter Input pulse levels Input rise/fall Input reference level Output reference levels AC test load Value 0 to 3.0 3.5 1.5 1.5 25 Units V ns V V pF Figure 21 Output Loading for AC Timing 37 of 47 December 17, 2002 IDT 79RC32355 Phase-Locked Loop (PLL) The processor aligns the pipeline clock, PClock, to the master input clock (CLKP) by using an internal phase-locked loop (PLL) circuit that generates aligned clocks. Inherently, PLL circuits are only capable of generating aligned clocks for master input clock (CLKP) frequencies within a limited range. PLL Analog Filter The storage capacitor required for the Phase-Locked Loop circuit is contained in the RC32355. However, it is recommended that the system designer provide a filter network of passive components for the PLL power supply. VCCP (PLL circuit power) and VSSP (PLL circuit ground) should be isolated from VCC Core (core power) and VSS (common ground) with a filter circuit such as the one shown in Figure 22. Because the optimum values for the filter components depend upon the application and the system noise environment, these values should be considered as starting points for further experimentation within your specific application. 10 ohm1 Vcc 10 F Vss 0.1 F 100 pF VssP RC32355 VccP 1.This resistor may be required in noisy circuit environments. Figure 22 PLL Filter Circuit for Noisy Environments Recommended Operating Temperature and Supply Voltage Grade Commercial Industrial 1 Temperature 0C to +70C Ambient -40C+ 85C Ambient Vss1 VssP5 0V 0V VccI/O2 3.3V5% 3.3V5% VccCore3 VccP4 2.5V5% 2.5V5% 2 VccI/O is the I/O power. Vss supplies a common ground. 3 VccCore is the internal logic power. 4 VccP is the phase lock loop power. 5 VssP is the phase lock loop ground. Table 17 Temperature and Voltage Capacitive Load Deration Refer to the IDT document "79RC32355 IBIS Model" which can be found at: http://www.idt.com/products/pages/Integrated_Processors79RC32355.html 38 of 47 December 17, 2002 IDT 79RC32355 Power-on RampUp The 2.5V core supply (and 2.5V VccPLL supply) can be fully powered without the 3.3V I/O supply. However, the 3.3V I/O supply cannot exceed the 2.5V core supply by more than 1 volt during power up. A sustained large power difference could potentially damage the part. Inputs should not be driven until the part is fully powered. Specifically, the input high voltages should not be applied until the 3.3V I/O supply is powered. There is no special requirement for how fast Vcc I/O ramps up to 3.3V. However, all timing references are based on a stable Vcc I/O. DC Electrical Characteristics (Tambient = 0C to +70C Commercial, Tambient = -40C to +85C Industrial, Vcc I/O = +3.3V5%, Vcc Core and Vcc P = +2.5V5%) Parameter LOW Drive Output with Schmitt Trigger Input (STI) IOL IOH VIL VIH VOH HIGH Drive Output with Standard Input IOL IOH VIL VIH VOH Clock Drive Output Capacitance Leakage IOL IOH CIN I/OLEAK Min 7.3 -8.0 -- 2.0 Vcc - 0.4 9.4 -15 -- 2.0 Vcc - 0.4 39 -24 -- -- Max -- -- 0.8 Unit mA mA V V V mA mA V V V mA mA pF All pins All pins 183 49,51,54,55,106-108,110,112-117,119, 121,123-128,130,132-137,139,141,143, 150,152,154-159,161,163-166,168-170, 172,174-179,181,185-190,192,194-200, 202,204 Pin Numbers Conditions 1-4,6-8,10-16,18,20-25,27-29,32,33,35-37, VOL = 0.4V 39-42,44,46-48,50,52,53,56,58-60,62-69, VOH = (Vcc I/O - 0.4) 71-77,82-85,87-94,96-99,101-105,167, 205-208 -- -- -- VOL = 0.4V VOH = (Vcc I/O - 0.4) -- -- -- VOL = 0.4V VOH = (Vcc I/O - 0.4) -- -- (VccI/O + 0.5) -- -- -- 0.8 (VccI/O + 0.5) -- -- -- 10 20 A Table 18 DC Electrical Characteristics 39 of 47 December 17, 2002 IDT 79RC32355 USB Electrical Characteristics Parameter USB Interface Vdi Vcm Vse Cin Ili Voh Vol Zo Differential Input Sensitivity Differential Input Common Mode Range Single ended Receiver Threshold Transceiver Capacitance Hi-Z State Data Line Leakage -10 -0.2 0.8 0.8 2.5 2.0 20 10 V V V pF A 0V < Vin < 3.3V 15km + 5% to Gnd I(D+)-(D-)I Min Max Unit Conditions USB Upstream/Downstream Port Static Output High Static Output Low USB Driver Output Impedance 28 2.8 3.6 0.3 44 V V Including Rext = 20 Table 19 USB Interface Characteristics Power Consumption Note: This table is based on a 2:1 CPU pipeline to system (PClock to CLKP) clock ratio. Parameter 133MHz RC32355 Typical ICC I/O ICC core Power Dissipation Normal mode Standby mode1 Normal mode Standby mode1 80 400 320 1.26 1.06 Max. 130 450 370 1.63 1.42 150MHz RC32355 Typical 100 450 360 1.46 1.22 Max. 150 500 410 1.86 1.59 mA mA mA W W CL = 25pF (affects I/O) Ta = 25oC VccP = 2.625V (for max. values) Vcc core = 2.625V (for max. values) Vcc I/O = 3.46V (for max. values) VccP = 2.5V (for typical values) Vcc core = 2.5V (for typical values) Vcc I/O = 3.3V (for typical values) Unit Conditions 1. RISCore 32300 CPU core enters Standby mode by executing WAIT instructions; however, other logic continues to function. Standby mode reduces power consumption by 0.6 mA per MHz of the CPU pipeline clock, PClock. Table 20 RC32355 Power Consumption 40 of 47 December 17, 2002 IDT 79RC32355 Power Curve The following graph contains a power curve that shows power consumption at various bus frequencies. Note: The system clock (CLKP) can be multiplied by 2, 3, or 4 to obtain the CPU pipeline clock (PClock) speed. Typical Power Curve 2.2 Power (W @ 3.3v IO & 2.5v core) 2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 25 30 35 40 45 50 55 60 65 70 75 80 System Bus Speed (MHz) 2x Figure 23 Typical Power Usage Absolute Maximum Ratings Symbol VCCI/O VCCCore VCCP Vimin Vi Ta, Industrial Tstg 1. Parameter I/O Supply Voltage Core Supply Voltage PLL Supply Voltage Input Voltage - undershoot I/O Input Voltage Ambient Operating Temperature Storage Temperature Min1 -0.3 -0.3 -0.3 -0.6 Gnd -40 -40 Max1 3.465 3.0 3.0 -- VCCI/O+0.6 85 125 Unit V V V V V degrees C degrees C Table 21 Absolute Maximum Ratings Functional and tested operating conditions are given in Table 17. Absolute maximum ratings are stress ratings only, and functional operation at the maximums is not guaranteed. Stresses beyond those listed may affect device reliability or cause permanent damage to the device. 41 of 47 December 17, 2002 IDT 79RC32355 Package Pin-out -- 208-Pin PQFP The following table lists the pin numbers and signal names for the RC32355. Pin 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 Function ATMOUTP[0] ATMOUTP[1] ATMINP[02] ATMOUTP[2] Vss ATMOUTP[3] ATMINP[03] ATMOUTP[4] Vcc I/O ATMOUTP[5] ATMINP[04] ATMOUTP[6] ATMOUTP[7] ATMINP[05] ATMOUTP[8] ATMOUTP[9] Vss ATMINP[06] Vcc Core GPIOP[00] GPIOP[01] ATMINP[07] GPIOP[02] GPIOP[03] ATMINP[08] Vcc I/O GPIOP[04] GPIOP[05] ATMINP[09] VccP 1 Alt Pin 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 Function JTAG_TDO GPIOP[16] GPIOP[17] GPIOP[18] Vss JTAG_TCK GPIOP[19] GPIOP[20] Vcc I/O GPIOP[21] JTAG_TDI GPIOP[22] GPIOP[23] GPIOP[24] JTAG_TMS GPIOP[25] GPIOP[26] Vss GPIOP[27] COLDRSTN GPIOP[28] GPIOP[29] GPIOP[30] GPIOP[31] USBCLKP Vcc I/O USBDN USBDP Vss MIICRSP MIICOLP MIITXDP[0] MIITXDP[1] Vcc Core Alt Pin 105 Function BGN CSN[0] CSN[1] CSN[2] Vcc I/O CSN[3] Vss OEN RWN BDIRN BOEN[0] BOEN[1] BWEN[0] Vcc I/O BWEN[1] Vss BWEN[2] Vcc Core BWEN[3] MDATA[00] MDATA[16] MDATA[01] MDATA[17] MDATA[02] Vcc I/O MDATA[18] Vss MDATA[03] MDATA[19] MDATA[04] MDATA[20] MDATA[05] MDATA[21] Vcc Core Alt Pin 157 158 159 160 161 162 163 164 165 166 167 168 169 170 171 172 173 174 175 176 177 178 179 180 181 182 183 184 185 186 187 188 189 190 Function MDATA[28] MDATA[13] MDATA[29] Vcc I/O MDATA[14] Vss MDATA[30] MDATA[15] MDATA[31] CLKP WAITACKN MADDR[00] MADDR[11] MADDR[01] Vcc I/O MADDR[12] Vss MADDR[02] MADDR[13] MADDR[03] MADDR[14] MADDR[04] MADDR[15] Vcc I/O MADDR[05] Vcc Core SYSCLKP Vss MADDR[16] MADDR[06] MADDR[17] MADDR[07] MADDR[18] MADDR[08] Alt 1 1 1 106 107 108 109 110 1 1 111 112 113 1 114 115 1 2 1 116 117 118 119 2 1 120 121 122 1 123 124 1 1 72 73 74 1 1 1 2 125 126 127 128 129 130 131 132 133 134 135 136 137 138 2 1 75 76 77 78 2 1 79 80 81 82 83 84 VssP1 ATMINP[10] GPIOP[06] Vss 1 85 86 Table 22: 208-pin QFP Package Pin-Out (Part 1 of 2) 42 of 47 December 17, 2002 IDT 79RC32355 Pin 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 Function GPIOP[07] ATMINP [11] GPIOP[08] Vcc Core GPIOP[09] GPIOP[10] GPIOP[11] GPIOP[12] Vcc I/O GPIOP[13] Vss GPIOP[14] GPIOP[15] GPIOP[35] GPIOP[34] GPIOP[33] GPIOP[32] INSTP 1 1 1 1 1 1 2 2 2 2 2 2 Alt 1 Pin 87 88 89 90 91 92 93 94 95 96 97 98 99 100 101 102 103 104 Function MIITXDP[2] MIITXDP[3] MIITXENP MIITXCLKP MIITXERP MIIRXERP MIIRXCLKP MIIRXDVP Vcc I/O MIIRXDP[0] MIIRXDP[1] MIIRXDP[2] MIIRXDP[3] Vss MIIDCP MIIDIOP RSTN BRN Alt Pin 139 140 141 142 143 144 145 146 147 148 149 150 151 152 153 154 155 156 Function MDATA[06] Vcc I/O MDATA[22] Vss MDATA[07] MDATA[23] SDCLKINP MDATA[08] MDATA[24] MDATA[09] MDATA[25] MDATA[10] Vcc I/O MDATA[26] Vss MDATA[11] MDATA[27] MDATA[12] Alt Pin 191 192 193 194 195 196 197 198 199 200 201 202 203 204 205 206 207 208 Function Vcc I/O MADDR[19] Vss MADDR[09] MADDR[20] MADDR[10] MADDR[21] CASN RASN SDWEN Vcc I/O SDCSN[0] Vss SDCSN[1] ATMINP[00] ATMIOP[0] ATMIOP[1] ATMINP[01] circuit. Alt 1 VccP and VssP are the Phase Lock Loop (PLL) power and ground. PLL power and ground should be supplied through a special filter Table 22: 208-pin QFP Package Pin-Out (Part 2 of 2) 43 of 47 December 17, 2002 IDT 79RC32355 Alternate Pin Functions Pin 20 21 23 24 27 28 33 35 37 39 40 41 42 44 46 47 48 49 50 Primary GPIOP[00] GPIOP[01] GPIOP[02] GPIOP[03] GPIOP[04] GPIOP[05] GPIOP[06] GPIOP[07] GPIOP[08] GPIOP[09] GPIOP[10] GPIOP[11] GPIOP[12] GPIOP[13] GPIOP[14] GPIOP[15] GPIOP[35] GPIOP[34] GPIOP[33] Alt #1 U0SOUTP U0SINP U0RIN U0DCRN U0DTRN U0DSRN U0RTSN U0CTSN U1SOUTP U1SINP U1DTRN U1DSRN U1RTSN U1CTSN SDAP SCLP TDMCLKP TDMFP TDMDIP Table 23 Alternate Pin Functions DMAP[3] DMAP[2] EJTAG_PCST[0] EJTAG_PCST[1] EJTAG_PCST[2] EJTAG_DCLK CPUP JTAG_TRST_N Alt #2 Pin 51 54 55 56 59 60 62 64 65 66 68 69 71 73 74 75 76 Primary GPIOP[32] GPIOP[16] GPIOP[17] GPIOP[18] GPIOP[19] GPIOP[20] GPIOP[21] GPIOP[22] GPIOP[23] GPIOP[24] GPIOP[25] GPIOP[26] GPIOP[27] GPIOP[28] GPIOP[29] GPIOP[30] GPIOP[31] Alt #1 TDMDOP CSN[4] CSN[5] DMAREQN DMADONEN USBSOF CKENP TXADDR[0] TXADDR[1] RXADDR[0] RXADDR[1] TDMTEN MADDR[22] MADDR[23] MADDR[24] MADDR[25] DMAFIN EJTAG_TRST_N DMAP[1] DMAP[0] Alt #2 44 of 47 December 17, 2002 IDT 79RC32355 Package Drawing - 208-pin QFP 45 of 47 December 17, 2002 IDT 79RC32355 Package Drawing - page two 46 of 47 December 17, 2002 IDT 79RC32355 Ordering Information 79RCXX Product Type YY Operating Voltage XXXX Device Type 999 Speed A Package A Temp range/ Process Blank I Commercial Temperature (0C to +70C Ambient) Industrial Temperature (-40 C to +85 C Ambient) 208-pin QFP 133 MHz Pipeline Clk 150 MHz Pipeline Clk DH 133 150 355 Integrated Core Processor T 79RC32 2.5V +/-5% Core Voltage 32-bit Embedded Microprocessor Valid Combinations 79RC32T355 -133DH, 150DH 79RC32T355 -133DHI, 150DHI 208-pin QFP package, Commercial Temperature 208-pin QFP package, Industrial Temperature CORPORATE HEADQUARTERS 2975 Stender Way Santa Clara, CA 95054 for SALES: 800-345-7015 or 408-727-6116 fax: 408-330-1748 www.idt.com 47 of 47 for Tech Support: email: rischelp@idt.com phone: 408-492-8208 December 17, 2002 |
Price & Availability of 79RC32355 |