Part Number Hot Search : 
74F109SC B7730 2SC3793 IRU1205 MX25L25 BU4093BF B772SS12 LT1587
Product Description
Full Text Search
 

To Download 74V2G14 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 74V2G14
TRIPLE SCHMITT INVERTER
s s
s
s
s
s
s
s
HIGH SPEED: tPD = 3.0ns (TYP.) at VCC = 5V LOW POWER DISSIPATION: ICC = 1A(MAX.) at TA = 25C TYPICAL HYSTERESIS: VH = 800mV at VCC = 4.5V VH = 500mV at VCC = 3.0V POWER DOWN PROTECTION ON INPUTS AND OUTPUTS SYMMETRICAL OUTPUT IMPEDANCE: |IOH| = IOL = 8mA (MIN) at VCC = 4.5V IIOH| = IOL = 4mA (MIN) at VCC = 3.0V BALANCED PROPAGATION DELAYS: tPLH tPHL OPERATING VOLTAGE RANGE: VCC(OPR) = 2V to 5.5V IMPROVED LATCH-UP IMMUNITY
SOT23-8L
ORDER CODES
PACKAGE SOT23-8L T&R 74V2G14STR
DESCRIPTION The 74V2G14 is an advanced high-speed CMOS TRIPLE SCHMITT TRIGGER INVERTER fabricated with sub-micron silicon gate and double-layer metal wiring C2MOS tecnology. The internal circuit is composed of 3 stages including buffer output, which provide high noise immunity and stable output.
Power down protection is provided on all inputs and outputs and 0 to 7V can be accepted on inputs with no regard to the supply voltage. Pin configuration and function are the same as those of the 74V2G04, but 74V2G14 has hysteresis on inputs. This device can be used to interface 5V to 3V systems and it is ideal for portable applications like personal digital assistant, camcorder and all battery-powered equipment. All inputs and outputs are equipped with protection circuits against static discharge, giving them ESD immunity and transient excess voltage.
PIN CONNECTION AND IEC LOGIC SYMBOLS
June 2003
1/8
74V2G14
INPUT EQUIVALENT CIRCUIT PIN DESCRIPTION
PIN No 1, 3, 6 7, 5, 2 4 8 SYMBOL 1A, 2A, 3A 1Y, 2Y, 3Y GND VCC NAME QND FUNCTION Data Inputs Data Outputs Ground (0V) Positive Supply Voltage
TRUTH TABLE
nA L H nY H L
ABSOLUTE MAXIMUM RATINGS
Symbol VCC VI VO VO IIK IOK IO Tstg TL Supply Voltage DC Input Voltage DC Output Voltage (see note 1) DC Output Voltage (see note 2) DC Input Diode Current DC Output Diode Current DC Output Current Storage Temperature Lead Temperature (10 sec) Parameter Value -0.5 to +7.0 -0.5 to +7.0 -0.5 to +7.0 -0.5 to VCC + 0.5 - 20 - 20 25 50 -65 to +150 260 Unit V V V V mA mA mA mA C C
ICC or IGND DC VCC or Ground Current
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is not implied. 1) Vcc=0V 2) High or Low State
RECOMMENDED OPERATING CONDITIONS
Symbol VCC VI VO VO Top Supply Voltage Input Voltage Output Voltage Output Voltage Operating Temperature Parameter Value 2 to 5.5 0 to 5.5 0 to 5.5 0 to VCC -55 to 125 Unit V V V V C
2/8
74V2G14
DC SPECIFICATIONS
Test Condition Symbol Parameter VCC (V) 3.0 4.5 5.5 3.0 4.5 5.5 3.0 4.5 5.5 2.0 3.0 4.5 3.0 4.5 VOL Low Level Output Voltage 2.0 3.0 4.5 3.0 4.5 II ICC IOPD Input Leakage Current Quiescent Supply Current Power down Output Leakage Current 0 to 5.5 5.5 0 IO=-50 A IO=-50 A IO=-50 A IO=-4 mA IO=-8 mA IO=50 A IO=50 A IO=50 A IO=4 mA IO=8 mA VI = 5.5V or GND VI = VCC or GND VO = 5.5 TA = 25C Min. Typ. Max. 2.20 3.15 3.85 0.90 1.35 1.65 0.30 0.40 0.50 1.9 2.9 4.4 2.58 3.94 0.0 0.0 0.0 0.1 0.1 0.1 0.36 0.36 0.1 1 0.5 2.0 3.0 4.5 0.90 1.35 1.65 0.30 0.40 0.50 1.9 2.9 4.4 2.48 3.8 0.1 0.1 0.1 0.44 0.44 1 10 5 Value -40 to 85C Min. Max. 2.20 3.15 3.85 0.90 1.35 1.65 0.30 0.40 0.50 1.9 2.9 4.4 2.4 3.7 0.1 0.1 0.1 0.55 0.55 1 20 10 A A A V V -55 to 125C Min. Max. 2.20 3.15 3.85 V Unit
VP
High Level Input Voltage Low Level Input Voltage Hysteresis Voltage
VN
V
VH
1.20 1.40 1.60
1.20 1.40 1.60
1.20 1.40 1.60
V
VOH
High Level Ouput Voltage
AC ELECTRICAL CHARACTERISTICS (Input tr = tf = 3ns)
Test Condition Symbol Parameter VCC (V) 3.3(*) 3.3 5.0
(*) Voltage range is 3.3V 0.3V (**) Voltage range is 5.0V 0.5V
(*) (**)
Value TA = 25C Min. Typ. 3.7 5.3 3.0 4.1 Max. 7.0 8.0 5.0 6.5 -40 to 85C Min. 1.0 1.0 1.0 1.0 Max. 8.0 9.5 6.0 7.5 -55 to 125C Min. 1.0 1.0 1.0 1.0 Max. 9.0 10.5 7.0 8.5 ns Unit
CL (pF) 15 50 15 50
tPLH tPHL Propagation Delay Time
5.0(**)
3/8
74V2G14
CAPACITANCE CHARACTERISTICS
Test Condition Symbol Parameter Min. CIN CPD Input Capacitance Power Dissipation Capacitance (note 1) TA = 25C Typ. 4 12 Max. 10 Value -40 to 85C Min. Max. 10 -55 to 125C Min. Max. 10 pF pF Unit
1) CPD is defined as the value of the IC's internal equivalent capacitance which is calculated from the operating current consumption without load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC/3
DYNAMIC SWITCHING CHARACTERISTICS
Test Condition Symbol Parameter VCC (V) CL = 50pF VIL = 0V, VIH = 3.3V Value TA = 25 C Min. VOLP VOLV Dynamic Low Level Quiet Output (note 1) 5.0 Max. 0.8 -0.8 V Unit
1) Number of output defined as "n". Measured with "n-1" outputs switching from HIGH to LOW or LOW to HIGH. The remaining outputs is measured in the LOW state.
TEST CIRCUIT
CL = 15/50pF or equivalent (includes jig and probe capacitance) RT = ZOUT of pulse generator (typically 50)
4/8
74V2G14
WAVEFORM: PROPAGATION DELAY (f=1MHz; 50% duty cycle)
5/8
74V2G14
SOT23-8L MECHANICAL DATA
mm. DIM. MIN. A A1 A2 b C D E E1 e e1 L 0.35 0.90 0.00 0.90 0.22 0.09 2.80 2.60 1.50 0 .65 1.95 0.55 13.7 TYP MAX. 1.45 0.15 1.30 0.38 0.20 3.00 3.00 1.75 MIN. 35.4 0.0 35.4 8.6 3.5 110.2 102.3 59.0 25.6 76.7 21.6 TYP. MAX. 57.1 5.9 51.2 14.9 7.8 118.1 118.1 68.8 mils
6/8
74V2G14
Tape & Reel SOT23-xL MECHANICAL DATA
mm. DIM. MIN. A C D N T Ao Bo Ko Po P 3.13 3.07 1.27 3.9 3.9 3.23 3.17 1.37 4.0 4.0 12.8 20.2 60 14.4 3.33 3.27 1.47 4.1 4.1 0.123 0.120 0.050 0.153 0.153 0.127 0.124 0.054 0.157 0.157 13.0 TYP MAX. 180 13.2 0.504 0.795 2.362 0.567 0.131 0.128 0.0.58 0.161 0.161 0.512 MIN. TYP. MAX. 7.086 0.519 inch
7/8
74V2G14
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. (c) The ST logo is a registered trademark of STMicroelectronics (c) 2003 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom - United States. (c) http://www.st.com
8/8


▲Up To Search▲   

 
Price & Availability of 74V2G14

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X