Part Number Hot Search : 
36M010 SFA1602G 1A66D P5NK60ZF FQP6N25 KBP102G LTP1245 GC140BR
Product Description
Full Text Search
 

To Download 74HCT4053D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTEGRATED CIRCUITS
DATA SHEET
For a complete data sheet, please also download:
* The IC06 74HC/HCT/HCU/HCMOS Logic Family Specifications * The IC06 74HC/HCT/HCU/HCMOS Logic Package Information * The IC06 74HC/HCT/HCU/HCMOS Logic Package Outlines
74HC/HCT4053 Triple 2-channel analog multiplexer/demultiplexer
Product specification File under Integrated Circuits, IC06 December 1990
Philips Semiconductors
Product specification
Triple 2-channel analog multiplexer/demultiplexer
FEATURES * Low "ON" resistance: 80 (typ.) at VCC - VEE = 4.5 V 70 (typ.) at VCC - VEE = 6.0 V 60 (typ.) at VCC - VEE = 9.0 V * Logic level translation: to enable 5 V logic to communicate with 5 V analog signals * Typical "break before make" built in * Output capability: non-standard * ICC category: MSI GENERAL DESCRIPTION The 74HC/HCT4053 are high-speed Si-gate CMOS devices and are pin compatible with the "4053" of the "4000B" series. They are specified in compliance with JEDEC standard no. 7A. QUICK REFERENCE DATA VEE = GND = 0 V; Tamb = 25 C; tr = tf = 6 ns
74HC/HCT4053
The 74HC/HCT4053 are triple 2-channel analog multiplexers/demultiplexers with a common enable input (E). Each multiplexer/demultiplexer has two independent inputs/outputs (nY0 and nY1), a common input/output (nZ) and three digital select inputs (S1 to S3). With E LOW, one of the two switches is selected (low impedance ON-state) by S1 to S3. With E HIGH, all switches are in the high impedance OFF-state, independent of S1 to S3. VCC and GND are the supply voltage pins for the digital control inputs (S1, to S3, and E). The VCC to GND ranges are 2.0 to 10.0 V for HC and 4.5 to 5.5 V for HCT. The analog inputs/outputs (nY0 and nY1, and nZ) can swing between VCC as a positive limit and VEE as a negative limit. VCC - VEE may not exceed 10.0 V. For operation as a digital multiplexer/demultiplexer, VEE is connected to GND (typically ground).
TYPICAL SYMBOL tPZH/ tPZL PARAMETER turn "ON" time E to VOS Sn to VOS tPHZ/ tPLZ turn "OFF" time E to VOS Sn to VOS CI CPD CS input capacitance power dissipation capacitance per switch notes 1 and 2 max. switch capacitance independent (Y) common Notes 1. CPD is used to determine the dynamic power dissipation (PD in W): PD = CPD x VCC2 x fi+ {(CL+CS) x VCC2 x fo} where: fi = input frequency in MHz; fo = output frequency in MHz {(CL+CS) x VCC2 x fo} = sum of outputs CL = output load capacitance in pF; CS = max. switch capacitance in pF VCC = supply voltage in V 2. For HC the condition is VI = GND to VCC For HCT the condition is VI = GND to VCC - 1.5 V December 1990 2 (Z) 5 8 5 8 pF pF 18 17 3.5 36 20 19 3.5 36 ns ns pF pF CONDITIONS HC CL = 15 pF; RL = 1 k; VCC = 5 V 17 21 23 21 ns ns HCT UNIT
Philips Semiconductors
Product specification
Triple 2-channel analog multiplexer/demultiplexer
ORDERING INFORMATION See "74HC/HCT/HCU/HCMOS Logic Package Information". PIN DESCRIPTION PIN NO. 2, 1 5, 3 6 7 8 11, 10, 9 12, 13 14, 15, 4 16 SYMBOL 2Y0 to, 2Y1 3Y0 to, 3Y1 E VEE GND S1 to S3 1Y0, 1Y1 1Z to 3Z VCC NAME AND FUNCTION independent inputs/outputs independent inputs/outputs enable input (active LOW) negative supply voltage ground (0 V) select inputs independent inputs/outputs common inputs/outputs positive supply voltage
74HC/HCT4053
Fig.1 Pin configuration.
Fig.2 Logic symbol.
Fig.3 IEC logic symbol.
December 1990
3
Philips Semiconductors
Product specification
Triple 2-channel analog multiplexer/demultiplexer
APPLICATIONS * Analog multiplexing and demultiplexing * Digital multiplexing and demultiplexing * Signal gating FUNCTION TABLE INPUTS CHANNEL ON E L L H Note 1. H = HIGH voltage level L = LOW voltage level X = don't care Sn L H X nY0 - nZ nY1 - nZ none
74HC/HCT4053
Fig.4 Functional diagram.
Fig.5 Schematic diagram (one switch).
December 1990
4
Philips Semiconductors
Product specification
Triple 2-channel analog multiplexer/demultiplexer
RATINGS Limiting values in accordance with the Absolute Maximum System (IEC 134) Voltages are referenced to VEE = GND (ground = 0 V) SYMBOL VCC IIK ISK IS IEE ICC; IGND Tstg Ptot PARAMETER DC supply voltage DC digital input diode current DC switch diode current DC switch current DC VEE current DC VCC or GND current storage temperature range power dissipation per package plastic DIL plastic mini-pack (SO) PS power dissipation per switch 750 500 100 mW mW mW -65 MIN. -0.5 MAX. +11.0 20 20 25 20 50 +150 UNIT V mA mA mA mA mA C
74HC/HCT4053
CONDITIONS for VI < -0.5 V or VI > VCC + 0.5 V for VS < -0.5 V or VS > VCC + 0.5 V for -0.5 V < VS < VCC + 0.5 V
for temperature range: -40 to + 125 C 74HC/HCT above + 70 C: derate linearly with 12 mW/K above + 70 C: derate linearly with 8 mW/K
Note to ratings To avoid drawing VCC current out of terminals nZ, when switch current flows in terminals nYn, the voltage drop across the bidirectional switch must not exceed 0.4 V. If the switch current flows into terminals nZ, no VCC current will flow out of terminals nYn. In this case there is no limit for the voltage drop across the switch, but the voltages at nYn and nZ may not exceed VCC or VEE. RECOMMENDED OPERATING CONDITIONS 74HC SYMBOL PARAMETER min. VCC VCC VI VS Tamb Tamb DC supply voltage VCC-GND DC supply voltage VCC-VEE DC input voltage range DC switch voltage range operating ambient temperature range operating ambient temperature range 2.0 2.0 GND VEE -40 -40 typ. 5.0 5.0 max. 10.0 10.0 VCC VCC +85 min. typ. 4.5 2.0 GND VEE -40 5.0 5.0 max. 5.5 10.0 VCC VCC +85 +125 V V V V C see DC and AC +125 -40 1000 500 400 250 C
CHARACTERISTICS
74HCT UNIT CONDITIONS see Figs 6 and 7 see Figs 6 and 7
tr, tf
input rise and fall times
6.0
6.0
500
ns
VCC = 2.0 V VCC = 4.5 V VCC = 6.0 V VCC = 10.0 V
December 1990
5
Philips Semiconductors
Product specification
Triple 2-channel analog multiplexer/demultiplexer
74HC/HCT4053
Fig.6
Guaranteed operating area as a function of the supply voltages for 74HC4053.
Fig.7
Guaranteed operating area as a function of the supply voltages for 74HCT4053.
DC CHARACTERISTICS FOR 74HC/HCT For 74HC: VCC - GND or VCC - VEE = 2.0, 4.5, 6.0 and 9.0 V For 74HCT: VCC - GND = 4.5 and 5.5 V; VCC - VEE = 2.0, 4.5, 6.0 and 9.0 V Tamb (C) 74HC/HCT SYMBOL PARAMETER + 25 -40 to +85 -40 to +125
min. UNIT
TEST CONDITIONS VCC (V) VEE (V) IS (A) Vis VI
min. typ. max. min. max.
max. - 270 240 195 - 210 180 160 - 240 210 180 2.0 4.5 6.0 4.5 2.0 4.5 6.0 4.5 2.0 4.5 6.0 4.5 2.0 4.5 6.0 4.5 0 0 0 -4.5 0 0 0 -4.5 0 0 0 -4.5 0 0 0 -4.5 100 VCC 1000 to 1000 VEE 1000 100 VEE 1000 1000 1000 100 VCC 1000 1000 1000 VCC to VEE VIH or VIL VIH or VIL VIH or VIL VIH or VIL
RON
ON resistance (peak)
- 100 90 70 150 80 70 60 150 90 80 65 - 9 8 6
- 180 160 130 - 140 120 105 - 160 140 120
- 225 200 165 - 175 150 130 - 200 175 150
RON
ON resistance (rail)
RON
ON resistance (rail)
RON
maximum ON resistance between any two channels
Notes to the characteristics 1. At supply voltages (VCC - VEE) approaching 2.0 V the analog switch ON-resistance becomes extremely non-linear. Therefore it is recommended that these devices be used to transmit digital signals only, when using these supply voltages. 2. For test circuit measuring RON see Fig.8. December 1990 6
Philips Semiconductors
Product specification
Triple 2-channel analog multiplexer/demultiplexer
DC CHARACTERISTICS FOR 74HC Voltages are referenced to GND (ground = 0 V) Tamb (C) 74HC SYMBOL PARAMETER +25 -40 to +85 max. -40 to +125 min. 1.5 3.15 4.2 6.3 0.5 1.35 1.8 2.7 1.0 2.0 1.0 0.5 1.35 1.8 2.7 1.0 2.0 1.0 max. V 2.0 4.5 6.0 9.0 2.0 4.5 6.0 9.0
UNIT
74HC/HCT4053
TEST CONDITIONS VCC V
VEE V
VI
OTHER
min. typ. max. min. VIH HIGH level input voltage 1.5 3.15 4.2 6.3 1.2 2.4 3.2 4.7 0.8 2.1 2.8 4.3 0.5 1.35 1.8 2.7 0.1 0.2 0.1 1.5 3.15 4.2 6.3
VIL
LOW level input voltage
V
II
input leakage current analog switch OFF-state current per channel analog switch OFF-state current all channels analog switch ON-state current quiescent supply current
A
6.0 0 10.0 0 10.0 0
VCC or GND VIH or VIL VIH or VIL VIH or VIL VS = VCC - VEE (see Fig.10) VS = VCC - VEE (see Fig.10) VS = VCC - VEE (see Fig.11)
IS
A
IS
0.1
1.0
1.0
A
10.0 0
IS
0.1
1.0
1.0
A
10.0 0
ICC
8.0 16.0
80.0 160.0
160.0 A 320.0
6.0 0 10.0 0
VCC Vis = VEE or or VCC; GND VOS = VCC or VEE
December 1990
7
Philips Semiconductors
Product specification
Triple 2-channel analog multiplexer/demultiplexer
AC CHARACTERISTICS FOR 74HC GND = 0 V; tr = tf = 6 ns; CL = 50 pF Tamb (C) 74HC SYMBOL PARAMETER +25
min. typ. max.
74HC/HCT4053
TEST CONDITIONS UNIT VCC (V) VEE (V) OTHER
-40 to +85
min. max.
-40 to +125
min. max.
tPHL/ tPLH
propagation delay Vis to Vos
15 5 4 4 60 20 16 15 75 25 20 15 63 21 17 15 60 20 16 15
60 12 10 8 220 44 37 31 220 44 37 31 210 42 36 29 210 42 36 29
75 15 13 10 275 55 47 39 275 55 47 39 265 53 45 36 265 53 45 36
90 18 15 12 330 66 56 47 330 66 56 47 315 63 54 44 315 63 54 44
ns
2.0 4.5 6.0 4.5 2.0 4.5 6.0 4.5 2.0 4.5 6.0 4.5 2.0 4.5 6.0 4.5 2.0 4.5 6.0 4.5
0 RL = ; 0 CL = 50 pF (see Fig.18) 0 -4.5 0 0 0 -4.5 0 0 0 -4.5 0 0 0 -4.5 0 0 0 -4.5 RL = 1 k; CL = 50 pF (see Figs 19, 20 and 21) RL = 1 k; CL = 50 pF (see Figs 19, 20 and 21) RL = 1 k; CL = 50 pF (see Figs 19, 20 and 21) RL = 1 k; CL = 50 pF (see Figs 19, 20 and 21)
tPZH/ tPZL
turn "ON" time E to Vos
ns
tPZH/ tPZL
turn "ON" time Sn to Vos
ns
tPHZ/ tPLZ
turn "OFF" time E to Vos
ns
tPHZ/ tPLZ
turn "OFF" time Sn to Vos
ns
December 1990
8
Philips Semiconductors
Product specification
Triple 2-channel analog multiplexer/demultiplexer
DC CHARACTERISTICS FOR 74HCT Voltages are referenced to GND (ground = 0 V) Tamb (C) 74HCT SYMBOL PARAMETER +25
min. typ. max.
74HC/HCT4053
TEST CONDITIONS UNIT VCC VEE (V) (V) VI
OTHER
-40 to +85
min. max.
-40 to +125
min. max.
VIH
HIGH level input voltage LOW level input voltage input leakage current analog switch OFF-state current per channel analog switch OFF-state current all channels analog switch ON-state current quiescent supply current
2.0
1.6
2.0
2.0
V
4.5 to 5.5 4.5 to 5.5 5.5
VIL
1.2
0.8
0.8
0.8
V
II
0.1
1.0
1.0
A
0
VCC or GND
IS
0.1
1.0
1.0
A
10.0 0
VIH or VIL VIH or VIL VIH or VIL
VS = VCC - VEE Fig.10 VS = VCC - VEE
IS
0.1
1.0
1.0
A
10.0 0
Fig.10
VS = VCC - VEE
IS
0.1
1.0
1.0
A
10.0 0
Fig.11
ICC
8.0 16.0
80.0 160.0
160.0 320.0
A
5.5 5.0
0 VCC Vis = VEE -5.0 or or VCC; GND VOS = VCC or VEE
ICC
additional quiescent supply current per input pin for unit load coefficient is 1 (note 1)
100
360
450
490
A
4.5 to 5.5
0
VCC -2.1 V
other inputs at VCC or GND
Note to HCT types 1. The value of additional quiescent supply current (ICC) for a unit load of 1 is given here. To determine ICC per input, multiply this value by the unit load coefficient shown in the table below. INPUT Sn E UNIT LOAD COEFFICIENT 0.50 0.50
December 1990
9
Philips Semiconductors
Product specification
Triple 2-channel analog multiplexer/demultiplexer
AC CHARACTERISTICS FOR 74HCT GND = 0 V; tr = tf = 6 ns; CL = 50 pF Tamb (C) 74HCT SYMBOL PARAMETER +25
min. typ. max.
74HC/HCT4053
TEST CONDITIONS UNIT VCC (V) VEE (V) OTHER
-40 to +85
min. max.
-40 to +125
min. max.
tPHL/ tPLH
propagation delay Vis to Vos turn "ON" time E to Vos
5 4 27 16
12 8 48 34
15 10 60 43
18 12 72 51
ns
4.5 4.5 4.5 4.5
0 RL = ; -4.5 CL = 50 pF (see Fig.18) 0 RL = 1 k; -4.5 CL = 50 pF (see Figs 19, 20 and 21) 0 RL = 1 k; -4.5 CL = 50 pF (see Figs 19, 20 and 21) 0 RL = 1 k; -4.5 CL = 50 pF (see Figs 19, 20 and 21) 0 RL = 1 k; -4.5 CL = 50 pF (see Figs 19, 20 and 21)
tPZH/ tPZL
ns
tPZH/ tPZL
turn "ON" time Sn to Vos
25 16
48 34
60 43
72 51
ns
4.5 4.5
tPHZ/ tPLZ
turn "OFF" time E to Vos
24 15
44 31
55 39
66 47
ns
4.5 4.5
tPHZ/ tPLZ
turn "OFF" time Sn to Vos
22 15
44 31
55 39
66 47
ns
4.5 4.5
December 1990
10
Philips Semiconductors
Product specification
Triple 2-channel analog multiplexer/demultiplexer
74HC/HCT4053
Fig.8 Test circuit for measuring RON.
Fig.9
Typical RON as a function of input voltage Vis for Vis = 0 to VCC - VEE.
Fig.10 Test circuit for measuring OFF-state current.
Fig.11 Test circuit for measuring ON-state current.
December 1990
11
Philips Semiconductors
Product specification
Triple 2-channel analog multiplexer/demultiplexer
ADDITIONAL AC CHARACTERISTICS FOR 74HC/HCT Recommended conditions and typical values GND = 0 V; Tamb = 25 C SYMBOL PARAMETER sine-wave distortion f = 1 kHz sine-wave distortion f = 10 kHz switch "OFF" signal feed-through crosstalk between any two switches/ multiplexers V(p-p) crosstalk voltage between control and any switch (peak-to-peak value) typ. 0.04 0.02 0.12 0.06 -50 -50 -60 -60 110 220 UNIT % % % % dB dB dB dB mV mV VCC (V) 2.25 4.5 2.25 4.5 2.25 4.5 2.25 4.5 4.5 4.5 VEE (V) -2.25 -4.5 -2.25 -4.5 -2.25 -4.5 -2.25 -4.5 0 -4.5 Vis(p-p) (V) 4.0 8.0 4.0 8.0 note 1 note 1
74HC/HCT4053
CONDITIONS RL = 10 k; CL = 50 pF (see Fig.14) RL = 10 k; CL = 50 pF (see Fig.14) RL = 600 ; CL = 50 pF f = 1 MHz see (Fig.12 and 15) RL = 600 ; CL = 50 pF; f = 1 MHz (see Fig.16) RL = 600 k; CL = 50 pF; f = 1 MHz (E or Sn, square-wave between VCC and GND, tr = tf = 6 ns (see Fig.17)
fmax CS
minimum frequency response (-3dB) maximum switch capacitance independent (Y) common (Z)
160 170 5 8
MHz MHz pF pF
2.25 4.5
-2.25 -4.5
note 2
RL = 50 ; CL = 10 pF (see Fig.13 and 14)
Notes to the AC characteristics 1. Adjust input voltage Vis to 0 dBm level (0 dBm = 1 mW into 600 ). 2. Adjust input voltage Vis to 0 dBm level at VOS for 1 MHz (0 dBm = 1 mW into 50 ). General note Vis is the input voltage at an nYn or nZ terminal, whichever is assigned as an input. Vos is the output voltage at an nYn or nZ terminal, whichever is assigned as an output
December 1990
12
Philips Semiconductors
Product specification
Triple 2-channel analog multiplexer/demultiplexer
74HC/HCT4053
Test conditions: VCC = 4.5 V; GND = 0 V; VEE = -4.5 V; RL = 50 ; Rsource = 1 k.
Fig.12 Typical switch "OFF" signal feed-through as a function of frequency.
Test conditions: VCC = 4.5 V; GND = 0 V; VEE = -4.5 V; RL = 50 ; Rsource = 1 k.
Fig.13 Typical frequency response.
Fig.14 Test circuit for measuring sine-wave distortion and minimum frequency response.
Fig.15 Test circuit for measuring switch "OFF" signal feed-through.
December 1990
13
Philips Semiconductors
Product specification
Triple 2-channel analog multiplexer/demultiplexer
74HC/HCT4053
(a) channel ON condition
(b) channel OFF condition
Fig.16 Test circuits for measuring crosstalk between any two switches/multiplexers.
The crosstalk is defined as follows (oscilloscope output):
Fig.17 Test circuit for measuring crosstalk between control and any switch.
December 1990
14
Philips Semiconductors
Product specification
Triple 2-channel analog multiplexer/demultiplexer
AC WAVEFORMS
74HC/HCT4053
Fig.18 Waveforms showing the input (Vis) to output (Vos) propagation delays.
(1) HC : VM = 50%; VI = GND to VCC. HCT: VM = 1.3 VI = GND to 3 V.
Fig.19 Waveforms showing the turn-ON and turn-OFF times.
December 1990
15
Philips Semiconductors
Product specification
Triple 2-channel analog multiplexer/demultiplexer
TEST CIRCUIT AND WAVEFORMS
74HC/HCT4053
Conditions TEST tPZH tPZL tPHZ tPLZ others SWITCH VEE VCC VEE VCC open VIS VCC VEE VCC VEE pulse FAMILY 74HC 74HCT AMPLITUDE VCC 3.0 V VM 50% tr; tf fmax; PULSE WIDTH <2 ns OTHER 6 ns 6 ns
1.3 V <2 ns
CL = load capacitance including jig and probe capacitance (see AC CHARACTERISTICS for values). RT = termination resistance should be equal to the output impedance ZO of the pulse generator. tr = tf = 6 ns; when measuring fmax, there is no constraint to tr, tf with 50% duty factor.
Fig.20 Test circuit for measuring AC performance.
Conditions TEST tPZH tPZL tPHZ tPLZ others SWITCH VEE VCC VEE VCC open VIS VCC VEE VCC VEE pulse FAMILY 74HC 74HCT AMPLITUDE VCC 3.0 V VM 50% tr; tf fmax; PULSE WIDTH <2 ns OTHER 6 ns 6 ns
1.3 V <2 ns
CL = load capacitance including jig and probe capacitance (see AC CHARACTERISTICS for values). RT = termination resistance should be equal to the output impedance ZO of the pulse generator. tr = tf = 6 ns; when measuring fmax, there is no constraint to tr, tf with 50% duty factor.
Fig.21 Input pulse definitions.
December 1990
16
Philips Semiconductors
Product specification
Triple 2-channel analog multiplexer/demultiplexer
PACKAGE OUTLINES See "74HC/HCT/HCU/HCMOS Logic Package Outlines".
74HC/HCT4053
December 1990
17


▲Up To Search▲   

 
Price & Availability of 74HCT4053D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X