Part Number Hot Search : 
2805S UL7410 ACT5270 19034 SD2932 5G4S2HCA 74270014 4ACT5
Product Description
Full Text Search
 

To Download 2W08G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2W005G - 2W10G
Discrete POWER & Signal Technologies
2W005G - 2W10G
0.358(9.1) DIA 0.339(8.6)
Features * * * *
Glass passivated junction. Ideal for printed circuit board. Reliable low cost construction technique results in inexpensive product. High surge current capability.
1.2(30.5) MIN 1.0(25.4) MIN 0.217(5.5) 0.197(5.0)
Dimensions are in: inches (mm)
0.032(.81) DIA 0.030(.76)
WOB
POS.LEAD + ~
~ _
0.220(5.6) 0.180(4.6)
0.220(5.6) 0.180(4.6)
2.0 Ampere Glass Passivated Bridge Rectifiers
Absolute Maximum Ratings*
Symbol
IO if(surge)
TA = 25C unless otherwise noted
Parameter
Average Rectified Current @ TA = 50C Peak Forward Surge Current 8.3 ms single half-sine-wave Superimposed on rated load (JEDEC method) Total Device Dissipation Derate above 25C Thermal Resistance, Junction to Ambient,** per leg Thermal Resistance, Junction to Lead,** per leg Storage Temperature Range Operating Junction Temperature
Value
2.0
Units
A
60 3.13 25 40 15 -55 to +150 -55 to +150
A W mW/C C/W C/W C C
PD RJA RJL Tstg TJ
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired. **Device mounted on PCB with 0.375" (9.5 mm) lead length.
Electrical Characteristics
Parameter
TA = 25C unless otherwise noted
Device
005G 01G 100 70 100 02G 200 140 200 04G 400 280 400 5.0 500 1.1 10 19 06G 600 420 600 08G 800 560 800 10G 1000 700 1000 50 35 50
Units
V V V A A V A2Sec pF
Peak Repetitive Reverse Voltage Maximum RMS Bridge Input Voltage DC Reverse Voltage (Rated VR) Maximum Reverse Leakage Current, per leg @ rated VR T A = 25C T A = 125C Maximum Forward Voltage Drop, per bridge @ 2.0 A I2t rating for fusing t < 8.3 ms Typical Junction Capacitance, per leg VR = 4.0 V, f = 1.0 MHz
(c)1999 Fairchild Semiconductor Corporation
2W005G -2 W10G, Rev. A
2W005G - 2W10G
Glass Passivated Bridge Rectifiers
(continued)
Typical Characteristics
Forward Current Derating Curve
2 FORWARD CURRENT (A) PEAK FORWARD SURGE CURRENT (A) 60
Non-Repetitive Surge Current
1.5
50
40
1
SINGLE PHASE HALF WAVE 60HZ RESISTIVE OR INDUCTIVE LOAD .375" (9.0mm) LEAD LENGTHS
30
0.5
20
0 25
50
75 100 125 150 AMBIENT TEMPERATURE ( C)
175
10
1
2
5 10 20 50 NUMBER OF CYCLES AT 60Hz
100
Forward Characteristics
10 REVERSE CURRENT ( A) FORWARD CURRENT (A) 100
Reverse Characteristics
1
TA = 25 C Pulse Width = 300s 2% Duty Cycle
10
TA = 125 C
0.1
1
TA = 25 C
0.01
0
0.2
0.4 0.6 0.8 1 FORWARD VOLTAGE (V)
1.2
1.4
0.1
0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
2W005G -2 W10G, Rev. A
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM CoolFETTM CROSSVOLTTM E2CMOSTM FACTTM FACT Quiet SeriesTM FAST(R) FASTrTM GTOTM HiSeCTM
DISCLAIMER
ISOPLANARTM MICROWIRETM POPTM PowerTrenchTM QSTM Quiet SeriesTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 TinyLogicTM
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or 2. A critical component is any component of a life support device or system whose failure to perform can systems which, (a) are intended for surgical implant into be reasonably expected to cause the failure of the life the body, or (b) support or sustain life, or (c) whose support device or system, or to affect its safety or failure to perform when properly used in accordance with instructions for use provided in the labeling, can be effectiveness. reasonably expected to result in significant injury to the user. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design.
Preliminary
First Production
No Identification Needed
Full Production
Obsolete
Not In Production
This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.


▲Up To Search▲   

 
Price & Availability of 2W08G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X