Part Number Hot Search : 
W81282F C2412 765ESO NRQ108 SMBJ51 BAV103 B101G K401709
Product Description
Full Text Search
 

To Download 2SK168 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SK168
Silicon N-Channel Junction FET
Application
VHF Amplifier, Mixer, Local oscillator
Outline
2SK168
Absolute Maximum Ratings (Ta = 25C)
Item Gate to drain voltage Gate to source voltage Gate current Drain current Channel power dissipation Channel temperature Storage temperature Symbol VGDO VGSS IG ID Pch Tch Tstg Ratings -30 -1 10 20 200 150 -55 to +150 Unit V V mA mA mW C C
Electrical Characteristics (Ta = 25C)
Item Gate to drain breakdown voltage Gate cutoff current Drain current Gate to source cutoff voltage Forward transfer admittance Input capacitance Reverse transfer capacitance Power gain Noise figure Note: D 4 to 8 Symbol V(BR)GDO I GSS I DSS*
1
Min -30 -- 4 -- 8 -- -- -- --
Typ -- -- -- -- 10 6.8 0.1 27 1.7
Max -- -10 20 -3.0 -- -- -- -- --
Unit V nA mA V mS pF pF dB dB
Test conditions I G = -100 A, IS = 0 VGS = -0.5 V, VDS = 0 VDS = 5 V, VGS = 0 VDS = 5 V, ID = 10 A VDS = 5 V, VGS = 0, f = 1 kHz VDS = 5 V, VGS = 0, f = 1 MHz VDS = 5 V, VGS = 0, f = 1 MHz VDS = 5 V, VGS = 0, f = 100 MHz VDS = 5 V, VGS = 0, f = 100 MHz
VGS(off) |yfs| Ciss Crss PG NF
1. The 2SK168 is grouped by I DSS as follows. E 6 to 12 F 10 to 20
2
2SK168
3
2SK168
4
2SK168
5
2SK168
6
2SK168
When using this document, keep the following in mind: 1. This document may, wholly or partially, be subject to change without notice. 2. All rights are reserved: No one is permitted to reproduce or duplicate, in any form, the whole or part of this document without Hitachi's permission. 3. Hitachi will not be held responsible for any damage to the user that may result from accidents or any other reasons during operation of the user's unit according to this document. 4. Circuitry and other examples described herein are meant merely to indicate the characteristics and performance of Hitachi's semiconductor products. Hitachi assumes no responsibility for any intellectual property claims or other problems that may result from applications based on the examples described herein. 5. No license is granted by implication or otherwise under any patents or other rights of any third party or Hitachi, Ltd. 6. MEDICAL APPLICATIONS: Hitachi's products are not authorized for use in MEDICAL APPLICATIONS without the written consent of the appropriate officer of Hitachi's sales company. Such use includes, but is not limited to, use in life support systems. Buyers of Hitachi's products are requested to notify the relevant Hitachi sales offices when planning to use the products in MEDICAL APPLICATIONS.
7


▲Up To Search▲   

 
Price & Availability of 2SK168

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X