Part Number Hot Search : 
DT70V 2SK3279 51011 TB504 VP2019H MAX3890 SA2002 LF114D
Product Description
Full Text Search
 

To Download 2SD1830 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ordering number:EN2214B
PNP/NPN Epitaxial Planar Silicon Darlington Transistor
2SB1228/2SD1830
Driver Applications
Applications
* Suitable for use in control of motor drivers, printer hammer drivers, relay drivers, and constant-voltage regulators.
Package Dimensions
unit:mm 2041A
[2SB1228/2SD1830]
Features
* High DC current gain. * Large current capacity and wide ASO. * Low saturation voltage. * Micaless package facilitating mounting.
( ) : 2SB1228
1 : Base 2 : Collector 3 : Emitter SANYO : TO-220ML
Specifications
Absolute Maximum Ratings at Ta = 25C
Parameter Collector-to-Base Voltage Collector-to-Emitter Voltage Emitter-to-Base Voltage Collector Current Collector Current (Pulse) Collector Dissipation Junction Temperature Storage Temperature Symbol VCBO VCEO VEBO IC ICP PC Conditions
Ratings (-)110 (-)100 (-)6 (-)8 (-)12 2.0
Unit V V V A A W W
Tc=25C
Tj Tstg
30 150 -55 to +150
C C
Electrical Characteristics at Ta = 25C
Parameter Collector Cutoff Current Emitter Cutoff Current DC Current Gain Gain-Bandwidth Product Collector-to-Emitter Saturation Voltage Base-to-Emitter Saturation Voltage Symbol ICBO IEBO hFE fT VCE(sat) VBE(sat) VCB=(-)80V, IE=0 VEB=(-)5V, IC=0 VCE=(-)3V, IC=(-)4A VCE=(-)5V, IC=(-)4A IC=(-)4A, IB=(-)8mA IC=(-)4A, IB=(-)8mA 1500 4000 20 0.9 (-1.0) (-)2.0 (-)1.5 MHz V V V Conditions Ratings min typ max (-)0.1 (-)3.0 Unit mA mA
Any and all SANYO products described or contained herein do not have specifications that can handle applications that require extremely high levels of reliability, such as life-support systems, aircraft's control systems, or other applications whose failure can be reasonably expected to result in serious physical and/or material damage. Consult with your SANYO representative nearest you before using any SANYO products described or contained herein in such applications. SANYO assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges,or other parameters) listed in products specifications of any and all SANYO products described or contained herein.
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquaters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
92098HA (KT)/80796TS (KOTO) 8-9896/2197TA, TS No.2214-1/4
2SB1228/2SD1830
Parameter Collector-to-Base Breakdown Voltage Collector-to-Emitter Breakdown Voltage Turn-ON TIme Storage Time Fall Time Symbol V(BR)CBO IC=(-)5mA, IE=0 V(BR)CEO IC=(-)50mA, RBE= ton tstg tf See specified Test Circuit See specified Test Circuit See specified Test Circuit Conditions Ratings min (-)110 (-)100 0.6 (0.7) 4.8 (1.4) 1.6 (1.5) typ max Unit V V s s s s s s
Switching Time Test Circuit
Electrical Connection
No.2214-2/4
2SB1228/2SD1830
No.2214-3/4
2SB1228/2SD1830
Specifications of any and all SANYO products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer's products or equipment. To verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer's products or equipment. SANYO Electric Co., Ltd. strives to supply high-quality high-reliability products. However, any and all semiconductor products fail with some probability. It is possible that these probabilistic failures could give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire, or that could cause damage to other property. When designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. In the event that any and all SANYO products described or contained herein fall under strategic products (including services) controlled under the Foreign Exchange and Foreign Trade Control Law of Japan, such products must not be exported without obtaining export license from the Ministry of International Trade and Industry in accordance with the above law. No part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written permission of SANYO Electric Co. , Ltd. Any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the SANYO product that you intend to use. Information (including circuit diagrams and circuit parameters) herein is for example only ; it is not guaranteed for volume production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties.
This catalog provides information as of September, 1998. Specifications and information herein are subject to change without notice.
PS No.2214-4/4


▲Up To Search▲   

 
Price & Availability of 2SD1830

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X