|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
2SA1695 Silicon PNP Epitaxial Planar Transistor (Complement to type 2SC4468) sAbsolute maximum ratings (Ta=25C) Symbol VCBO VCEO VEBO IC IB PC Tj Tstg 2SA1695 -140 -140 -6 -10 -4 100(Tc=25C) 150 -55 to +150 Unit V V V A A W C C Application : Audio and General Purpose (Ta=25C) 2SA1695 -10max -10max -140min 50min -0.5max 20typ 400typ V MHz pF 20.0min 4.0max 3 1.05 +0.2 -0.1 5.450.1 B C E 5.450.1 0.65 +0.2 -0.1 1.4 sElectrical Characteristics Symbol ICBO IEBO V(BR)CEO hFE VCE(sat) fT COB Conditions VCB=-140V VEB=-6V IC=-50mA VCE=-4V, IC=-3A IC=-5A, IB=-0.5A VCE=-12V, IE=0.5A VCB=-10V, f=1MHz External Dimensions MT-100(TO3P) 5.00.2 15.60.4 9.6 2.0 1.8 4.80.2 2.00.1 Unit A A 19.90.3 V 4.0 a b o3.20.1 2 hFE Rank O(50 to 100), P(70 to 140), Y(90 to 180) sTypical Switching Characteristics (Common Emitter) VCC (V) -60 RL () 12 IC (A) -5 VBB1 (V) -10 VBB2 (V) 5 IB1 (A) -0.5 IB2 (A) 0.5 ton (s) 0.17typ tstg (s) 1.86typ tf (s) 0.27typ Weight : Approx 6.0g a. Type No. b. Lot No. IC - VCE Characteristics (Typical) -10 -4 00 mA VCE( sat ) - IB Characteristics (Typical) -3 Collector-Emitter Saturation Voltage V C E (s at)( V ) I C - VBE Temperature Characteristics (Typical) -10 (VCE=-4V) -3 0 A 0m -2 0 A 0m -15 0m A Collector Current I C( A) -100 mA -7 5m A -2 -6 Collector Current I C( A) -8 -8 -6 -50mA -4 -25mA mp) e Te -30C Tem (Ca se -1 IB=-10mA -5A 0 0 -0.5 -1.0 -1.5 -2.0 0 0 0 0 -1 -2 -3 -4 25C 125 I C= -10A -2 C -2 (Case (Cas Temp -4 p) -1 Base-Emittor Voltage V B E( V) ) -1.5 Collector-Emitter Voltage V C E( V) Base Current I B( A) (V C E= -4V) 200 DC Curr ent Gain h F E 200 125C (V C E= -4V) j- a( C/W) hFE - I C Characteristics (Typical) hFE - I C Temperature Characteristics (Typical) j-a - t Characteristics 3 25C 100 -30C 100 Transient Thermal Resistance Typ DC Curr ent Gain h F E 1 0.5 50 50 30 -0.02 -0.1 -0.5 -1 -5 -10 30 -0.02 -0.1 -0.5 -1 -5 -10 0.1 1 10 100 Time t(ms) 1000 2000 Collector Current I C( A) Collector Current I C( A) fT - IE Characteristics (Typical) (V C E= -12V) 30 -30 Safe Operating Area (Single Pulse) 100 P c - T a Derating -10 Cut-o ff F requ ency f T( MH Z) 10 0m Maximu m Power Diss ip ation P C( W) W Co lle ctor Cu rren t I C( A) 20 -5 DC ith 3m s In Typ fin s ite he 50 10 ms at si nk -1 -0.5 Without Heatsink Natural Cooling 10 0 0.02 0.1 1 10 -0.1 -3 -5 -10 -50 -100 -200 3.5 0 Without Heatsink 0 25 50 75 100 125 150 Emitter Current I E( A) Collector-Emitter Voltage V C E( V) Ambient Temperature Ta(C) 29 |
Price & Availability of 2SA1695 |