Part Number Hot Search : 
CY62136V 68F002 KTA1042L UT4420 R6502 4111D 251902B MTD2007F
Product Description
Full Text Search
 

To Download WT6801 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Weltrend Semiconductor, Inc.
WT6801
Monitor On-Screen Display
Data Sheet
REV. 1.0 June 27, 2000
The information in this document is subject to change without notice. (c)Weltrend Semiconductor, Inc. All Rights Reserved.
2F, No. 24, Industry E. 9 th RD., Science-Based Industrial Park, Hsin-Chu, Taiwan TEL:886-3-5780241 FAX:886-3-5794278.5770419 Email:support@weltrend.com.tw
WT6801
Data Sheet Rev. 1.0
GENERAL DESCRIPTION
The WT6801 is designed to display color symbols or characters onto monitor. By storing display data in its RAM and control information in the registers via I2C interface, WT6801 can carry out screen refresh without any MCU supervision.
FEATURES
* Programmable horizontal resolutions up to 1530 dots per line * Horizontal frequency up to 120KHz * On-chip PLL up to 96MHz * Fully programmable character array of 15 rows by 30 columns * 12x18 dot matrix per character * 256 characters and graphic symbols ROM including 16 multi-color fonts * 8 colors per display character * 7 colors per display character background * 4 programmable windows * Double character height and width control * Programmable character height (18 to 71 lines) * Programmable row-to-row spacing * Programmable vertical and horizontal positioning for display screen center * Bordering, shadowing and blinking effect * Fade-in/Fade-out effect * Video timing capture for auto sizing * I2C interface with slave address $7AH * Package type : 16-pin and 20-pin plastic DIP/SOP
PIN CONFIGURATION
WT6801N160 WT6801S160 VSSA LF VCO VDDA HFLB CLKIN SDA SCL 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 VSS ROUT GOUT BOUT FBKG HFX VFLB VDD VSSA LF VCO VDDA HFLB CLKIN SDA SCL BIN GIN 1 2 3 4 5 6 7 8 9 10 WT6801N200 WT6801S200 20 19 18 17 16 15 14 13 12 11 RIN VSS ROUT GOUT BOUT FBKG HFX VFLB VDD
Weltrend Semiconductor, Inc.
Page 2
WT6801
Data Sheet Rev. 1.0
PIN DESCRIPTION
Pin No.
N160 S160 N200 S200
Pin Name VSSA LF VCO VDDA HFLB CLKIN SDA SCL BIN GIN RIN NC VDD VFLB HFX FBKG BOUT GOUT ROUT VSS
I/O
Description
1 2 3 4 5 6 7 8
9 10 11 12 13 14 15 16
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20
Analog ground. I/O Loop filter of PLL. I/O VCO control voltage input. Analog power supply I Horizontal sync input. I External clock input. I/O Serial data of I2C interface. I Serial clock of I2C interface. I Blue color input. I Green color input. I Red color input. No Connection. Digital power supply I Vertical sync input. O Output a sync signal with N times Hsync input frequency. Fast Blanking output. This pin controls the mixer of vedio amplifier O to cutoff the video signal while displaying character or window. O Blue color output O Green color output O Red color output Digital ground
Weltrend Semiconductor, Inc.
Page 3


▲Up To Search▲   

 
Price & Availability of WT6801

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X