Part Number Hot Search : 
M600H 1SV294 2N509 PE9637 MPQ2128 PIC18F26 H21A5 1249ACE
Product Description
Full Text Search
 

To Download W551C080 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 W551Cxxx Serial Voice Memory
Winbond W551Cxxx Serial Voice Memory
Data Sheet
Winbond Electronics Corp.
Release Date: January 2, 2001
W551Cxxx Data Sheet
Contents
General Description 2
1.1 W551Cxxx Product Selection Guide ...................................................................................2
Features
3
2.1 W551Cxxx Features Description .........................................................................................3 2.2 W551Cxxx Pin Configuration & Description ......................................................................4 2.3 W551Cxxx System Block Diagram .....................................................................................5
Function Description
6
3.1 W551Cxxx Functional Description......................................................................................6 3.2 W551Cxxx Normal Read Mode...........................................................................................7 3.3 W551Cxxx Self-test Mode...................................................................................................8
Electrical Characteristics
9
4.1 W551Cxxx Absolute Maximum Ratings .............................................................................9 4.2 W551Cxxx DC Characteristics ............................................................................................9 4.3 W551Cxxx AC Characteristics ..........................................................................................10
Timing Waveform
11
5.1 W551Cxxx Timing Waveform...........................................................................................11
Applications
12
6.1 W551Cxxx Applications ....................................................................................................12 6.2 W551Cxxx Application Circuits ........................................................................................13
Winbond Electronics Corp.
Release Date: January 2, 2001
W551Cxxx Data Sheet
General Description
The W551Cxxx series is designated to interface with Winbond PowerSpeech , BandDirector , and ViewTalk family ICs directly. Application with PowerSpeech , BandDirector , and ViewTalk the serial voice memory W551Cxxx can lengthen the playback duration to meet the increasing market demand on complicated scenarios. The W551Cxxx was already utilized the same serial interface as Winbond serial flash memory W55Fxx for designer to simulate & verify the memory contents in advance. Besides that, W551Cxxx also provides a "Self-test mode" to verify the voice memory contents easily and quickly.
1.1 W551Cxxx Product Selection Guide
W551Cxxx Serial Voice Memory is used to store pre-determined data. To communicate with W551Cxxx in serial data mode, the connection interface total pin counts can be reduced to three pins only. The following table is shown the product selection guide of part number vs. memory density.
Part # W551C002 W551C005 W551C010 W551C020 W551C040 W551C060 W551C080
Density
256K bits
512K bits
1M bits
2M bits
4M bits
6M bits
8M bits
Winbond Electronics Corp.
2
Release Date: January 2, 2001
W551Cxxx Data Sheet
Features
2.1 W551Cxxx Features Description
!" !" !"
Wide range of operating voltage: 2.4V ~ 5.5V Operating frequency up to 1 MHz (@VDD = 2.4V) Versatile operation modes #"Serial read mode #"Serial check-sum output mode #"Fast self-test mode !" Directly cascade for longer duration applications !" Serial shift-in address bus !" Serial data mode, the connection interface can be reduced to three pins: #"CLK, ADDR, DATA !" Read access time: 500 ns !" Low power consumption #"Operation current: 5 mA (typ.) #"Standby current: 2 uA (typ.)
Winbond Electronics Corp.
3
Release Date: January 2, 2001
W551Cxxx Data Sheet
2.2 W551Cxxx Pin Configuration & Description
Pin Configuration
TEST_OUT NC VSS ADDR
1 2 3 4
8 7 6 5
TEST VDD CLK DATA
Pin Description
Pin Name TEST TEST_OUT I/O I O Description Internal pulled high. Set TEST to low will enable "Self-test" function. The output pin indicates the result of self-test process. For correct result, a logic " 0 " signal will be output. For incorrect result, a logic " 1 " signal will be output. At Power-On-Reset condition, it outputs a logic " 1 " signal. Clock input for shift-in start address; The first rising-edge signal will reset the address counter. Bi-directional data pin with the internal pull-high. Clock input for data read-out. Positive power supply pin.
ADDR DATA CLK VDD VSS
I IO I Power Ground
Winbond Electronics Corp.
4
Release Date: January 2, 2001
W551Cxxx Data Sheet
2.3 W551Cxxx System Block Diagram
ADDR
DATA CLK
Shit Register/ Address Counter
Output Buffer
Decoder
Core Array
TEST TEST_OUT
Control
POR
Page-Code Comparator
Winbond Electronics Corp.
5
Release Date: January 2, 2001
W551Cxxx Data Sheet
Function Description
3.1 W551Cxxx Functional Description
The maximum number of the ADDR clock is 24 bits. The address data is shifted into the 24 bits address counter by the ADDR clock. The MSB x bits of the address counter are the page codes, and the rest (24 - x) bits are the bit of address. Note that the MSB is shifted first. The MSB 5 bits of the address counter are always gating (exclusive OR) with the content of the page-code cells to determine whether these two articles are match or not. Only when the page codes are matched with the content of the page-code cells, this device can be enabled. The counting source of the address counter is the CLK clock, the falling edge signal of the CLK clock up-count the counter. In normal-read mode the ADDR and CLK clock cannot be active simultaneously. The first rising edge signal of the ADDR clock after CLK clocking will reset the address shift registers. The following table describes the needed bits of page code:
Part # Density Bits of page code
W551C002 256K bits 6
W551C005 512K bits 5
W551C010 1M bits 4
W551C020 2M bits 3
W551C040 4M bits 2
W551C060 6M bits 2
W551C080 8M bits 1
Winbond Electronics Corp.
6
Release Date: January 2, 2001
W551Cxxx Data Sheet
3.2 W551Cxxx Normal Read Mode
This chip can also be connected with Winbond PowerSpeech , BandDirector , and ViewTalkTM series directly. Because in power-on condition, the default function mode is the normal read mode, then the mode selected procedure can be skipped.
T
I
ADDR DATA
*** ***
24 bits
CLK TEST
Winbond Electronics Corp.
7
Release Date: January 2, 2001
W551Cxxx Data Sheet
3.3 W551Cxxx Self-test Mode
In normal read mode, the TEST pin is internally pulled high, and the TEST_OUT pin is in logic ' 1 ' state. When the TEST pin is pulled low, the W551Cxxx enters the "self-test mode". In this mode, the self-test process is started at the falling edge of the TEST signal. The self-test process accumulates each byte (8 bit) of voice memory content from address 00000h to 7FFFFh. If the accumulated result is 00h, a logic ' 0 ' will be output from TEST_OUT pin. Or else, a logic ' 1 ' signal will be output from TEST_OUT pin.
TTEST TEST TEST _OUT TEST _OUT
For "Correct" result
For "Incorrect" result
End of test
Winbond Electronics Corp.
8
Release Date: January 2, 2001
W551Cxxx Data Sheet
Electrical Characteristics
4.1 W551Cxxx Absolute Maximum Ratings
PARAMETER Operation Temperature Storage Temperature Power Supply (VDD-VSS) Input D.C. Voltage Transient Voltage (<20ns) SYMBOL TOPR TSTG VDD-VSS VDC VTRAN CONDITION All pins All pins RATING 0 to +70 -65 to +150 -0.3 to +7.0 -0.5 to Vcc+1.0 -1.0 to Vcc+1.0 UNIT C C V V V
4.2 W551Cxxx DC Characteristics
VDD = 4.5V, TA = 25 C LIMITS PARAMETER SYMBOL TEST CONDITIONS MIN. Operating Voltage VOP 2.4 (Note) TYP. 4.5 MAX. 5.5 V UNIT
Operating Current
IOP
In normal read mode, DATA, TEST & TEST_OUT pins open; f=1MHz
-
5
10
mA
Winbond Electronics Corp.
9
Release Date: January 2, 2001
W551Cxxx Data Sheet
Standby Current
ISB
All inputs = GND; DATA, TEST & TEST_OUT pins open
-
1
2
uA
Input Leakage Current for DATA Input Leakage Current for TEST Input Low Voltage Input High Voltage Output Sink Current Output Drive Current ESD capability
ILI1
VIN = 0 V
-
-
-4.5
uA
ILI2 VIL VIH IOL IOH VESD
VIN = 4.5 V All input pins All input pins VOL= 0.5V VOH = 4.0V -
22.5 -0.3 2.0 2.5 -2.5 2
45 5 -5 -
90 0.8 VDD
uA V V mA mA
-
KV
4.3 W551Cxxx AC Characteristics
VDD = 4.5V TA = 25 C PARAMETER Clock frequency of ADDR Clock frequency of CLK Interval time between ADDR and CLK Interval between DATA to another pin active Data access time Data setup time Data hold time TAH Self-test time TTEST Address shift-in Self-test mode 10 500 nS mS SYMBOL CONDITION FADDR FCR TI TCFA TRA TAS TRH Read mode Read mode Address shift-in Read mode MIN. 1 10 250 0 TYP. MAX. 1 1 500 UNIT MHz MHz uS uS nS nS nS
Winbond Electronics Corp.
10
Release Date: January 2, 2001
W551Cxxx Data Sheet
Timing Waveform
5.1 W551Cxxx Timing Waveform
Read Mode 1/FCLK CLK DATA TRA Address Shift-in Cycle 1/FCLK ADDR DATA TAS TAH
Note: The duty cycle of any clock is 50%
TRH
Winbond Electronics Corp.
11
Release Date: January 2, 2001
W551Cxxx Data Sheet
Applications
6.1 W551Cxxx Applications
W551Cxxx Applications for e-Book, e-Magazine, e-Novel, e-Story Book, or Hand-held Game
Winbond Electronics Corp.
12
Release Date: January 2, 2001
W551Cxxx Data Sheet
6.2 W551Cxxx Application Circuits
Application Circuits (for reference only)
! With PowerSpeechTM, BandDirectorTM, ViewTalkTM Applications W58300/ W56000/ W536xxx
W551Cxxx
ADDR DATA CLK ADDR DATA CLK
! For Cascading Applications W58300/ W56000/ W536xxx
W551Cxxx
ADDR DATA CLK ADDR DATA CLK
W551Cxxx
ADDR DATA CLK
W551Cxxx
ADDR DATA CLK
Winbond Electronics Corp.
13
Release Date: January 2, 2001
W551Cxxx Data Sheet
Headquarters
Winbond Electronics (H.K.) Ltd.
Rm. 803, World Trade Square, Tower II, No. 4, Creation Rd. III, 123 Hoi Bun Rd., Kwun Tong, Science-Based Industrial Park, Kowloon, Hong Kong Hsinchu, Taiwan TEL: 852-27513100 TEL: 886-3-5770066 FAX: 852-27552064 FAX: 886-3-5792697 http://www.winbond.com.tw/ Voice & Fax-on-demand: 886-2-27197006
Winbond Electronics North America Corp. Winbond Memory Lab. Winbond Microelectronics Corp. Winbond Systems Lab.
2727 N. First Street, San Jose, CA 95134, U.S.A. TEL: 408-9436666 FAX: 408-5441798
Taipei Office
11F, No. 115, Sec. 3, Min-Sheng East Rd., Taipei, Taiwan TEL: 886-2-27190505 FAX: 886-2-27197502
Note: All data and specifications are subject to change without notice.
Winbond Electronics Corp.
14
Release Date: January 2, 2001


▲Up To Search▲   

 
Price & Availability of W551C080

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X