Part Number Hot Search : 
ST333C T6302 MAX5422 CSNL361 STPS2L40 00022 2SK2183 2SK3901
Product Description
Full Text Search
 

To Download STPS1045B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin PD-20754 rev. A 02/02
STPS1045B
SCHOTTKY RECTIFIER 10 Amp
D-Pak (TO-252AA)
Major Ratings and Characteristics Characteristics
IF(AV) Rectangular waveform VRRM IFSM VF TJ @ tp = 5 s sine @ 10 Apk, TJ = 125C range
Description/Features
The STPS1045B surface mount Schottky rectifier has been designed for applications requiring low forward drop and small foot prints on PC board. Typical applications are in disk drives, switching power supplies, converters, free-wheeling diodes, battery charging, and reverse battery protection. Popular D-PAK outline Small foot print, surface moutable Low forward voltage drop High frequency operation Guard ring for enhanced ruggedness and long term reliability
STPS1045B Units
10 45 390 0.57 - 40 to 175 A V A V C
6.73 (0.26) 6.35 (0.25) 5.46 (0.21) 5.21 (0.20) 4 1.27 (0.05) 0.88 (0.03)
2.38 (0.09) 2.19 (0.08)
1.14 (0.04) 0.89 (0.03) 0.58 (0.02) 0.46 (0.02)
MINIMUM RECOMMENDED FOOTPRINT
5.97 (0.24)
6.45 (0.24) 6.22 (0.24) 1.64 (0.02) 1 2 3 5.97 (0.23) 10.42 (0.41) 9.40 (0.37) 0.51 (0.02) MIN. 5.68 (0.22) 6.48 (0.26) 10.67 (0.42)
1.52 (0.06) 1.15 (0.04) 1.14 (0.04) 0.76 (0.03) 2.28 (0.09) 2x 4.57 (0.18) 3x 0.89 (0.03) 0.64 (0.02)
2x 2.54 (0.10) 2.28 (0.09) 1.65 (0.06) 2x 2x
0.58 (0.02) 0.46 (0.02)
2x
1 - Anode 2 - Cathode 3 - Anode 4 - Cathode
Base Cathode
4
Conform to JEDEC outline D-Pak (Similar to TO-252AA) Dimensions in millimeters and (inches)
2 Cathode 1 3
Anode
Anode
www.irf.com
1
STPS1045B
Bulletin PD-20754 rev. A 02/02
Voltage Ratings
Part number
VR Max. DC Reverse Voltage (V) VRWM Max. Working Peak Reverse Voltage (V)
STPS1045B
45
Absolute Maximum Ratings
Parameters
IF(AV) Max. Average Forward Current * See Fig. 5 IFSM EAS IAR Max.PeakOneCycleNon-Repetitive Surge Current * See Fig. 7 Non-Repetitive Avalanche Energy Repetitive Avalanche Current 390 75 20 3.0 A mJ A 5s Sine or 3s Rect. pulse 10ms Sine or 6ms Rect. pulse Following any rated load condition and with rated VRRM applied
Value
10
Units Conditions
A 50% duty cycle @ TC = 151C, rectangular wave form
TJ = 25 C, IAS = 3.0 Amps, L = 4.40 mH Current decaying linearly to zero in 1 sec Frequency limited by TJ max. VA = 1.5 x VR typical
Electrical Specifications
Parameters
VFM Max. Forward Voltage Drop * See Fig. 1 (1)
Value
0.63 0.84 0.57 0.72
Units Conditions
V V V V mA mA pF nH V/ s @ 10A @ 20A @ 10A @ 20A TJ = 25 C TJ = 125 C V
R
TJ = 25 C TJ = 125 C VR = rated VR (test signal range 100Khz to 1Mhz) 25 C
IRM CT LS
Max. Reverse Leakage Current * See Fig. 2 (1) Typical Junction Capacitance Typical Series Inductance
0.2 15 760 5.0 10000
= 5V
DC
Measured lead to lead 5mm from package body (Rated VR)
dv/dt Max. Voltage Rate of Change
(1) Pulse Width < 300s, Duty Cycle < 2%
Thermal-Mechanical Specifications
Parameters
TJ Tstg Max. Junction Temper. Range (*) Max.StorageTemperatureRange
Value
- 40 to 175 - 40 to 175 3.0 50 0.3 (0.01) D - PAK
Units
C C
Conditions
RthJC Max.ThermalResistanceJunction to Case RthJA Max.ThermalResistanceJunction to Ambient wt Approximate Weight Case Style
(*) dPtot dTj < 1 Rth( j-a)
C/W DCoperation C/W g (oz.)
* See Fig. 4
Similar to TO-252AA
thermal runaway condition for a diode on its own heatsink
2
www.irf.com
STPS1045B
Bulletin PD-20754 rev. A 02/02
100
1000
T = 175C
100
Reverse Current (mA)
J
150C 125C 100C
10 1
75C
0.1 0.01
50C 25C
Instantaneous Forward Current - I F (A)
0.001 0.0001 0
10
10
20
30
40
50
Reverse Voltage - VR (V) Fig. 2 - Typical Values of Reverse Current Vs. Reverse Voltage
10000
Junction Capacitance C T (pF)
T J = 25C
Tj = 175C Tj = 125C Tj = 25C
1000
1 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2
Forward Voltage Drop - V FM (V) Fig. 1 - Maximum Forward Voltage Drop Characteristics
100 0 10 20 30 40 50
Reverse Voltage - V R (V) Fig. 3 - Typical Junction Capacitance Vs. Reverse Voltage
10
Thermal Impedance - Z thJC (C/W)
1
D = 0.75 D = 0.50 D = 0.33 D = 0.25 D = 0.20
PDM
t1
0.1
Single Pulse (Thermal Resistance)
Notes: 1. Duty factor D = t1/ t2
t2
2. Peak Tj = Pdm x ZthJC + Tc
0.01 0.00001
0.0001
0.001
0.01
0.1
thJC
1
10
t1, Rectangular Pulse Duration (Seconds) Fig. 4 - Maximum Thermal Impedance Z Characteristics
www.irf.com
3
STPS1045B
Bulletin PD-20754 rev. A 02/02
180
Allowable Case Temperature (C) Average Power Loss (Watts)
16 14 12 10 8 6 4 2 0 0 2 4 6 8 10 12 14 16
DC D = 0.20 D = 0.25 D = 0.33 D = 0.50 D = 0.75 RMS Limit
170
DC
160
150
Square wave (D = 0.50) 80% Rated Vr applied
see note (2)
140 0 2 4 6 8 10 12 14 16
Average Forward Current - I F(AV) (A) Fig. 5 - Maximum Allowable Case Temperature Vs. Average Forward Current
Average Forward Current - I F(AV) (A) Fig. 6 - Forward Power Loss Characteristics
Non-Repetitive Surge Current - I FSM (A)
1000
100
At Any Rated Load Condition And With Rated Vrrm Applied Following Surge
10 10
100
1000
10000
Square Wave Pulse Duration - t p (microsec) Fig. 7 - Maximum Non-Repetitive Surge Current
(2) Formula used: TC = TJ - (Pd + PdREV) x RthJC ; Pd = Forward Power Loss = IF(AV) x VFM @ (IF(AV) / D) (see Fig. 6); PdREV = Inverse Power Loss = VR1 x IR (1 - D); IR @ VR1 = 80% rated VR
4
www.irf.com
STPS1045B
Bulletin PD-20754 rev. A 02/02
Marking Information
EXAMPLE: THIS IS A STPS1045B
INTERNATIONAL RECTIFIER LOGO 4 (K) PART NUMBER
STPS1045B 9712 5K3A
ASSEMBLY LOT CODE 2 (K) DATE CODE (YYWW) YY = YEAR WW = WEEK
1 (A)
3 (A)
Tape & Reel Information
4.1 (0.16) 3.9 (0.15) TR 2.1 (0.83) 1.9 (0.07) 1.85 (0.07) DIA. 1.65 (0.06) 1.85 (0.07) 1.65 (0.06) 7.6 (0.30) 7.4 (0.29) 12.1 (0.48) 11.9 (0.47) 2.6 (0.10) DIA. 1.5 (0.06) 0.35 (0.01) 0.25 (0.01) 16.3 (0.64) 15.7 (0.62)
7.0 (0.28) 6.8 (0.26) 2.75 (0.11) 2.55 (0.10)
FEED DIRECTION
4.1 (0.16) 3.9 (0.15) TRR 2.1 (0.83) 1.9 (0.07)
1.85 (0.07) DIA. 1.65 (0.06) 1.85 (0.07) 1.65 (0.06) 7.6 (0.30) 7.4 (0.29)
0.35 (0.01) 0.25 (0.01)
10.6 (0.42) 10.4 (0.41) 2.75 (0.11) 2.55 (0.10)
16.3 (0.64) 15.7 (0.62)
FEED DIRECTION
8.1 (0.32) 7.9 (0.31)
2.6 (0.10) DIA. 1.5 (0.06) 1.85 (0.07) DIA. 1.65 (0.06) 1.85 (0.07) 1.65 (0.06) 7.6 (0.30) 7.4 (0.29)
4.1 (0.16) 3.9 (0.15) TRL 2.1 (0.83) 1.9 (0.07)
0.35 (0.01) 0.25 (0.01) 16.3 (0.64) 15.7 (0.62)
10.6 (0.42) 10.4 (0.41) 2.75 (0.11) 2.55 (0.10)
FEED DIRECTION
8.1 (0.32) 7.9 (0.31)
2.6 (0.10) DIA. 1.5 (0.06)
13 (0.52) DIA.
22.4 (0.88)
TO-252AA Tape & Reel When ordering, indicate the part number, part orientation, and the quantity. Quantities are in multiples of 2,000 pieces per reel for TR and multiples of 3,000 pieces per reel for both TRL and TRR.
375 (14.17) DIA. MAX.
50 (1.97) DIA.
www.irf.com
5
STPS1045B
Bulletin PD-20754 rev. A 02/02
Data and specifications subject to change without notice. This product has been designed and qualified for Industrial Level. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7309 Visit us at www.irf.com for sales contact information. 02/02
6
www.irf.com


▲Up To Search▲   

 
Price & Availability of STPS1045B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X