Part Number Hot Search : 
8069X CNY30X MJ411 51414 2SC2073 FX469J EMK32 DSB3A20
Product Description
Full Text Search
 

To Download STD1802 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
STD1802
LOW VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
PRELIMINARY DATA
Ordering Code STD1802T4 STD1802-1
s
Marking D1802 D1802
Shipment Tape & Reel Tube
s s s
s
VERY LOW COLLECTOR TO EMITTER SATURATION VOLTAGE HIGH CURRENT GAIN CHARACTERISTIC FAST-SWITCHING SPEED THROUGH-HOLE IPAK (TO-251) POWER PACKAGE IN TUBE (Suffix "-1") SURFACE-MOUNTING DPAK (TO-252) POWER PACKAGE IN TAPE & REEL (Suffix "T4")
3 2 1
3 1
IPAK ( TO-251) (Suffix "-1")
DPAK ( TO-252) (Suffix "T4")
APPLICATIONS: CCFL DRIVERS s VOLTAGE REGULATORS s RELAY DRIVERS s HIGH EFFICIENCY LOW VOLTAGE SWITCHING APPLICATIONS
s
INTERNAL SCHEMATIC DIAGRAM
DESCRIPTION The device is manufactured in NPN Planar Technology by using a "Base Island" layout. The resulting Transistor shows exceptional high gain performance coupled with very low saturation voltage.
ABSOLUTE MAXIMUM RATINGS
Symbol V CBO V CEO V EBO IC I CM IB P tot T stg Tj Parameter Collector-Base Voltage (I E = 0) Collector-Emitter Voltage (I B = 0) Emitter-Base Voltage (I C = 0) Collector Current Collector Peak Current (t p < 5 ms) Base Current Total Dissipation at T amb = 25 o C Storage Temperature Max. Operating Junction Temperature Value 80 60 6 3 6 1 15 -65 to 150 150 Unit V V V A A A W
o o
C C
March 2003
1/5
STD1802
THERMAL DATA
R thj-case Thermal Resistance Junction-case Max 8.33
o
C/W
ELECTRICAL CHARACTERISTICS (Tcase = 25 oC unless otherwise specified)
Symbol I CBO I EBO Parameter Collector Cut-off Current (I E = 0) Emitter Cut-off Current (I C = 0) Test Conditions V CB = 40 V V EB = 4 V I C = 10 A 80 Min. Typ. Max. 0.1 0.1 Unit A A V
V (BR)CBO Collector-Base Breakdown Voltage (I E = 0) V (BR)CEO Collector-Emitter Breakdown Voltage (I B = 0) V (BR)EBO Emitter-Base Breakdown Voltage (I C = 0) V CE(sat) V BE(sat) h FE fT C CBO Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage DC Current Gain Transition frequency Collector-Base Capacitance RESISTIVE LOAD Turn- on Time Storage Time Fall Time
I C = 1 mA
60
V
I E = 10 A
6
V
IC = 2 A IC = 3 A IC = 2 A I C = 100 mA IC = 3 A V CE = 10 V V CB = 10 V
I B = 100 mA I B = 150 mA I B = 100 mA V CE = 2 V V CE = 2 V I C = 50 mA f = 1 MHz 200 100
150 200 0.9
300 400 1.2 400
mV mV V
150 50
MHz pF
t ON ts tf
IC = 1 A I B1 = - I B2 = 0.1 A
V CC = 30 V
50 1.35 120
ns s ns
Pulsed: Pulse duration = 300s, duty cycle = 1.5 %
2/5
STD1802
TO-251 (IPAK) MECHANICAL DATA
DIM. MIN. A A1 A3 B B2 B3 B5 B6 C C2 D E G H L L1 L2 V1 0.45 0.48 6.00 6.40 4.40 15.90 9.00 0.80 0.80 10
o
mm TYP. MAX. 2.40 1.10 1.30 0.90 5.40 0.85 0.30 0.95 0.60 0.60 6.20 6.60 4.60 16.30 9.40 1.20 1.00 0.018 0.019 0.237 0.252 0.173 0.626 0.354 0.031 MIN. 0.087 0.035 0.028 0.025 0.204 2.20 0.90 0.70 0.64 5.20
inch TYP. MAX. 0.094 0.043 0.051 0.035 0.213 0.033 0.012 0.037 0.024 0.024 0.244 0.260 0.181 0.642 0.370 0.047 0.031 10
o
0.039
P032N_E
3/5
STD1802
TO-252 (DPAK) MECHANICAL DATA
mm MIN. A A1 A2 B B2 C C2 D E G H L2 L4 V2 0.60 0o 2.20 0.90 0.03 0.64 5.20 0.45 0.48 6.00 6.40 4.40 9.35 0.8 1.00 8o 0.024 0o TYP. MAX. 2.40 1.10 0.23 0.90 5.40 0.60 0.60 6.20 6.60 4.60 10.10 MIN. 0.087 0.035 0.001 0.025 0.204 0.018 0.019 0.236 0.252 0.173 0.368 0.031 0.039 0o inch TYP. MAX. 0.094 0.043 0.009 0.035 0.213 0.024 0.024 0.244 0.260 0.181 0.398
DIM.
P032P_B
4/5
STD1802
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specification mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a trademark of STMicroelectronics (c) 2003 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom - United States. http://www.st.com
5/5


▲Up To Search▲   

 
Price & Availability of STD1802

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X