Part Number Hot Search : 
DTMPU63 254121 SP5301 39F1G WT203 SMA20 RM214C SR6150
Product Description
Full Text Search
 

To Download SPA16N50C3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPP16N50C3, SPB16N50C3 SPI16N50C3, SPA16N50C3 Cool MOSTM Power Transistor
Feature * New revolutionary high voltage technology * Ultra low gate charge * Periodic avalanche rated * Extreme dv/dt rated * Ultra low effective capacitances * Improved transconductance
P-TO220-3-31 1 2 3
VDS @ Tjmax RDS(on) ID
P-TO262 P-TO263-3-2
560 0.28 16
V A
P-TO220-3-31
P-TO220-3-1
2
1 P-TO220-3-1
23
* P-TO-220-3-31: Fully isolated package (2500 VAC; 1 minute)
Type SPP16N50C3 SPB16N50C3 SPI16N50C3 SPA16N50C3
Maximum Ratings Parameter
Package P-TO220-3-1 P-TO263-3-2 P-TO262
Ordering Code Q67040-S4583 Q67040-S4642 Q67040-S4582
Marking 16N50C3 16N50C3 16N50C3 16N50C3
P-TO220-3-31 Q67040-S4581
Symbol ID
Value SPP_B_I SPA
Unit
Continuous drain current
TC = 25 C TC = 100 C
A 16 10 161) 101) 48 460 0.64 16 20
30
Pulsed drain current, tp limited by Tjmax Avalanche energy, single pulse
ID=8, VDD=50V
ID puls EAS EAR IAR VGS VGS Ptot
48 460 0.64 16 20
30
A mJ
Avalanche energy, repetitive tAR limited by Tjmax2)
ID=16A, VDD=50V
Avalanche current, repetitive tAR limited by Tjmax
Gate source voltage
A V W
Gate source voltage AC (f >1Hz)
Power dissipation, TC = 25C
160
34
Operating and storage temperature
T j , Tstg
-55...+150
C
Rev. 2.1
Page 1
2004-04-07
SPP16N50C3, SPB16N50C3 SPI16N50C3, SPA16N50C3
Maximum Ratings Parameter Symbol Value Unit
Drain Source voltage slope
V DS = 400 V, ID = 16 A, Tj = 125 C
dv/dt
50
V/ns
Thermal Characteristics Parameter Thermal resistance, junction - case Thermal resistance, junction - case, FullPAK Thermal resistance, junction - ambient, leaded Thermal resistance, junction - ambient, FullPAK Soldering temperature, 1.6 mm (0.063 in.) from case for 10s 3)
Electrical Characteristics, at T j=25C unless otherwise specified Parameter Symbol Conditions min. Drain-source breakdown voltage V(BR)DSS VGS=0V, ID=0.25mA Drain-Source avalanche breakdown voltage Gate threshold voltage Zero gate voltage drain current VGS(th) I DSS
ID=675A, VGS=VDS VDS=500V, VGS=0V, Tj=25C Tj=150C
Symbol min. RthJC RthJC_FP RthJA RthJA FP Tsold -
Values typ. max. 0.78 3.7 62 80 260
Unit K/W
C
Values typ. 600 3 0.1 0.25 0.68 1.5 max. 3.9
Unit V
500 2.1 -
V(BR)DS VGS=0V, ID=16A
A 1 100 100 0.28 nA
Gate-source leakage current
I GSS
VGS=20V, VDS=0V VGS=10V, ID=10A Tj=25C Tj=150C
Drain-source on-state resistance RDS(on)
Gate input resistance
RG
f=1MHz, open drain
Rev. 2.1
Page 2
2004-04-07
SPP16N50C3, SPB16N50C3 SPI16N50C3, SPA16N50C3
Electrical Characteristics, at Tj = 25 C, unless otherwise specified Parameter Characteristics
Transconductance Input capacitance Output capacitance Reverse transfer capacitance
Symbol
Conditions min.
Values typ. 14 1600 800 30 64 124 10 8 50 8 max. -
Unit
g fs Ciss Coss Crss
V DS2*I D*RDS(on)max, ID=10A V GS=0V, V DS=25V, f=1MHz
-
S pF
Effective output capacitance,4) Co(er) energy related Effective output capacitance,5) Co(tr) time related
Turn-on delay time Rise time Turn-off delay time Fall time
Gate Charge Characteristics Gate to source charge Gate to drain charge Gate charge total Gate plateau voltage Qgs Qgd Qg
V GS=0V, V DS=0V to 400V
td(on) tr td(off) tf
V DD=380V, V GS=0/10V, ID=16A, RG =4.3
-
ns
VDD=380V, ID=16A
-
7 36 66 5
-
nC
VDD=380V, ID=16A, VGS=0 to 10V
V(plateau) VDD=380V, ID=16A
V
1Limited only by maximum temperature 2Repetitve avalanche causes additional power losses that can be calculated as PAV=EAR*f. 3Soldering temperature for TO-263: 220C, reflow 4C o(er) is a fixed capacitance that gives the same stored energy as Coss while VDS is rising from 0 to 80% V DSS. 5C o(tr) is a fixed capacitance that gives the same charging time as Coss while VDS is rising from 0 to 80% VDSS.
Rev. 2.1
Page 3
2004-04-07
SPP16N50C3, SPB16N50C3 SPI16N50C3, SPA16N50C3
Electrical Characteristics Parameter Inverse diode continuous forward current Inverse diode direct current, pulsed Inverse diode forward voltage Reverse recovery time Reverse recovery charge Peak reverse recovery current Peak rate of fall of reverse recovery current Typical Transient Thermal Characteristics Symbol Rth1 Rth2 Rth3 Rth4 Rth5 Rth6 0.012 0.023 0.043 0.149 0.17 0.069
Tj P tot (t) C th1 C th2 C th,n T am b
Symbol IS ISM VSD trr Qrr Irrm dirr /dt
Conditions min.
TC=25C
Values typ. 1 420 7 40 1100 max. 16 48 1.2 -
Unit A
VGS=0V, IF=IS VR=380V, IF=IS , diF/dt=100A/s
-
V ns C A A/s
Tj=25C
Value SPP_B_I SPA 0.012 0.023 0.043 0.176 0.371 2.522
R th1
Unit K/W
Symbol Cth1 Cth2 Cth3 Cth4 Cth5 Cth6
R th,n T case
Value SPP_B_I 0.0002495 0.0009406 0.001298 0.00362 0.009484 0.077 SPA 0.0002495 0.0009406 0.001298 0.00362 0.008025 0.412
Unit Ws/K
E xternal H eatsink
Rev. 2.1
Page 4
2004-04-07
SPP16N50C3, SPB16N50C3 SPI16N50C3, SPA16N50C3
1 Power dissipation Ptot = f (TC)
170
SPP16N50C3
2 Power dissipation FullPAK Ptot = f (TC)
36
W
W
140
28 120
Ptot
100 80 60 40 20 0 0
Ptot
C
24 20 16 12 8 4 0 0
20
40
60
80
100
120
160
20
40
60
80
100
120
C
160
TC
TC
3 Safe operating area ID = f ( V DS ) parameter : D = 0 , TC =25C
10
2
4 Safe operating area FullPAK ID = f (VDS) parameter: D = 0, TC = 25C
10 2
A
A
10 1
10 1
ID
10 0
ID
10 0
10 -1
tp = 0.001 ms tp = 0.01 ms tp = 0.1 ms tp = 1 ms DC
10 -1
tp = 0.001 ms tp = 0.01 ms tp = 0.1 ms tp = 1 ms tp = 10 ms DC
10 -2 0 10
10
1
10
2
V VDS
10
3
10 -2 0 10
10
1
10
2
10 V VDS
3
Rev. 2.1
Page 5
2004-04-07
SPP16N50C3, SPB16N50C3 SPI16N50C3, SPA16N50C3
5 Transient thermal impedance ZthJC = f (t p) parameter: D = tp/T
10
1
6 Transient thermal impedance FullPAK ZthJC = f (t p) parameter: D = tp/t
10 1
K/W
10 0
K/W
10 0
ZthJC
10 -1
ZthJC
10 -1
10 -2
10 -3
D = 0.5 D = 0.2 D = 0.1 D = 0.05 D = 0.02 D = 0.01 single pulse
10 -2
10 -3
D = 0.5 D = 0.2 D = 0.1 D = 0.05 D = 0.02 D = 0.01 single pulse
10 -4 -7 10
10
-6
10
-5
10
-4
10
-3
s tp
10
-1
10 -4 -7 -6 -5 -4 -3 -2 -1 10 10 10 10 10 10 10
1 s 10
tp
7 Typ. output characteristic ID = f (VDS); Tj=25C parameter: tp = 10 s, VGS
60
8 Typ. output characteristic ID = f (VDS); Tj=150C parameter: tp = 10 s, VGS
35
A
20V 7V 6.5V
A
20V 7V 6V
25
ID
ID
40
6V
20 30
5.5V
5V
15
4.5V
20
5V
10
4V
10
4.5V
5
0 0
5
10
15
V VDS
25
0 0
5
10
15
V VDS
25
Rev. 2.1
Page 6
2004-04-07
SPP16N50C3, SPB16N50C3 SPI16N50C3, SPA16N50C3
9 Typ. drain-source on resistance RDS(on)=f(ID) parameter: Tj=150C, VGS
2
10 Drain-source on-state resistance RDS(on) = f (Tj) parameter : ID = 10 A, VGS = 10 V
1.6
SPP16N50C3
RDS(on)
4V 4.5V 5V 6V
RDS(on)
1.2
1.2
1
8V 20V
0.8
0.8
0.6
0.4 0.4 0.2
98% typ
0 0
5
10
15
20
A ID
30
0 -60
-20
20
60
100
C
180
Tj
11 Typ. transfer characteristics ID= f ( VGS ); VDS 2 x ID x RDS(on)max parameter: tp = 10 s
60
12 Typ. gate charge VGS = f (Q Gate) parameter: ID = 16 A pulsed
16
SPP16N50C3
A
50 45
Tj = 25C
V
12
VGS
40
ID
10
0,2 VDS max
35 30 25
Tj = 150C
0,8 VDS max
8
6 20 15 10 2 5 0 0 1 2 3 4 5 6 7 8 4
V 10 VGS
Page 7
0 0
10
20
30
40
50
60
70
80 nC
100
Q Gate
Rev. 2.1
2004-04-07
SPP16N50C3, SPB16N50C3 SPI16N50C3, SPA16N50C3
13 Forward characteristics of body diode IF = f (VSD) parameter: Tj , tp = 10 s
10
2 SPP16N50C3
14 Avalanche SOA IAR = f (tAR) par.: Tj 150 C
16
A
A
12
IAR
10
1
IF
10
Tj(start) = 25C
8
10 0 Tj = 25 C typ Tj = 150 C typ Tj = 25 C (98%) Tj = 150 C (98%) 10 -1 0 0.4 0.8 1.2 1.6 2 2.4 V 3
6
Tj(start) = 125C
4
2
0 -3 10
10
-2
10
-1
10
0
10
1
10
2
VSD
s 10 t AR
4
15 Avalanche energy EAS = f (Tj) par.: ID = 8 , V DD = 50 V
0.5
16 Drain-source breakdown voltage V(BR)DSS = f (Tj)
600
SPP16N50C3
V
mJ
V(BR)DSS
570 560 550 540 530 520
EAS
0.3
0.2
510 500 490
0.1
480 470 460
0 20
40
60
80
100
120
160 C Tj
450 -60
-20
20
60
100
C
180
Tj
Rev. 2.1
Page 8
2004-04-07
SPP16N50C3, SPB16N50C3 SPI16N50C3, SPA16N50C3
17 Avalanche power losses PAR = f (f ) parameter: E AR=0.64mJ
450
18 Typ. capacitances C = f (VDS) parameter: V GS=0V, f=1 MHz
10 4
W
pF
Ciss
350
10
3
PAR
300 250 10 2 200 150 100 50 02 10 10 0 0 10 1
Crss Coss
10
3
10
4
10
5
6 Hz 10
C
100
200
300
V
500
f
VDS
19 Typ. Coss stored energy Eoss=f(VDS)
9
J
7
Eoss
6 5 4 3 2 1 0 0
100
200
300
V
500
VDS
Rev. 2.1
Page 9
2004-04-07
SPP16N50C3, SPB16N50C3 SPI16N50C3, SPA16N50C3
Definition of diodes switching characteristics
Rev. 2.1
Page 10
2004-04-07
SPP16N50C3, SPB16N50C3 SPI16N50C3, SPA16N50C3
P-TO-220-3-1
B 10 0.4 3.7 0.2 A 1.270.13 4.44
15.38 0.6
2.8 0.2
C
5.23 0.9
13.5 0.5
3x 0.75 0.1 1.17 0.22 2x 2.54 0.25
M
0.5 0.1 2.510.2
ABC
All metal surfaces tin plated, except area of cut. Metal surface min. x=7.25, y=12.3
P-TO-263-3-2 (D 2-PAK)
Rev. 2.1
9.98 0.48
0.05
Page 11
2004-04-07
SPP16N50C3, SPB16N50C3 SPI16N50C3, SPA16N50C3
P-TO-262-3-1 (I2-PAK)
10 0.2 0...0.3 8.5
1)
1)
A
B 4.4 1.27
1 0.3
11.6 0.3
2.4
C
4.55 0.2
13.5 0.5
0...0.15 1.05 3 x 0.75 0.1 2 x 2.54
1)
0.5 0.1 2.4
0.25
M
ABC
Typical Metal surface min. X = 7.25, Y = 6.9 All metal surfaces tin plated, except area of cut.
P-TO-220-3-31 (FullPAK)
Please refer to mounting instructions (application note AN-TO220-3-31-01)
Rev. 2.1
9.25 0.2
7.55
0.05
Page 12
2004-04-07
SPP16N50C3, SPB16N50C3 SPI16N50C3, SPA16N50C3
Published by Infineon Technologies AG, Bereichs Kommunikation St.-Martin-Strasse 53, D-81541 Munchen (c) Infineon Technologies AG 1999 All Rights Reserved. Attention please! The information herein is given to describe certain components and shall not be considered as warranted characteristics. Terms of delivery and rights to technical change reserved. We hereby disclaim any and all warranties, including but not limited to warranties of non-infringement, regarding circuits, descriptions and charts stated herein. Infineon Technologies is an approved CECC manufacturer. Information For further information on technology, delivery terms and conditions and prices please contact your nearest Infineon Technologies Office in Germany or our Infineon Technologies Reprensatives worldwide (see address list). Warnings Due to technical requirements components may contain dangerous substances. For information on the types in question please contact your nearest Infineon Technologies Office. Infineon Technologies Components may only be used in life-support devices or systems with the express written approval of Infineon Technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device or system Life support devices or systems are intended to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may be endangered.
Rev. 2.1
Page 13
2004-04-07


▲Up To Search▲   

 
Price & Availability of SPA16N50C3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X