|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SMA5118 Absolute maximum ratings Symbol VDSS VGSS ID ID(pulse) EAS* PT Ratings 500 30 5 10 (PW1ms, Du1%) 45 N-channel 3-phase DC motor 200V AC direct drive Electrical characteristics Symbol V(BR)DSS IGSS IDSS VTH Re(yfs) RDS(ON) Ciss Coss td(on) tr td(off) tf VSD trr Specification min typ max 500 100 100 2.0 4.0 2.4 4.0 1.05 1.4 770 290 20 25 70 65 1.1 1.5 75 Unit V nA A V S pF pF ns ns ns ns V ns External dimensions B *** SMA (Ta=25C) (Ta=25C) Unit Conditions ID=100A, VGS=0V VGS=30V VDS=500V, VGS=0V VDS=10V, ID=1mA VDS=10V, ID=2.5A VGS=10V, ID=2.5A VDS=10V, f=1.0MHz, VGS=0V ID=2.5A, VDD 200V, RL=80, VGS=10V, see Fig. 3 on page 16. ISD=5A, VGS=0V ISD=2.5A, di/dt=100A/s j-a j-c Tch Tstg V V A A mJ 4 (Ta=25C, with all circuits operating, without heatsink) W 35 (Tc=25C,with all circuits operating, with infinite heatsink) W 31.2 (Junction-Air, Ta=25C, with all circuits operating) C/W 3.57 (Junction-Case, Tc=25C, with all circuits operating) C/W 150 C -40 to +150 C * : VDD=30V, L=3.4mH, ID=5A, unclamped, RG=50, see Fig. E on page 15. sEquivalent circuit diagram 1 2 8 4 9 6 10 5 12 11 3 7 Characteristic curves ID-VDS Characteristics (Typical) 5 5V ID-VGS Characteristics (Typical) 5 RDS(ON)-ID Characteristics (Typical) 2.0 (VDS=20V) (VGS=10V) 10V 4 4 1.5 3 (ON) () TC=125C 25C ID (A) 4.5V ID (A) 3 1.0 2 2 RDS 0.5 4 6 1 4V 1 -40C 0 0 VGS=3.5V 5 10 15 20 0 0 2 VDS (V) VGS (V) 0 0 1 2 3 4 5 ID (A) Re(yfs)-ID Characteristics (Typical) 10 5 =- Ta C 40 C 25 5C 12 RDS(ON)-TC Characteristics (Typical) 3.0 Capacitance-VDS Characteristics (Typical) 2000 1000 Ciss (VDS=20V) ID=2.5A VGS=10V VGS=0V f=1MHz 2.5 Re (yfs) (S) (ON) () 2.0 1.5 Capacitance (pF) 500 RDS 1 100 Coss 1.0 0.5 50 0.5 Crss 0.2 0.05 0.1 0.5 1 5 0 -40 0 50 100 150 10 ID (A) 0 10 20 30 40 50 TC (C) VDS (V) IDR-VSD Characteristics (Typical) 5 Safe Operating Area (SOA) 20 ID (pulse) max PT-Ta Characteristics 40 35 With Silicon Grease Natural Cooling All Circuits Operating (Ta=25C) (TC=25C) 10 4 5 DS N) (O LI M IT ED 10 30 0 s ith W PT (W) IDR (A) ID (A) 3 R 1m 25 20 15 10 ite fin In s 1 0.5 k in ts ea H 2 1 0.1 0 0 0.05 0.5 1.0 1.5 5 Without Heatsink 0 3 5 10 50 100 600 0 50 100 150 VSD (V) VDS (V) Ta (C) 139 |
Price & Availability of SMA5118 |