Part Number Hot Search : 
42700 MS3106 ULN2803 EP2600PD C5000 P1107 ALN0838 PN16257
Product Description
Full Text Search
 

To Download SGA-0163 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Product Description
Stanford Microdevices SGA-0163 is a high performance cascadeable 50-ohm amplifier designed for operation at voltages as low as 2.1V. This RFIC uses the latest Silicon Germanium Heterostructure Bipolar Transistor (SiGe HBT) process featuring 1 micron emitters with FT up to 50 GHz. This circuit uses a Darlington pair topology with resistive feedback for broadband performance as well as stability over its entire temperature range. Internally matched to 50 Ohm impedance, the SGA-0163 requires only DC blocking and bypass capacitors for external components. Small Signal Gain vs. Frequency
15
Preliminary Preliminary
SGA-0163
DC-4500 MHz, Silicon Germanium Cascadeable Gain Block
10
dB
Product Features DC-4500 MHz Operation Single Voltage Supply Low Current Draw: 8mA at 2.1V typ. High Output Intercept: 10 dBm typ. at
1950MHz
5
0 0 1 2 3 4 5 6
Frequency GHz
Applications Oscillator Amplifiers Broadband Gain Blocks IF/RF Buffer Amplifiers
Sy mbol
Parameters: Test Conditions: Z0 = 50 Ohms, ID = 8 mA, T = 25C Output Pow er at 1dB Compression f = 850 MHz f = 1950 MHz f = 2400 MHz f = 850 MHz f = 1950 MHz f = 2400 MHz f = 850 MHz f = 1950 MHz f = 2400 MHz
Units dBm dBm dBm dBm dBm dBm dB dB dB MHz f = DC - 4500MHz f = DC - 4500MHz f = 850 MHz f = 1950 MHz f = 2400 MHz f = 1950 MHz dB dB dB dB V C/W
Min.
Ty p. -1.8 -1.8 -2.4 9.4 9.8 9.2 12.7 12.0 11.6 4500 1.6:1 1.3:1 17.6 18.1 18.3 4.6 2.1 255
Max.
P1dB
IP3
Third Order Intercept Point Pow er out per tone = -17 dBm
S21 BW3dB S11 S22 S12 NF VD Rth, j-l
Small Signal Gain 3dB Bandw idth Input VSWR Output VSWR Reverse Isolation Noise Figure Device Voltage Thermal Resistance (junction - lead)
The information provided herein is believed to be reliable at press time. Stanford Microdevices assumes no responsibility for inaccuracies or omissions. Stanford Microdevices assumes no responsibility for the use of this information, and all such information shall be entirely at the users own risk. Prices and specifications are subject to change without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. Stanford Microdevices does not authorize or warrant any Stanford Microdevices product for use in life-support devices and/or systems. Copyright 2000 Stanford Microdevices, Inc. All worldwide rights reserved.
522 Almanor Ave., Sunnyvale, CA 94085
Phone: (800) SMI-MMIC
http://www.stanfordmicro.com
EDS-101494 Rev A
1
Preliminary Preliminary SGA-0163 DC-4.5 GHz 2.1V SiGe Amplifier Absolute Maximum Ratings Operation of this device above any one of these parameters may cause permanent damage. Bias Conditions should also satisfy the following expression: IDVD (max) < (TJ - TOP)/Rth,j-l
Parameter Supply Current Device Voltage Operating Temperature Maximum Input Pow er Storage Temperature Range Operating Junction Temperature Value 16 6 -40 to +85 -4 -40 to +150 +150 Unit mA V C dBm C C
Key parameters, at typical operating frequencies:
Parameter 100 MHz Gain Output IP3 Output P1dB Input Return Loss Reverse Isolation Noise Figure 500 MHz Gain Output IP3 Output P1dB Input Return Loss Reverse Isolation Noise Figure 850 MHz Gain Output IP3 Output P1dB Input Return Loss Reverse Isolation Noise Figure 1950 MHz Gain Output IP3 Output P1dB Input Return Loss Reverse Isolation Noise Figure 2400 MHz Gain Output IP3 Output P1dB Input Return Loss Reverse Isolation 3500 MHz Gain Output IP3 Output P1dB Input Return Loss Reverse Isolation Ty pical 25C Test Condition Unit dB dBm dBm dB dB dB dB dBm dBm dB dB dB dB dBm dBm dB dB dB dB dBm dBm dB dB dB dB dBm dBm dB dB dB dBm dBm dB dB (ID = 8mA, unless otherwise noted)
12.9 9.4 -1.5 12.5 17.3 4.6 12.8 9.5 -1.5 12.7 17.4 4.6 12.7 9.4 -1.8 12.8 17.6 4.7 12.0 9.8 -1.8 12.4 18.1 4.6 11.6 9.2 -2.5 12.1 18.3 10.6 9.3 -2.7 11.8 18.5
Tone spacing = 1 MHz, Pout per tone = -17dBm
Zs = 50 Ohms
Tone spacing = 1 MHz, Pout per tone = -17dBm
Zs = 50 Ohms
Tone spacing = 1 MHz, Pout per tone = -17dBm
Zs = 50 Ohms
Tone spacing = 1 MHz, Pout per tone = -17dBm
Zs = 50 Ohms
Tone spacing = 1 MHz, Pout per tone = -17dBm
Tone spacing = 1 MHz, Pout per tone = -17dBm
522 Almanor Ave., Sunnyvale, CA 94085
Phone: (800) SMI-MMIC
2
http://www.stanfordmicro.com
EDS-101494 Rev A
Preliminary Preliminary SGA-0163 DC-4.5 GHz 2.1V SiGe Amplifier
Pin # 1 Function Description GND Connection to ground. For best performance use via holes (as close to ground leads as possible) to reduce lead inductance. GND Same as Pin 1 RF IN RF input pin. This pin requires the use of an external DC blocking capacitor chosen for the frequency of operation. Same as Pin 1 Same as Pin 1 RF output and bias pin. Bias should be supplied to this pin through an external series resistor and RF choke inductor. Because DC biasing is present on this pin, a DC blocking capacitor should be used in most applications (see application schematic). The supply side of this bias netw ork should be w ell bypassed. Device Schematic
2 3
4 5 6
GND GND RF OUT
Application Schematic
Recommended Bias Resistor Values Supply Voltage(Vs) Rbias (Ohms) 5V 360 7.5V 680 9V 820 12V 1.2K
Cd1
Cd2
R bias Vs
Note: A bias resistor is needed for stability over temperature.
50 ohm microstrip
Lchoke 1,2 3 Cb1 6 4,5 Cb2
50 ohm microstrip
R eference D esignator C b1 C b2 C d1 C d2 Lchoke
Function D C Blocki ng D C Blocki ng D ecoupli ng D ecoupli ng AC Blocki ng
500 MH z 220 pF 220 pF 1 uF 100 pF 68 nH
850 MH z 100 pF 100 pF 1 uF 68 pF 33 nH
1950 MH z 68 pF 68 pF 1 uF 22 pF 22 nH
2400 MH z 56 pF 56 pF 1 uF 22 pF 18 nH
522 Almanor Ave., Sunnyvale, CA 94085
Phone: (800) SMI-MMIC
3
http://www.stanfordmicro.com
EDS-101494 Rev A
Preliminary Preliminary SGA-0163 DC-4.5 GHz 2.1V SiGe Amplifier
20
S21 vs. Temperature, ID = 8mA
25C -40C 85C
0
S12 vs. Temperature, ID = 8mA
25C -40C 85C
15
-10
dB
10
dB
-20 -30 0 1 2 3 4 5 6 0 1 2 3 4 5 6
5
0
GHz
GHz
0 -5
S11 vs. Temperature, ID = 8mA
25C -40C 85C
0
S22 vs. Temperature, ID = 8mA
25C -40C 85C
-10
dB
dB
0 1 2 3 4 5 6
-10 -15 -20 -25
-20
-30
-40 0 1 2 3 4 5 6
GHz
GHz
15
IP3 vs. Temperature, ID = 8mA
0 -2
P1dB vs. Temperature, ID = 8mA
dBm
10
dBm
5 25C -40C 85C 0 1 2 3 4
-4 -6 -8 25C -40C 85C 0 1 2 3 4
0
-10
GHz
GHz
522 Almanor Ave., Sunnyvale, CA 94085
Phone: (800) SMI-MMIC
4
http://www.stanfordmicro.com
EDS-101494 Rev A
Preliminary Preliminary SGA-0163 DC-4.5 GHz 2.1V SiGe Amplifier
Caution: ESD sensitive
Appropriate precautions in handling, packaging and testing devices must be observed.
Part Number Ordering Information
Part Number SGA-0163 Reel Size 7" Devices/Reel 3000
6
5
4
Note: Pin 1 is on lower left when you can read package marking
Package Marking
G45
1 2 3
Package Dimensions
1.30 (0.051) REF.
Pad Layout
0.026
2.20 (0.087) 2.00 (0.079)
1.35 (0.053) 1.15 (0.045)
0.075
0.035
0.650 BSC (0.025) 2.20 (0.087) 1.80 (0.071) 0.10 (0.004) 0.00 (0.00) 1.00 (0.039) 0.80 (0.031) 0.25 (0.010) 0.15 (0.006)
0.016
0.425 (0.017) TYP. 0.20 (0.0080 0.10 (0.004)
0.30 REF.
10
0.30 (0.012) 0.10 (0.0040
DIMENSIONS ARE IN INCHES [MM]
522 Almanor Ave., Sunnyvale, CA 94085
Phone: (800) SMI-MMIC
5
http://www.stanfordmicro.com
EDS-101494 Rev A


▲Up To Search▲   

 
Price & Availability of SGA-0163

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X