Part Number Hot Search : 
332M25V TECC1880 D33217CK 104J1 CSNR6 LU3103 K15A60 BDX54A
Product Description
Full Text Search
 

To Download SB250-09R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ordering number :EN2499
SB250-09R
Schottky Barrier Diode (Twin Type * Cathode Common)
90V, 25A Rectifier
Applications
* High frequency rectification (switching regulators, converters, choppers).
Package Dimensions
unit:mm 1180
[SB250-09R]
Features
* Low forward voltage (VF max=0.85V). * Fast reverse recovery time (trr max=60ns). * Low switching noise. * Low leakage current and high reliability due to highly reliable planar structure. * Micaless package facilitating easy mounting.
A:Anode C:Cathode A:Anode SANYO:TO-3PML
Specifications
Absolute Maximum Ratings at Ta = 25C
Parameter Repetitive Peak Reverse Voltage Nonrepetitive Peak Reverse Surge Voltage Average Output Current Surge Forward Current Junction Temperature Storage Temperature Symbol VRRM VRSM IO IFSM Tj Tstg Conditions Ratings -90 -95 Unit V V A A
50Hz, resistive load, Tc=67C
50Hz sine wave, 1 cycle
25 160 -55 to +125 -55 to +125
C C
Electrical Characteristics
Parameter Reverse Voltage Forward Voltage Reverse Current Reverse Recovery Time Thermal Resistance Symbol VR VF IR trr Rthj-c Conditions Ratings min -90 0.85 -1.0 60 1.8 typ max Unit V V mA ns
IR=-5mA, Tj=25C* IF=10A, Tj=25C* VR=-45V, Tj=25C* IF=2A, Tj=25C*, -dIF/dt=10A/s Junction-Case:Smoothed DC
C/W
Note)*:Value per element Electrical Connection
A:Anode C:Cathode
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
33098HA (KT)/D227AT, TS No.2499-1/3
SB250-09R
No.2499-2/3
SB250-09R
No products described or contained herein are intended for use in surgical implants, life-support systems, aerospace equipment, nuclear power control systems, vehicles, disaster/crime-prevention equipment and the like, the failure of which may directly or indirectly cause injury, death or property loss. Anyone purchasing any products described or contained herein for an above-mentioned use shall: Accept full responsibility and indemnify and defend SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors and all their officers and employees, jointly and severally, against any and all claims and litigation and all damages, cost and expenses associated with such use: Not impose any responsibilty for any fault or negligence which may be cited in any such claim or litigation on SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors or any of their officers and employees jointly or severally. Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed for volume production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties. This catalog provides information as of March, 1998. Specifications and information herein are subject to change without notice.
PS No.2499-3/3


▲Up To Search▲   

 
Price & Availability of SB250-09R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X