|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
DATA SHEET SB1020F~SB10100F ISOLATION SCHOTTKY BARRIER RECTIFIERS VOLTAGE- 20 to 100 Volts CURRENT - 10.0 Ampere FEATURES .112(2.85) .100(2.55) ITO-220AC .272(6.9) .248(6.3) Unit: inch ( mm ) .406(10.3) MAX .134(3.4) .118(3.0) .189(4.8)MAX .130(3.3)MAX * Plastic package has Underwriters Laboratory Flammability Classification 94V-O. Flame Retardant Epoxy Molding Compound. * Exceeds environmental standards of MIL-S-19500/228 * Low power loss, high efficiency. * Low forwrd voltge, high current capability * High surge capacity. * For use in low voltage,high frequency inverters .606(15.4) .583(14.8) .161(4.1) MAX .055(1.4) MAX .543(13.8) .512(13.0) free wheeling , and polarlity protection applications. .114(2.9) .098(2.5) .032(.8) MAX MECHANICAL DATA Case: ITO-220AC Molded plastic Terminals: Solder plated, solderable per MIL-STD-202, Method 208 Polarity: As marked. Standard packaging: Any Weight: 0.08 ounces, 2.24grams. .035(.9) MAX .1 (2.55) .1 (2.55) MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Ratings at 25C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% SB1020F SB1030F SB1040F SB1050F SB1060F Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at Tc=90C Peak Forward Surge Current, 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Maximum Instantaneous Forward Voltage at 10.0A per element Maximum DC Reverse Current (Note 1) Ta=25C at Rated DC Blocking Voltage Ta=100C Typical Thermal Resistance Note RJA Operating and Storage Temperature Range TJ 0.55 0.5 50 60 -50 to +125 20.0 14.0 20.0 30.0 21.0 30.0 40.0 28.0 40.0 50.0 35.0 50.0 10 150 60.0 42.0 60.0 SB1080F 80.0 56.0 80.0 SB10100F 100.0 70.0 100.0 UNIT V V V A A 0.75 0.85 V mA C/W C NOTES: 1. Thermal Resistance Junction to Ambient . DATE : OCT.15.2002 PAGE . 1 RATING AND CHARACTERISTIC CURVES INSTANTANEOUS FORWARD CURRENT AMPERES 40 50,60V 20,30,40V AVERAGE FORWARD CURRENT 25.0 20.0 15.0 10.0 5.0 0 0 10 8 6 4 2 1.0 .8 .6 .4 .2 .1 80,100V TJ = 25 C Pulse Width = 300ms 1% Duty Cycle O 50 100 O 150 .4 .5 .6 .7 .8 .9 1.0 1.1 CASE TEMPERATURE, C INSTANTANEOUS FORWARD VOLTAGE, VOLTS Fig.1- FORWARD CURRENT DERATING CURVE INSTANTANEOUS REVERSE CURRENT, MILAMPERES Fig.2- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTIC 100 TC = 100OC 150 PEAK FORWARD SURGE CURRENT, 10 120 110 90 70 50 30 20 10 1 2 5 10 TC = 75 C 1.0 O 8.3ms Single Half Since-Wave JEDEC Method TC = 25OC 0.1 0.01 0 100 200 300 PERCENT OF PEAK REVERSE VOLTAGE 20 50 100 NO. OF CYCLE AT 60HZ Fig.3- TYPICAL REVERSE CHARACTERISTIC Fig.4- MAXIMUM NON-REPETITIVE SURGE CURRENT 400 CAPACITANCE, pF 350 TJ = 25 C O 300 250 200 150 0 1 2 5 10 20 50 100 200 500 REVERSE VOLTAGE, VOLTS Fig.5- TYPICAL JUNCTION CAPACITANCE DATE : OCT.15.2002 PAGE . 2 |
Price & Availability of SB1080F |