Part Number Hot Search : 
AM1501F 5KP150A FXP7000 XH103 PAL20X4A ULBM2T EPC1091P PTB20008
Product Description
Full Text Search
 

To Download SA28A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR
TECHNICAL DATA
Zener Transient Voltage Suppressors Unidirectional and Bidirectional
The SA5.0A series is designed to protect voltage sensitive components from high voltage, high energy transients. They have excellent clamping capability, high surge capability, low zener impedance and fast response time. The SA5.0A series is supplied in Motorola's exclusive, cost-effective, highly reliable Surmetic axial leaded package and is ideally-suited for use in communication systems, numerical controls, process controls, medical equipment, business machines, power supplies and many other industrial/consumer applications. Specification Features: * Stand-off Zener Voltage Range -- 5 to 170 V * Peak Power -- 500 Watts @ 1 ms * Maximum Clamp Voltage @ Peak Pulse Current * Low Leakage < 1 A Above 8.5 Volts * Maximum Temperature Coefficient Specified * Response Time is Typically Less than 1 ns Mechanical Characteristics: CASE: Void-free, transfer-molded, thermosetting plastic FINISH: All external surfaces are corrosion resistant and leads are readily solderable POLARITY: Cathode indicated by polarity band. When operated in zener mode, will be positive with respect to anode MOUNTING POSITION: Any WAFER FAB LOCATION: Phoenix, Arizona ASSEMBLY/TEST LOCATION: Guadalajara, Mexico
SA5.0A through SA170A
MOSORB ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS 5-170 VOLT 500 WATT PEAK POWER 3 WATT STEADY STATE
CASE 59-04 PLASTIC
MAXIMUM RATINGS
Rating Peak Power Dissipation (1) @ TL 25C Steady State Power Dissipation @ TL 75C, Lead Length = 3/8 Derated above TL = 75C Forward Surge Current (2) @ TA = 25C Operating and Storage Temperature Range
Lead Temperature not less than 1/16 from the case for 10 seconds: 230C NOTES: 1. Nonrepetitive current pulse per Figure 4 and derated above TA = 25C per Figure 2. NOTES: 2. 1/2 sine wave (or equivalent square wave), PW = 8.3 ms, duty cycle = 4 pulses per minute maximum.
Symbol PPK PD
Value 500 3 30
Unit Watts Watts mW/C Amps C
IFSM TJ, Tstg
70 - 55 to +175
Devices listed in bold, italic are Motorola preferred devices.
Motorola TVS/Zener Device Data
500 Watt Peak Power Data Sheet 4-1
SA5.0A through SA170A
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted) VF = 3.5 V Max, IF* = 35 A (except bidirectional devices).
Breakdown Voltage
{{VBR{{
(Volts) Device SA5.0A SA6.0A SA6.5A SA7.0A SA7.5A SA8.0A SA8.5A SA9.0A SA10A SA11A SA12A SA13A SA14A SA15A SA16A SA17A SA18A SA20A SA22A SA24A SA26A SA28A SA30A SA33A SA36A SA40A SA43A SA45A SA48A SA51A SA54A SA58A SA60A SA64A SA70A SA75A SA78A SA85A SA90A SA100A SA110A SA120A SA130A SA150A SA160A SA170A Min 6.4 6.67 7.22 7.78 8.33 8.89 9.44 10 11.1 12.2 13.3 14.4 15.6 16.7 17.8 18.9 20 22.2 24.4 26.7 28.9 31.1 33.3 36.7 40 44.4 47.8 50 53.3 56.7 60 64.4 66.7 71.1 77.8 83.3 86.7 94.4 100 111 122 133 144 167 178 189 Max 7 7.37 7.98 8.6 9.21 9.83 10.4 11.1 12.3 13.5 14.7 15.9 17.2 18.5 19.7 20.9 22.1 24.5 26.9 29.5 31.9 34.4 36.8 40.6 44.2 49.1 52.8 55.3 58.9 62.7 66.3 71.2 73.7 78.6 86 92.1 95.8 104 111 123 135 147 159 185 197 209 @ IT (mA) 10 10 10 10 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
Working Peak Reverse Voltage VRWM** (Volts) 5 6 6.5 7 7.5 8 8.5 9 10 11 12 13 14 15 16 17 18 20 22 24 26 28 30 33 36 40 43 45 48 51 54 58 60 64 70 75 78 85 90 100 110 120 130 150 160 170
Maximum Reverse Leakage @ VRWM IR (A) 600 600 400 150 50 25 5 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
Maximum Reverse Surge Current IRSM{ (Amps) 54.3 48.5 44.7 41.7 38.8 36.7 34.7 32.5 29.4 27.4 25.1 23.2 21.5 20.6 19.2 18.1 17.2 15.4 14.1 12.8 11.9 11 10.3 9.4 8.6 7.8 7.2 6.9 6.5 6.1 5.7 5.3 5.2 4.9 4.4 4.1 4 3.6 3.4 3.1 2.8 2.5 2.4 2.1 1.9 1.8
Maximum Reverse Voltage @ IRSM (Clamping Voltage) VRSM (Volts) 9.2 10.3 11.2 12 12.9 13.6 14.4 15.4 17 18.2 19.9 21.5 23.2 24.4 26 27.6 29.2 32.4 35.5 38.9 42.1 45.4 48.4 53.3 58.1 64.5 69.4 72.7 77.4 82.4 87.1 93.6 96.8 103 113 121 126 137 146 162 177 193 209 243 259 275
Maximum Voltage Temperature Variation of VBR mV/C 5 5 5 6 7 7 8 9 10 11 12 13 14 16 17 19 20 23 25 28 30 31 36 39 41 46 50 52 56 61 65 70 71 76 85 91 95 103 110 123 133 146 158 184 196 208
** 1/2 sine wave (or equivalent square wave), PW = 8.3 ms, duty cycle = 4 pulses per minute maximum. (continued) ** MOSORB transient suppressors are normally selected according to the maximum reverse stand-off voltage (VRWM), which should be equal to or greater than the dc or continuous peak ***operating voltage level. {{ Surge current waveform per Figure 4 and derate per Figure 2. {{ VBR measured at pulse test current IT at an ambient temperature of 25C.
FOR BIDIRECTIONAL APPLICATIONS USE CA SUFFIX for SA6.0CA through SA170CA Electrical characteristics apply in both directions.
Preferred Bidirectional Devices -- SA6.5CA SA13CA SA12CA SA15CA
SA18CA SA24CA
500 Watt Peak Power Data Sheet 4-2
Motorola TVS/Zener Device Data
SA5.0A through SA170A
PP, PEAK POWER (kW)
NONREPETITIVE PULSE WAVEFORM SHOWN IN FIGURE 4 10
PEAK PULSE DERATING IN % OF PEAK POWER OR CURRENT @ TA= 25C
100
100 80 60 40 20 0
1
0.1 0.1 s
1 s
10 s
100 s
1 ms
10 ms
0
25
50
tp, PULSE WIDTH
75 100 125 150 175 TA, AMBIENT TEMPERATURE (C)
200
Figure 1. Pulse Rating Curve
Figure 2. Pulse Derating Curve
tr 10,000 C, CAPACITANCE (pF) VALUE (%) MEASURED @ ZERO BIAS 100
PULSE WIDTH (tp) IS DEFINED AS THAT POINT WHERE THE PEAK CURRENT DECAYS TO 50% OF IRSM. PEAK VALUE -- IRSM tr 10 s IRSM 2
1000
HALF VALUE - 50 tP 0
100
MEASURED @ STAND-OFF VOLTAGE (VR) 0.1 1 10 100 1000 0
10
1
2 t, TIME (ms)
3
4
VBR, BREAKDOWN VOLTAGE (VOLTS)
Figure 3. Capacitance versus Breakdown Voltage
Figure 4. Pulse Waveform
PD , STEADY STATE POWER DISSIPATION (WATTS)
5 4 3/8
3/8
3
2
1
0 0 25 50 75 100 125 150 175 200 TL, LEAD TEMPERATURE (C)
Figure 5. Steady State Power Derating
Devices listed in bold, italic are Motorola preferred devices.
Motorola TVS/Zener Device Data
500 Watt Peak Power Data Sheet 4-3


▲Up To Search▲   

 
Price & Availability of SA28A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X