Part Number Hot Search : 
D3055 BT151X KBK10B PT2250A M38C81M2 40N25 M38C81M2 90583C
Product Description
Full Text Search
 

To Download RPM851ASERIES Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Communication ICs
IrDA wireless communication transceiver IC (supports Ver.1.0)
RPM851A Series
The RPM851A series is an IC that supports IrDA Ver 1.0, and is ideal for wireless communications. An infrared LED, a pin-photo diode, and a receiver frequency formation LSI are all contained in a single package. Also equipped with low power consumption and power down functions making this IC perfect for mobile sets. FApplications Personal computers, PDAs, DVCs, digital cameras, printers, cellular phones, PHS systems, hand-held terminals, and others FFeatures 1) Supports IrDA Ver. 1.0 2) Low power consumption while standing by for reception (typ. 220A). 3) A power-down function is perfect for battery applications. 4) Supports a broad power supply voltage range from 2.7V to 5.5V. 5) The package supports mounting on both the upper and side surfaces. 6) Integrated shield case (RPM851A-H6) FAbsolute maximum ratings (Ta = 25_C)
FRecommended operating conditions (Ta = 25_C)
FSeries
651
Communication ICs
FBlock diagram
RPM851A Series
652
Communication ICs
FPin descriptions
RPM851A Series
653
Communication ICs
RPM851A Series
FElectrical characteristics (unless otherwise noted, LEDVCC = VCC = PINVCC = 3V, Ta = 25_C)
FOptical characteristics (unless otherwise noted, LEDVCC = VCC = PDVCC = 3V, Ta = 25_C)
654
Communication ICs
FCircuit operation Timing charts
RPM851A Series
FApplication example
655
Communication ICs
FRecommended values (at VCC = 3V)
RPM851A Series
656
Communication ICs
FOperation notes (1) LEDVCC (pin5), VCC (pin122) and PINVCC (pin13) S Other power source can be used within 0.2 [V] voltage difference between LEDVCC and VCC. VCC and PINVCC should be supplied from the same source. (2) Caution in designing board lay-out S Pin1 is radiaton pin from LED as well. Wider pattern is better. S The line of RXDSIR (pin10) should be connected at backside via through hole close to RPM851A pin lead. Better not to be close to photo diode side (pin13). ! This is to minimize feedback supplied to photo diode from RXDSIR. S Capacitors for pin12 (VCC) and pin13 (PINVCC) should be placed close to RPM851A. FExternal dimensions (Units: mm)
RPM851A Series
S Better to be placed more than 1.0cm in radius from photo diode (pin13) and also away from the parts which generates noise, such as DC / DC converter. Digital signal line, such as clock pulse, bus etc, are also away more than 1.0cm in radius from photo diode. S As for C1, C2 and, GND should be close to pin7 and placed close to pins11, 12 and 13 (within 5mm). (3) Please be sure to set up the TXD (pin6) input to be "L" (under 0.5 [V]) except transmitting data (for < 90 s. ON Duty < 20%). (4) Powerdown current might increase if exposed by strong light (ex. direct sunlight) at powerdown mode. (5) Please use by the signal form which is specified by IrDA Ver1.0. There might be on error if used by different signal form.
657


▲Up To Search▲   

 
Price & Availability of RPM851ASERIES

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X