Part Number Hot Search : 
ERD25TJB FT0405DE ST25VF ADM3077E FKBP200 MC54F32N 003900 16212
Product Description
Full Text Search
 

To Download RGP20A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RGP20A THRU RGP20J
GLASS PASSIVATED JUNCTION FAST SWITCHING PLASTIC RECTIFIER
Reverse Voltage - 50 to 600 Volts
* D
Forward Current - 2.0 Amperes
FEATURES
Plastic package has Underwriters Laboratory Flammability Classification 94V-0 High temperature metallurgically bonded construction Glass passivated cavity-free junction Capable of meeting environmental standards of MIL-S-19500 Fast switching for high efficiency 2.0 Ampere operation at TA=55C with no thermal runaway Typical IR less than 0.2A High temperature soldering guaranteed: 350C/10 seconds, 0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension
T
E
P A T
E
N
Case Style GP20
1.0 (25.4) MIN. 0.210 (5.3) 0.190 (4.8) DIA. 0.375 (9.5) 0.285 (7.2)
1.0 (25.4) MIN. 0.042 (1.07) 0.037 (0.94) DIA.
MECHANICAL DATA
Case: Molded plastic over solid glass body Terminals: Plated axial leads, solderable per MIL-STD-750, Method 2026 Polarity: Color band denotes cathode end Mounting Position: Any Weight: 0.03 ounce, 0.8 gram
Dimensions in inches and (millimeters)
*Glass-plastic encapsulation technique is covered by
Patent No. 3,996,602 and brazed-lead assembly by Patent No. 3,930,306
(R)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified.
SYMBOLS
RGP 20A
RGP 20B
RGP 20D
RGP 20G
RGP 20J
UNITS
Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current 0.375" (9.5mm) lead length at TA=55C Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Maximum instantaneous forward voltage at 2.0A Maximum DC reverse current at rated DC blocking voltage TA=25C TA=125C
VRRM VRMS VDC I(AV) IFSM VF IR IR(AV) trr CJ RJA TJ, TSTG
50 35 50
100 70 100
200 140 200 2.0 80.0 1.3 5.0 100.0 100.0 150.0 35.0 22.0 -65 to +175
400 280 400
600 420 600
Volts Volts Volts Amps Amps Volts A A
Maximum full load reverse current, full cycle average, 0.375" (9.5mm) lead length at TA=55C Maximum reverse recovery time (NOTE 1) Typical junction capacitance (NOTE 2) Typical thermal resistance (NOTE 3) Operating junction and storage temperature range
250
ns pF C/W C
NOTES: (1) Reverse recovery test conditions: IF=0.5A, IR=1.0A, Irr=0.25A (2) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts (3) Thermal resistance from junction to ambient at 0.375" (9.5mm) lead length, P.C.B. mounted
4/98
RATINGS AND CHARACTERISTIC CURVES RGP20A THRU RGP20J
AVERAGE FORWARD RECTIFIED CURRENT, AMPERES
FIG. 1 - FORWARD CURRENT DERATING CURVE PEAK FORWARD SURGE CURRENT, AMPERES
2.0
FIG. 2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
RESISTIVE OR INDUCTIVE LOAD
100
TA=55C 8.3ms SINGLE HALF SINE-WAVE (JEDEC Method)
1.5
1.0
0.5
0.375" (9.5mm) LEAD LENGTH
0
0
25
50
75
100
125
150
175
10
1
10
NUMBER OF CYCLES AT 60 Hz
100
AMBIENT TEMPERATURE, C
FIG. 3 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
10
INSTANTANEOUS FORWARD CURRENT, AMPERES
20 10
INSTANTANEOUS REVERSE CURRENT, MICROAMPERES
TJ=125C
1
TJ=25C PULSE WIDTH=300s 1% DUTY CYCLE
TJ=100C
1
0.1
TJ=75C
0.1
TJ=25C
0.01 0.4
0.6
0.8
1.0
1.2
1.4
1.6
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
0.01
0
20
40
60
80
100
PERCENT OF RATED PEAK REVERSE VOLTAGE, %
100
JUNCTION CAPACITANCE, pF
TJ=25C f=1.0 MHZ Vsig=50mVp-p
TRANSIENT THERMAL IMPEDANCE, C/W
FIG. 5 - TYPICAL JUNCTION CAPACITANCE
FIG. 6 - TYPICAL TRANSIENT THERMAL IMPEDANCE
100
10
1
10
0.1 0.01
0.1
1
10
100
5
1
10
REVERSE VOLTAGE, VOLTS
100
t, PULSE DURATION, sec.


▲Up To Search▲   

 
Price & Availability of RGP20A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X