Part Number Hot Search : 
KA431DTF 32620 25F80 DS2290 EP4864 HD63B2 F4360 0498050
Product Description
Full Text Search
 

To Download RFP40N10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RFG40N10, RFP40N10, RF1S40N10SM
Data Sheet July 1999 File Number
2431.3
40A, 100V, 0.040 Ohm, N-Channel Power MOSFETs
These are N-Channel power MOSFETs manufactured using the MegaFET process. This process, which uses feature sizes approaching those of LSI integrated circuits gives optimum utilization of silicon, resulting in outstanding performance. They were designed for use in applications such as switching regulators, switching converters, motor drivers, relay drivers and emitter switches for bipolar transistors. These transistors can be operated directly from integrated circuits. Formerly developmental type TA9846
Features
* 40A, 100V * rDS(ON) = 0.040 * UIS Rating Curve * SOA is Power Dissipation Limited * 175oC Operating Temperature * Related Literature - TB334 "Guidelines for Soldering Surface Mount Components to PC Boards"
Symbol
D
Ordering Information
PART NUMBER RFG40N10 RFP40N10 RF1S40N10SM PACKAGE TO-247 TO-220AB TO-263AB BRAND RFG40N10 RFP40N10
G
S
F1S40N10
NOTE: When ordering, use the entire part number. Add the suffix, 9A, to obtain the TO-263AB variant in tape and reel, i.e. RF1S40N10SM9A.
Packaging
JEDEC STYLE TO-247
SOURCE DRAIN GATE DRAIN (FLANGE)
JEDEC TO-220AB
SOURCE DRAIN GATE
DRAIN (FLANGE)
JEDEC TO-263AB
DRAIN (FLANGE) GATE SOURCE
4-450
CAUTION: These devices are sensitive to electrostatic discharge; follow proper ESD Handling Procedures. http://www.intersil.com or 407-727-9207 | Copyright (c) Intersil Corporation 1999
RFG40N10, RFP40N10, RF1S40N10SM
Absolute Maximum Ratings
TC = 25oC, Unless Otherwise Specified RFG40N10, RFP40N10, RF1S40N10SM 100 100 20 40 100 Figures 4, 12, 13 160 1.07 -55 to 175 300 260 UNITS V V V A A W W/oC oC
oC oC
Drain to Source Breakdown Voltage (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . VDSS Drain to Gate Voltage (RGS = 1M) (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . VDGR Gate to Source Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VGS Drain Current Continuous (Figure 2). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .ID Pulsed Drain Current (Note 2) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IDM Pulsed Avalanche Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . EAS Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . PD Derate Above 25oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Operating and Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TJ, TSTG Maximum Temperature for Soldering Leads at 0.063in (1.6mm) from case for 10s . . . . . . . . . . . . . . . . . . . . . . . . . . . . TL Package Body for 10s, see Techbrief 334 . . . . . . . . . . . . . . . . . . . . . . . . . . . . .Tpkg
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES: 1. TJ = 25oC to 150oC. 2. Repetitive Rating: pulse width limited by maximum junction temperature.
Electrical Specifications
PARAMETER
TC = 25oC, Unless Otherwise Specified SYMBOL BVDSS VGS(TH) IDSS TEST CONDITIONS ID = 250A, VGS = 0V (Figure 9) VGS = VDS, ID = 250A (Figure 8) VDS = 80V, VGS = 0V VGS = 20V ID = 40A, VGS = 10V (Figure 7) VDD = 50V, ID = 20A, RL = 2.5, VGS = 10V, RGS = 4.2 (Figure 11) TC = 25oC TC = 150oC MIN 100 2 VGS = 0V to 20V VGS = 0V to 10V VGS = 0V to 2V VDD = 80V, ID = 40A, RL = 2.0 (Figures 11) TO-247 TO-220AB and TO-263AB TYP 17 30 42 20 MAX 4 1 50 100 0.040 80 100 300 150 7.5 0.94 30 62 UNITS V V A A nA ns ns ns ns ns ns nC nC nC
oC/W oC/W oC/W
Drain to Source Breakdown Voltage Gate Threshold Voltage Zero Gate Voltage Drain Current
Gate to Source Leakage Current Drain to Source On Resistance Turn-On Time Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Turn-Off Time Total Gate Charge Gate Charge at 10V Threshold Gate Charge Thermal Resistance Junction to Case Thermal Resistance Junction to Ambient
IGSS rDS(ON) tON td(ON) tr td(OFF) tf tOFF Qg(TOT) Qg(10) Qg(TH) RJC RJA
Source to Drain Diode Specifications
PARAMETER Source to Drain Diode Voltage Reverse Recovery Time SYMBOL VSD trr ISD = 40A ISD = 40A, dISD/dt = 100A/s TEST CONDITIONS MIN TYP MAX 1.5 200 UNITS V ns
4-451
RFG40N10, RFP40N10, RF1S40N10SM Typical Performance Curves
1.2 POWER DISSIPATION MULTIPLIER 1.0 0.8 0.6 0.4 0.2 0 0 25 125 50 75 100 TC , CASE TEMPERATURE (oC) 150 175 ID, DRAIN CURRENT (A)
Unless Otherwise Specified
40
32
24
16
8
0 25 50 75 100 125 150 175 TC, CASE TEMPERATURE (oC)
FIGURE 1. NORMALIZED POWER DISSIPATION vs CASE TEMPERATURE
FIGURE 2. MAXIMUM CONTINUOUS DRAIN CURRENT vs CASE TEMPERATURE
100
VDSS(MAX) = 100V
IAS, AVALANCHE CURRENT (A)
ID , DRAIN CURRENT (A)
TC = 25oC SINGLE PULSE TJ = MAX RATED DC OPERATION
100
ST AR TIN
ST AR TIN
GT
J= 25 o
10
C
GT
J= 1
10
50 o C
1
OPERATION IN THIS AREA MAY BE LIMITED BY rDS(ON)
IF R = 0 tAV = (L) (IAS) / (1.3 RATED BVDSS - VDD) IF R 0 tAV = (L/R) LN [(IAS*R) / (1.3 RATED BVDSS - VDD) + 1] 0.1 1 10
0.1 1 10 VDS , DRAIN TO SOURCE VOLTAGE (V) 100
1 0.01
tAV, TIME IN AVALANCHE (ms)
FIGURE 3. FORWARD BIAS SAFE OPERATING AREA
NOTE: Refer to Intersil application notes AN9321 and AN9322. FIGURE 4. UNCLAMPED INDUCTIVE SWITCHING CAPABILITY
100
7V
100
GS =1 0
80 ID , DRAIN CURRENT (A)
VG
ID, DRAIN CURRENT (A)
S
=
PULSE DURATION = 80s DUTY CYCLE = 0.5% MAX TC = 25oC
80
PULSE DURATION = 80s DUTY CYCLE = 0.5% MAX VDD = 15V
V
-55oC
25oC
60
VGS = 6V
175oC
60
V
40 VGS = 5V 20 VGS = 4V 0 0 2 4 6 8 VDS, DRAIN TO SOURCE VOLTAGE (V) 10
40
20
0 0 2 4 6 8 10 VGS , GATE TO SOURCE VOLTAGE (V)
FIGURE 5. SATURATION CHARACTERISTICS
FIGURE 6. TRANSFER CHARACTERISTICS
4-452
RFG40N10, RFP40N10, RF1S40N10SM Typical Performance Curves
2.5 NORMALIZED DRAIN TO SOURCE ON RESISTANCE PULSE DURATION = 80s DUTY CYCLE = 0.5% MAX VGS = 10V, ID = 40A NORMALIZED GATE THRESHOLD VOLTAGE
Unless Otherwise Specified (Continued)
1.50 1.25 1.00 0.75 0.50 0.25 VGS = VDS ID = 250A
2.0
1.5
1.0
0.5
0 -50 0 50 100 150 200 TJ, JUNCTION TEMPERATURE (oC)
0 -50
0
50
100
150
200
TJ, JUNCTION TEMPERATURE (oC)
FIGURE 7. NORMALIZED DRAIN TO SOURCE ON RESISTANCE vs JUNCTION TEMPERATURE
FIGURE 8. NORMALIZED GATE THRESHOLD VOLTAGE vs JUNCTION TEMPERATURE
2.0 NORMALIZED DRAIN TO SOURCE BREAKDOWN VOLTAGE ID = 250A
6000 5000 C, CAPACITANCE (pF)
1.5
VGS = 0V, f = 1MHz CISS = CGS + CGD CRSS = CGD COSS CDS + CGD
4000 3000 2000 COSS 1000 CRSS 0 CISS
1.0
0.5
0 -50 0 50 100 150 200 TJ, JUNCTION TEMPERATURE (oC)
0
5
10
15
20
25
VDS , DRAIN TO SOURCE VOLTAGE (V)
FIGURE 9. NORMALIZED DRAIN TO SOURCE BREAKDOWN VOLTAGE vs JUNCTION TEMPERATURE
100 VDS, DRAIN TO SOURCE VOLTAGE (V)
FIGURE 10. CAPACITANCE vs DRAIN TO SOURCE VOLTAGE
10 VGS, GATE TO SOURCE VOLTAGE (V)
VDD = BVDSS 75
VDD = BVDSS
7.5
50 0.75 BVDSS 0.75 BVDSS 0.50 BVDSS 0.50 BVDSS 0.25 BVDSS 0.25 BVDSS RL = 2.5 Ig(REF) = 2.25mA VGS = 10V 0 20
5.0
25
2.5
0 Ig(REF) Ig(ACT) t, TIME (s) 80 Ig(REF) Ig(ACT)
NOTE: Refer to Intersil Application Notes AN7254 and AN7260. FIGURE 11. NORMALIZED SWITCHING WAVEFORMS FOR CONSTANT GATE CURRENT
4-453
RFG40N10, RFP40N10, RF1S40N10SM Test Circuits and Waveforms
VDS BVDSS L VARY tP TO OBTAIN REQUIRED PEAK IAS VGS DUT tP RG IAS VDD tP VDS VDD
+
0V
IAS 0.01
0 tAV
FIGURE 12. UNCLAMPED ENERGY TEST CIRCUIT
FIGURE 13. UNCLAMPED ENERGY WAVEFORMS
tON td(ON) tr RL VDS
+
tOFF td(OFF) tf 90%
90%
DUT RGS
VDD 0
10% 90%
10%
VGS VGS 0 10%
50% PULSE WIDTH
50%
FIGURE 14. SWITCHING TIME TEST CIRCUIT
FIGURE 15. RESISTIVE SWITCHING WAVEFORMS
VDS RL VDD VDS VGS = 20V VGS
+
Qg(TOT)
Qg(10) VDD VGS VGS = 2V 0 Qg(TH) Ig(REF) 0 VGS = 10V
DUT Ig(REF)
FIGURE 16. GATE CHARGE TEST CIRCUIT
FIGURE 17. GATE CHARGE WAVEFORMS
4-454
RFG40N10, RFP40N10, RF1S40N10SM
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil semiconductor products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
Sales Office Headquarters
NORTH AMERICA Intersil Corporation P. O. Box 883, Mail Stop 53-204 Melbourne, FL 32902 TEL: (407) 724-7000 FAX: (407) 724-7240 EUROPE Intersil SA Mercure Center 100, Rue de la Fusee 1130 Brussels, Belgium TEL: (32) 2.724.2111 FAX: (32) 2.724.22.05 ASIA Intersil (Taiwan) Ltd. 7F-6, No. 101 Fu Hsing North Road Taipei, Taiwan Republic of China TEL: (886) 2 2716 9310 FAX: (886) 2 2715 3029
4-455


▲Up To Search▲   

 
Price & Availability of RFP40N10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X