Part Number Hot Search : 
HB834 DS1205S BAT160C PS11011 259375 ADM2914 AD7542JP IS2063
Product Description
Full Text Search
 

To Download PZTA06 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MPSA06 / MMBTA06 / PZTA06
Discrete POWER & Signal Technologies
MPSA06
MMBTA06
C
PZTA06
C
E C BE
E C B
TO-92
SOT-23
Mark: 1G
B
SOT-223
NPN General Purpose Amplifier
This device is designed for general purpose amplifier applications at collector currents to 300 mA. Sourced from Process 33.
Absolute Maximum Ratings*
Symbol
VCEO VCBO VEBO IC TJ, Tstg Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current - Continuous
TA = 25C unless otherwise noted
Parameter
Value
80 80 4.0 500 -55 to +150
Units
V V V mA C
Operating and Storage Junction Temperature Range
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
NOTES: 1) These ratings are based on a maximum junction temperature of 150 degrees C. 2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
Thermal Characteristics
Symbol
PD RJC RJA
TA = 25C unless otherwise noted
Characteristic
Total Device Dissipation Derate above 25 C Thermal Resistance, Junction to Case Thermal Resistance, Junction to Ambient MPSA06 625 5.0 83.3 200
Max
*MMBTA06 350 2.8 357 **PZTA06 1,000 8.0 125
Units
mW mW/ C C/W C/W
*Device mounted on FR-4 PCB 1.6" X 1.6" X 0.06." **Device mounted on FR-4 PCB 36 mm X 18 mm X 1.5 mm; mounting pad for the collector lead min. 6 cm2 .
(c) 1997 Fairchild Semiconductor Corporation
MPSA06 / MMBTA06 / PZTA06
NPN General Purpose Amplifier
(continued)
Electrical Characteristics
Symbol Parameter
TA = 25C unless otherwise noted
Test Conditions
Min
Max
Units
OFF CHARACTERISTICS
V(BR)CEO V(BR)EBO ICEO ICBO Collector-Emitter Sustaining Voltage* Emitter-Base Breakdown Voltage Collector-Cutoff Current Collector-Cutoff Current I C = 1.0 mA, IB = 0 I E = 100 A, IC = 0 VCE = 60 V, IB = 0 VCB = 80 V, IE = 0 80 4.0 0.1 0.1 V V A A
ON CHARACTERISTICS
hFE VCE(sat) VBE(on) DC Current Gain Collector-Emitter Saturation Voltage Base-Emitter On Voltage I C = 10 mA, VCE = 1.0 V I C = 100 mA, VCE = 1.0 V I C = 100 mA, IB = 10 mA I C = 100 mA, VCE = 1.0 V 100 100 0.25 1.2 V V
SMALL SIGNAL CHARACTERISTICS
fT Current Gain - Bandwidth Product I C = 10 mA, VCE = 2.0 V, f = 100 MHz 100 MHz
*Pulse Test: Pulse Width 300 s, Duty Cycle 2.0%
Spice Model
NPN (Is=8.324f Xti=3 Eg=1.11 Vaf=100 Bf=12.16K Ne=1.368 Ise=73.27f Ikf=.1096 Xtb=1.5 Br=11.1 Nc=2 Isc=0 Ikr=0 Rc=.25 Cjc=18.36p Mjc=.3843 Vjc=.75 Fc=.5 Cje=55.61p Mje=.3834 Vje=.75 Tr=72.15n Tf=516.1p Itf=.5 Vtf=4 Xtf=6 Rb=10)
Typical Characteristics
V CESAT- COLLECTOR EMITTER VOLTAGE (V)
hFE - TYPICAL PULSED CURRENT GAIN
Typical Pulsed Current Gain vs Collector Current
200
125 C
Collector-Emitter Saturation Voltage vs Collector Current
0.5 0.4 0.3 0.2 0.1
- 40 C
VCE = 1V
= 10
150
25 C
125 C
100
- 40 C
25 C
50
0.001
0.01 0.1 I C - COLLECTOR CURRENT (A)
P 33
0 0.1
1 10 100 I C - COLLECTOR CURRENT (mA)
P 33
1000
MPSA06 / MMBTA06 / PZTA06
NPN General Purpose Amplifier
(continued)
Typical Characteristics
(continued)
1
= 10
VBEON - BASE EMITTER ON VOLTAGE (V)
V BESAT- BASE EMITTER VOLTAGE (V)
Base-Emitter Saturation Voltage vs Collector Current
Base Emitter ON Voltage vs Collector Current
1 0.8 0.6 0.4 0.2 0 VCE = 5V
- 40 C 25 C 125 C
0.8
- 40 C 25 C 125 C
0.6
0.4 0.1 1 10 100 I C - COLLECTOR CURRENT (mA) 1000
1
10 100 I C - COLLECTOR CURRENT (mA)
P 33
1000
V CE - COLLECTOR-EMITTER VOLTAGE (V)
Collector-Cutoff Current vs. Ambient Temperature
ICBO- COLLECTOR CURRENT (nA) 10 V 1
CB
Collector Saturation Region
2
T
A
= 25C
= 80 V
1.5
1
0.1
0.01
0.5
IC =
1 mA
10 mA
100 mA
0.001 25
50 75 100 TA - AMBIENT TEMPERATURE ( C)
P 33
125
0 4000 10000 20000 30000 50000
I B - BASE CURRENT (uA)
BVCER - BREAKDOWN VOLTAGE (V)
Collector-Emitter Breakdown Voltage with Resistance Between Emitter-Base
117
Input and Output Capacitance vs Reverse Voltage
100
f = 1.0 MHz CAPACITANCE (pF) C ib
10
116 115 114 113 112 111 0.1
C ob
1
1
RESISTANCE (k )
10
100
1000
0.1 0.1
1
10
100
V CE - COLLECTOR VOLTAGE(V)
MPSA06 / MMBTA06 / PZTA06
NPN General Purpose Amplifier
(continued)
Typical Characteristics
(continued)
f T - GAIN BANDWIDTH PRODUCT (MHz)
Gain Bandwidth Product vs Collector Current
400 350 300 250 200 150 100
Power Dissipation vs Ambient Temperature
1 PD - POWER DISSIPATION (W)
Vce = 5V
0.75
SOT-223 TO-92
0.5
SOT-23
0.25
0
1 10 20 50 100
0
25
I
C
- COLLECTOR CURRENT (mA)
50 75 100 o TEMPERATURE ( C)
125
150


▲Up To Search▲   

 
Price & Availability of PZTA06

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X