Part Number Hot Search : 
2SA1346 STF8211 5L175 IRG4RC10 3216S GH10N60 TC1775 A3959SL
Product Description
Full Text Search
 

To Download PJ2N9012 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PJ2N9012 PNP Epitaxial Silicon Transistor
1W OUTPUT AMPLIFIER OF POTABLE
RADIOS IN CLASS B PUSH-PULL OPERATION
TO-92
SOT-23
*
* *
*
High total power dissipation(PT=625mW) High collector Current (Ic=-500mA) Complementary to 2N9013 Excellent hEF Linearity
ABSOLUTE MAXIMUM RATINGS (Ta= 25 )
Rating Collector Base Voltage Collector Emitter Voltage Emitter Base Voltage Collector Current Collector Dissipation Junction Temperature Storage Temperature Symbol VCBO VCEO VEBO Ic Pc Tj Tstg Value -40 -20 -5 -500 625 150 -55 ~150 Uint V V V A W
0 0
P in : 1.Emitter 2.Base 3.Collector
P in : 1. Base 2. Emitter 3. Collector
ORDERING INFORMATION
C C
Device PJ2N9012CT PJ2N9012CX
Operating Temperature -20+85
Package TO-92 SOT-23
ELECTRICAL CHARACTERISTICS(Ta= 25 0C)
Characte ristic
Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cut-off Current Emitter Cut-off Current DC Current Gain Collector- Base Saturation Voltage Base-Emitter Saturation Voltage Base-Emitter On Voltage
Symbol
BVCBO BVCEO BVEBO ICBO IEBO hFE1 hFE2 VCE(sat) VBE(sat) VBE(ON)
Te st Conditions
IC= -100A , IE =0 IC= -1mA , IB=0 IE =-100A , IC=0 VCB= -25V , IE = 0 VEB= -3V , IC=0 VEB= -1V, IC =-50mA VEB= -1V, IC =-500mA IC= -500 mA , IB=-50mA IC= -500mA , IB=-50mA VCE =-1V, Ic =-10mA
Min
-40 -20 -5
Typ
Max
Unit
V V V
-100 -100 64 40 0.58 120 90 0.14 0.84 0.63 0.3 1.0 0.7 202
nA nA
V V V
hEF CLASSIFICATION
Classification hEF D 64-91 E 78-112 F 96-135 G 112-166 H 144-202
1-3
2002/01.rev.A
PJ2N9012 PNP Epitaxial Silicon Transistor
STATIC CHARACTERISTIC
DC CURRENT GAIN
BASE-EMITTER SATURATION VOLTAGE COLLECTOR-EMITTER SATURATION VOLTAGE
CURRENT GAIN-BANDWIDTH PRODUCT
2-3
2002/01.rev.A
PJ2N9012 PNP Epitaxial Silicon Transistor
3-3
2002/01.rev.A


▲Up To Search▲   

 
Price & Availability of PJ2N9012

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X