Part Number Hot Search : 
P1012 IRKV1 2N3055AG XVT9002 CGRM4005 100ME MAX3544 05006
Product Description
Full Text Search
 

To Download PE3336 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PRODUCT SPECIFICATION
PE3336
Product Description
Peregrine's PE3336 is a high performance integer-N PLL capable of frequency synthesis up to 3.0 GHz. The superior phase noise performance of the PE3336 makes it ideal for applications such as LMDS / MMDS / WLL basestations and demanding terrestrial systems. The PE3336 features a 10/11 dual modulus prescaler, counters and a phase comparator as shown in Figure 1. Counter values are programmable through either a serial or parallel interface and can also be directly hard wired. The PE3336 is optimized for terrestrial applications. Fabricated in Peregrine's patented UTSi(R) (Ultra Thin Silicon) CMOS technology, the PE3336 offers excellent RF performance with the economy and integration of conventional CMOS.
3.0 GHz Integer-N PLL for Low Phase Noise Applications
Features * 3.0 GHz operation * /10/11 dual modulus prescaler * Internal phase detector * Serial, parallel or hardwired programmable * Pin compatible with PE3236 * Available in 44-lead PLCC and miniature 48-lead MLP package * Ultra-low phase noise
Figure 1. Block Diagram
Fin Fin Prescaler 10 / 11 Main Counter 13 D(7:0) 8 Sdata Pre_en M(6:0) A(3:0) R(3:0) fr Primary 20-bit 20 Latch
fp
Secondary 20-bit Latch
20 20
20 16
Phase Detector
PD_U PD_D
6
6 fc
R Counter
PEREGRINE SEMICONDUCTOR CORP. |
http://www.peregrine-semi.com
Copyright Peregrine Semiconductor Corp. 2003
Page 1 of 16
PE3336
Product Specification
Figure 2. Pin Configuration
GND GND GND
GND
GND
GND
Enh
VDD
LD
R3
R2
R1
R0
fr
48 47 46 45 44 43 42 41 40 39 38 37
6
D0, M0 D1, M1 D2, M2 D3, M3 VDD VDD S_WR, D4, M4 Sdata, D5, M5 Sclk, D6, M6 FSELS, D7, Pre_en GND
5
4
3
2
1
44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29
fc VDD_fc PD_U PD_D VDD Cext VDD Dout VDD_fp fp GND
D0, M0 D1, M1 D2, M2 D3, M3 VDD VDD S_WR, D4, M4 Sdata, D5, M5 Sclk, D6, M6 FSELS, D7, Pre_en GND FSELP, A0
7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28
1 2 3 4 5 6 7 8 9 10 11 12
GND
Enh
VDD
LD
R3
R2
R1
R0
fr
36 35 34 33 32 31 30 29 28 27 26 25
fc VDD_fc NC PD_U PD_D GND VDD Cext VDDE Dout VDD_fp fp
13 14 15 16 17 18 19 20 21 22 23 24
E_WR, A1 M2_WR, A2 Smode, A3 Bmode VDD VDD M1_WR A_WR Hop_WR Fin Fin GND
Table 1. Pin Descriptions
Pin No. (44-lead PLCC)
1 2 3 4 5 6 7
Pin No. (48-lead MLPQ)
43 44 45 46 47 48 1
FSELP, A0
E_WR, A1
M2_WR, A2
44-lead PLCC
Pin Name
VDD R0 R1 R2 R3 GND D0 M0 D1 M1 D2 M2 D3 M3 VDD VDD
Smode, A3
Bmode
VDD
Interface Mode
ALL Direct Direct Direct Direct ALL Parallel Direct Parallel Direct Parallel Direct Parallel Direct ALL ALL
M1_WR
A_WR
Hop_WR
Fin
(Note 1) Input Input Input Input (Note 1) Input Input Input Input Input Input Input Input (Note 1) (Note 1)
Fin
48-lead MLPQ
Type
Description
Power supply input. Input may range from 2.85 V to 3.15 V. Bypassing recommended. R Counter bit0 (LSB). R Counter bit1. R Counter bit2. R Counter bit3. Ground. Parallel data bus bit0 (LSB). M Counter bit0 (LSB). Parallel data bus bit1. M Counter bit1. Parallel data bus bit2. M Counter bit2. Parallel data bus bit3. M Counter bit3. Same as pin 1. Same as pin 1.
8
2
9
3
10 11 12
4 5 6
Copyright Peregrine Semiconductor Corp. 2003
File No. 70/0033~01A
| UTSi CMOS RFIC SOLUTIONS
Page 2 of 16
PE3336
Product Specification
Pin No. (44-lead PLCC)
Pin No. (48-lead MLPQ)
Pin Name
Interface Mode
Type
Description
Serial load enable input. While S_WR is "low", Sdata can be serially clocked. Primary register data are transferred to the secondary register on S_WR or Hop_WR rising edge. Parallel data bus bit4 M Counter bit4 Binary serial data input. Input data entered MSB first. Parallel data bus bit5. M Counter bit5. Serial clock input. Sdata is clocked serially into the 20-bit primary register (E_WR "low") or the 8-bit enhancement register (E_WR "high") on the rising edge of Sclk. Parallel data bus bit6. M Counter bit6. Selects contents of primary register (FSELS=1) or secondary register (FSELS=0) for programming of internal counters while in Serial Interface Mode. Parallel data bus bit7 (MSB). Prescaler enable, active "low". When "high", Fin bypasses the prescaler. Ground.
S_WR 13 7 D4 M4 Sdata 14 8 D5 M5 Sclk 15 9 D6 M6 FSELS 16 10 D7
Pre_en
Serial Parallel Direct Serial Parallel Direct Serial Parallel Direct Serial Parallel Direct ALL Parallel Direct Serial
Input Input Input Input Input Input Input Input Input Input Input Input
17
11
GND FSELP A0
18
12
Input Input Input Input Input Input Input Input Input Input (Note 1) Input Input Input Input
Selects contents of primary register (FSELP=1) or secondary register (FSELP=0) for programming of internal counters while in Parallel Interface Mode. A Counter bit0 (LSB). Enhancement register write enable. While E_WR is "high", Sdata can be serially clocked into the enhancement register on the rising edge of Sclk. Enhancement register write. D[7:0] are latched into the enhancement register on the rising edge of E_WR. A Counter bit1. M2 write. D[3:0] are latched into the primary register (R[5:4], M[8:7]) on the rising edge of M2_WR. A Counter bit2. Selects serial bus interface mode (Bmode=0, Smode=1) or Parallel Interface Mode (Bmode=0, Smode=0). A Counter bit3 (MSB). Selects direct interface mode (Bmode=1). Same as pin 1. M1 write. D[7:0] are latched into the primary register (Pre_en, M[6:0]) on the rising edge of M1_WR. A write. D[7:0] are latched into the primary register (R[3:0], A[3:0]) on the rising edge of A_WR. Hop write. The contents of the primary register are latched into the secondary register on the rising edge of Hop_WR. Prescaler input from the VCO. 3.0 GHz max frequency.
19
13
E_WR Parallel A1 M2_WR A2 Smode A3 Direct Parallel Direct Serial, Parallel Direct ALL ALL Parallel Parallel Serial, Parallel ALL
20
14
21
15
22 23 24 25 26 27
16
Bmode
17,18 19 20 21 22
VDD M1_WR A_WR Hop_WR Fin
PEREGRINE SEMICONDUCTOR CORP. |
http://www.peregrine-semi.com
Copyright Peregrine Semiconductor Corp. 2003
Page 3 of 16
PE3336
Product Specification
Pin No. (44-lead PLCC)
28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 N/A
Note 1:
Pin No. (48-lead MLPQ)
23
Pin Name
Interface Mode
Type
Description
Prescaler complementary input. A bypass capacitor should be placed as close as possible to this pin and be connected in series with a 50 resistor directly to the ground plane. Ground.
Fin
ALL ALL ALL ALL Serial, Parallel ALL ALL ALL ALL ALL ALL ALL ALL ALL ALL ALL Serial, Parallel ALL
Input
24 25 26 27 28 29 30 32 33 35 36 31,37 38,39 40 41
42 34
GND fp VDD-fp Dout VDD Cext VDD PD_D PD_U VDD-fc fc GND GND fr LD
Enh
Output (Note 1) Output (Note 1) Output (Note 1) Output
Monitor pin for main divider output. Switching activity can be disabled through enhancement register programming or by floating or grounding VDD pin 31. VDD for fp. Can be left floating or connected to GND to disable the fp output. Data Out. The MSEL signal and the raw prescaler output are available on Dout through enhancement register programming. Same as pin 1. Logical "NAND" of PD_U and PD_D terminated through an on chip, 2 k series resistor. Connecting Cext to an external capacitor will low pass filter the input to the inverting amplifier used for driving LD. Same as pin 1. PD_D is pulse down when fp leads fc. PD_U is pulse down when fc leads fp.
(Note 1) Output
VDD for fc can be left floating or connected to GND to disable the fc output. Monitor pin for reference divider output. Switching activity can be disabled through enhancement register programming or by floating or grounding VDD pin 38. Ground. Ground.
Input Output Input
Reference frequency input. Lock detect and open drain logical inversion of CEXT. When the loop is in lock, LD is high impedance, otherwise LD is a logic low ("0"). Enhancement mode. When asserted low ("0"), enhancement register bits are functional. No connection.
NC
All VDD pins are connected by diodes and must be supplied with the same positive voltage level. VDD-fp and VDD-fp are used to power the fp and fc outputs and can alternatively be left floating or connected to GND to disable the fp and fc outputs. All digital input pins have 70 k pull-down resistors to ground.
Note 2:
Copyright Peregrine Semiconductor Corp. 2003
File No. 70/0033~01A
| UTSi CMOS RFIC SOLUTIONS
Page 4 of 16
PE3336
Product Specification
Table 2. Absolute Maximum Ratings
Symbol
VDD VI II IO Tstg
Electrostatic Discharge (ESD) Precautions
Max
4.0 VDD + 0.3 +10 +10 150
Parameter/Conditions
Supply voltage Voltage on any input DC into any input DC into any output Storage temperature range
Min
-0.3 -0.3 -10 -10 -65
Units
V V mA mA
C
When handling this UTSi device, observe the same precautions that you would use with other ESDsensitive devices. Although this device contains circuitry to protect it from damage due to ESD, precautions should be taken to avoid exceeding the rating specified in Table 4. Latch-Up Avoidance Unlike conventional CMOS devices, UTSi CMOS devices are immune to latch-up.
Table 3. Operating Ratings
Symbol
VDD TA
Parameter/Conditions
Supply voltage Operating ambient temperature range
Min
2.85 -40
Max
3.15 85
Units
V
C
Table 4. ESD Ratings
Symbol
VESD
Parameter/Conditions
ESD voltage (Human Body Model)
Level
1000
Units
V
Note 1:
Periodically sampled, not 100% tested. Tested per MILSTD-883, M3015 C2
PEREGRINE SEMICONDUCTOR CORP. |
http://www.peregrine-semi.com
Copyright Peregrine Semiconductor Corp. 2003
Page 5 of 16
PE3336
Product Specification
Table 5. DC Characteristics
VDD = 3.0 V, -40 C < TA < 85 C, unless otherwise specified Symbol
IDD
Parameter
Operational supply current; Prescaler disabled Prescaler enabled High level input voltage Low level input voltage High level input current Low level input current High level input current Low level input current High level input current Low level input current Output voltage LOW Output voltage HIGH Output voltage LOW, Cext Output voltage HIGH, Cext Output voltage LOW, LD
Conditions
VDD = 2.85 to 3.15 V
Min
Typ
10 19
Max
Units
mA mA V
26
Digital Inputs: All except fr, R0, Fin, Fin VIH VIL IIH IIL IIHR IILR IIHRO IILRO VOLD VOHD VOLC VOHC VOLLD VDD = 2.85 to 3.15 V VDD = 2.85 to 3.15 V VIH = VDD = 3.15 V VIL = 0, VDD = 3.15 V VIH = VDD = 3.15 V VIL = 0, VDD = 3.15 V VIH = VDD = 3.15 V VIL = 0, VDD = 3.15 V Iout = 6 mA Iout = -3 mA Iout = 100 mA Iout = -100 mA Iout = 6 mA VDD - 0.4 0.4 VDD - 0.4 0.4 -5 0.4 -100 +5 -1 +100 0.7 x VDD 0.3 x VDD +70 V
A A A A A A
Reference Divider input: fr
R0 Input (Pull-up Resistor): R0
Counter and phase detector outputs: fc, fp, PD_D, PD_U V V V V V
Lock detect outputs: Cext, LD
Copyright Peregrine Semiconductor Corp. 2003
File No. 70/0033~01A
| UTSi CMOS RFIC SOLUTIONS
Page 6 of 16
PE3336
Product Specification
Table 6. AC Characteristics
VDD = 3.0 V, -40 C < TA < 85 C, unless otherwise specified Symbol
fClk tClkH tClkL tDSU tDHLD tPW tCWR tCE tWRC tEC tMDO Fin PFin Fin PFin Reference Divider fr Pfr Vfr Phase Detector fc
Note 1: Note 2:
Parameter
Serial data clock frequency Serial clock HIGH time Serial clock LOW time Sdata set-up time after Sclk rising edge, D[7:0] set-up time to M1_WR, M2_WR, A_WR, E_WR rising edge Sdata hold time after Sclk rising edge, D[7:0] hold time to M1_WR, M2_WR, A_WR, E_WR rising edge S_WR, M1_WR, M2_WR, A_WR, E_WR pulse width Sclk rising edge to S_WR rising edge. S_WR, M1_WR, M2_WR, A_WR falling edge to Hop_WR rising edge Sclk falling edge to E_WR transition S_WR falling edge to Sclk rising edge. Hop_WR falling edge to S_WR, M1_WR, M2_WR, A_WR rising edge E_WR transition to Sclk rising edge MSEL data out delay after Fin rising edge Operating frequency Input level range Operating frequency Input level range Operating frequency Reference input power Input sensitivity
Conditions
Min
Max
10
Units
MHz ns ns ns ns ns ns ns ns ns
Control Interface and Latches (see Figures 3, 4, 5) 30 30 10 10 30 30 30 30 30 CL = 12 pf 500 External AC coupling -5 50 External AC coupling (Note 1) Single ended input External AC coupling (Note 3) (Note 1) -5 (Note 2) -2 0.5 8 3000 5 300 5 100 10
ns MHz dBm MHz dBm MHz dBm VP-P
Main Divider (Including Prescaler)
Main Divider (Prescaler Bypassed)
Comparison frequency
20
MHz
Parameter is guaranteed through characterization only and is not tested. Running at low frequencies (< 10 MHz sinewave), the device will still be functional but may cause phase noise degradation. Inserting a lownoise amplifier to square up the edges is recommended at lower input frequencies. CMOS logic levels may be used if DC coupled. For optimum phase noise performance, the reference input falling edge rate should be faster than 80mV/ns.
Note 3:
PEREGRINE SEMICONDUCTOR CORP. |
http://www.peregrine-semi.com
Copyright Peregrine Semiconductor Corp. 2003
Page 7 of 16
PE3336
Product Specification
Functional Description The PE3336 consists of a prescaler, counters, a phase detector and control logic. The dual modulus prescaler divides the VCO frequency by either 10 or 11, depending on the value of the modulus select. Counters "R" and "M" divide the reference and prescaler output, respectively, by integer values stored in a 20-bit register. An additional counter Figure 3. Functional Block Diagram
R Counter (6-bit)
("A") is used in the modulus select logic. The phasefrequency detector generates up and down frequency control signals. The control logic includes a selectable chip interface. Data can be written via serial bus, parallel bus, or hardwired direct to the pins. There are also various operational and test modes and lock detect.
fr
fc
D(7:0) Sdata Control Pins
Control Logic
R(5:0) M(8:0) A(3:0)
Phase Detector
PD_U PD_D LD Cext
2k
Modulus Select
Fin Fin
10/11 Prescaler
M Counter (9-bit)
fp
Copyright Peregrine Semiconductor Corp. 2003
File No. 70/0033~01A
| UTSi CMOS RFIC SOLUTIONS
Page 8 of 16
PE3336
Product Specification
Main Counter Chain The main counter chain divides the RF input frequency, Fin, by an integer derived from the user defined values in the "M" and "A" counters. It is composed of the 10/11 dual modulus prescaler, modulus select logic, and 9-bit M counter. Setting Pre_en "low" enables the 10/11 prescaler. Setting Pre_en "high" allows Fin to bypass the prescaler and powers down the prescaler. The output from the main counter chain, fp, is related to the VCO frequency, Fin, by the following equation:
fp = Fin / [10 x (M + 1) + A] where A M + 1, 1 M 511 (1)
Register Programming Parallel Interface Mode Parallel Interface Mode is selected by setting the Bmode input "low" and the Smode input "low". Parallel input data, D[7:0], are latched in a parallel fashion into one of three, 8-bit primary register sections on the rising edge of M1_WR, M2_WR, or A_WR per the mapping shown in Table 7 on page 10. The contents of the primary register are transferred into a secondary register on the rising edge of Hop_WR according to the timing diagram shown in Figure 4. Data are transferred to the counters as shown in Table 7 on page 10. The secondary register acts as a buffer to allow rapid changes to the VCO frequency. This double buffering for "ping-pong" counter control is programmed via the FSELP input. When FSELP is "high", the primary register contents set the counter inputs. When FSELP is "low", the secondary register contents are utilized. Parallel input data, D[7:0], are latched into the enhancement register on the rising edge of E_WR according to the timing diagram shown in Figure 4. This data provides control bits as shown in Table 8 on page 10 with bit functionality enabled by asserting the Enh input "low". Serial Interface Mode Serial Interface Mode is selected by setting the Bmode input "low" and the Smode input "high". While the E_WR input is "low" and the S_WR input is "low", serial input data (Sdata input), B0 to B19, are clocked serially into the primary register on the rising edge of Sclk, MSB (B0) first. The contents from the primary register are transferred into the secondary register on the rising edge of either S_WR or Hop_WR according to the timing diagram shown in Figures 4-5. Data are transferred to the counters as shown in Table 7 on page 10. The double buffering provided by the primary and secondary registers allows for "ping-pong" counter control using the FSELS input. When FSELS is "high", the primary register contents set the counter inputs. When FSELS is "low", the secondary register contents are utilized. While the E_WR input is "high" and the S_WR input is "low", serial input data (Sdata input), B0 to B7, are clocked serially into the enhancement register on the rising edge of Sclk, MSB (B0) first. The enhancement register is double buffered to prevent
Copyright Peregrine Semiconductor Corp. 2003
When the loop is locked, Fin is related to the reference frequency, fr, by the following equation:
Fin = [10 x (M + 1) + A] x (fr / (R+1)) where A M + 1, 1 M 511 (2)
A consequence of the upper limit on A is that Fin must be greater than or equal to 90 x (fr / (R+1)) to obtain contiguous channels. Programming the M Counter with the minimum value of "1" will result in a minimum M Counter divide ratio of "2". When the prescaler is bypassed, the equation becomes:
Fin = (M + 1) x (fr / (R+1)) where 1 M 511 (3)
In Direct Interface Mode, main counter inputs M7 and M8 are internally forced low. Reference Counter The reference counter chain divides the reference frequency, fr, down to the phase detector comparison frequency, fc. The output frequency of the 6-bit R Counter is related to the reference frequency by the following equation:
fc = fr / (R + 1) where 0 R 63 (4)
Note that programming R equal to "0" will pass the reference frequency, fr, directly to the phase detector. In Direct Interface Mode, R Counter inputs R4 and R5 are internally forced low ("0").
PEREGRINE SEMICONDUCTOR CORP. |
http://www.peregrine-semi.com
Page 9 of 16
PE3336
Product Specification
inadvertent control changes during serial loading, with buffer capture of the serially entered data performed on the falling edge of E_WR according to the timing diagram shown in Figure 5. After the falling edge of E_WR, the data provide control bits as shown in Table 8 with bit functionality enabled by asserting the Enh input "low".
Direct Interface Mode Direct Interface Mode is selected by setting the Bmode input "high". Counter control bits are set directly at the pins as shown in Table 7. In Direct Interface Mode, main counter inputs M7 and M8, and R Counter inputs R4 and R5 are internally forced low ("0").
Table 7. Primary Register Programming
Interface Mode Parallel Serial* Direct Enh 1 1 1 Bmode 0 0 1 Smode 0 1 X R5 R4 M8 M7 Pre_en M6 M5 M4 M3 M2 M1 M0 R3 R2 R1 R0 A3 A2 A1 A0
M2_WR rising edge load D3 B0 0 D2 B1 0 D1 B2 0 D0 B3 0 D7 B4 Pre_en D6 B5 M6
M1_WR rising edge load D5 B6 M5 D4 B7 M4 D3 B8 M3 D2 B9 M2 D1 B10 M1 D0 B11 M0 D7 B12 R3 D6 B13 R2
A_WR rising edge load D5 B14 R1 D4 B15 R0 D3 B16 A3 D2 B17 A2 D1 B18 A1 D0 B19 A0
*Serial data clocked serially on Sclk rising edge while E_WR "low" and captured in secondary register on S_WR rising edge.
MSB (first in)
(last in) LSB
Table 8. Enhancement Register Programming
Interface Mode Parallel Serial* Enh 0 0 Bmode X X Smode 0 1 Reserved Reserved Reserved Power down Counter load MSEL output Prescaler output fc, fp OE
E_WR rising edge load D7 B0 D6 B1 D5 B2 D4 B3 D3 B4 D2 B5 D1 B6 D0 B7
*Serial data clocked serially on Sclk rising edge while E_WR "high" and captured in the double buffer on E_WR falling edge.
MSB (first in)
(last in) LSB
Copyright Peregrine Semiconductor Corp. 2003
File No. 70/0033~01A
| UTSi CMOS RFIC SOLUTIONS
Page 10 of 16
PE3336
Product Specification
Figure 4. Parallel Interface Mode Timing Diagram
tDSU tDHLD
D [7 : 0]
tPW tCWR tWRC
M1_WR M2_WR A_WR E_WR
tPW
Hop_WR
Figure 5. Serial Interface Mode Timing Diagram
Sdata
E_WR
tEC tCE
Sclk
S_WR
tDSU tDHLD tClkH tClkL tCWR tPW tWRC
PEREGRINE SEMICONDUCTOR CORP. |
http://www.peregrine-semi.com
Copyright Peregrine Semiconductor Corp. 2003
Page 11 of 16
PE3336
Product Specification
Enhancement Register The functions of the enhancement register bits are shown below with all bits active "high". Table 9. Enhancement Register Bit Functionality
Bit Function
Bit 0 Bit 1 Bit 2 Bit 3 Bit 4 Bit 5 Bit 6 Bit 7 ** Program to 0 Reserved** Reserved** Reserved** Power down Counter load MSEL output Prescaler output fp, fc OE Power down of all functions except programming interface. Immediate and continuous load of counter programming as directed by the Bmode and Smode inputs. Drives the internal dual modulus prescaler modulus select (MSEL) onto the Dout output. Drives the raw internal prescaler output onto the Dout output. fp, fc outputs disabled.
Description
Phase Detector The phase detector is triggered by rising edges from the main Counter (fp) and the reference counter (fc). It has two outputs, PD_U, and PD_D. If the divided VCO leads the divided reference in phase or frequency (fp leads fc), PD_D pulses "low". If the divided reference leads the divided VCO in phase or frequency (fc leads fp), PD_U pulses "low". The width of either pulse is directly proportional to phase offset between the two input signals, fp and fc . The phase detector gain is equal to 2.7 V / 2 , which numerically yields 0.43 V / radian. PD_U and PD_D drive an active loop filter which controls the VCO tune voltage. PD_U pulses result in an increase in VCO frequency; PD_D pulses result in a decrease in VCO frequency (for a positive Kv VCO). A lock detect output, LD is also provided, via the pin Cext. Cext is the logical "NAND" of PD_U and PD_D waveforms, which is driven through a series 2 kohm resistor. Connecting Cext to an external shunt capacitor provides low pass filtering of this signal. Cext also drives the input of an internal inverting comparator with an open drain output. Thus LD is an "AND" function of PD_U and PD_D.
Copyright Peregrine Semiconductor Corp. 2003
File No. 70/0033~01A
| UTSi CMOS RFIC SOLUTIONS
Page 12 of 16
PE3336
Product Specification
Figure 6. Package Drawing
44-lead PLCC
0.6900.005 0.6530.003 0.010 X 45 0.045 X 45
4* 0.6900.005 0.6530.003
1*
R0.025
PIN 1 0.050
0.020 MIN.
SURFACE MOUNT POINT 0.610 0.020
0.050
3*
2*
DETAIL
A
BOTTOM VIEW
0.027 (WIDTH OF LEAD SLOT)
*EJECT PIN POSITION
O0.040
50X 45 0.180 MAX.
0.070 0.070 0.010 SEE DETAIL A
DIMENSIONS ARE IN INCHES TOLERANCES ARE 0.004
0.004
PEREGRINE SEMICONDUCTOR CORP. |
http://www.peregrine-semi.com
Copyright Peregrine Semiconductor Corp. 2003
Page 13 of 16
PE3336
Product Specification
Figure 7. Package Drawing
48-lead MLPQ
7.00 -B3.50
INDEX AREA 3.50 X 3.50 3.50 0.25 C -A0.10 C
2
0.08 C 0.020 0.20 REF EXPOSED PAD & TERMINAL PADS
0.80
SEATING PLANE
7.00 -C-
0.30 0.50
5.00 5.25 2.50 2.63
12 13 24 25
0.18
7.00 5.50 TYP
0.23
2.50 2.63
1 48 36 37
0.23
2.75 TYP
0.18
DETAIL A 0.50 TYP 0.23 0.10
5.00 5.25
EXPOSED PAD
2
CAB
1
1. DIMENSION APPLIES TO METALLIZED TERMINAL AND IS MEASURED BETWEEN 0.25 AND 0.30 FROM TERMINAL TIP. 2. COPLANARITY APPLIES TO THE EXPOSED HEAT SINK SLUG AS WELL AS THE TERMINALS.
Copyright Peregrine Semiconductor Corp. 2003
File No. 70/0033~01A
| UTSi CMOS RFIC SOLUTIONS
Page 14 of 16
PE3336
Product Specification
Table 10. Ordering Information
Order Code
3336-21 3336-22 3336-23 3336-24 3336-00 3336-01
Part Marking
PE3336 PE3336 PE3336 PE3336 PE3336EK PE3336EK
Description
Package
44-lead PLCC 44-lead PLCC 48-lead MLPQ 48-lead MLPQ
Shipping Method
26 units / Tube 500 units / T&R 52 units / Tube 4000 units / T&R 1 / Box 1 / Box
Product Status
Production Production Evaluation Samples Evaluation Samples Available Available
PLCC Evaluation Board with Software MLPQ Evaluation Board with Software
44-lead PLCC 48-lead MLPQ
PEREGRINE SEMICONDUCTOR CORP. |
http://www.peregrine-semi.com
Copyright Peregrine Semiconductor Corp. 2003
Page 15 of 16
PE3336
Product Specification
Sales Offices
United States
Peregrine Semiconductor Corp.
6175 Nancy Ridge Drive San Diego, CA 92121 Tel 1-858-455-0660 Fax 1-858-455-0770
Japan
Peregrine Semiconductor K.K.
5A-5, 5F Imperial Tower 1-1-1 Uchisaiwaicho, Chiyoda-ku Tokyo 100-0011 Japan Tel: 03-3507-5755 Fax: 03-3507-5601
Europe
Peregrine Semiconductor Europe
Batiment Maine 13-15 rue des Quatre Vents F- 92380 Garches Tel 33-1-47-41-91-73 Fax 33-1-47-41-91-73
Australia
Peregrine Semiconductor Australia
8 Herb Elliot Ave. Homebush, NSW 2140 Australia Tel: 011-61-2-9763-4111 Fax: 011-61-2-9746-1501
For a list of representatives in your area, please refer to our Web site at: http://www.peregrine-semi.com
Data Sheet Identification
Advance Information
The product is in a formative or design stage. The data sheet contains design target specifications for product development. Specifications and features may change in any manner without notice.
The information in this data sheet is believed to be reliable. However, Peregrine assumes no liability for the use of this information. Use shall be entirely at the user's own risk. No patent rights or licenses to any circuits described in this data sheet are implied or granted to any third party. Peregrine's products are not designed or intended for use in devices or systems intended for surgical implant, or in other applications intended to support or sustain life, or in any application in which the failure of the Peregrine product could create a situation in which personal injury or death might occur. Peregrine assumes no liability for damages, including consequential or incidental damages, arising out of the use of its products in such applications. Peregrine products are protected under one or more of the following U.S. patents: 6,090,648; 6,057,555; 5,973,382; 5,973,363; 5,930,638; 5,920,233; 5,895,957; 5,883,396; 5,864,162; 5,863,823; 5,861,336; 5,663,570; 5,610,790; 5,600,169; 5,596,205; 5,572,040; 5,492,857; 5,416,043. Other patents are pending.
Preliminary Specification
The data sheet contains preliminary data. Additional data may be added at a later date. Peregrine reserves the right to change specifications at any time without notice in order to supply the best possible product.
Product Specification
The data sheet contains final data. In the event Peregrine decides to change the specifications, Peregrine will notify customers of the intended changes by issuing a PCN (Product Change Notice).
Peregrine, the Peregrine logotype, Peregrine Semiconductor Corp., and UTSi are registered trademarks of Peregrine Semiconductor Corporation. Copyright (c) 2003 Peregrine Semiconductor Corp. All rights reserved.
Copyright Peregrine Semiconductor Corp. 2003
File No. 70/0033~01A
| UTSi CMOS RFIC SOLUTIONS
Page 16 of 16


▲Up To Search▲   

 
Price & Availability of PE3336

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X