Part Number Hot Search : 
T521205 CAT24 SH8M14 8KH12 BCR15807 C11257 2N7002D DSP56602
Product Description
Full Text Search
 

To Download NNS15-5 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NNS-SERIES
Unit Type Power Supply
NNS15
Linear power supply single output 15W ~ 50W
Model name
NNS 15-5
Output voltage: 5VDC, 12VDC, 15VDC, 24VDC Name of series Output power: 15W, 30W, 50W
Features
NNS30 NNS50
(Low Voltage Directive)
2 year warranty
marking (Low Voltage Directive) Compact linear power supply Low ripple & noise: 1mV (rms), 3mV (pk-pk) Low leakage current: 50A Wide operating temperature range: -20 ~ +71C Input voltage range 100/115/200/230VAC Output current balancing in running in parallel 2 year warranty
Specifications
01. Input voltage range 100VAC: 85 ~ 115VAC 115VAC: 98 ~ 132VAC 200VAC: 170 ~ 230VAC 230VAC: 195 ~ 265VAC input selectable 02. Output voltage 10% range 03. Line regulation Line regulation: 0.01% (Within input voltage range at constant load) 04. Load regulation Load regulation: 0.03% (No load to full load at constant input voltage) 05. Maximum ripple & noise 1mV (rms) 3mV (pk-pk) Convection Cooling 06. Cooling -20 ~ +71C 07. Operating ambient -20C: 60%, 0 ~ +50C: 100%, +60C: 60%, +71C: 40% temperature (Standard mounting) Input-output: 3.75kVAC, Input-FG: 2.5kVAC 08. Withstand voltage Approved by UL1950 , CSA950(C-UL) and EN60950 09. Safety standard Conforms to VCCI-class A, FCC class B and VDE0871 class B 10. EMI Over voltage protection, Over current protection, Remote sensing, Output current balancing 11. Functions NNS50: Remote on/off control
Product lineup
Model name NNS15-5 NNS15-12 NNS15-15 NNS15-24 NNS30-5 NNS30-12 NNS30-15 NNS30-24 NNS50-5 NNS50-12 NNS50-15 NNS50-24 Nominal output voltage Max. output current Max. output power 5V 12V 15V 24V 5V 12V 15V 24V 5V 12V 15V 24V 3A 1.7A 1.4A 0.9A 6A 4A 3.4A 2.3A 10A 6.5A 5.5A 3.8A 15W 20.4W 21W 21.6W 30W 48W 51W 55.2W 50W 78W 82.5W 91.2W
: Safety standard approved
UL
CSA
EN
NNS15
NNS30
NNS50
Request customer specification for further details of specifications, outline, characteristics, etc. Read the instruction manual before usage. Contact us about delivery before ordering.
50
NNS-SERIES
Unit Type Power Supply NNS15
(LEFT SIDE VIEW)
(FRONT VIEW)
(Unit: mm)
(BOTTOM VIEW)
NNS30
(LEFT SIDE VIEW)
INPUT VOLTAGE SELECTOR
4-M4 MOUNTING (DEPTH 6mm MAX)
(FRONT VIEW)
(Unit: mm)
NNS50
(BOTTOM VIEW) (FRONT VIEW) (RIGHT SIDE VIEW)
(BOTTOM VIEW)
(Unit: mm)
51
NND-SERIES
Unit Type Power Supply
Linear power supply dual output 15W ~ 30W
Model name
NND 15-1212
Name of series Output power: 15W, 30W Combination of output voltages 1212: 12VDC 1515: 15VDC
Features
marking (Low Voltage Directive) Compact linear power supply Low ripple & noise: 1mV (rms), 3mV (pk-pk) Low leakage current: 50A Wide operating temperature range: -20 ~ +71C Input voltage range 100/115/200/230VAC 2 year warranty
NND30 NND15
(Low Voltage Directive)
2 year warranty
Specifications
1. Input voltage range 100VAC: 85 ~ 115VAC 115VAC: 98 ~ 132VAC 200VAC: 170 ~ 230VAC 230VAC: 195 ~ 265VAC selectable 02. Output voltage 10% (for each output) range 3. Line regulation Line regulation: 0.01% (Within input voltage range at constant load) 04. Load regulation Load regulation: 0.03% (No load to full load at constant input voltage) 5. Maximum ripple & noise 1mV (rms) 3mV (pk-pk) Convection cooling 06. Cooling -20 ~ +71C 7. Operating ambient -20C: 60%, 0 ~ +50C: 100%, +60C: 60%, +71C: 40% temperature (Standard mounting) Input-output: 3.75kVAC, Input-FG: 2.5kVAC 08. Withstand voltage Approved by UL1950 , CSA950 and EN60950 9. Safety standard Conforms to VCCI-class A, FCC class B and VDE class B 10. EMI Over voltage protection, Over current protection 11. Functions
Product lineup
Model name NND15-1212 NND15 NND15-1515 NND30-1212 NND30 NND30-1515 CH CH1 CH2 CH1 CH2 CH1 CH2 CH1 CH2 Nominal output voltage +12V -12V +15V -15V +12V -12V +15V -15V Max. output current 0.75A 0.75A 0.6A 0.6A 1.6A 1.6A 1.3A 1.3A Max. output power 18W 18W 38.4W 39W
: Safety standard approved
UL
CSA
EN
Request customer specification for further details of specifications, outline, characteristics, etc. Read the instruction manual before usage. Contact us about delivery before ordering.
52
NND-SERIES
Unit Type Power Supply NND15
(LEFT SIDE VIEW) (FRONT VIEW)
(Unit: mm)
(BOTTOM VIEW)
NND30
(FRONT VIEW)
(LEFT SIDE VIEW)
113.5 1
80 1
(Unit: mm)
(BOTTOM VIEW)
53


▲Up To Search▲   

 
Price & Availability of NNS15-5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X