Part Number Hot Search : 
S10DC12 TAR5S27U SSCP485 FTS2022 W25Q1 063XW10 HEF4086B 31M10
Product Description
Full Text Search
 

To Download NJM3517 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NJM3517
STEPPER MOTOR CONTROLLER / DRIVER
s GENERAL DESCRIPTION NJM3517 is a stepper motor controller/driver, which requires minimum of external components and drive currents up to 500mA. The NJM3517 is suited for applications requiring least-possible RFI. Operating in a bi-level drive mode can increase motor performance; high voltage pulse is applied to the motor winding at the beginning of a step, in order to give a rapid rise of current. s FEATURES * Internal complete driver and phase logic * Continuous-output current 2 x 350mA
NJM3517D2 NJM3517E2
s PACKAGE OUTLINE
* Half- and full-step mode generation * LS-TTL-compatible inputs * Bi-level drive mode for high step rates * Voltage-doubling drive possibilities * Half-step position-indication output * Minimal RFI * Packages DIP16 / EMP16
s BLOCK DIAGRAM
VCC
VSS
NJM3517
POR
RC
Mono F-F
LA
LB
STEP DIR HSM INH OA OB
Phase Logic
PA
PB2
PB
PB1 PA2 PA1
GND
Figure 1. Block diagram
NJM3517
s PIN CONFIGURATIONS
PB2 1 PB1 2 GND 3 PA1 4 P A2 5 DIR 6 STEP 7 OB 8
16 VCC 15 VSS 14 LB
PB2 1 PB1 2 GND 3 PA1 4 P A2 5 DIR 6
16 VCC 15 VSS
NJM 3517D2
13 LA 12 RC 11 INH 10 HSM 9 OA
NJM 3517E2
14 LB 13 LA 12 RC 11 INH 10 HSM 9 OA
STEP 7 OB 8
Fugure 2.Pin configurations
s PIN DESCRIPTION
DIP EMP-pack. Symbol Description
1 2 3 4 5 6 7 8 9 10
1 2 3 4 5 6 7 8 9 10
PB2 PB1 GND PA1 PA2 DIR STEP OB OA HSM
Phase output 2, phase B. Open collector output capable of sinking max 500 mA. Phase output 1, phase B. Open collector output capable of sinking max 500 mA. Ground and negative supply for both VCC and VSS. Phase output 1, phase A. Phase output 2, phase A. Direction input. Determines in which rotational direction steps will be taken. Stepping pulse. One step is generated for each negative edge of the step signal. Zero current half step position indication output for phase B. Zero current half step position indication output for phase A. Half-step mode. Determines whether the motor will be operated in half or full-step mot. When pulled low, one step pulse will correspond to a half step of the motor.
11 12 13 14 15 16
11 12 13 14 15 16
INH RC LA LB VSS VCC
A high level on the inhibit input turns all phase output off. Bi-level pulse timing pin. Pulse time is approximately ton = 0.55 * RT * CT Second level (bi-level) output, phase A. Second level (bi-level) output, Phase B. Second level supply voltage, +10 to +40 V. Logic supply voltage, nominally +5 V.
NJM3517
s FUNCTIONAL DESCRIPTION The circuit, NJM3517, is a high performance motor driver, intended to drive a stepper motor in a unipolar, bi-level way. Bi-level means that during the first time after a phase shift, the voltage across the motor is increased to a second voltage supply, VSS, in order to obtain a more-rapid rise of current, see figure 25. The current starts to rise toward a value which is many times greater than the rated winding current. This compensates for the loss in drive current and loss of torque due to the back emf of the motor. After a short time, tOn, set by the monostable, the bi-level output is switched off and the winding current flows from the VMM supply, which is chosen for rated winding current. How long this time must be to give any increase in performance is determined by VSS voltage and motor data, the L/R time-constant. In a low-voltage system, where high motor performance is needed, it is also possible to double the motor voltage by adding a few external components, see figure 4. The time the circuit applies the higher voltage to the motor is controlled by a monostable flip-flop and determined by the timing components RT and CT. The circuit can also drive a motor in traditional unipolar way. An inhibit input (INH) is used to switch off the current completely. s LOGIC INPUTS All inputs are LS-TTL compatible. If any of the logic inputs are left open, the circuit will accept it as a HIGH level. NJM3517 contains all phase logic necessary to control the motor in a proper way. STEP -- Stepping pulse One step is generated for each negative edge of the STEP signal. In half-step mode, two pulses will be required to move one full step. Notice the set up time, ts, of DIR and HSM signals. These signals must be latched during the negative edge of STEP, see timing diagram, figure 6.
VSS VMM + 5V
+ + +
D3
NJM3517
C5
VSS 15
C3
VCC
C4
D2
D1
VCC
16
R11
PQR
RC 12
R10
CMOS, TTL-LS Input / Output-Device
Mono F-F
13
LA
R9
STEP CW / CCW HALF / FULL STEP NORMAL /INHIBIT (Optional Sensor)
R8
RT CT
STEP DIR HSM INH OA OB 7 6 10 11 9 8
14
LB
MOTOR
Phase Logic
PA
1 PB2 PB1 PA2 PA1
D3-D6
2 5 4
PB
3
GND
GND
D3-D6 are UF 4001 or BYV 27 trr < 100 ns GND (VMM,VSS)
GND (VCC)
Figure 3. Typical application
VMM
+ 5V
+ +
R1 C4
VSS 15
NJM3517
C3
VCC
D1
VCC
16
R10
PQR
Q1
RC 12
CMOS, TTL-LS Input / Output-Device
Mono F-F
13
LA
C1
+
R9
STEP CW / CCW HALF / FULL STEP NORMAL /INHIBIT (Optional Sensor)
R8
RT CT
STEP DIR HSM INH OA OB 7 6 10 11 9 8
14
LB
Q3 R2
Phase Logic
PA
1 PB2 PB1 PA2 PA1
Equal to Phase A R4
1/2 MOTOR R12 Q5 Q6 R13
PB
2 5 4
R5
3 GND
GND
GND (VCC) GND (VMM,VSS)
Figure 4. Voltage doubling with external transistors
NJM3517
DIR -- Direction DIR determines in which direction steps will be taken. Actual direction depends on motor and motor connections. DIR can be changed at any time, but not simultaneously with STEP, see timing diagram, figure 6. HSM determines whether the motor will be controlled in full-step or half-step mode. When pulled low, a steppulse will correspond to a half step of the motor. HSM can be changed at any time, but not simultaneously with STEP, see timing diagram, figure 6. INH -- Inhibit A HIGH level on the INH input,turns off all phase outputs to reduce current consumption. s RESET An internal Power-On Reset circuit connected to Vcc resets the phase logic and inhibits the outputs during power up, to prevent false stepping. s OUTPUT STAGES The output stage consists of four open-collector transistors. The second high-voltage supply contains Darlington transistors. s PHASE OUTPUT The phase outputs are connected directly to the motor as shown in figure 3. s BI-LEVEL TECHNIQUE The bi-level pulse generator consists of two monostables with a common RC network. The internal phase logic generates a trigger pulse every time the phase changes state. The pulse triggers its own monostable which turns on the output transistors for a precise period of time: tOn = 0.55 * CT * RT. See pulse diagrams, figures 7 through 11. s BIPOLAR PHASE LOGIC OUTPUT The OA and OB outputs are generated from the phase logic and inform an external device if the A phase or the B phase current is internally inhibited. These outputs are intended to support if it is legal to correctly go from a halfstep mode to a full-step mode without loosing positional information. The NJM3517 can act as a controller IC for 2 driver ICs, the NJM3770A. Use PA1 and PB1 for phase control, and OA and OB for I0 and I1 control of current turnoff.
NJM3517
s ABSOLUTE MAXIMUM RATINGS
Parameter Pin No. Symbol Min Max Unit
Voltage Logic supply Second suppl Logic input Current Phase output Second-level output Logic input The zero output Temperature Operating junction temperature Storage temperature Power Dissipation (Package Data) Power dissipation at Ta = 25C, DIP package. Note 2. Power dissipation, EMP package. Note 3.
16 15 6, 7, 10, 11
VCC VSS VI IP IL II I Tj TStg PD PD
0 0 -0.3
7 45 6
V V V
1, 2, 4, 5 13, 14 6, 7, 10, 11 8, 9
0 -500 -10 -
500 0 6
mA mA mA mA C C
-40 -55
+150 +150
-
1.6 1.3
W W
s RECOMMENDED OPERATING CONDITIONS
Parameter Symbol Min Typ Max Unit
Logic supply voltage Second-level supply voltage Phase output current Second-level output current Operating junction temperature Set up time Step pulse duration
VCC VSS IP IL TJ ts tp
4.75 10 0 -350 -20 400 800
5 -
5.25 40 350 0 +125 -
V V mA mA C ns ns
ISS
tr VI
tf
ICC
NJM3517
VCC 16 VSS 15 VLCE Sat
HSM or DIR t STEP
POR
RC 12
Mono F-F
13
LA
IL
14 VSS VCC STEP DIR II IIL IIH HSM INH OA VI VIL VIH VOCE Sat 3 OB 7 6 10 11 9 8
LB
ILL
Phase Logic
PA
1 PB2 PB1 PA2 PA1 IP IPL VL
IP
t
PB
2 5 4
VPCE Sat GND VP
ts
tp td
t
Figure 5. Definition of symbols
Figure 6. Timing diagram
NJM3517
s ELECTRICAL CHARACTERISTICS
Electrical characteristics at Tj = +25C, VCC = +5.0 V, VMM = +40 V, VSS = +40 V unless otherwise specified.
Parameter Symbol Conditions Min Typ Max Unit
Supply current Phase outputs Saturation voltage Leakage current Turn on, turn off Second-level outputs Saturation voltage Leakage current On time Logic inputs Voltage level, HIGH Voltage level, LOW Input current, LOW Input current, HIGH Logic outputs Saturation voltage
ICC
INH = LOW INH = HIGH
-500 220 -
45 12 260 2.0 -
60 0.85 500 3 6 2.0 300 0.8 20 0.4
mA mA V A s s V A s V V A A V
VPCE Sat IPL td td VLCE Sat ILL tOn VIH VIL IIL IIH VOCE Sat
IP = 350 mA VP = 0 V +70C +125C IL = -350 mA VL = 0 V (note 4)
VI = 0.4 V VI = 2.4 V IO = 1.6 mA
-400 -
Notes 1. All voltages are with respect to ground. Current are positive into, negative out of specified terminal. 2 Derates at 12,8 mW/C above +25C. 3. Derates at 10.4 mW/C above +25C. 4. RT = 47 k, CT = 10 nF.
NJM3517
s PURPOSE OF EXTERNAL COMPONENTS For figures 3 and 4. Note that "Larger than ..." is normally the vice versa of "Smaller than ... ."
Component Purpose D1, D2 Passes low power to motor and prevents high power from shorting through low power supply Inductive current supressor Value I f = 1A 1N4001, UF4001 Larger than value Increases price Smaller than value Decreases max current capability
D3 ... D6
I f = 1A trr = 100nS e.g. BYV27 UF4001 RGPP10G RGPP30D 2
Increases price
Decreases current turn-off capability Speeds up turnoff time.
Slows down turnoff time. Voltage at anode might exceed voltage breakdown Slows down Q1's turn-on and Q4's turn-off time. Slows down Q1's turn-off and Q4's turn-on time. Decreases ext. transistor IC max. Lowers 3517 power dissipation.
R1
Base drive current limitter
R = 20ohm P = R1
( (
Vmm
R1 + R2 Vmm
) )
Speeds up Q1's turn-on and Q4's turn-off time. Speeds up Q1's turn-off and Q4's turn-on time. Increases ext. transistor IC max. Increases 3517 power dissipation.
R2, R3
Base discharge resistor R = 240ohm 2 P = R1
R1 + R2
R4 ... R7
External transistor base V - be ce mm V - V R= driver V be I4 R12 2 P > (I 4) * R4
()
Check hfe. R8, R9 OA, OB pull-up resistors R = 5kohm @ pull-up voltage = 5V. P= 2 (V CC) R Increases noise sensitivity, worse logic-level definition Increases noise immunity, better logic-level definition.
Less stress on OA, Stress on OA, OB output OB output transistors. transistors Increases motor current.
R10, R11
V Limit max. motor CESat Decreases motor mm-VMotor -V current. Resistors may R = current. I Motor max be omitted. (Check motor specifications first.) Slows down external transistor turn-off time. Lowers 3517 power dissipation
Vbe R12 ... R15 External transistor base R= = 15 discharge. I12 P > Vbe* I12
Speeds up external transistor turn-off time. Increases 3517 power dissipation
RT, CT
Sets L and LB on time R = 47kohm, C = 10nf A when triggered by P < 250mW STEP. Stores the doubling voltage. C = 100 F V 45V C
Increases on time. Decreases on time.
C1, C2
Increases effective Decreases effective on-time on-time during during voltage voltage doubling doubling. Increases price, better filtering, decreases risk of IC breakdown Decreases price, more compact solution.
C3 ... C5
C 10 F Filtering of supplyvoltage ripple and takeup of energy feedback from D3 ... D6
V ,V or V Rated >V cc Increases price mm ss Q1, Q2 Activation transistor of voltage doubling. IC as motor requires. Increases price.
Risk for capacitor breakdown. Decreases max Im during voltage doubling.
Q3, Q4
Charging of voltage doubling capacitor
I C=
(Vmm - Vf -VCE ) * C1
(
1 - 0.55 * RT * CT fStep
)
Q5 ... Q8
Motor current drive transistor.
IC as motor requires. PNP power trans.
Increases max Decreases max current capability. current capability.
NJM3517
DIR INH HSM STEP OB LB PB1 PB2 PA1 PA2 LA OA H L H P L P P P P P P L
DIR INT HSM STEP OB LB PB1 PB2 PA1 PA2 LA OA
L L H P L P P P P P P L
Figure 7. Full-step mode, forward. 4-step sequence. Gray-code Figure 8. Full-step mode, reverse. 4-step sequence. Gray+90 phase shift. code -90 phase shift.
DIR INH HSM STEP OB LB PB1 PB2 PA1 PA2 LA OA H L L P
C
DIR INH HSM STEP OB LB PB1 PB2 PA1 PA2 LA OA
L L L P
C
P P P P P P P P
P P P P P P P P
Figure 9. Half-step mode, forward. 8-step sequence.
DIR INH HSM STEP OB LB PB1 PB2 PA1 PA2 LA OA L H L P
C
Figure 10. Half-step mode, reverse. 8-step sequence.
P P H H H H P P
Figure 11. Half-step mode, inhibit.
s APPLICATIONS INFORMATION Logic inputs If any of the logic inputs are left open, the circuit will treat it as a high-level input. Unused inputs should be connected to proper voltage levels in order to get the highest noise immunity. Phase outputs Phase outputs use a current-sinking method to drive the windings in a unipolar way. A common resistor in the center tap will limit the maximum motor current. Fast free-wheeling diodes must be used to protect output transistors from inductive spikes. Series diodes in VMM supply, prevent VSS voltage from shorting through the VMM power supply. However, these may be omitted if no bi-level is used. The VSS pin must not be connected to a lower voltage than VMM, but can be left unconnected. Zero outputs OA and OB, "zero A" and "zero B," are open-collector outputs, which go high when the corresponding phase output is inhibited by the half-step-mode circuitry. A pull-up resistor should be used and connected to a suitable supply voltage (5 kohms for 5V logic). See "Bipolar phase logic output." Interference To avoid interference problems, a good idea is to route separate ground leads to each power supply, where the only common point is at the NJM3517's GND pin. Decoupling of VSS and VMM will improve performance. A 5 kohm pull-up resistor at logic inputs will improve level definitions, especially when driven by open-collector outputs.
NJM3517
RExt
i
R
VZ
Figure 12. Diode turn-off circuit
Figure 13. Resistance turn-off circuit
Figure 14. Zener diode turn-off circuit
V1
CS
V2
0V Power supply
Figure 15. Power return turn-off circuit
Figure 16. Power return turn-off circuit for bi-level
s INPUT AND OUTPUT SIGNALS FOR DIFFERENT DRIVE MODES The pulse diagrams, figures 7 through 10, show the necessary input signals and the resulting output signals for each drive mode. On the left side are the input and output signals, the next column shows the state of each signal at the cursor position marked "C." STEP is shown with a 50% duty cycle, but can, of course, be with any duty cycle, as long as pulse time (tp) is within specifications. PA and PB are displayed with low level, showing current sinking. LA and LB are displayed with high level, showing current sourcing. s USER HINTS 1. Never disconnect ICs or PC-boards when power is supplied. 2. If second supply is not used, disconnect and leave open VSS, LA, LB, and RC. Preferably replace the VMM supply diodes (D1, D2) with a straight connection. 3. Remember that excessive voltages might be generated by the motor, even though clamping diodes are used. 4. Choice of motor. Choose a motor that is rated for the current you need to establish desired torque. A high supply voltage will gain better stepping performance. If the motor is not specified for the VMM voltage, a current limiting resistor will be necessary to connect in series with center tap. This changes the L/R time constant. 5. Never use LA or LB for continuous output at high currents. LA and LB on-time can be altered by changing the RC net. An alternative is to trigger the mono-flip-flop by taking a STEP and then externally pulling the RC pin (12Pin) low (0V) for the desired on-time. 6. Avoid VMM and VSS power supplies with serial diodes (without filter capacitor) and/or common ground with VCC. The common place for ground should be as close as possible to the IC's ground pin (pin 3).
NJM3517
7. To change actual motor rotation direction, exchange motor connections at PA1 and PA2 (or PB1 and PB2). 8. Half-stepping. in the half-step mode, the power input to the motor alternates between one or two phase windings. In half-step mode, motor resonances are reduced. In a two-phase motor, the electrical phase shift between the windings is 90 degrees. The torque developed is the vector sum of the two windings energized. Therefore, when only one winding is energized, which is the case in half-step mode for every second step, the torque of the motor is reduced by approximately 30%. This causes a torque ripple. 9. Ramping. Every drive system has inertia which must be considered in the drive scheme. The rotor and load inertia plays a big role at higher speeds. Unlike the DC motor, the stepper motor is a synchronous motor and does not change speed due to load variations. Examination of typical stepper motors' torque versus speed curves indicates a sharp torque drop-off for the start-stop without error curve. The reason for this is that the torque requirements increase by the cube of the speed change. As it can be seen, for good motor performance, controlled acceleration and deceleration should be considered. s COMMON FAULT CONDITIONS * VMM supply not connected, or VMM supply not connected through diodes. * The inhibit input not pulled low or floating. Inhibit is active high. * A bipolar motor without a center tap is used. Exchange motor for unipolar version. Connect according to figure 3. * External transistors connected without proper base-current supply resistor. * Insufficient filtering capacitors used. * Current restrictions exceeded. * LA and LB used for continuous output at high currents. Use the RC network to set a proper duty cycle according to specifications, see figures 19 through 24. * A common ground wire is used for all three power supplies. If possible, use separate ground leads for each supply to minimize power interference. s DRIVE CIRCUITS If high performance is to be achieved from a stepper motor, the phase must be energized rapidly when turned on and also de-energize rapidly when turned off. In other words, the phase current must increase/decrease rapidly at phase shift. s PHASE TURN-OFF CONSIDERATIONS When the winding current is turned off the induced high voltage spike will damage the drive circuits if not properly suppressed. Different turn-off circuits are used; e. g. : Diode turn-off circuit (figure 12) -- Slow current decay -- Energy lost mainly in winding resistance -- Potential cooling problems. Resistance T O C (figure 13) -- Somewhat faster current decay -- Energy lost mainly in R-Ext -- Potential cooling problems Zener diode T O C (figure 14) Relatively high VZ gives: -- Relatively fast current decay -- Energy lost mainly in VZ -- Potential cooling problems
NJM3517
s TYPICAL CHARACTERISTICS
VLCE sat [V]
2.5
2.5
Allowable power dissipation [W]
0.5
Output Current [A]
2.0
TA= +25 C
2.0
0.4
TA= +25 C
1.5
1.5
0.3
1.0
1.0
0.2
0,5
0,5
0.1
0
0
0.1
0.2
0.3
0.4
0.5
0
0
50
100
150
0
0
0.2
0.4
0.6
0.8
1.0
IL [A]
Ambient temrature [C]
Output Voltage [V]
Figure 17. Typical second output saturation voltage vs. output current
Output Current [mA]
10
Figure 18. Power dissipation vs. Ambient temrature.
Output Pulse Width [s]
1
Figure 19. Typical phase output saturation voltage vs. output current
Output Pulse Width [s]
1
8
TA= +25 C
TA= +25 C
10 -1
10 -1
10
0%
TA= +25 C
Du 50 %
10 -2
6
10 -3
R
t=
10
M
t= R t= R
0k 10 k 10 1k
10 -2
10
%
tyc
yk
le
10 -3
1%
4
10 -4
10 -4
2
t= R
10 -5
25
%
10 -5
0.
1%
0
0
0.2
0.4
0.6
0.8
1.0
10 -6
0.01
0.1
1
10
100
1000
10 -6
0.001
0.01
0.1
1
10
100
Output Voltage [V]
Ct Capacitance [nF]
fs Step frequency [kHz]
Figure 20. Typical IO vs. VOCE Sat. "Zero output" saturation
Output Current [A]
0.5
Figure 21. Typical tOn vs. CT/RT. Output pulse width vs. capacitance/resistance
Output Current [A]
-0.5
Figure 22.Typical ton vs. fs/dc. Output pulse width vs.step frequency/duty
(IL= 0)
(Ip = 0)
Motor Current [mA]
0.4
TA= +25 C
-0.4
TA= +25 C
Normal
10%
0.3
50%
100%
350
-0.3
Bilevel Bilevel without time limit
0.2
-0.2
0.1
-0.1
0
0
0.2
0.4
0.6
0.8
1.0
0
0
0.2
0.4
0.6
0.8
1.0
tON
Time
Power Dissipation [W]
Power Dissipation [W]
Figure 23. Typical PDP vs. IP. Power dissipation without second-level supply (includes 2 active outputs = FULL STEP)
Figure 24. Typical PDL vs. IL. Power dissipation in the bilevel pulse when raising to the IL value. One active output
Figure 25 . Motor Current IP
NJM3517
Power return T O C for unipolar drive (figure 15) Relatively high VZ gives: -- Relatively fast current decay -- Energy returned to power supply -- Only small energy losses -- Winding leakage flux must be considered -- Potential cooling problems Power return to T O C for bi-level drive (figure 16) -- Very fast current decay -- Energy returned to power supply -- Only small energy losses -- Winding leakage flux must be considered s DIAGRAMS How to use the diagrams: 1. What is the maximum motor current in the application? * The ambient temperature sets the maximum allowable power dissipation in the IC, which relates to the motor currents and the duty cycle of the Bi-level function. For NJM3517, without any measures taken to reduce the chip temperature via heatsinks, the power dissipation vs. temperature follows the curve in figure 18. * Figures 23 and 24 give the relationship between motor currents and their dissipations. The sum of these power dissipations must never exceed the previously-established value, or life expectancy will be drastically shortened. * When no Bi-level or voltage doubling is utilized, the maximum motor current can be found directly in figure 23 . 2. How to choose timing components. * Figure 21 shows the relationship between CT, RT, and tOn. Care must be taken to keep the tOn time short, otherwise the current in the winding will rise to a value many times the rated current, causing an overheated IC or motor. 3. What is the maximum tOn pulse-width at a given frequency? * Figure 22 shows the relationship between duty cycle, pulse width, and step frequency. Check specifications for the valid operating area. 4. Figures 17, 18 and 20 show typical saturation voltages vs. output current levels for different output transistors. 5. Shaded areas represent operating conditions outside the safe operating area.
The specifications on this databook are only given for information , without any guarantee as regards either mistakes or omissions. The application circuits in this databook are described only to show representative usages of the product and not intended for the guarantee or permission of any right including the industrial rights.


▲Up To Search▲   

 
Price & Availability of NJM3517

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X