Part Number Hot Search : 
NMC27C64 MPX906 AUIRF7 R7222407 C1921P UG1001 TR0017 TC114E
Product Description
Full Text Search
 

To Download NC7WZ16P6X Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NC7WZ16 TinyLogic UHS Dual Buffer
March 1999 Revised May 2003
NC7WZ16 TinyLogic UHS Dual Buffer
General Description
The NC7WZ16 is a dual buffer from Fairchild's Ultra High Speed Series of TinyLogic in the space saving SC70 6lead package. The device is fabricated with advanced CMOS technology to achieve ultra high speed with high output drive while maintaining low static power dissipation over a very broad VCC operating range. The device is specified to operate over the 1.65V to 5.5V VCC range. The inputs and outputs are high impedance when VCC is 0V. Inputs tolerate voltages up to 7V independent of VCC operating voltage.
Features
s Space saving SC70 6-lead package s Ultra small MicroPak leadless package s Ultra High Speed: tPD 2.4 ns Typ into 50 pF at 5V VCC s High Output Drive: 24 mA at 3V VCC s Broad VCC Operating Range: 1.65V to 5.5V s Matches the performance of LCX when operated at 3.3V VCC s Power down high impedance inputs/outputs s Overvoltage tolerant inputs facilitate 5V to 3V translation s Patented noise/EMI reduction circuitry implemented
Ordering Code:
Order Number NC7WZ16P6X NC7WZ16L6X Package Number MAA06A MAC06A Product Code Top Mark Z16 C7 Package Description 6-Lead SC70, EIAJ SC88, 1.25mm Wide 6-Lead MicroPak, 1.0mm Wide Supplied As 3k Units on Tape and Reel 5k Units on Tape and Reel
Logic Symbol
IEEE/IEC
Connection Diagrams
Pin Assignments for SC70
Pin Descriptions
Pin Names A1 , A2 Y1 , Y2 Description Data Inputs Output
(Top View) Pin One Orientation Diagram
Function Table
Y=A Input A L H
H = HIGH Logic Level L = LOW Logic Level
AAA represents Product Code Top Mark - see ordering code Note: Orientation of Top Mark determines Pin One location. Read the top product code mark left to right, Pin One is the lower left pin (see diagram).
Output Y L H Pad Assignments for MicroPak
(Top Thru View)
TinyLogic is a registered trademark of Fairchild Semiconductor Corporation. MicroPak is a trademark of Fairchild Semiconductor Corporation.
(c) 2003 Fairchild Semiconductor Corporation
DS500216
www.fairchildsemi.com
NC7WZ16
Absolute Maximum Ratings(Note 1)
Supply Voltage (VCC ) DC Input Voltage (VIN) DC Output Voltage (VOUT) DC Input Diode Current (IIK) VIN < 0V DC Output Diode Current (IOK) VOUT < 0V DC Output Source/Sink Current (IOUT) DC VCC/GND Current (ICC/IGND) Storage Temperature (TSTG) Junction Temperature under Bias (TJ) Junction Lead Temperature (TL) (Soldering, 10 seconds) Power Dissipation (PD) @ +85C 260C 180 mW
-0.5V to +7.0V -0.5V to +7.0V -0.5V to +7.0V -50 mA -50 mA 50 mA 100 mA -65C to +150C
150C
Recommended Operating Conditions (Note 2)
Supply Voltage Operating (VCC) Data Retention Input Voltage (VIN) Output Voltage (VOUT) Input Rise and Fall Time (tr, tf) VCC = 1.8V, 2.5V 0.2V VCC = 3.3V 0.3V VCC = 5.5V 0.5V Operating Temperature (TA) Thermal Resistance (JA) 0 to 20 ns/V 0 to 10 ns/V 0 to 5 ns/V 1.65V to 5.5V 1.5V to 5.5V 0V to 5.5V 0V to VCC
-40C to +85C
350C/W
Note 1: Absolute maximum ratings are DC values beyond which the device may be damaged or have its useful life impaired. The datasheet specifications should be met, without exception, to ensure that the system design is reliable over its power supply, temperature, and output/input loading variables. Fairchild does not recommend operation outside datasheet specifications. Note 2: Unused inputs must be held HIGH or LOW. They may not float.
DC Electrical Characteristics
Symbol VIH VIL Parameter HIGH Level Control Input Voltage LOW Level Control Input Voltage VOH HIGH Level Control Output Voltage VCC (V) 2.3 to 5.5 1.65 to 1.95 2.3 to 5.5 1.65 1.8 2.3 3.0 4.5 1.65 2.3 3.0 3.0 4.5 1.65 VOL LOW Level Control Output Voltage 1.8 2.3 3.0 4.5 1.65 2.3 3.0 3.0 4.5 IIN IOFF ICC Input Leakage Current Power Off Leakage Current Quiescent Supply Current 0 to 5.5 0.0 1.65 to 5.5 1.55 1.7 2.2 2.9 4.4 1.29 1.9 2.4 2.3 3.8 1.65 1.8 2.3 3.0 4.5 1.52 2.14 2.75 2.62 4.13 0.0 0.0 0.0 0.0 0.0 0.08 0.10 0.16 0.24 0.25 0.1 0.1 0.1 0.1 0.1 0.24 0.3 0.4 0.55 0.55 0.1 1.0 1.0 Min 0.7 VCC 0.25 VCC 0.3 VCC 1.55 1.7 2.2 2.9 4.4 1.21 1.9 2.4 2.3 3.8 0.1 0.1 0.1 0.1 0.1 0.24 0.3 0.4 0.55 0.55 1.0 10 10 A A A V VIN = VIL IOL = 4 mA IOL = 8 mA IOL = 16 mA IOL = 24 mA IOL = 32 mA 0 VIN 5.5V VIN or VOUT = 5.5V VIN = 5.5V, GND IOL = 100 A V VIN = VIH IOH = -4 mA IOH = -8 mA IOH = -16 mA IOH = -24 mA IOH = -32 mA IOH = -100 A 1.65 to 1.95 0.75 VCC TA = +25C Typ Max TA = -40C to +85C Min 0.75 VCC 0.7 VCC 0.25 VCC 0.3 VCC Max V V Units Conditions
www.fairchildsemi.com
2
NC7WZ16
AC Electrical Characteristics
Symbol tPLH tPHL Parameter Propagation Delay VCC (V) 1.65 1.8 2.5 0.2 3.3 0.3 5.0 0.5 tPLH tPHL CIN CPD Input Capacitance Power Dissipation Capacitance Propagation Delay 3.3 0.3 5.0 0.5 0 3.3 5.0 Min 1.8 1.8 1.0 0.8 0.5 1.2 0.8 TA = +25C Typ 5.5 4.6 3.0 2.3 1.8 3.0 2.4 2.5 10 12 Max 9.6 8.0 5.2 3.6 2.9 4.6 3.8 TA = -40C to +85C Min 1.8 1.8 1.0 0.8 0.5 1.2 0.8 Max 10.6 8.8 5.8 4.0 3.2 5.1 4.2 ns pF pF (Note 3) Figure 2 CL = 50 pF, RL = 500 Figures 1, 3 ns CL = 15 pF, RL = 1 M Figures 1, 3 Units Conditions Figure Number
Note 3: CPD is defined as the value of the internal equivalent capacitance which is derived from dynamic operating current consumption (ICCD) at no output loading and operating at 50% duty cycle. (See Figure 2.) CPD is related to ICCD dynamic operating current by the expression: ICCD = (C PD)(VCC)(fIN) + (ICCstatic).
AC Loading and Waveforms
CL includes load and stray capacitance Input PRR = 1.0 MHz; tW = 500 ns
FIGURE 1. AC Test Circuit
Input = AC Waveform; tr = tf = 1.8 ns; PRR = 10 MHz; Duty Cycle = 50%
FIGURE 3. AC Waveforms
FIGURE 2. ICCD Test Circuit
3
www.fairchildsemi.com
NC7WZ16
Tape and Reel Specification
TAPE FORMAT for SC70 Package Designator P6X Tape Section Leader (Start End) Carrier Trailer (Hub End) TAPE DIMENSIONS inches (millimeters) Number Cavities 125 (typ) 3000 75 (typ) Cavity Status Empty Filled Empty Cover Tape Status Sealed Sealed Sealed
Package SC70-6
Tape Size 8 mm
DIM A 0.093 (2.35)
DIM B 0.096 (2.45)
DIM F (3.5 0.10)
DIM Ko (1.35 0.10)
DIM P1 0.157 (4)
DIM W 0.315 0.004 (8 0.1)
0.138 0.004 0.053 0.004
www.fairchildsemi.com
4
NC7WZ16
Tape and Reel Specification
TAPE FORMAT for MicroPak Package Designator L6X Tape Section Leader (Start End) Carrier Trailer (Hub End)
(Continued) Number Cavities 125 (typ) 5000 75 (typ) Cavity Status Empty Filled Empty Cover Tape Status Sealed Sealed Sealed
REEL DIMENSIONS inches (millimeters)
Tape Size 8 mm
A 7.0 (177.8)
B 0.059 (1.50)
C 0.512 (13.00)
D 0.795 (20.20)
N 2.165 (55.00)
W1 0.331 + 0.059/-0.000 (8.40 + 1.50/-0.00)
W2 0.567 (14.40)
W3 W1 + 0.078/-0.039 (W1 + 2.00/-1.00)
5
www.fairchildsemi.com
NC7WZ16
Physical Dimensions inches (millimeters) unless otherwise noted
6-Lead SC70, EIAJ SC88, 1.25mm Wide Package Number MAA06A
www.fairchildsemi.com
6
NC7WZ16 TinyLogic UHS Dual Buffer
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
6-Lead MicroPak, 1.0mm Wide Package Number MAC06A
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. 7 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. www.fairchildsemi.com
www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of NC7WZ16P6X

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X