![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
MUR1540, MUR1560, RURP1540, RURP1560 Data Sheet January 2000 File Number 2778.4 15A, 400V - 600V Ultrafast Diodes The MUR1540, MUR1560, RURP1540, and RURP1560 are ultrafast diodes (trr < 55ns) with soft recovery characteristics. They have a low forward voltage drop and are of planar, silicon nitride passivated, ion-implanted, epitaxial construction. These devices are intended for use as energy steering/clamping diodes and rectifiers in a variety of switching power supplies and other power switching applications. Their low stored charge and ultrafast recovery with soft recovery characteristics minimizes ringing and electrical noise in many power switching circuits, thus reducing power loss in the switching transistor. Formerly developmental type TA09905. Features * Ultrafast with Soft Recovery . . . . . . . . . . . . . . . . . . <55ns * Operating Temperature. . . . . . . . . . . . . . . . . . . . . . .175oC * Reverse Voltage Up to . . . . . . . . . . . . . . . . . . . . . . . .600V * Avalanche Energy Rated * Planar Construction Applications * Switching Power Supply * Power Switching Circuits * General Purpose Ordering Information PART NUMBER MUR1540 RURP1540 MUR1560 RURP1560 PACKAGE TO-220AC TO-220AC TO-220AC TO-220AC BRAND MUR1540 RURP1540 MUR1560 RURP1560 Packaging JEDEC TO-220AC ANODE CATHODE CATHODE (FLANGE) NOTE: When ordering, use the entire part number Symbol K A Absolute Maximum Ratings TC = 25oC, Unless Otherwise Specified MUR1540 RURP1540 MUR1560 RURP1560 600 600 600 15 30 200 100 20 -55 to 175 UNITS V V V A A A W mJ oC Peak Repetitive Reverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VRRM Working Peak Reverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VRWM DC Blocking Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VR Average Rectified Forward Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IF(AV) (TC = 145oC) Repetitive Peak Surge Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IFRM (Square Wave 20kHz) Nonrepetitive Peak Surge Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IFSM (Halfwave 1 Phase 60Hz) Maximum Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . PD Avalanche Energy (See Figures 7 and 8) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . EAVL Operating and Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TSTG, TJ 400 400 400 15 30 200 100 20 -55 to 175 1 1-888-INTERSIL or 321-724-7143 | Copyright (c) Intersil Corporation 2000 MUR1540, MUR1560, RURP1540, RURP1560 Electrical Specifications TC = 25oC, Unless Otherwise Specified MUR1540, RURP1540 SYMBOL VF TEST CONDITION IF = 15A IF = 15A, TC = 150oC IR VR = 400V VR = 600V VR = 400V, TC = 150oC VR = 600V, TC = 150oC trr IF = 1A, dIF/dt = 100A/s IF = 15A, dIF/dt = 100A/s ta tb RJC DEFINITIONS VF = Instantaneous forward voltage (pw = 300s, D = 2%). IR = Instantaneous reverse current. trr = Reverse recovery time at dIF/dt = 100A/s (See Figure 6), summation of ta + tb. ta = Time to reach peak reverse current at dIF/dt = 100A/s (See Figure 6). tb = Time from peak IRM to projected zero crossing of IRM based on a straight line from peak IRM through 25% of IRM (See Figure 6). RJC = Thermal resistance junction to case. pw = pulse width. D = duty cycle. IF = 15A, dIF/dt = 100A/s IF = 15A, dIF/dt = 100A/s MIN TYP 30 17 MAX 1.25 1.12 100 500 55 60 1.5 MUR1560, RURP1560 MIN TYP 30 20 MAX 1.5 1.2 100 500 55 60 1.5 UNITS V V A A A A ns ns ns ns oC/W Typical Performance Curves 80 IR, REVERSE CURRENT (A) 500 100 IF, FORWARD CURRENT (A) 175oC 10 10 175oC 100oC 25oC 1.0 100oC 0.1 0.01 25oC 1 0 0.5 1.0 VF, FORWARD VOLTAGE (V) 1.5 2.0 0.001 0 100 200 300 400 500 600 VR, REVERSE VOLTAGE (V) FIGURE 1. FORWARD CURRENT vs FORWARD VOLTAGE FIGURE 2. REVERSE CURRENT vs REVERSE VOLTAGE 2 MUR1540, MUR1560, RURP1540, RURP1560 Typical Performance Curves 60 50 40 t, TIME (ns) 30 ta 20 10 0 1 IF, FORWARD CURRENT (A) 10 20 tb (Continued) IF(AV), AVERAGE FORWARD CURRENT (A) 16 14 DC 12 10 8 6 4 2 0 120 SQ. WAVE trr 130 140 150 160 170 180 TC, CASE TEMPERATURE (oC) FIGURE 3. trr, ta AND tb CURVES vs FORWARD CURRENT FIGURE 4. CURRENT DERATING CURVE Test Circuits and Waveforms VGE AMPLITUDE AND RG CONTROL dIF/dt t1 AND t2 CONTROL IF L DUT RG VGE t1 t2 CURRENT SENSE + VDD 0 IF dIF dt ta trr tb IGBT - 0.25 IRM IRM FIGURE 5. trr TEST CIRCUIT I = 1A L = 40mH R < 0.1 EAVL = 1/2LI2 [VR(AVL) /(VR(AVL) - VDD)] Q1 = IGBT (BVCES > DUT VR(AVL)) L CURRENT SENSE Q1 VDD DUT R + VDD IV FIGURE 6. trr WAVEFORMS AND DEFINITIONS VAVL IL IL t0 t1 t2 t FIGURE 7. AVALANCHE ENERGY TEST CIRCUIT FIGURE 8. AVALANCHE CURRENT AND VOLTAGE WAVEFORMS All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification. Intersil semiconductor products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries. For information regarding Intersil Corporation and its products, see web site www.intersil.com 3 |
Price & Availability of MUR1560
![]() |