Part Number Hot Search : 
MBR20100 R5F212K NJM2155 06N90E 02000 IDT79R3 PM40AN TLE49
Product Description
Full Text Search
 

To Download ML4826IP-2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 June 1997
ML4826* PFC and Dual Output PWM Controller Combo
GENERAL DESCRIPTION
The ML4826 is a high power controller for power factor corrected, switched mode power supplies. PFC allows the use of smaller, lower cost bulk capacitors, reduces power line loading and stress on the switching FETs, and results in a power supply that fully complies with IEC1000-3-2 specifications. The ML4826 includes circuits for the implementation of a leading edge, average current "boost" type power factor correction and a trailing edge, pulse width modulator (PWM) with dual totem-pole outputs. The device is available in two versions; the ML4826-1 (fPWM = fPFC) and the ML4826-2 (fPWM = 2 x fPFC). Doubling the switching frequency of the PWM allows the user to design with smaller output components while maintaining the optimum operating frequency for the PFC. An over-voltage comparator shuts down the PFC section in the event of a sudden decrease in load. The PFC section also includes peak current limiting and input voltage brown-out protection. The PWM section can be operated in current or voltage mode at up to 250kHz and includes a duty cycle limit to prevent transformer saturation.
FEATURES
s s s
Internally synchronized PFC and PWM in one IC Low total harmonic distortion Reduced ripple current in the storage capacitor between the PFC and PWM sections Average current, continuous boost, leading edge PFC High efficiency trailing edge PWM with dual totem-pole outputs Average line voltage compensation with brown-out control PFC overvoltage comparator eliminates output "runaway" due to load removal Current-fed multiplier for improved noise immunity Overvoltage protection, UVLO, and soft start
s s
s
s
s s
BLOCK DIAGRAM
20 VEAO VFB 19 2.5V IAC 2 VRMS 4 ISENSE 3 RAMP 1 8 RTCT 7 RAMP 2 9 8V VDC 6 VCC SS 5 8V DC ILIMIT 10 50A 1.5V
+ + + + -
* This Part Is End Of Life As Of August 1, 2000
1 AGND IEAO POWER FACTOR CORRECTOR OVP 3.5k
+
11
17 VCCZ 13.5V VCC 7.5V REFERENCE S -1V
+ -
VEA
IEA 2.7V
+ -
VREF 18
Q Q PFC OUT Q Q 15
GAIN MODULATOR 3.5k
8V
R S R
PFC ILIMIT
OSCILLATOR (-2 VERSION ONLY) x2 DUTY CYCLE LIMIT S T Q PWM 2 Q PGND S VFB 2.5V
+
VCC2 16 14
Q Q
VIN OK 1V
+
VCC2 PWM 1 13 PGND 12
R DC ILIMIT
PULSE WIDTH MODULATOR
VCCZ
UVLO
1
ML4826
PIN CONFIGURATION
ML4826 20-Pin PDIP (P20) 20-Pin SOIC (S20)
IEAO IAC ISENSE VRMS SS VDC RTCT RAMP 1 RAMP 2 1 2 3 4 5 6 7 8 9 20 19 18 17 16 15 14 13 12 11 VEAO VFB VREF VCC2 VCC1 PFC OUT PWM 1 PWM 2 PGND AGND
DC ILIMIT 10
TOP VIEW
PIN DESCRIPTION
PIN NAME FUNCTION PIN NAME FUNCTION
1 2 3 4 5 6 7 8 9
IEAO IAC ISENSE VRMS SS VDC RTCT RAMP 1 RAMP 2
PFC transconductance current error amplifier output PFC gain control reference input Current sense input to the PFC current limit comparator Input for PFC RMS line voltage compensation Connection point for the PWM soft start capacitor PWM voltage feedback input Connection for oscillator frequency setting components PFC ramp input
11 12 13 14 15 16 17 18 19
AGND PGND PWM 2 PWM 1 PFC OUT VCC2 VCC1 VREF VFB VEAO
Analog signal ground Return for the PWM totem-pole outputs PWM driver 2 output PWM drive 1 output PFC driver output Positive supply for the PWM drive outputs Positive supply (connected to an internal shunt regulator). Buffered output for the internal 7.5V reference PFC transconductance voltage error amplifier input PFC transconductance voltage error amplifier output
When in current mode, this pin functions as the current sense input; when in voltage mode, it is the PWM input from the PFC output (feedforward ramp) PWM current limit comparator input
20
10
DC ILIMIT
2
ML4826
ABSOLUTE MAXIMUM RATINGS
Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied. VCC Shunt Regulator Current .................................. 55mA ISENSE Voltage ................................................... -3V to 5V Voltage on Any Other Pin .... GND - 0.3V to VCCZ + 0.3V IREF ........................................................................................... 20mA IAC Input Current .................................................... 10mA Peak PFC OUT Current, Source or Sink ................ 500mA Peak PWM OUT Current, Source or Sink ............. 500mA PFC OUT, PWM 1, PWM 2 Energy Per Cycle .......... 1.5mJ Junction Temperature .............................................. 150C Storage Temperature Range ......................-65C to 150C Lead Temperature (Soldering, 10 sec) ..................... 260C Thermal Resistance (JA ) Plastic DIP ....................................................... 67C/W Plastic SOIC ..................................................... 95C/W
OPERATING CONDITIONS
Temperature Range ML4826CX ................................................ 0C to 70C ML4826IX .............................................. -40C to 85C
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, ICC = 25mA, RRAMP 1 = RT = 52.3k, CRAMP1 = CT = 180pF, TA = Operating Temperature Range (Note 1)
SYMBOL PARAMETER CONDITIONS MIN TYP MAX UNITS VOLTAGE ERROR AMPLIFIER Input Voltage Range Transconductance Feedback Reference Voltage Input Bias Current Output High Voltage Output Low Voltage Source Current Sink Current Open Loop Gain Power Supply Rejection Ratio CURRENT ERROR AMPLIFIER Input Voltage Range Transconductance Input Offset Voltage Input Bias Current Output High Voltage Output Low Voltage Source Current Sink Current Open Loop Gain Power Supply Rejection Ratio VCCZ - 3V < VCC < VCCZ - 0.5V VIN = 0.5V, VOUT = 6V VIN = 0.5V, VOUT = 1.5V -40 40 60 60 6.0 VNON INV = VINV, VEAO = 3.75V -1.5 130 195 3 -0.5 6.7 0.6 -90 90 75 75 1.0 2 310 15 -1.0 V VCCZ - 3V < VCC < VCCZ - 0.5V VIN = 0.5V, VOUT = 6V VIN = 0.5V, VOUT = 1.5V -40 40 60 60 Note 2 6.0 VNON INV = VINV, VEAO = 3.75V 0 50 2.4 85 2.5 -0.3 6.7 0.6 -80 80 75 75 1.0 7 120 2.6 -1.0 V
V A V V A A dB dB
mV A V V A A dB dB
3
ML4826
ELECTRICAL CHARACTERISTICS (Continued)
SYMBOL OVP COMPARATOR Threshold Voltage Hysteresis PFC ILIMIT COMPARATOR Threshold Voltage (PFC ILIMIT - Gain Modulator Output) Delay to Output DC ILIMIT COMPARATOR Threshold Voltage Input Bias Current Delay to Output VIN OK COMPARATOR Threshold Voltage Hysteresis GAIN MODULATOR Gain (Note 3) IAC = 100A, VRMS = VFB = 0V IAC = 50A, VRMS = 1.2V, VFB = 0V IAC = 50A, VRMS = 1.8V, VFB = 0V IAC = 100A, VRMS = 3.3V, VFB = 0V Bandwidth Output Voltage OSCILLATOR Initial Accuracy Voltage Stability Temperature Stability Total Variation Ramp Valley to Peak Voltage Dead Time PFC Only -1 Suffix -2 Suffix CT Discharge Current RAMP 1 Discharge Current REFERENCE Output Voltage Line Regulation Load Regulation Total Variation Long Term Stability TA = 25C, I(VREF) = 1mA VCCZ - 3V < VCC < VCCZ - 0.5V 1mA < I(VREF) < 20mA Line, Load, Temp TJ = 125C, 1000 Hours 7.25 5 7.4 7.5 2 7 7.6 10 20 7.65 25 V mV mV V mV VRAMP 1 = 0V, V(RTCT) = 2.5V 125 250 4.5 Line, Temp 170 2.5 310 500 7.5 5 9.5 TA = 25C VCCZ - 3V < VCC < VCCZ - 0.5V 180 190 1 2 210 200 kHz % % kHz V ns ns mA mA IAC = 100A IAC = 250A, VRMS = 1.15V, VFB = 0V 0.72 0.36 1.20 0.55 0.14 0.55 1.80 0.80 0.20 10 0.82 0.95 0.66 2.24 1.01 0.26 MHz V 2.4 0.8 2.5 1.0 2.6 1.2 V V 0.9 1.0 0.3 150 1.1 1 300 V A ns -0.8 100 -1.0 190 150 300 -1.15 V mV ns 2.6 80 2.7 115 2.8 150 V mV PARAMETER CONDITIONS MIN TYP MAX UNITS
4
ML4826
ELECTRICAL CHARACTERISTICS (Continued)
SYMBOL PFC Minimum Duty Cycle ML4826-1, VIEAO > 4.0V ML4826-2, VIEAO > 5.7V Maximum Duty Cycle Output Low Voltage VIEAO < 1.2V IOUT = -20mA IOUT = -50mA IOUT = 10mA, VCC = 8V Output High Voltage IOUT = 20mA IOUT = 50mA Rise/Fall Time PWM Duty Cycle Range Output Low Voltage IOUT = -20mA IOUT = -50mA IOUT = 10mA, VCC = 8V Output High Voltage IOUT = 20mA IOUT = 50mA Rise/Fall Time SUPPLY Shunt Regulator Voltage (VCCZ) VCCZ Load Regulation VCCZ Total Variation Start-up Current Operating Current Undervoltage Lockout Threshold Undervoltage Lockout Hysteresis
Note 1: Limits are guaranteed by 100% testing, sampling, or correlation with worst-case test conditions. Note 2: Includes all bias currents to other circuits connected to the VFB pin. Note 3: Gain = K x 5.3V; K = (IGAINMOD - I OFFSET) x I AC x (VEAO - 1.5V)-1.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
0 0 90 95 0.4 0.6 0.7 9.5 9.0 10.5 10 50 0.8 3.0 1.5
% % % V V V V V ns
CL = 1000pF
0-47
0-48 0.4 0.6 0.7
0-50 0.8 3.0 1.5
% V V V V V ns
9.5 9.0
10.5 10 50
CL = 1000pF
12.8 25mA < ICC < 55mA Load, temp VCC = 11.2V, CL = 0 VCC < VCCZ - 0.5V, CL = 0 12 2.65 12.4
13.5 150
14.2 300 14.6
V mV V mA mA V V
0.7 22 13 3.0
1.1 28 14 3.35
5
ML4826
TYPICAL PERFORMANCE CHARACTERISTICS
250 250
200
200 Transconductance ( )
Transconductance ( )
Voltage Error Amplifier (VEA) Transconductance (gm)
400
Variable Gain Block Constant - K
150 100 50 0 0 1 2 VFB (V) 3 4 5 300 200 100 0 0 1 2 3 VRMS (mV) 20 VEAO VFB 19 2.5V IAC 2 VRMS 4 ISENSE 3 RAMP 1 8 RTCT 7 OSCILLATOR x2 GAIN MODULATOR 3.5k
+ + -
150
100
50
0 -500
0 IEA Input Voltage (mV)
500
Current Error Amplifier (IEA) Transconductance (gm)
4
5
Variable Gain Control Transfer Characteristic
1 IEAO OVP 3.5k
+
17 VCCZ 13.5V VCC 7.5V REFERENCE S -1V
+ -
VEA
IEA 2.7V
+ -
VREF 18
Q Q PFC OUT Q Q 15
8V
R S R
PFC ILIMIT
VCCZ
UVLO
Figure 1. PFC Section Block Diagram.
6
ML4826
FUNCTIONAL DESCRIPTION
The ML4826 consists of an average current controlled, continuous boost Power Factor Corrector (PFC) front end and a synchronized Pulse Width Modulator (PWM) back end. The PWM can be used in either current or voltage mode. In voltage mode, feedforward from the PFC output buss can be used to improve the PWM's line regulation. In either mode, the PWM stage uses conventional trailingedge duty cycle modulation, while the PFC uses leadingedge modulation. This patented leading/trailing edge modulation technique results in a higher useable PFC error amplifier bandwidth, and can significantly reduce the size of the PFC DC buss capacitor. The synchronization of the PWM with the PFC simplifies the PWM compensation due to the controlled ripple on the PFC output capacitor (the PWM input capacitor). The PWM section of the ML4826-1 runs at the same frequency as the PFC. The PWM section of the ML4826-2 runs at twice the frequency of the PFC, which allows the use of smaller PWM output magnetics and filter capacitors while holding down the losses in the PFC stage power components. In addition to power factor correction, a number of protection features have been built into the ML4826. These include soft-start, PFC over-voltage protection, peak current limiting, brown-out protection, duty cycle limit, and under-voltage lockout. POWER FACTOR CORRECTION PFC SECTION Power factor correction makes a non-linear load look like a resistive load to the AC line. For a resistor, the current drawn from the line is in phase with, and proportional to, the line voltage, so the power factor is unity (one). A common class of non-linear load is the input of a most power supplies, which use a bridge rectifier and capacitive input filter fed from the line. The peak-charging effect which occurs on the input filter capacitor in such a supply causes brief high-amplitude pulses of current to flow from the power line, rather than a sinusoidal current in phase with the line voltage. Such a supply presents a power factor to the line of less than one (another way to state this is that it causes significant current harmonics to appear at its input). If the input current drawn by such a supply (or any other non-linear load) can be made to follow the input voltage in instantaneous amplitude, it will appear resistive to the AC line and a unity power factor will be achieved. To hold the input current draw of a device drawing power from the AC line in phase with, and proportional to, the input voltage, a way must be found to prevent that device from loading the line except in proportion to the instantaneous line voltage. The PFC section of the ML4826 uses a boost-mode DC-DC converter to accomplish this. The input to the converter is the full wave rectified AC line voltage. No filtering is applied following the bridge rectifier, so the input voltage to the boost converter ranges, at twice line frequency, from zero volts to the peak value of the AC input and back to zero. By forcing the boost converter to meet two simultaneous Gain Modulator Figure 1 shows a block diagram of the PFC section of the ML4826. The gain modulator is the heart of the PFC, as it is this circuit block which controls the response of the current loop to line voltage waveform and frequency, rms line voltage, and PFC output voltage. There are three inputs to the gain modulator. These are: 1) A current representing the instantaneous input voltage (amplitude and waveshape) to the PFC. The rectified AC input sine wave is converted to a proportional current via a resistor and is then fed into the gain modulator at IAC . Sampling current in this way minimizes ground noise, as is required in high power switching power conversion environments. The gain modulator responds linearly to this current. 2) A voltage proportional to the long-term rms AC line voltage, derived from the rectified line voltage after scaling and filtering. This signal is presented to the gain modulator at VRMS. The gain modulator's output is inversely proportional to VRMS2 (except at unusually low values of V RMS where special gain contouring takes over to limit power dissipation of the circuit components under heavy brown-out conditions). The relationship between VRMS and gain is designated as K, and is illustrated in the Typical Performance Characteristics. conditions, it is possible to ensure that the current which the converter draws from the power line agrees with the instantaneous line voltage. One of these conditions is that the output voltage of the boost converter must be set higher than the peak value of the line voltage. A commonly used value is 385VDC, to allow for a high line of 270VACrms. The other condition is that the current which the converter is allowed to draw from the line at any given instant must be proportional to the line voltage. The first of these requirements is satisfied by establishing a suitable voltage control loop for the converter, which in turn drives a current error amplifier and switching output driver. The second requirement is met by using the rectified AC line voltage to modulate the output of the voltage control loop. Such modulation causes the current error amplifier to command a power stage current which varies directly with the input voltage. In order to prevent ripple which will necessarily appear at the output of the boost circuit (typically about 10VAC on a 385V DC level) from introducing distortion back through the voltage error amplifier, the bandwidth of the voltage loop is deliberately kept low. A final refinement is to adjust the overall gain of the PFC such to be proportional to 1/VIN2, which linearizes the transfer function of the system as the AC input voltage varies. Since the boost converter topology in the ML4826 PFC is of the current-averaging type, no slope compensation is required.
7
ML4826
FUNCTIONAL DESCRIPTION (Continued)
3) The output of the voltage error amplifier, VEAO. The gain modulator responds linearly to variations in this voltage. The output of the gain modulator is a current signal, in the form of a full wave rectified sinusoid at twice the line frequency. This current is applied to the virtual-ground (negative) input of the current error amplifier. In this way the gain modulator forms the reference for the current error loop, and ultimately controls the instantaneous current draw of the PFC from the power line. The general form for the output of the gain modulator is: IGAINMOD IAC x VEAO
2 VRMS
PFC OUTPUT VEAO VFB 19 2.5V IAC 2 VRMS 4 ISENSE 3 GAIN MODULATOR
+ + +
VREF
20 AGND
11 IEAO
1
VEA
IEA
x 1V
More exactly, the output current of the gain modulator is given by: IGAINMOD K x VEAO - 1.5V x IAC where K is in units of V-1. Note that the output current of the gain modulator is limited to 200A. Current Error Amplifier The current error amplifier's output controls the PFC duty cycle to keep the current through the boost inductor a linear function of the line voltage. At the inverting input to the current error amplifier, the output current of the gain modulator is summed with a current which results from a negative voltage being impressed upon the ISENSE pin (current into ISENSE VSENSE/3.5k). The negative voltage on ISENSE represents the sum of all currents flowing in the PFC circuit, and is typically derived from a current sense resistor in series with the negative terminal of the input bridge rectifier. In higher power applications, two current transformers are sometimes used, one to monitor the ID of the boost MOSFET(s) and one to monitor the IF of the boost diode. As stated above, the inverting input of the current error amplifier is a virtual ground. Given this fact, and the arrangement of the duty cycle modulator polarities internal to the PFC, an increase in positive current from the gain modulator will cause the output stage to increase its duty cycle until the voltage on ISENSE is adequately negative to cancel this increased current. Similarly, if the gain modulator's output decreases, the output duty cycle will decrease, to achieve a less negative voltage on the ISENSE pin. There is a modest degree of gain contouring applied to the transfer characteristic of the current error amplifier, to increase its speed of response to current-loop perturbations. However, the boost inductor will usually be
(
)
(1)
Figure 2. Compensation Network Connections for the Voltage and Current Error Amplifiers
the dominant factor in overall current loop response. Therefore, this contouring is significantly less marked than that of the voltage error amplifier. This is illustrated in the Typical Performance Characteristics. Cycle-By-Cycle Current Limiter The ISENSE pin, as well as being a part of the current feedback loop, is a direct input to the cycle-by-cycle current limiter for the PFC section. Should the input voltage at this pin ever be more negative than -1V, the output of the PFC will be disabled until the protection flip-flop is reset by the clock pulse at the start of the next PFC power cycle. Overvoltage Protection The OVP comparator serves to protect the power circuit from being subjected to excessive voltages if the load should suddenly change. A resistor divider from the high voltage DC output of the PFC is fed to VFB. When the voltage on VFB exceeds 2.7V, the PFC output driver is shut down. The PWM section will continue to operate. The OVP comparator has 125mV of hysteresis, and the PFC will not restart until the voltage at VFB drops below 2.58V. The VFB should be set at a level where the active and passive external power components and the ML4826 are within their safe operating voltages, but not so low as to interfere with the boost voltage regulation loop.
8
ML4826
FUNCTIONAL DESCRIPTION (Continued)
Error Amplifier Compensation The PWM loading of the PFC can be modeled as a negative resistor; an increase in input voltage to the PWM causes a decrease in the input current. This response dictates the proper compensation of the two transconductance error amplifiers. Figure 3 shows the types of compensation networks most commonly used for the voltage and current error amplifiers, along with their respective return points. The current loop compensation is returned to VREF to produce a soft-start characteristic on the PFC: as the reference voltage comes up from zero volts, it creates a differentiated voltage on IEAO which prevents the PFC from immediately demanding a full duty cycle on its boost converter. There are two major concerns when compensating the voltage loop error amplifier; stability and transient response. Optimizing interaction between transient response and stability requires that the error amplifier's open-loop crossover frequency should be 1/2 that of the line frequency, or 23Hz for a 47Hz line (lowest anticipated international power frequency). The gain vs. input voltage of the ML4826's voltage error amplifier has a specially shaped nonlinearity such that under steady-state operating conditions the transconductance of the error amplifier is at a local minimum. Rapid perturbations in line or load conditions will cause the input to the voltage error amplifier (VFB) to deviate from its 2.5V (nominal) value. If this happens, the transconductance of the voltage error amplifier will increase significantly, as shown in the Typical Performance Characteristics. This increases the gain-bandwidth product of the voltage loop, resulting in a much more rapid voltage loop response to such perturbations than would occur with a conventional linear gain characteristic. The current amplifier compensation is similar to that of the voltage error amplifier with the exception of the choice of crossover frequency. The crossover frequency of the current amplifier should be at least 10 times that of the voltage amplifier, to prevent interaction with the voltage loop. It should also be limited to less than 1/6th that of the switching frequency, e.g. 16.7kHz for a 100kHz switching frequency. For more information on compensating the current and voltage control loops, see Application Notes 33 and 34. Application Note 16 also contains valuable information for the design of this class of PFC. Main Oscillator (RTCT) The oscillator frequency is determined by the values of RT and CT, which determine the ramp and off-time of the oscillator output clock: fOSC = 1 tRAMP + tDEADTIME (2)
The deadtime of the oscillator is derived from the following equation: tDEADTIME = 2.5V x CT = 490 x CT 5.1 mA at VREF = 7.5V: tRAMP = CT x R T x 0.51 The ramp of the oscillator may be determined using: V - 1.25 tRAMP = CT x R T x In REF VREF - 3.75 The deadtime is so small (tRAMP >> tDEADTIME) that the operating frequency can typically be approximated by: fOSC = 1 tRAMP (5) (4) (3)
For proper reset of internal circuits during dead time, values of 1000pF or greater are suggested for CT. EXAMPLE: For the application circuit shown in the data sheet, with the oscillator running at: fOSC = 200kHz = 1 tRAMP
tRAMP = CT x R T x 0.51 = 1x 10-5 Solving for RT x C T yields 2 x 10-4 . Selecting standard components values, CT = 1000pF, and RT = 8.63k. The deadtime of the oscillator adds to the Maximum PWM Duty Cycle (it is an input to the Duty Cycle Limiter). With zero oscillator deadtime, the Maximum PWM Duty Cycle is typically 45%. In many applications, care should be taken that CT not be made so large as to extend the Maximum Duty Cycle beyond 50%.
9
ML4826
FUNCTIONAL DESCRIPTION (Continued)
PFC RAMP (RAMP1) The intersection of RAMP1 and the boost current error amplifier output controls the PFC pulse width. RAMP1 can be generated in a similar fashion to the RTCT ramp. The current error amplifier maximum output voltage has a minimum of 6V. The peak value of RAMP1 should not exceed that voltage. Assuming a maximum voltage of 5V for RAMP1, Equation 6 describes the RAMP1 time. With a 100kHz PFC frequency, the resistor tied to VREF, and a 150pF capacitor, Equation 7 solves for the RAMP1 resistor. VREF tRAMP1 = CRAMP1 x RRAMP1 x ln VREF - 5V = 1.1x RRAMP1 x CRAMP1 RRAMP1 = 10s tRAMP1 = = 60k 1.1x CRAMP1 1.1x 150pF connected to a separate RC timing network to generate a voltage ramp against which VDC will be compared. Under these conditions, the use of voltage feedforward from the PFC buss can assist in line regulation accuracy and response. As in current mode operation, the DC ILIMIT input would be used for output stage overcurrent protection. No voltage error amplifier is included in the PWM stage of the ML4826, as this function is generally performed on the output side of the PWM's isolation boundary. To facilitate the design of optocoupler feedback circuitry, an offset has been built into the PWM's RAMP2 input which allows VDC to command a zero percent duty cycle for input voltages below 1.5V. PWM Current Limit The DC ILIMIT pin is a direct input to the cycle-by-cycle current limiter for the PWM section. Should the input voltage at this pin ever exceed 1V, the output of the PWM will be disabled until the output flip-flop is reset by the clock pulse at the start of the next PWM power cycle. VIN OK Comparator The VIN OK comparator monitors the DC output of the PFC and inhibits the PWM if this voltage on VFB is less than its nominal 2.5V. Once this voltage reaches 2.5V, which corresponds to the PFC output capacitor being charged to its rated boost voltage, the soft-start commences. RAMP2 The RAMP2 input is compared to the feedback voltage (VDC) to set the PWM pulse width. In voltage mode it can be generated using the same method used for the RTCT input. In current mode the primary current sense and slope compensation are fed into the RAMP2 input. Peak current mode control with duty cycles greater than 50% requires slope compensation for stability. Figure 4 displays the method used for the required slope compensation. The example shown adds the slope compensation signal to the current sense signal. Alternatively, the slope compensation signal can also be subtracted form the feedback signal (VDC). In setting up the slope compensation first determine the down slope in the output inductor current. To determine the actual signal required at the RAMP2 input, reflect 1/2 of the inductor downslope through the main transformer, current sense transformer to the ramp input. Internal to the IC is a 1.5V offset in series with the RAMP2 input. In the example show the positive input to the PWM comparator is developed from VREF (7.5V), this limits the RAMP2 input (current sense and slope compensation) to 6
(6)
(7)
VREF
60k
ML4826 RAMP1
150pF
Figure 3. PMW SECTION Pulse Width Modulator The PWM section of the ML4826 is straightforward, but there are several points which should be noted. Foremost among these is its inherent synchronization to the PFC section of the device, from which it also derives its basic timing (at the PFC frequency in the ML4826-1, and at twice the PFC frequency in the ML4826-2). The PWM is capable of current-mode or voltage mode operation. In current-mode applications, the PWM ramp (RAMP2) is usually derived directly from a current sensing resistor or current transformer in the primary of the output stage, and is thereby representative of the current flowing in the converter's output stage. DC ILIMIT, which provides cycleby-cycle current limiting, is typically connected to RAMP 2 in such applications. For voltage-mode operation or certain specialized applications, RAMP2 can be
10
ML4826
FUNCTIONAL DESCRIPTION (Continued)
Volts peak. The composite waveform feeding the RAMP2 pin for the PWM consists of the reflected output current signal along with the transformer magnetizing current and the slope compensation signal. Equation 8 describes the composite signal feeding RAMP2, consisting of the primary current of the main transformer and the slope compensation. Equation 9 solves for the required slope compensation peak voltage.
V N VRAMP2 = IPRI + 1 x OUT x S x TS x 1 VFB - 1.5V 2 L NP nCT
R V N VSC = 1 x OUT x S x TS x SENSE = 1 x 48V x 14 x 5 sec 471 = 2.2V L NP nCT 2 20H 90 200 2
It is important that the time constant of the PWM soft-start allow the PFC time to generate sufficient output power for the PWM section. The PWM start-up delay should be at least 5ms. Solving for the minimum value of CSS: CSS = 5ms x VCC The ML4826 is a current-fed part. It has an internal shunt voltage regulator, which is designed to regulate the voltage internal to the part at 13.5V. This allows a low power dissipation while at the same time delivering 10V of gate drive at the PWM OUT and PFC OUT outputs. It is important to limit the current through the part to avoid overheating or destroying the part. There are a number of different ways to supply VCC to the ML2826. The method suggested in Figure 5, is one which keeps the ML4826 ICC current to a minimum, and allows for a loosely regulated bootstrap winding. By feeding external gate drive components from the base of Q1, the constant current source does not have to account for variations in the gate drive current. This helps to keep the maximum ICC of the ML4826 to a minimum. Also, the current available to charge the bootstrap capacitor from the bootstrap winding is not limited by the constant 50A = 167nF 1.5V (11)
(8) (9)
Soft Start Start-up of the PWM is controlled by the selection of the external capacitor at SS. A current source of 50A supplies the charging current for the capacitor, and start-up of the PWM begins at 1.5V. Start-up delay can be programmed by the following equation: CSS = tDELAY x 50A 1.5V (10)
where CSS is the required soft start capacitance, and tDELAY is the desired start-up delay.
17 VCC
Q14 2N2222 4 x IN4148 ISENSE x Former T3 200:1 C11 1000pF R40 47.0k D1 R21 8.63k
18 VREF 7 RTCT
9
RAMP2
1.5V
PWM CMP
- +
C26 220pF
R16 471
11
AGND 1V DC ILIMIT DC ILIMIT
-
R13 2.2k U2 R38 10.0k
10
+
6
VDC
Figure 4. Slope Compensation and Current Sense
11
ML4826
FUNCTIONAL DESCRIPTION (Continued)
current source. The circuit guarantees that the maximum operating current is available at all times and minimizes the worst case power dissipation in the IC. Other methods such as a simple series resistor are possible, but can very easily lead to excessive ICC current in the ML4826. Figures 6 and 7 show other possible methods for feeding VCC. trailing edge modulation is determined during the ON time of the switch. Figure 4 shows a typical trailing edge control scheme. In the case of leading edge modulation, the switch is turned OFF right at the leading edge of the system clock. When the modulating ramp reaches the level of the error amplifier output voltage, the switch will be turned ON. The effective duty-cycle of the leading edge modulation is determined during the OFF time of the switch. Figure 5 shows a leading edge control scheme. One of the advantages of this control technique is that it requires only one system clock. Switch 1 (SW1) turns off and switch 2 (SW2) turns on at the same instant to minimize the momentary "no-load" period, thus lowering ripple voltage generated by the switching action. With such synchronized switching, the ripple voltage of the first stage is reduced. Calculation and evaluation have shown that the 120Hz component of the PFC's output ripple voltage can be reduced by as much as 30% using this method.
LEADING/TRAILING MODULATION
Conventional Pulse Width Modulation (PWM) techniques employ trailing edge modulation in which the switch will turn on right after the trailing edge of the system clock. The error amplifier output voltage is then compared with the modulating ramp. When the modulating ramp reaches the level of the error amplifier output voltage, the switch will be turned OFF. When the switch is ON, the inductor current will ramp up. The effective duty cycle of the
VBIAS
20V 22k T1 Q2 MJE200
RECTIFIED VAC
VCC
ML4826
39k RTN
1F
Q1 2N2222 18 1500F VBIAS VCC GATE DRIVE 1F
Figure 6.
ML4826
RTN
VCC
Figure 5. V CC Bias Circuitry
ML4826
RTN
Figure 7.
12
ML4826
L1 + I1 VIN
SW2
I2
I3 I4
DC
SW1 C1
RL
RAMP
VEAO REF U3 + -EA DFF RAMP OSC U4 CLK + - U1 R Q D U2 Q CLK VSW1 TIME
TIME
Figure 8. Typical Trailing Edge Control Scheme.
L1 + I1 VIN
SW2
I2
I3 I4
DC
SW1 C1
RL RAMP
VEAO U3 + -EA
REF
VEAO + - CMP U1
DFF R Q D U2 Q CLK VSW1
TIME
RAMP OSC U4 CLK
TIME
Figure 8. Typical Leading Edge Control Scheme.
13
14
F1 8A L1 420H D5 HFA08TB60 Q8 CR4 IRF840 1N4747 R12 381k D19 1N5819 R41 10 Q1 IRF840 Q2 IRF840 T2 R110 2.37k C109 1nF R44 200 C21 47nF Y T3 D16 1N5818 R38 10k D25 BYM26C C1 330F D20 1N5818 D24 BYM26C D22 1N5818 R42 10 D23A 1N4747 R43 10k Q10 D23B 2N2907 1N4747 T1 D18 1N5819 T2 R10 10k D17A Q11 1N4747 2N2907 D17B 1N4747 Q7 IRF840 D1 1N4747 R1 10k R37 200 R15 100m 5W R6 10 D9 1N5818 FERRITE BEAD
AC INPUT 85 TO 265VAC
ML4826
C2 470nF X
R2 R7 470k 470k
BR1 6A, 600V
FERRITE BEAD
NC OUT A IN A VS RTN IN B
R46 200 R14B 39k 2W Q9 2N2907 D10 1N4747 R14A 39k 2W R29 10 D12 1N5819 Q8 IRF840
NC
D15 BYM26C
D27 1N5818 Q7 IRF840 R30 10 D11 1N5819
R103 100
R8 10 D8 1N5818
VS OUT B
R26 10k
D25 BYM26C
R33 10k
Q6 D14 2N2907 1N4747
C103 2.2nF C3 1F R11 10 C107 66nF R105 10k C106 3.3nF C105 100pF R23 2.2k C108 680nF R106 225k Q1 MJE200 R3 18 C4 3300F TC4427
R24 200
D21A MBR20100CT-ND D26 1N5818 T1 C5 100F T1 T1 C17 470pF
L3 100nH C13 820F L2 20H R40 220 C18 470pF R39 220 Q12 2N2222 R104 2.2k C14 820F R36 10 D21B D13 20V R25 10 C15 4.7F R28 330 C10 10nF R35 43.2k C11 1F R45 20k 2W C12 1F 48VDC
R18 453k
R16 500k
R17 500k
IEAO IAC ISENSE
C116 R101 470nF 10.2k
VEAO VFB VREF VCC VCC2 PFC OUT PWM 1 PWM 2 P GND
C110 1F C111 1F R20 200
R19 453k
RTN C20 C19 100nF 100nF
C102 100nF
R102 100k
C101 470nF
VRMS SS VDC RTCT RAMP 1 RAMP 2
Figure 10. 48V 300W Power Factor Corrected Power Supply
Q2 2N2222 D104 1N5818 R34 10 Q4 2N2907 Q3 2N2222 R21 200 D105 1N5818 C9 C16 1F 1F C8 1nF R31 150 T2 C104 1nF C114 220pF R113 47k R116 10k
Q104 2N2222
R115 R114 8.63k 52.3k C113 C112 150pF 1nF
R27 1k C7 1nF C6 R22 3.3k 100nF R32 2.37k TL431 Q5 2N2907
1N4148
BR2 4x1N4148
R112 471
DC ILIMIT A GND
T3 200:1
ML4826
PHYSICAL DIMENSIONS inches (millimeters)
Package: P20 20-Pin PDIP
1.010 - 1.035 (25.65 - 26.29) 20
PIN 1 ID
0.240 - 0.260 0.295 - 0.325 (6.09 - 6.61) (7.49 - 8.26)
0.060 MIN (1.52 MIN) (4 PLACES)
1 0.055 - 0.065 (1.40 - 1.65) 0.100 BSC (2.54 BSC) 0.015 MIN (0.38 MIN)
0.170 MAX (4.32 MAX)
0.125 MIN (3.18 MIN)
0.016 - 0.022 (0.40 - 0.56)
SEATING PLANE
0 - 15
0.008 - 0.012 (0.20 - 0.31)
Package: S20 20-Pin SOIC
0.498 - 0.512 (12.65 - 13.00) 20
0.291 - 0.301 0.398 - 0.412 (7.39 - 7.65) (10.11 - 10.47) PIN 1 ID
1 0.024 - 0.034 (0.61 - 0.86) (4 PLACES) 0.050 BSC (1.27 BSC) 0.095 - 0.107 (2.41 - 2.72) 0 - 8
0.090 - 0.094 (2.28 - 2.39)
0.012 - 0.020 (0.30 - 0.51)
SEATING PLANE
0.005 - 0.013 (0.13 - 0.33)
0.022 - 0.042 (0.56 - 1.07)
0.007 - 0.015 (0.18 - 0.38)
15
ML4826
ORDERING INFORMATION
PART NUMBER ML4826CP-1 ML4826CP-2 ML4826CS-1 ML4826CS-2 ML4826IP-1 ML4826IP-2 ML4826IS-1 ML4826IS-2 PWM FREQUENCY 1 x PFC 2 x PFC 1 x PFC 2 x PFC 1 x PFC 2 x PFC 1 x PFC 2 x PFC TEMPERATURE RANGE 0C to 70C 0C to 70C 0C to 70C 0C to 70C -40C to 85C -40C to 85C -40C to 85C -40C to 85C PACKAGE 20-Pin PDIP (P20) (Obsolete) 20-Pin PDIP (P20) (EOL) 20-Pin SOIC (S20) (Obsolete) 20-Pin SOIC (S20) (EOL) 20-Pin PDIP (P20)(Obsolete) 20-Pin PDIP (P20) (Obsolete) 20-Pin SOIC (S20) (Obsolete) 20-Pin SOIC (S20) (Obsolete)
(c) Micro Linear 1997 is a registered trademark of Micro Linear Corporation Products described in this document may be covered by one or more of the following patents, U.S.: 4,897,611; 4,964,026; 5,027,116; 5,281,862; 5,283,483; 5,418,502; 5,508,570; 5,510,727; 5,523,940; 5,546,017; 5,559,470; 5,565,761; 5,592,128; 5,594,376; Japan: 2598946; 2619299. Other patents are pending.
Micro Linear reserves the right to make changes to any product herein to improve reliability, function or design. Micro Linear does not assume any liability arising out of the application or use of any product described herein, neither does it convey any license under its patent right nor the rights of others. The circuits contained in this data sheet are offered as possible applications only. Micro Linear makes no warranties or representations as to whether the illustrated circuits infringe any intellectual property rights of others, and will accept no responsibility or liability for use of any application herein. The customer is urged to consult with appropriate legal counsel before deciding on a particular application.
2092 Concourse Drive San Jose, CA 95131 Tel: 408/433-5200 Fax: 408/432-0295
DS4826-01
16


▲Up To Search▲   

 
Price & Availability of ML4826IP-2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X