Part Number Hot Search : 
ZHCS400T 16F100M T90S23 B120N BH6519FS C2895A C100KC IRF7433
Product Description
Full Text Search
 

To Download MC100ELT24 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
TTL to Differential ECL Translator
The MC10ELT/100ELT24 is a TTL to differential ECL translator. Because ECL levels are used a +5V, -5.2V (or -4.5V) and ground are required. The small outline 8-lead SOIC package and the single gate of the ELT24 makes it ideal for those applications where space, performance and low power are at a premium. Because the mature MOSAIC 1.5 process is used, low cost can be added to the list of features. The ELT24 is available in both ECL standards: the 10ELT is compatible with MECL 10H logic levels while the 100ELT is compatible with ECL 100K logic levels.
MC10ELT24 MC100ELT24
8 1
* * * * *
1.2ns Typical Propagation Delay Differential PECL Outputs Small Outline SOIC Package PNP TTL Inputs for Minimal Loading Flow Through Pinouts
D SUFFIX PLASTIC SOIC PACKAGE CASE 751-05
LOGIC DIAGRAM AND PINOUT ASSIGNMENT
VEE 1 TTL D 2 ECL NC 3
8
VCC
PIN DESCRIPTION PIN FUNCTION Diff ECL Outputs TTL Input Positive Supply Negative Supply Ground
7
Q
6
Q
NC
4
5
GND
Q D VCC VEE GND
1/95
(c) Motorola, Inc. 1996
3-1
REV 2
MC10ELT24 MC100ELT24
MAXIMUM RATINGS*
Symbol VCC VEE VIN IOUT TA TSTG Parameter DC Supply Voltage (Referenced to GND, VCC = -5.2V) DC Supply Voltage (Referenced to GND, VCC = 5.0V) Input Voltage Current Applied to Output in Low Output State Operating Temperature Range (In Free-Air) Storage Temperature Range Continuous Surge Value 7.0 -8.0 -40 to VCC 50 100 -40 to 85 -55 to +150 Unit V V V mA C C
* Maximum Ratings are those values beyond which damage to the device may occur. Functional operation should be restricted to the Recommended Operating Conditions.
TTL INPUT DC CHARACTERISTICS (VCC = 4.5V to 5.5V; VEE = -4.2V to -5.5V 100ELT, -4.94V to -5.5V 10ELT; TA = -40C to 85C)
Symbol IIH IIHH IIL VIK VIH VIL Input HIGH Voltage Input LOW Voltage 2.0 0.8 Characteristic Input HIGH Current Input HIGH Current Input LOW Current Min Typ Max 20 100 -0.6 -1.2 Unit A A mA V V V Condition VIN = 2.7V VIN = 7.0V VIN = 0.5V IIN = -18mA
ECL OUTPUT DC CHARACTERISTICS
(VCC = 4.5V to 5.5V; VEE = -4.2V to -5.5V 100ELT, -4.94V to -5.5V 10ELT; TA = -40C to 85C)
0C Min
-1020 -1025 -1950 -1810
-40C Symbol
VOH VOL ICC IEE
25C Max
-840 -880
85C Max
-810 -880 -1630 -1620 7 18
Characteristic
Output HIGH Voltage Output LOW Voltage 10ELT 100ELT 10ELT 100ELT
Min
-1080 -1085 -1950 -1830
Max
-890 -880 -1650 -1555 7 18
Min
-980 -1025 -1950 -1810
Typ
-955 -1705 4.5 12.5
Min
-910 -1025 -1950 -1810
Max
-720 -880 -1595 -1620 7 18
Unit
mV mV mA mA
Condition
-1630 -1620 7 18
Power Supply Current Power Supply Current
AC CHARACTERISTICS (VCC = 4.5V to 5.5V; VEE = -4.2V to -5.5V 100ELT, -4.94V to -5.5V 10ELT; TA = -40C to 85C)
-40C Symbol tPLH tPHL tr/tf fMAX Characteristic Propagation Delay1 Propagation Delay1 Output Rise/Fall Time Maximum Input Frequency Min 0.7 0.4 0.25 100 Max 1.3 1.0 1.25 Min 0.65 0.45 0.25 100 0C Max 1.25 1.05 1.25 Min 0.65 0.50 0.25 100 25C Typ 0.95 0.80 Max 1.25 1.10 1.25 85C Min 0.65 0.70 0.25 100 Max 1.25 1.30 1.25 Unit ns ns ns MHz 20-80% Condition
1. Specifications for standard TTL input signal.
MOTOROLA
3-2
ECLinPS and ECLinPS Lite DL140 -- Rev 3
MC10ELT24 MC100ELT24
OUTLINE DIMENSIONS
D SUFFIX PLASTIC SOIC PACKAGE CASE 751-05 ISSUE P
-A- B
M 8 5 X 45 _
J
1 4
4X
-B-
M_ G F
NOTES: 1. DIMENSIONS A AND B ARE DATUMS AND T IS A DATUM SURFACE. 2. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 3. DIMENSIONS ARE IN MILLIMETER. 4. DIMENSION A AND B DO NOT INCLUDE MOLD PROTRUSION. 5. MAXIMUM MOLD PROTRUSION 0.15 PER SIDE. 6. DIMENSION D DOES NOT INCLUDE MOLD PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 TOTAL IN EXCESS OF THE D DIMENSION AT MAXIMUM MATERIAL CONDITION. DIM A B C D F G J K M P R MILLIMETERS MIN MAX 4.80 5.00 3.80 4.00 1.35 1.75 0.35 0.49 0.40 1.25 1.27 BSC 0.18 0.25 0.10 0.25 0_ 7_ 5.80 6.20 0.25 0.50
P
0.25 (0.010)
M
-T-
8X
C
SEATING PLANE
D 0.25 (0.010)
M
K
TB
S
A
S
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. How to reach us: USA/EUROPE/Locations Not Listed: Motorola Literature Distribution; P.O. Box 20912; Phoenix, Arizona 85036. 1-800-441-2447 or 602-303-5454 MFAX: RMFAX0@email.sps.mot.com - TOUCHTONE 602-244-6609 INTERNET: http://Design-NET.com
R
JAPAN: Nippon Motorola Ltd.; Tatsumi-SPD-JLDC, 6F Seibu-Butsuryu-Center, 3-14-2 Tatsumi Koto-Ku, Tokyo 135, Japan. 03-81-3521-8315 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298
ECLinPS and ECLinPS Lite DL140 -- Rev 3 3-3
*MC10ELT24/D*
MC10ELT24/D MOTOROLA


▲Up To Search▲   

 
Price & Availability of MC100ELT24

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X