Part Number Hot Search : 
UMIL10 STPM01 002228 DB104 ATA12001 KI2328DS HMP1345 LVAS1A
Product Description
Full Text Search
 

To Download MBR20200CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document by MBR20200CT/D
SWITCHMODETM Power
Dual Schottky Rectifier
. . . using Schottky Barrier technology with a platinum barrier metal. This state-of-the-art device is designed for use in high frequency switching power supplies and converters with up to 48 volt outputs. They block up to 200 volts and offer improved Schottky performance at frequencies from 250 kHz to 5.0 MHz. * 200 Volt Blocking Voltage * Low Forward Voltage Drop * Guardring for Stress Protection and High dv/dt Capability (10,000 V/s) * Dual Diode Construction -- Terminals 1 and 3 Must be Connected for Parallel Operation at Full Rating Mechanical Characteristics * Case: Epoxy, Molded * Weight: 1.9 grams (approximately) * Finish: All External Surfaces Corrosion Resistant and Terminal Leads are Readily Solderable * Lead Temperature for Soldering Purposes: 260C Max. for 10 Seconds * Shipped 50 units per plastic tube * Marking: B20200 MAXIMUM RATINGS (PER LEG)
Rating Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage Average Rectified Forward Current (Rated VR) TC = 125C Peak Repetitive Forward Current, Per Leg (Rated VR, Square Wave, 20 kHz) TC = 90C Nonrepetitive Peak Surge Current (Surge applied at rated load conditions halfwave, single phase, 60 Hz) Peak Repetitive Reverse Surge Current (2.0 s, 1.0 kHz) Operating Junction Temperature Storage Temperature Voltage Rate of Change (Rated VR) Per Leg Per Package
MBR20200CT
SCHOTTKY BARRIER RECTIFIER 20 AMPERES 200 VOLTS
4
1 2, 4 3
1 2 3
CASE 221A-06 (TO-220AB)
Symbol VRRM VRWM VR IF(AV) IFRM IFSM IRRM TJ Tstg dv/dt
Value 200
Unit Volts
10 20 20 150 1.0 -65 to +150 -65 to +175 10,000
Amps Amps Amps Amp C C V/s
THERMAL CHARACTERISTICS (PER LEG)
Thermal Resistance -- Junction to Case RJC 2.0 C/W
ELECTRICAL CHARACTERISTICS (PER LEG)
Maximum Instantaneous Forward Voltage (1) (IF = 10 Amps, TC = 25C) (IF = 10 Amps, TC = 125C) (IF = 20 Amps, TC = 25C) (IF = 20 Amps, TC = 125C) (Rated dc Voltage, TC = 25C) (Rated dc Voltage, TC = 125C) VF 0.9 0.8 1.0 0.9 1.0 50 Volts
Maximum Instantaneous Reverse Current (1)
IR
mA
DYNAMIC CHARACTERISTICS (PER LEG)
Capacitance (VR = -5.0 V, TC = 25C, Frequency = 1.0 MHz) (1) Pulse Test: Pulse Width = 300 s, Duty Cycle 2.0%. SWITCHMODE is a trademark of Motorola, Inc.
Rev 1
CT
500
pF
(c)RectifierInc. 1996 Data Motorola, Device
1
MBR20200CT
100 IF, INSTANEOUS FORWARD CURRENT (AMP) 70 50 TJ = 150C IR , REVERSE CURRENT ( A) TJ = 125C 100 TJ = 100C 10 20 TJ = 125C 10 7 5 TJ = 100C 10,000 TJ = 150C
1,000
1
TJ = 25C 2 1
0.1 TJ = 25C
0.2
0.4 0.6 0.8 vF, INSTANTANEOUS VOLTAGE (VOLTS)
1
0.01 0 20 40 60 80 100 120 140 160 180 200 VR, REVERSE CURRENT (VOLTS)
Figure 1. Typical Forward Voltage (Per Leg)
PF(AV), AVERAGE POWER DISSIPATION (WATTS) TJ = 125C 10 dc IPK = 20 IAV IF(AV), AVERAGE FORWARD CURRENT (AMPS) 40 36 32 28 24 20 16 12 8 4 0 0 5 10 15 20 25 30 35 IF(AV), AVERAGE FORWARD CURRENT (AMPS) 25
Figure 2. Typical Reverse Current (Per Leg)
RATED VOLTAGE RJC = 2C/W
SQUARE WAVE
20
15 SQUARE WAVE 10
dc
5
0
90
100
110 120 130 140 TC, CASE TEMPERATURE (C)
150
160
Figure 3. Forward Power Dissipation
IF(AV), AVERAGE FORWARD CURRENT (AMPS) 20 500
Figure 4. Current Derating, Case
RJA = 16C/W RATED VOLTAGE C, CAPACITANCE (pF)
16 dc SQUARE WAVE
400
TJ = 25C
12
300
8
200
4
100
0 0 25 50 75 100 125 TA, AMBIENT TEMPERATURE (C) 150 175
0
1
2
5
10
20
50
70
100
VR, REVERSE VOLTAGE (VOLTS)
Figure 5. Current Derating, Ambient
Figure 6. Typical Capacitance (Per Leg)
2
Rectifier Device Data
MBR20200CT
PACKAGE DIMENSIONS
-T- B
4
SEATING PLANE
F T S
C
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION Z DEFINES A ZONE WHERE ALL BODY AND LEAD IRREGULARITIES ARE ALLOWED. DIM A B C D F G H J K L N Q R S T U V Z INCHES MIN MAX 0.570 0.620 0.380 0.405 0.160 0.190 0.025 0.035 0.142 0.147 0.095 0.105 0.110 0.155 0.018 0.025 0.500 0.562 0.045 0.060 0.190 0.210 0.100 0.120 0.080 0.110 0.045 0.055 0.235 0.255 0.000 0.050 0.045 --- --- 0.080 ANODE CATHODE ANODE CATHODE MILLIMETERS MIN MAX 14.48 15.75 9.66 10.28 4.07 4.82 0.64 0.88 3.61 3.73 2.42 2.66 2.80 3.93 0.46 0.64 12.70 14.27 1.15 1.52 4.83 5.33 2.54 3.04 2.04 2.79 1.15 1.39 5.97 6.47 0.00 1.27 1.15 --- --- 2.04
Q
123
A U K
H Z L V G D N R J
CASE 221A-06 (TO-220AB) ISSUE Y
STYLE 6: PIN 1. 2. 3. 4.
Rectifier Device Data
3
MBR20200CT
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. Mfax is a trademark of Motorola, Inc. How to reach us: USA / EUROPE / Locations Not Listed: Motorola Literature Distribution; P.O. Box 5405, Denver, Colorado 80217. 303-675-2140 or 1-800-441-2447 MfaxTM: RMFAX0@email.sps.mot.com - TOUCHTONE 602-244-6609 INTERNET: http://Design-NET.com JAPAN: Nippon Motorola Ltd.; Tatsumi-SPD-JLDC, 6F Seibu-Butsuryu-Center, 3-14-2 Tatsumi Koto-Ku, Tokyo 135, Japan. 81-3-3521-8315 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298
4
MBR20200CT/D Rectifier Device Data


▲Up To Search▲   

 
Price & Availability of MBR20200CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X