Part Number Hot Search : 
20ECB 2SK2514 XBXXX XBXXX 80C49 24AA32A C1145 1236A
Product Description
Full Text Search
 

To Download MA4810 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SHINDENGEN
Power Switching Regulators
MA4000 Series
MA4810
OUTLINE DIMENSIONS
Case : MA7 Unit : mm
RATINGS
Absolute Maximum Ratings Item
Storage Temperature Operating Temperature Junction Temperature Peak Input Voltage Input Current Maximum Power Dissipation Dielectric Strength Insulation Resistance Max Voltage to Max Current to Reverse Current
Symbol Tstg Top Tj Vin Iin PD PD Vdis V I IZ
Conditions
+,-,DC +,Pulse +,- Duty1/2 Ta=25 Heatsink Tc=100 Terminals To Case AC 1 min Terminals To Case 500VDC +,+,-PeakDuty Max 1/2 +,-
Ratings -30125 -20125 150 800 3 6 3 17 2 100 6 200 MAX 20
Unit V A A W W kV M V mA mA
Electrical Characteristics (Tc=25) Item
Zero Gate Voltage Dreain Current Static Drain-Source On-State Thermal Resistance Reverse Current Forward Voltage
Symbol IDSS
Conditions
VDS=800V, VGS=0V,+,-
Ratings MAX 250 TYP (4.1) MAX 5.0 MAX 2.9 MAX 10 MAX 1.7 TYP 0.7
Unit A /W A V V
Q1 Resistance D1
RDS(on) ID=1.5A, +,jc Junction to Case VR=800V, +,IR VF IF=0.6A, +,,
VGS=10V,+,-
Q Fold Back Detection Voltage
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
MA4810
Standard Operating ConditionDesign Standard For Application Circuit Item Conditions
Input Rated Voltage Output Nominal Voltage Output Nominal Current
Ratings AC90276 12 2.5
Unit V V A
Standard Operating ConditionStandard Operating Characteristics Ta=25 Item Conditions Vin=90V, IO=2.5A Minimum Input Full Load Output Voltage Vin=276V, IO=0.25A Maximum Input Light Load Output Voltage Vin=276V, VO=10V Foldback Current Over Current Protection
Short Circuit
Ratings 12.00.6 12.00.6
MAX 3.8
Nodamage To Any Device, Automatic Recovery.
Unit V V A -
Fig 1, Refer Fig 1, Refer Fig 1, Refer Fig 1, Refer
Vin=276V, RO=0.5
Figure in =Terminal Sign
Fig1. Output Voltage/Current
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
MA4810
6
Transfer Characteristics
Tch = -20C 5 25C
Drain Current ID [A]
4 100C 3 150C 2 Tch = -20C 1 25C 100C 0 150C 0 4 8 12 VDS = 25V pulse test TYP 16
Gate-Source Voltage VGS [V]
MA4810
Static Drain-Source On-state Resistance
Static Drain-Source On-state Resistance RDS(ON) []
10
ID = 1.5A
1 VGS = 10V pulse test TYP -20 0 20 40 60 80 100 120 140
Channel Temperature Tch [C]
MA4810
5
Gate Threshold Voltage
Gate Threshold Voltage VTH [V]
4
3
2
1 VDS = 10V ID = 1mA TYP 0 20 40 60 80 100 120 140
0 -20
Channel Temperature Tch [C]
MA4810
Capacitance
1000
Capacitance Ciss Coss Crss [pF]
Ciss
100 Coss
Crss
Tc=25C TYP 10 0 20 40 60 80 100
Drain-Source Voltage VDS [V]
MA4810
Transient Thermal Impedance
100
10
1
Transient Thermal Impedance jc(t) [C/W]
0.1
0.01 10-5 10-3
10-4
10-2
10-1
100
101
102
Time t [s]
MA4810
Safe Operating Area
10 200s R DS(ON) limit 100s
Drain Current ID [A]
1
0.1
Tc = 25C Single Pulse 0.01 1 10 100 1000
Drain-Source Voltage VDS [V]
MA4810
100
Power Derating
80
Power Derating [%]
60
40
20
0
0
50
100
150
Channel Temperature Tch [C]


▲Up To Search▲   

 
Price & Availability of MA4810

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X