Part Number Hot Search : 
LR013 ULN2809 DA726 120N6 U20C60A KTC3790S IRF830B 05000
Product Description
Full Text Search
 

To Download LTC6910-3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Final Electrical Specifications
LTC6910-3 Digitally Controlled Programmable Gain Amplifier in SOT-23
March 2003
FEATURES
s s s s s s s s s s
DESCRIPTIO
3-Bit Digital Gain Control (0, 1, 2, 3, 4, 5, 6 and 7V/V) 8-Pin TSOT-23 Package Rail-to-Rail Input Range Rail-to-Rail Output Swing Single or Dual Supply: 2.7V to 10.5V Total 11MHz Gain Bandwidth Product 10.6nV/Hz Input Noise at Gain of 7 117dB Total System Dynamic Range Input Offset Voltage: 3mV (Gain = 1) Input Offset Voltage: 1.9mV (Gain = 4)
The LTC(R)6910-3 is a low noise digitally programmable gain amplifier (PGA) that is easy to use and occupies very little PC board space. The gain is adjustable using a 3-bit digital input to select inverting gains of 0, 1, 2, 3, 4, 5, 6 and 7V/V. The LTC6910-3 is an inverting amplifier with a rail-to-rail output. When operated with unity gain, the LTC6910-3 will also process rail-to-rail input signals. A half-supply reference generated internally at the AGND pin supports single power supply applications. Operating from single or split supplies from 2.7V to 10.5V, the LTC6910-3 is offered in an 8-lead TSOT-23 package. For other gain options, see the LTC6910-1 and LTC6910-2.
, LTC and LT are registered trademarks of Linear Technology Corporation.
APPLICATIO S
s s s s
Data Acquisition Systems Dynamic Gain Changing Automatic Ranging Circuits Automatic Gain Control
TYPICAL APPLICATIO
Single Supply Programmable Amplifier
V+ 2.7V TO 10.5V 0.1F GAIN G2 G1 G0 000 0 001 -1 010 -2 011 -3 100 -4 101 -5 110 -6 111 -7
Frequency Response
20 GAIN OF 7 15 10 GAIN OF 5 GAIN OF 4 GAIN OF 3 5 GAIN OF 2 0 -5 GAIN OF 1 GAIN OF 6
8 VIN 3 LTC6910-3 5 7 6 1 2 AGND 1F OR LARGER
69103 TA01
VOUT = GAIN * VIN
G2 G1 G0
GAIN (dB)
4
PIN 2 (AGND) PROVIDES BUILT-IN HALF-SUPPLY REFERENCE WITH INTERNAL RESISTANCE OF 5k. AGND CAN ALSO BE DRIVEN BY A SYSTEM ANALOG GROUND REFERENCE NEAR HALF SUPPLY
-10 100
VS = 5V VIN = 10mVRMS 1k 100k 10k FREQUENCY (Hz) 1M 10M
69103 TA02
Information furnished by Linear Technology Corporation is believed to be accurate and reliable. However, no responsibility is assumed for its use. Linear Technology Corporation makes no representation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
U
69103i
U
U
1
LTC6910-3
ABSOLUTE
(Note 1)
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
TOP VIEW OUT 1 AGND 2 IN 3 V- 4 8 V+ 7 G2 6 G1 5 G0
Total Supply Voltage (V+ to V-) ............................. 11V Input Current ..................................................... 25mA Operating Temperature Range (Note 2) LTC6910-3C ....................................... - 40C to 85C LTC6910-3I ........................................ - 40C to 85C Specified Temperature Range (Note 3) LTC6910-3C ....................................... - 40C to 85C LTC6910-3I ........................................ - 40C to 85C Storage Temperature Range ................. - 65C to 150C Lead Temperature (Soldering, 10 sec).................. 300C
ORDER PART NUMBER LTC6910-3CTS8 LTC6910-3ITS8 TS8 PART MARKING* LTACS
TS8 PACKAGE 8-LEAD PLASTIC TSOT-23
TJMAX = 150C, JA = 230C/W
*The temperature grades are identified by a label on the shipping container. Consult LTC Marketing for parts specified with wider operating temperature ranges or other gain ranges.
GAI SETTI GS A D PROPERTIES
Table 1
NOMINAL VOLTAGE GAIN G0 0 1 0 1 0 1 0 1 Volts/Volt 0 -1 -2 -3 -4 -5 -6 -7 (dB) -120 0 6 9.5 12 14 15.6 16.9 NOMINAL LINEAR INPUT RANGE (VP-P) Dual 5V Supply 10 10 5 3.33 2.5 2 1.67 1.43 Single 5V Supply 5 5 2.5 1.67 1.25 1 0.83 0.71 Single 3V Supply 3 3 1.5 1 0.75 0.6 0.5 0.43 NOMINAL INPUT IMPEDANCE (k) (Open) 10 5 3.3 2.5 2 1.7 1.4
DIGITAL INPUTS G2 0 0 0 0 1 1 1 1 G1 0 0 1 1 0 0 1 1
ELECTRICAL CHARACTERISTICS
PARAMETER Voltage Gain (Note 4)
The q denotes the specifications that apply over the full operating temperature range, otherwise specifications are at TA = 25C. VS = 5V, AGND = 2.5V, Gain = 1 (Digital Inputs 001), RL = 10k to midsupply point, unless otherwise noted.
CONDITIONS VS = 2.7V, Gain = 1, RL = 10k VS = 2.7V, Gain = 1, RL = 500 VS = 2.7V, Gain = 2, RL = 10k VS = 2.7V, Gain = 3, RL = 10k VS = 2.7V, Gain = 4, RL = 10k VS = 2.7V, Gain = 4, RL = 500 VS = 2.7V, Gain = 5, RL = 10k VS = 2.7V, Gain = 6, RL = 10k VS = 2.7V, Gain = 7, RL = 10k VS = 2.7V, Gain = 7, RL = 500
q q q q q q q q q q
MIN - 0.05 - 0.10 5.93 9.35 11.9 11.8 13.85 15.4 16.70 16.55
TYP 0 - 0.02 6.02 9.5 11.98 11.98 13.92 15.5 16.85 16.80
MAX 0.07 0.06 6.08 9.7 12.2 12.2 14.05 15.6 17 17
UNITS dB dB dB dB dB dB dB dB dB dB
69103i
2
U
W
U
U
WW
U
W
U
U
LTC6910-3
ELECTRICAL CHARACTERISTICS
PARAMETER Voltage Gain (Note 4) CONDITIONS
The q denotes the specifications that apply over the full operating temperature range, otherwise specifications are at TA = 25C. VS = 5V, AGND = 2.5V, Gain = 1 (Digital Inputs 001), RL = 10k to midsupply point, unless otherwise noted.
MIN
q q q q q q q q q q q q q q q q q q q q q q
TYP 0 - 0.01 6.02 9.54 12.02 11.95 13.95 15.5 16.85 16.80 0 - 0.01 6.02 9.54 12 12 13.95 15.5 16.85 16.80 - 122
MAX 0.07 0.08 6.08 9.65 12.15 12.15 14.05 15.65 17 17 0.07 0.08 6.08 9.65 12.2 12.2 14.1 15.7 17.05 17.00 10.5
UNITS dB dB dB dB dB dB dB dB dB dB dB dB dB dB dB dB dB dB dB dB dB V mA mA mA mA mV mV mV mV mV mV mV mV mV mV mV mV mA mA
VS = 5V, Gain = 1, RL = 10k VS = 5V, Gain = 1, RL = 500 VS = 5V, Gain = 2, RL = 10k VS = 5V, Gain = 3, RL = 10k VS = 5V, Gain = 4, RL = 10k VS = 5V, Gain = 4, RL = 500 VS = 5V, Gain = 5, RL = 10k VS = 5V, Gain = 6, RL = 10k VS = 5V, Gain = 7, RL = 10k VS = 5V, Gain = 7, RL = 500 VS = 5V, Gain = 1, RL = 10k VS = 5V, Gain = 1, RL = 500 VS = 5V, Gain = 2, RL = 10k VS = 5V, Gain = 3, RL = 10k VS = 5V, Gain = 4, RL = 10k VS = 5V, Gain = 4, RL = 500 VS = 5V, Gain = 5, RL = 10k VS = 5V, Gain = 6, RL = 10k VS = 5V, Gain = 7, RL = 10k VS = 5V, Gain = 7, RL = 500
- 0.05 - 0.10 5.96 9.45 11.85 11.80 13.8 15.35 16.7 16.6 - 0.06 - 0.10 5.96 9.40 11.85 11.80 13.8 15.35 16.70 16.65 2.7
Signal Attenuation at Gain = 0 Setting Total Supply Voltage Supply Current
Gain = 0 (Digital Inputs 000), f = 20kHz VS = 2.7V, VIN = 1.35V VS = 5V, VIN = 2.5V VS = 5V, VIN = 0V, Pins 5, 6, 7 = - 5V or 5V VS = 5V, VIN = 0V, Pin 5 = 4.5V, Pins 6, 7 = 0.5V (Note 5) VS = 2.7V, RL = 10k to Midsupply Point VS = 2.7V, RL = 500 to Midsupply Point VS = 5V, RL = 10k to Midsupply Point VS = 5V, RL = 500 to Midsupply Point VS = 5V, RL = 10k to 0V VS = 5V, RL = 500 to 0V
q q q q q q q q q q q q q q q q
2 2.4 3 3.5 12 50 20 90 30 180 10 50 10 80 20 180 27 35
3 3.5 4.5 4.9 30 100 40 160 50 250 20 80 30 150 40 250
Output Voltage Swing LOW (Note 6)
Output Voltage Swing HIGH (Note 6)
VS = 2.7V, RL = 10k to Midsupply Point VS = 2.7V, RL = 500 to Midsupply Point VS = 5V, RL = 10k to Midsupply Point VS = 5V, RL = 500 to Midsupply Point VS = 5V, RL = 10k to 0V VS = 5V, RL = 500 to 0V
Output Short-Circuit Current (Note 7) AGND Open-Circuit Voltage AGND (Common Mode) Input Voltage Range
VS = 2.7V VS = 5V VS = 5V VS = 2.7V VS = 5V VS = 5V
q q q q
2.45 0.85 0.7 - 4.3
2.5
2.55 1.55 3.60 3.40
V V V V
69103i
3
LTC6910-3
ELECTRICAL CHARACTERISTICS
PARAMETER AGND Rejection (i.e., Common Mode Rejection or CMRR) Power Supply Rejection Ratio (PSRR) Offset Voltage Magnitude (Referred to Input) DC Input Resistance (Note 8)
The q denotes the specifications that apply over the full operating temperature range, otherwise specifications are at TA = 25C. VS = 5V, AGND = 2.5V, Gain = 1 (Digital Inputs 001), RL = 10k to midsupply point, unless otherwise noted.
CONDITIONS VS = 2.7V, VAGND = 1.1V to 1.6V VS = 5V, VAGND = - 2.5 to 2.5 VS = 2.7V to 5V Gain = 1 Gain = 4 DC VIN = 0V Gain = 0 Gain = 1 Gain = 2 Gain = 3 Gain = 4 Gain = 5 Gain = 6 Gain = 7 Gain = 0 Gain = 1 Gain = 2 Gain = 3 Gain = 4 Gain = 5 Gain = 6 Gain = 7 Gain = 7, fIN = 200kHz VS = 5V, VOUT = 2.8VP-P VS = 5V, VOUT = 2.8VP-P f = 1kHz to 200kHz Gain = 0 Output Noise Gain = 1 Gain = 2 Gain = 3 Gain = 4 Gain = 5 Gain = 6 Gain = 7 f = 50kHz Gain = 1 Gain = 2 Gain = 3 Gain = 4 Gain = 5 Gain = 6 Gain = 7 Gain = 4, fIN = 10kHz, VOUT = 1VRMS Gain = 4, fIN = 100kHz, VOUT = 1VRMS
q q q q q q
MIN 55 55 60
TYP 80 75 80 3.0 1.9 >100 10 5 3.3 2.5 2.0 1.7 1.4 0.4 0.7 1 1.3 1.6 1.9 2.2 2.5 11 12 16 3.8 10.7 7.3 6.1 5.5 5.2 4.9 4.7 25 17 14 12.5 11.6 11.2 10.6 - 88 0.004 - 80 0.01
MAX
UNITS dB dB dB
15 10
mV mV M k k k k k k k MHz V/s V/s VRMS VRMS VRMS VRMS VRMS VRMS VRMS VRMS nV/Hz nV/Hz nV/Hz nV/Hz nV/Hz nV/Hz nV/Hz dB % dB %
q q q q q q q
DC Small-Signal Output Resistance
Gain-Bandwidth Product Slew Rate Wideband Noise (Referred to Input)
Voltage Noise Density (Referred to Input)
Total Harmonic Distortion
69103i
4
LTC6910-3
ELECTRICAL CHARACTERISTICS
PARAMETER Digital Input "High" Voltage
The q denotes the specifications that apply over the full operating temperature range, otherwise specifications are at TA = 25C. VS = 5V, AGND = 2.5V, Gain = 1 (Digital Inputs 001), RL = 10k to midsupply point, unless otherwise noted.
CONDITIONS VS = 2.7V VS = 5V VS = 5V VS = 2.7V VS = 5V VS = 5V
q q q q q q
MIN 2.43 4.5 4.5
TYP
MAX
UNITS V V V
Digital Input "Low" Voltage
0.27 0.5 0.5
V V V
Note 1: Absolute Maximum Ratings are those values beyond which the life of the device may be impaired. Note 2: The LTC6910-3C and LTC6910-3I are guaranteed functional over the operating temperature range of - 40C to 85C. Note 3: The LTC6910-3C is guaranteed to meet specified performance from 0C to 70C. The LTC6910-3C is designed, characterized and expected to meet specified performance from - 40C to 85C but is not tested or QA sampled at these temperatures. LTC6910-3I is guaranteed to meet specified performance from - 40C to 85C. Note 4: Gain is measured with a DC large-signal test using an output excursion between approximately 30% and 70% of supply voltage.
Note 5: Operating all three digital inputs at 0.5V causes supply current to increase typically 0.1mA from this specification. Note 6: Output voltage swings are measured as differences between the output and the respective supply rail. Note 7: Extended operation with output shorted may cause junction temperature to exceed the 150C limit and is not recommended. Note 8: Input resistance can vary by approximately 30% part-to-part at a given gain setting.
PI FU CTIO S
OUT (Pin 1): Analog Output. This is the output of an internal operational amplifier and swings to near the power supply rails (V+ and V-) as specified in the Electrical Characteristics table. The internal op amp remains active at all times, including the zero gain setting (digital input 000). As with other amplifier circuits, loading the output as lightly as possible will minimize signal distortion and gain error. The Electrical Characteristics table shows performance at output currents up to 10mA and current limits that occur when the output is shorted to midsupply at 2.7V and 5V supplies. Signal outputs above 10mA are possible but current-limiting circuitry will begin to affect amplifier performance at approximately 20mA. Long-term operation above 20mA output is not recommended. Do not exceed maximum junction temperature of 150C. The output will drive capacitive loads up to 50pF. Capacitances higher than 50pF should be isolated by a series resistor to preserve AC stability. AGND (Pin 2): Analog Ground. The AGND pin is at the midpoint of an internal resistive voltage divider, developing a potential halfway between the V+ and V- pins, with an equivalent series resistance to the pin of nominally 5k (Figure 3). AGND is also the noninverting input of the internal op amp, which makes it the ground reference voltage for the IN and OUT pins. Because of this, very "clean" grounding is important, including an analog ground plane surrounding the package. For dual supply operation, this ground plane should be at zero volts and the AGND pin should connect directly to the ground plane (Figure 1). For single supply operation, in contrast, the V- pin typically connects to system signal ground. The ground plane should then tie to V- and the AGND pin should be ACbypassed to the ground plane (Figure 2) by at least a 1F high quality capacitor. In noise-sensitive single-supply applications, it is important to AC-bypass the AGND pin. Otherwise wideband noise will enter the signal path from the internal voltagedivider resistors that set the DC voltage on AGND in singlesupply applications. This noise can reduce SNR by 3dB at high gain settings. The resistors present a Thevenin equivalent of approximately 5k to the AGND pin. An external capacitor from AGND to the ground plane, whose impedance is well below 5k at frequencies of interest, will suppress this noise. A 1F high quality capacitor is effective for frequencies down to 1kHz. Larger capacitors extend this suppression to proportionately lower frequencies. This issue does not arise in dual supply applications because AGND goes directly to ground.
69103i
U
U
U
5
LTC6910-3
PI FU CTIO S
V+ 0.1F V+ 0.1F
ANALOG GROUND PLANE
SINGLE-POINT SYSTEM GROUND
Figure 1. Dual Supply Ground Plane Connection
MOS-INPUT OP AMP
V+ 8 V+
10k
2 AGND
Figure 3. Block Diagram
69103i
6
+
-
IN (Pin 3): Analog Input. The input signal to the amplifier in the LTC6910-3 is the voltage difference between the IN and AGND pins. The IN pin connects internally to a digitally controlled resistance whose other end is a current summing point at the same potential as the AGND pin (Figure 3). At unity gain (digital input 001), the value of this input resistance is approximately 10k and the IN voltage range is rail-to-rail (V+ to V-). At gain settings above unity (digital input 010 or higher), the input resistance falls, to nominally 1.4k at gain setting of 7V/V (digital input 111). Also, the linear input range falls in inverse proportion to gain. (The higher gains are designed to boost lower level signals with good noise performance.) In the "zero" gain state (digital input 000), analog switches disconnect the IN pin internally and this pin presents a very high input resistance. The input may vary from rail to rail in the "zero" gain setting but the output is insensitive to it and remains at the AGND potential. Table 1 summarizes the LTC6910-3's behavior for all gain codes. Circuitry driving the IN pin must consider the LTC6910-3's input resistance and the variation of this resistance when used at multiple gain settings. Signal sources with significant output resistance may introduce a gain error as the source's output resistance and the LTC6910-3's input resistance form a voltage divider. This is especially true at the higher gain settings where the input resistance is lowest.
U
U
U
8
7
6
5
8
7
6
5
LTC6910-3
LTC6910-3
1
2
3
4 0.1F ANALOG GROUND PLANE V- SINGLE-POINT SYSTEM GROUND
1
2
3
4 V+ REFERENCE 2
1F
DIGITAL GROUND PLANE (IF ANY)
69103 F01
DIGITAL GROUND PLANE (IF ANY)
69103 F02
Figure 2. Single Supply Ground Plane Connection
In single supply voltage applications at elevated gain settings (digital input 010 or higher), it is important to remember that the LTC6910-3's DC ground reference for both input and output is AGND, not V-. With increasing gains, the LTC6910-3's input voltage range for unclipped output is no longer rail-to-rail but shrinks toward AGND.
G2 7 G1 6 G0 5
CMOS LOGIC
IN 3
INPUT R ARRAY
FEEDBACK R ARRAY
1 OUT
10k
V- 4 V-
69103 F03
LTC6910-3
PI FU CTIO S
The OUT pin also swings positive or negative with respect to AGND. At unity gain (digital input 001), both IN and OUT voltages can swing from rail to rail (Table 1). V-, V+ (Pins 4, 8): Power Supply Pins. The V+ and V- pins should be bypassed with 0.1F capacitors to an adequate analog ground plane using the shortest possible wiring. Electrically clean supplies and a low impedance ground are important for the high dynamic range available from the LTC6910-3 (see further details under AGND). Low noise linear power supplies are recommended. Switching power supplies require special care to prevent switching noise coupling into the signal path, reducing dynamic range. G0, G1, G2 (Pins 5, 6, 7): CMOS-Level Digital GainControl Inputs. G2 is the most significant bit (MSB). These pins control the voltage gain from IN to OUT pins. In the LTC6910-3, the voltage gain range is 0 to 7V/V in eight discrete values 0, 1, 2, 3, 4, 5, 6, 7, set respectively by digital inputs 000 through 111 (or in decimal form, 0 through 7). Digital input code 000 causes a "zero" gain with very low output noise. In this "zero" gain state the IN pin is disconnected internally, but the OUT pin remains active and forced by the internal op amp to the voltage present on the AGND pin. Note that the voltage gain is inverting: OUT and IN pins always swing on opposite sides of the AGND potential. The G pins are high impedance CMOS logic inputs and must be connected (they will float to unpredictable voltages if open circuited). Table 1 summarizes the effects of the G-pin code.
APPLICATIO S I FOR ATIO
Functional Description
The LTC6910-3 is a small outline, wideband inverting DC amplifier whose voltage gain is digitally programmable. It delivers a choice of eight voltage gains, controlled by the 3-bit digital inputs to the G pins, which accept CMOS logic levels. The gain code is always monotonic; an increase in the 3-bit binary number (G2 G1 G0) causes an increase in the gain. LTC6910-3's nominal gain magnitudes are 0, 1, 2, 3, 4, 5, 6, and 7Volts/Volt. At nonzero gains, the signal bandwidth varies roughly inversely with gain, so that the product of gain and bandwidth (to -3dB rolloff) is typically 11MHz. Gain control within the amplifier occurs by switching resistors from a matched array in or out of a closedloop op amp circuit using MOS analog switches (Figure 3). Digital Control Logic levels for the LTC6910-3 digital gain control inputs (Pins 5, 6, 7) are nominally rail-to-rail CMOS. Logic 1 is V+, logic 0 is V - or alternatively 0V when using 5V supplies. The part is tested with the values listed in the Electrical Characteristics table (Digital Input "High" and "Low" Voltages), which are 10% and 90% of full excursion on the inputs. That is, the tested logic levels are 0.27V
U
W
UU
U
U
U
and 2.43V with a 2.7V supply, 0.5V and 4.5V levels with 0V and 5V supply rails, and 0.5V and 4.5V logic levels at 5V supplies. Construction and Instrumentation Cautions Electrically clean construction is important in applications seeking the full dynamic range of the LTC6910-3 amplifier. Short, direct wiring will minimize parasitic capacitance and inductance. High quality supply bypass capacitors of 0.1F near the chip provide good decoupling from a clean, low inductance power source. But several cm of wire (i.e., a few microhenrys of inductance) from the power supplies, unless decoupled by substantial capacitance (10F) near the chip, can cause a high-Q LC resonance in the hundreds of kHz in the chip's supplies or ground reference. This may impair circuit performance at those frequencies. A compact, carefully laid out printed circuit board with a good ground plane makes a significant difference in minimizing distortion. Finally, equipment to measure amplifier performance can itself introduce distortion or noise floors. Checking for these limits with a wire replacing the chip is a prudent routine procedure.
69103i
7
LTC6910-3
TYPICAL APPLICATIO U
Expanding an ADC's Dynamic Range
5V 0.1F LTC1864 4 VIN 3 LTC6910-3 6 2 AGND 1F ADC GAIN CONTROL CONTROL LTC6910-3 (IN TSOT-23 PACKAGE) COMPACTLY ADDS A 7:1 INPUT-LEVEL RANGE 16103 TA03 TO THE LTC1864 (IN MSOP 8-PIN PACKAGE). SINGLE 5V SUPPLY 7 1 499 5 270pF VREF IN+ IN- VCC SCK SDO 1F 5V 8 GND CONV 0.30 - 0.50 REF NOTE: 1. DIMENSIONS ARE IN MILLIMETERS 2. DRAWING NOT TO SCALE 3. DIMENSIONS ARE INCLUSIVE OF PLATING 0.09 - 0.20 (NOTE 3)
PACKAGE DESCRIPTIO
0.52 MAX
3.85 MAX 2.62 REF
RECOMMENDED SOLDER PAD LAYOUT PER IPC CALCULATOR
0.20 BSC 1.00 MAX DATUM `A'
RELATED PARTS
PART NUMBER LT(R)1228 LT1251/LT1256 LTC1564 LTC6910-1 LTC6910-2 DESCRIPTION 100MHz Gain Controlled Transconductance Amplifier 40MHz Video Fader and Gain Controlled Amplifier 10kHz to 150kHz Digitally Controlled Filter and PGA Digitally Controlled PGA Digitally Controlled PGA COMMENTS Differential Input, Continuous Analog Gain Control Two Input, One Output, Continuous Analog Gain Control Continuous Time, Low Noise 8th Order Filter and 4-Bit PGA SOT-23, Gains 0, 1, 2, 5, 10, 20, 50, 100V/V SOT-23, Gains 0, 1, 2, 4, 8, 16, 32, 64V/V
69103i LT/TP 0303 1.5K * PRINTED IN USA
8
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507
q
U
0.65 REF
TS8 Package 8-Lead Plastic TSOT-23
(Reference LTC DWG # 05-08-1637)
2.90 BSC (NOTE 4)
1.22 REF
1.4 MIN
2.80 BSC
1.50 - 1.75 (NOTE 4) PIN ONE ID
0.65 BSC 0.80 - 0.90
0.22 - 0.36 8 PLCS (NOTE 3)
0.01 - 0.10
1.95 BSC
TS8 TSOT-23 0802
4. DIMENSIONS ARE EXCLUSIVE OF MOLD FLASH AND METAL BURR 5. MOLD FLASH SHALL NOT EXCEED 0.254mm 6. JEDEC PACKAGE REFERENCE IS MO-193
www.linear.com
(c) LINEAR TECHNOLOGY CORPORATION 2003


▲Up To Search▲   

 
Price & Availability of LTC6910-3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X