Part Number Hot Search : 
0100C ACT3492 SD2440 SI6821 2604A SA100 AT91SAM 85001
Product Description
Full Text Search
 

To Download LTC1625 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Final Electrical Specifications
LTC1625 No RSENSETM Current Mode Synchronous Step-Down Switching Regulator
July 1998
FEATURES
s s s s s s s s s s s s s s s
DESCRIPTION
The LTC(R)1625 is a synchronous step-down switching regulator controller that drives external N-Channel power MOSFETs using few external components. Current mode control with MOSFET VDS sensing eliminates the need for a sense resistor and improves efficiency. The frequency of a nominal 150kHz internal oscillator can be synchronized to an external clock up to 225kHz. Burst ModeTM operation at low load currents reduces switching losses and low dropout operation extends operating time in battery-powered systems. A forced continuous mode control pin can assist secondary winding regulation by disabling Burst Mode operation when the main output is lightly loaded. An external capacitor attached to the RUN/SS pin provides soft start capability for supply sequencing. A wide supply range allows operation from 3.7V to 36V at the input and 1.19V to VIN at the output.
, LTC and LT are registered trademarks of Linear Technology Corporation. No RSENSE and Burst Mode are trademarks of Linear Technology Corporation.
Highest Efficiency Current Mode Controller No Sense Resistor Required Stable High Current Operation Dual N-Channel MOSFET Synchronous Drive Wide VIN Range: 3.7V to 36V Wide VOUT Range: 1.19V to VIN 1% 1.19V Reference Programmable Fixed Frequency with Injection Lock Very Low Drop Out Operation: 99% Duty Cycle Forced Continuous Mode Control Pin Optional Programmable Soft Start Pin Selectable Output Voltage Remote Output Voltage Sense Logic Controlled Micropower Shutdown: IQ < 30A Available in 16-Lead Narrow SSOP and SO Packages
APPLICATIONS
s s s s
Notebook and Palmtop Computers, PDAs Cellular Telephones and Wireless Modems Battery Chargers Distributed Power
TYPICAL APPLICATION
Efficiency vs Load Current
SYNC CSS 0.1F RUN/SS LTC1625 ITH RC 10k CC 2.2nF SW BOOST VPROG INTVCC SGND BG DB CMDSH-3 CB 0.22F CVCC 4.7F D1 MBRS140T3 M2 Si4410DY VIN TK TG M1 Si4410DY L1 10H CIN 10F 30V x2 VIN 5V TO 28V
+
+
+
VOUT 3.3V COUT 4.5A 100F 10V x3
EFFICIENCY (%)
VOSENSE PGND
1625 F01
Figure 1. High Efficiency Step-Down Converter
Information furnished by Linear Technology Corporation is believed to be accurate and reliable. However, no responsibility is assumed for its use. Linear Technology Corporation makes no representation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
U
U
U
100
VIN = 10V
VOUT = 5V
90 VOUT = 3.3V 80
70
60 0.01
0.1 1 LOAD CURRENT (A)
10
1625 TA01
1
LTC1625 ABSOLUTE MAXIMUM RATINGS
Input Supply Voltage (VIN, TK) ................. 36V to - 0.3V Boosted Supply Voltage (BOOST) ............. 42V to - 0.3V Boosted Driver Voltage (BOOST - SW) ...... 7V to - 0.3V Switch Voltage (SW)............................. VIN + 5V to - 5V EXTVCC Voltage ...........................................7V to - 0.3V ITH Voltage ................................................2.7V to - 0.3V FCB, RUN/SS, SYNC Voltages .....................7V to - 0.3V VOSENSE, VPROG Voltages .......... INTVCC + 0.3V to - 0.3V Peak Driver Output Current < 10s (TG, BG) ............ 2A INTVCC Output Current ........................................ 50mA Operating Ambient Temperature Range ...... 0C to 70C Junction Temperature (Note 1) ............................. 125C Storage Temperature Range ................ - 65C to 150C Lead Temperature (Soldering, 10 sec)................. 300C
PACKAGE/ORDER I FOR ATIO
TOP VIEW EXTVCC 1 SYNC 2 RUN/SS 3 FCB 4 ITH 5 SGND 6 VOSENSE 7 VPROG 8 16 VIN 15 TK 14 SW 13 TG 12 BOOST 11 INTVCC 10 BG 9 PGND
ORDER PART NUMBER LTC1625CGN LTC1625CS
GN PACKAGE S PACKAGE 16-LEAD PLASTIC SSOP 16-LEAD PLASTIC SO
TJMAX = 125C, JA = 130C/W (GN) TJMAX = 125C, JA = 110C/W (S)
Consult factory for Industrial and Military grade parts.
ELECTRICAL CHARACTERISTICS
SYMBOL IINVOSENSE VOUT PARAMETER Feedback Current Regulated Output Voltage 1.19V (Adjustable) Selected 3.3V Selected 5V Selected Reference Voltage Line Regulation Output Voltage Load Regulation Forced Continuous Threshold Forced Continuous Current Output Overvoltage Lockout VPROG Input Current 3.3V VOUT 5V VOUT Input DC Supply Current Normal Mode Shutdown RUN/SS Pin Threshold Soft Start Current Source TG Transition Time Rise Time Fall Time Main Control Loop
TA = 25C, VIN = 15V unless otherwise noted.
MIN TYP 10
q q q
CONDITIONS VPROG Pin Open, ITH = 1.19V (Note 2) ITH = 1.19V (Note 2) VPROG Pin Open VPROG = 0V VPROG = INTVCC VIN = 3.6V to 20V, ITH = 1.19V (Note 2), VPROG Pin Open ITH = 2V (Note 2) ITH = 0.5V (Note 2) VFCB Ramping Negative VFCB = 1.19V VPROG Pin Open VPROG = 0V VPROG = 5V EXTVCC = 5V (Note 3) VRUN/SS = 0V, 3.7V < VIN < 15V
q q q q
MAX 50 1.202 3.380 5.100 0.01 - 0.2 0.2 1.22 -2 1.32 -7 7
UNITS nA V V V %/V % % V A V A A A A V A mV ns ns
1.178 3.220 4.900
1.190 3.300 5.000 0.001 - 0.020 0.035
VLINEREG VLOADREG VFCB IFCB VOVL IPROG
1.16 1.24
1.19 -1 1.28 - 3.5 3.5 500 15
IQ
30 2 4 170 150 150
VRUN/SS IRUN/SS
0.8 1.2 120
1.4 2.5 150 50 50
VRUN/SS = 0V VOSENSE = 1V, VPROG Pin Open CLOAD = 3300pF CLOAD = 3300pF
VSENSE(MAX) Maximum Current Sense Threshold TG tR TG tF
2
U
W
U
U
WW
W
LTC1625
ELECTRICAL CHARACTERISTICS
SYMBOL BG tR BG tF VINTVCC VLDOINT VLDOEXT VEXTVCC Oscillator fOSC fH/fOSC VSYNC RSYNC Oscillator Freqency Maximum Synchronized Frequency Ratio SYNC Pin Threshold (Figure 3) SYNC Pin Input Resistance Ramping Positive 30 135 150 1.5 0.9 50 1.2 70 V k 165 kHz PARAMETER BG Transition Time Rise Time Fall Time Internal VCC Voltage INTVCC Load Regulation EXTVCC Voltage Drop EXTVCC Switchover Voltage
TA = 25C, VIN = 15V unless otherwise noted.
MIN TYP 50 50
q
CONDITIONS CLOAD = 3300pF CLOAD = 3300pF 6V < VIN < 30V, VEXTVCC = 4V ICC = 20mA, VEXTVCC = 4V ICC = 20mA, VEXTVCC = 5V ICC = 20mA, VEXTVCC Ramping Positive
q
MAX 150 150 5.4 - 1.5 300
UNITS ns ns V % mV V
Internal VCC Regulator 5.0 5.2 -1 180 4.5 4.7
The q denotes specifications which apply over the specified operating temperature range. Note 1: TJ is calculated from the ambient temperature TA and power dissipation PD according to the following formula: LTC1625CGN: TJ = TA + (PD * 130C/W) LTC1625CS: TJ = TA + (PD * 110C/W)
Note 2: The LTC1625 is tested in a feedback loop that adjusts VOSENSE to achieve a specified error amplifier output voltage (ITH). Note 3: Typical in application circuit with EXTVCC tied to VOUT = 5V, IOUT = 0A and FCB = INTVCC. Dynamic supply current is higher due to the gate charge being delivered at the switching frequency. See Applications Information.
3
LTC1625 TYPICAL PERFOR A CE CHARACTERISTICS
Efficiency vs Load Current
100 BURST MODE OPERATION 100 95 CONTINUOUS MODE 90 ILOAD = 200mA 85 80 75 70 0.1 0.01 1 LOAD CURRENT (A) 10
1625 G01
90
EFFICIENCY (%)
EFFICIENCY (%)
80
EFFICIENCY (%)
70
60
VIN = 10V VOUT = 5V EXTVCC = VOUT
50 0.001
Load Regulation
0
3.0
FIGURE 1 CIRCUIT
2.5 2.0
- 0.05
VOUT (%)
VITH (V)
- 0.10
CONTINUOUS MODE 1.5 1.0
VIN - VOUT (mV)
- 0.15
Burst Mode OPERATION
- 0.20
- 0.25
0
1
3 2 LOAD CURRENT (A)
Input and Shutdown Current vs Input Voltage
1000 EXTVCC OPEN 800 40 50
600 SHUTDOWN 400
30
-1.0
EXTVCC - INTVCC (mV)
INPUT CURRENT (A)
INTVCC (%)
200
EXTVCC = 5V
0 0 5 20 15 10 25 INPUT VOLTAGE (V) 30 35
4
UW
4
Efficiency vs Input Voltage, VOUT = 5V
FIGURE 1 CIRCUIT ILOAD = 2A 100 95
Efficiency vs Input Voltage, VOUT = 3.3V
FIGURE 1 CIRCUIT
ILOAD = 2A 90 85 ILOAD = 200mA 80 75 70 0 5 10 15 20 INPUT VOLTAGE (V) 25 30
1625 G02
0
5
10 15 20 INPUT VOLTAGE (V)
25
30
1625 G02
ITH Pin Voltage vs Load Current
FIGURE 1 CIRCUIT VIN = 20V VOUT = 5V 400
VIN - VOUT Dropout Voltage vs Load Current
FIGURE 1 CIRCUIT VOUT = 5V - 5% DROP
300
200
100
0.5 0
5
1625 G04
0
1
4 3 5 2 LOAD CURRENT (A)
6
7
0
0
1
3 2 LOAD CURRENT (A)
4
5
1625 G06
1625 G05
INTVCC Load Regulation
0 500
EXTVCC Switch Drop vs INTVCC Load Current
- 0.5
400
SHUTDOWN CURRENT (A)
300
20
-1.5
200
10
- 2.0
100
0
- 2.5
0
10 30 40 20 INTVCC LOAD CURRENT (mA)
50
1625 G08
0
0
10 30 40 20 INTVCC LOAD CURRENT (mA)
50
1625 G09
1625 G07
LTC1625 TYPICAL PERFOR A CE CHARACTERISTICS
Maximum Current Sense Voltage vs Duty Cycle
MAXIMUM CURRENT SENSE VOLTAGE (mV)
MAXIMUM CURRENT SENSE VOLTAGE (mV)
200
150
FREQUENCY (kHz)
100
50
0
0
0.2
0.5 0.4 DUTY CYCLE
FCB Pin Current vs Temperature
0 - 0.25 - 0.50 - 0.75 -1.00 -1.25 -1.50 - 40 -15
RUN/SS CURRENT (A)
FCB CURRENT (A)
60 35 85 10 TEMPERATURE (C)
Transient Response
VOUT 50mV/DIV
VIN = 20V VOUT = 5V ILOAD = 1A TO 4A FIGURE 1 CIRCUIT
200s/DIV
UW
0.8 110
Maximum Current Sense Voltage vs Temperature
160 300 250 155 200
Oscillator Frequency vs Temperature
SYNC = 1.5V
150
SYNC = 0V 150 100 50
145
1.0
1625 G10
140 - 40 -15
85 10 35 60 TEMPERATURE (C)
110
135
0 - 40 -15
60 35 85 10 TEMPERATURE (C)
110
135
1625 G11
1625 G12
RUN/SS Pin Current vs Temperature
0
Soft Start: Load Current vs Time
INDUCTOR CURRENT 2A/DIV
-1
-2
RUN/SS 2V/DIV
-3
20ms/DIV
-4
1625 F06
VIN = 20V VOUT = 5V RLOAD = 1 FIGURE 1 CIRCUIT
-15 60 10 85 35 TEMPERATURE (C) 110 135
135
-5 -40
1625 G13
1625 G14
Transient Response (Burst Mode Operation)
VOUT 50mV/DIV VOUT 50mV/DIV ITH 100mV/DIV
1625 F07 1625 F08
Burst Mode Operation
VIN = 20V VOUT = 5V ILOAD = 50mA TO 1A FIGURE 1 CIRCUIT
500s/DIV
VIN = 20V VOUT = 5V ILOAD = 50mA FIGURE 1 CIRCUIT
50s/DIV
1625 F09
5
LTC1625
PIN FUNCTIONS
EXTVCC (Pin 1): INTVCC Switch Input. When the EXTVCC voltage is above 4.7V, the switch closes and supplies INTVCC power from EXTVCC. Do not exceed 7V at this pin. SYNC (Pin 2): Synchronization Input for Internal Oscillator. The oscillator will nominally run at 150kHz when open, 225kHz when tied above 1.2V, and will lock over a 1.5:1 clock frequency range. RUN/SS (Pin 3): Run Control and Soft Start Input. A capacitor to ground at this pin sets the ramp time to full current output (approximately 1s/F). Forcing this pin below 1.4V shuts down the device. FCB (Pin 4): Forced Continuous Input. Tie this pin to ground to force synchronous operation at low load, to a resistive divider from the secondary output when using a secondary winding, or to INTVCC to enable Burst Mode operation at low load. ITH (Pin 5): Error Amplifier Compensation Point. The current comparator threshold increases with this control voltage. Nominal voltage range for this pin is 0V to 2.4V. SGND (Pin 6): Signal Ground. Connect to the (-) terminal of COUT. VOSENSE (Pin 7): Output Voltage Sense. Feedback input from the remotely sensed output voltage or from an external resistive divider across the output. VPROG (Pin 8): Output Voltage Programming. When VOSENSE is connected to the output, VPROG < 0.8V selects a 3.3V output and VPROG > 3.5V selects a 5V output. Leaving VPROG open allows the output voltage to be set by an external resistive divider between the output and VOSENSE. PGND (Pin 9): Driver Power Ground. Connects to the source of the bottom N-channel MOSFET, the (-) terminal of CVCC and the (-) terminal of CIN. BG (Pin 10): Bottom Gate Drive. Drives the gate of the bottom N-channel MOSFET between ground and INTVCC. INTVCC (Pin 11): Internal 5.2V Regulator Output. The driver and control circuits are powered from this voltage. Decouple this pin to power ground with a minimum of 4.7F tantalum capacitance. BOOST (Pin 12): Topside Floating Driver Supply. The (+) terminal of the bootstrap capacitor connects here. This pin swings from a diode drop below INTVCC to VIN + INTVCC. TG (Pin 13): Top Gate Drive. Drives the top N-channel MOSFET with a voltage swing equal to INTVCC minus a diode drop, superimposed on the switch node voltage. SW (Pin 14): Switch Node. The (-) terminal of the bootstrap capacitor connects here. This pin swings from a diode drop below ground up to VIN. TK (Pin 15): Top MOSFET Kelvin Sense. MOSFET VDS sensing requires this pin to be routed to the drain of the top MOSFET separately from VIN. VIN (Pin 16): Main Supply Input. Decouple this pin to ground with an RC filter (4.7, 0.1F) for applications above 3A.
6
U
U
U
LTC1625
FUNCTIONAL DIAGRA
0.95V
BA x 11
ITH 5 RC1 CC1 ITHB
+-
0.6V
OSC REV I2 S Q
+ -
I1
R
TOP
0.5V 0.6V
B
SLEEP SWITCH LOGIC/ DROPOUT COUNTER SHUTDOWN TG 13 SW 14 INTVCC 11
1.19V
RUN/SS 3 CSS
3A
6V 1.28V 1.19V REF OV 5.2V LDO REG 1.19V
SGND 6
8 VPROG
+
-
+
-
+
-
VFB
gm = 1m EA
+-
0.6V
+
F
-
7 VOSENSE
-
CL
OVERVOLTAGE FCNT BG 10 PGND 9
1A
4 FCB
1 EXTVCC
-
+
+
W
TK 2 SYNC TA x 11
+
-
U
+
-
U
+ -
VIN
15
+
CIN
BOOST 12 CB M1
DB CVCC M2
+
VIN 16
+ -
4.7V
L1
+
COUT
1625 BD
7
LTC1625
OPERATIO
Main Control Loop The LTC1625 is a constant frequency, current mode controller for DC/DC step-down converters. In normal operation, the top MOSFET is turned on when the RS latch is set by the on-chip oscillator and is turned off when the current comparator I1 resets the latch. While the top MOSFET is turned off, the bottom MOSFET is turned on until either the inductor current reverses, as determined by the current reversal comparator I2, or the next cycle begins. Inductor current is measured by sensing the VDS potential across the conducting MOSFET. The output of the appropriate sense amplifier (TA or BA) is selected by the switch logic and applied to the current comparator. The voltage on the ITH pin sets the comparator threshold corresponding to peak inductor current. The error amplifier EA adjusts this voltage by comparing the feedback signal VFB from the output voltage with the internal 1.19V reference. The VPROG pin selects whether the feedback voltage is taken directly from the VOSENSE pin or is derived from an on-chip resistive divider. When the load current increases, it causes a drop in the feedback voltage relative to the reference. The ITH voltage then rises until the average inductor current again matches the load current. The internal oscillator can be synchronized to an external clock applied to the SYNC pin and can lock to a frequency between 100% and 150% of its nominal 150kHz rate. When the SYNC pin is left open, it is pulled low internally and the oscillator runs at its normal rate. If this pin is taken above 1.2V, the oscillator will run at its maximum 225kHz rate. Pulling the RUN/SS pin low forces the controller into its shutdown state and turns off both MOSFETs. Releasing the RUN/SS pin allows an internal 3A current source to charge up an external soft start capacitor CSS. When this voltage reaches 1.4V, the controller begins switching, but with the ITH voltage clamped at approximately 0.8V. As CSS continues to charge, the clamp is raised until full range operation is restored. The top MOSFET driver is powered from a floating bootstrap capacitor CB. This capacitor is normally recharged from INTVCC through a diode DB when the top MOSFET is turned off. As VIN decreases towards VOUT, the converter
8
U
will attempt to turn on the top MOSFET continuously (`'dropout''). A dropout counter detects this condition and forces the top MOSFET to turn off for about 500ns every tenth cycle to recharge the bootstrap capacitor. An overvoltage comparator OV guards against transient overshoots and other conditions that may overvoltage the output. In this case, the top MOSFET is turned off and the bottom MOSFET is turned on until the overvoltage condition is cleared. Foldback current limiting for an output shorted to ground is provided by a transconductance amplifer CL. As VFB drops below 0.6V, the buffered ITH input to the current comparator is gradually pulled down to a 0.95V clamp. This reduces peak inductor current to about one fifth of its maximum value. Low Current Operation The LTC1625 is capable of Burst Mode operation at low load currents. If the error amplifier drives the ITH voltage below 0.95V, the buffered ITH input to the current comparator will remain clamped at 0.95V. The inductor current peak is then held at approximately 30mV/RDS(ON)(TOP). If ITH then drops below 0.5V, the Burst Mode comparator B will turn off both MOSFETs. The load current will be supplied solely by the output capacitor until ITH rises above the 50mV hysteresis of the comparator and switching is resumed. Burst Mode operation is disabled by comparator F when the FCB pin is brought below 1.19V. This forces continuous operation and can assist secondary winding regulation. INTVCC/EXTVCC Power Power for the top and bottom MOSFET drivers and most of the internal circuitry of the LTC1625 is derived from the INTVCC pin. When the EXTVCC pin is left open, an internal 5.2V low dropout regulator supplies the INTVCC power from VIN. If EXTVCC is raised above 4.7V, the internal regulator is turned off and an internal switch connects EXTVCC to INTVCC. This allows a high efficiency source, such as the primary or a secondary output of the converter itself, to provide the INTVCC power.
LTC1625
APPLICATIONS INFORMATION
The basic LTC1625 application circuit is shown in Figure 1. External component selection is primarily determined by the maximum load current and begins with the selection of the sense resistance and power MOSFETs. Because the LTC1625 uses MOSFET VDS sensing, the sense resistance is the RDS(ON) of the MOSFETs. The operating frequency and the inductor are chosen based largely on the desired amount of ripple current. Finally, CIN is selected for its ability to handle the large RMS current into the converter and COUT is chosen with low enough ESR to meet the output voltage ripple specification. Power MOSFET Selection The LTC1625 requires two external N-channel power MOSFETs, one for the top (main) switch and one for the bottom (synchronous) switch. Important parameters for the power MOSFETs are the breakdown voltage V(BR)DSS, threshold voltage VGS(TH), on-resistance RDS(ON), reverse transfer capacitance CRSS and maximum current ID(MAX). The gate drive voltage is set by the 5.2V INTVCC supply. Consequently, logic level threshold MOSFETs must be used in LTC1625 applications. If low input voltage operation is expected (VIN < 5V), then sub-logic level threshold MOSFETs should be used. Pay close attention to the V(BR)DSS specification for the MOSFETs as well; many of the logic level MOSFETs are limited to 30V or less. The MOSFET on-resistance is chosen based on the required load current. The maximum average output current IO(MAX) is equal to the peak inductor current less half the peak-to-peak ripple current IL. The peak inductor current is inherently limited in a current mode controller by the current threshold ITH range. The corresponding maximum VDS sense voltage is about 150mV under normal conditions. The LTC1625 will not allow peak inductor current to exceed 150mV/RDS(ON)(TOP). The following equation is a good guide for determining the required RDS(ON)(MAX) at 25C (manufacturer's specification), allowing some margin for ripple current, current limit and variations in the LTC1625 and external component values: The T is a normalized term accounting for the significant variation in RDS(ON) with temperature, typically about 0.4%/C as shown in Figure 2. Junction to case temperature TJC is around 10C in most applications. For a maximum ambient temperature of 70C, using 80C 1.3 in the above equation is a reasonable choice. This equation is plotted in Figure 3 to illustrate the dependence of maximum output current on RDS(ON). Some popular MOSFETs from Siliconix are shown as data points.
2.0
T NORMALIZED ON RESISTANCE
MAXIMUM OUTPUT CURRENT (A)
RDS(ON)(MAX)
(IO(MAX) )(T )
120mV
U
W
U
U
1.5
1.0
0.5
0 - 50
50 100 0 JUNCTION TEMPERATURE (C)
150
1625 F02
Figure 2. RDS(ON) vs Temperature
10
8 Si4420 6 Si4410 4 Si4412 2 Si9936
0
0
0.02
0.06 0.04 RDS(ON) ()
0.08
0.10
1625 F03
Figure 3. Maximum Output Current vs RDS(ON) at VGS = 4.5V
The power dissipated by the top and bottom MOSFETs strongly depends upon their respective duty cycles and the load current. When the LTC1625 is operating in continuous mode, the duty cycles for the MOSFETs are:
9
LTC1625
APPLICATIONS INFORMATION
V Top Duty Cycle = OUT VIN V -V Bottom Duty Cycle = IN OUT VIN
7V
The MOSFET power dissipations at maximum output current are:
V 2 PTOP = OUT (IO(MAX) )(T(TOP) )(RDS(ON) ) VIN
2 + (k)(VIN )(IO(MAX) )(CRSS)( f)
V -V 2 PBOT = IN OUT (IO(MAX) )(T(BOT ) )(RDS(ON) ) VIN
Both MOSFETs have I2R losses and the PTOP equation includes an additional term for transition losses, which are largest at high input voltages. The constant k = 1.7 can be used to estimate the amount of transition loss. The bottom MOSFET losses are greatest at high input voltage or during a short circuit when the duty cycle is nearly 100%. Operating Frequency and Synchronization The choice of operating frequency and inductor value is a trade-off between efficiency and component size. Low frequency operation improves efficiency by reducing MOSFET switching losses, both gate charge loss and transition loss. However, lower frequency operation requires more inductance for a given amount of ripple current. The internal oscillator runs at a nominal 150kHz frequency when the SYNC pin is left open or connected to ground. Pulling the SYNC pin above 1.2V will increase the frequency by 50%. The oscillator will injection lock to a clock signal applied to the SYNC pin with a frequency between 165kHz and 200kHz. The clock high level must exceed 1.2V for at least 1s and no longer than 4s as shown in Figure 4. The top MOSFET turn-on will synchronize with the rising edge of the clock.
10
U
W
U
U
1.2V
1s
4s
0
1625 F04
Figure 4. SYNC Clock Waveform
Inductor Value Selection Given the desired input and output voltages, the inductor value and operating frequency directly determine the ripple current:
V V IL = OUT 1 - OUT VIN ( f)(L)
Lower ripple current reduces core losses in the inductor, ESR losses in the output capacitors and output voltage ripple. Thus, highest efficiency operation is obtained at low frequency with small ripple current. To achieve this, however, requires a large inductor. A reasonable starting point is to choose a ripple current that is about 40% of IO(MAX). Note that the largest ripple current occurs at the highest VIN. To guarantee that ripple current does not exceed a specified maximum, the inductor should be chosen according to: VOUT VOUT 1- L VIN(MAX) ( f)( IL(MAX) ) Burst Mode Operation Considerations The choice of RDS(ON) and inductor value also determines the load current at which the LTC1625 enters Burst Mode operation. When bursting, the controller clamps the peak inductor current to approximately:
IBURST(PEAK) =
30mV RDS(ON)
LTC1625
APPLICATIONS INFORMATION
The corresponding average current depends on the amount of ripple current. Lower inductor values (higher IL) will reduce the load current at which Burst Mode operation begins. The output voltage ripple can increase during Burst Mode operation if IL is substantially less than IBURST. This will primarily occur when the duty cycle is very close to unity (VIN is close to VOUT) or if very large value inductors are chosen. This is generally only a concern in applications with VOUT 5V. At high duty cycles, a skipped cycle causes the inductor current to quickly descend to zero. However, it takes multiple cycles to ramp the current back up to IBURST(PEAK). During this interval, the output capacitor must supply the load current and enough charge may be lost to cause significant droop in the output voltage. It is a good idea to keep IL comparable to IBURST(PEAK). Otherwise, one might need to increase the output capacitance in order to reduce the voltage ripple or else disable Burst Mode operation by forcing continuous operation with the FCB pin. Fault Conditions: Current Limit and Output Shorts The LTC1625 current comparator can accommodate a maximum sense voltage of 150mV. This voltage and the sense resistance determine the maximum allowed peak inductor current. The corresponding output current limit is: maximum values for RDS(ON), but not a minimum. A reasonable, but perhaps overly conservative, assumption is that the minimum RDS(ON) lies the same amount below the typical value as the maximum RDS(ON) lies above it. Consult the MOSFET manufacturer for further guidelines. The LTC1625 includes current foldback to help further limit load current when the output is shorted to ground. If the output falls by more than half, then the maximum sense voltage is progressively lowered from 150mV to 30mV. Under short-circuit conditions with very low duty cycle, the LTC1625 will begin skipping cycles in order to limit the short-circuit current. In this situation the bottom MOSFET RDS(ON) will control the inductor current trough rather than the top MOSFET controlling the inductor current peak. The short-circuit ripple current is determined by the minimum on-time tON(MIN) of the LTC1625 (approximately 0.5s), the input voltage, and inductor value: IL(SC) = tON(MIN) VIN /L. The resulting short-circuit current is:
ILIMIT =
(R
150mV
DS(ON)
)( )
T
1 - IL 2
The current limit value should be checked to ensure that ILIMIT(MIN) > IO(MAX). The minimum value of current limit generally occurs with the largest VIN at the highest ambient temperature, conditions which cause the highest power dissipation in the top MOSFET. Note that it is important to check for self-consistency between the assumed junction temperature of the top MOSFET and the resulting value of ILIMIT which heats the junction. Caution should be used when setting the current limit based upon RDS(ON) of the MOSFETs. The maximum current limit is determined by the minimum MOSFET onresistance. Data sheets typically specify nominal and
U
W
U
U
ISC =
(
1 + IL(SC) RDS(ON)(BOT ) T 2
30mV
)( )
Normally, the top and bottom MOSFETs will be of the same type. A bottom MOSFET with lower RDS(ON) than the top may be chosen if the resulting increase in short-circuit current is tolerable. However, the bottom MOSFET should never be chosen to have a higher nominal RDS(ON) than the top MOSFET. Inductor Core Selection Once the value for L is known, the type of inductor must be selected. High efficiency converters generally cannot afford the core loss found in low cost powdered iron cores, forcing the use of more expensive ferrite, molypermalloy or Kool M(R) cores. Actual core loss is independent of core size for a fixed inductor value, but it is very dependent on the inductance selected. As inductance increases, core losses go down. Unfortunately, increased inductance requires more turns of wire and therefore copper losses will increase.
Kool M is a registered trademark of Magnetics, Inc.
11
LTC1625
APPLICATIONS INFORMATION
Ferrite designs have very low core loss and are preferred at high switching frequencies, so design goals can concentrate on copper loss and preventing saturation. Ferrite core material saturates "hard," which means that inductance collapses rapidly when the peak design current is exceeded. This results in an abrupt increase in inductor ripple current and consequent output voltage ripple. Do not allow the core to saturate! Molypermalloy (from Magnetics, Inc.) is a very good, low loss core material for toroids, but it is more expensive than ferrite. A reasonable compromise from the same manufacturer is Kool M. Toroids are very space efficient, especially when you can use several layers of wire. Because they generally lack a bobbin, mounting is more difficult. However, designs for surface mount are available which do not increase the height significantly. Schottky Diode Selection The Schottky diode D1 shown in Figure 1 conducts during the dead time between the conduction of the power MOSFETs. This prevents the body diode of the bottom MOSFET from turning on and storing charge during the dead time, which could cost as much as 1% in efficiency. A 1A Schottky diode is generally a good size for 3A to 5A regulators. The diode may be omitted if the efficiency loss can be tolerated. CIN and COUT Selection In continuous mode, the drain current of the top MOSFET is approximately a square wave of duty cycle VOUT / VIN. To prevent large input voltage transients, a low ESR input capacitor sized for the maximum RMS current must be used. The maximum RMS current is given by: 2000 hours of life. This makes it advisable to further derate the capacitor or to choose a capacitor rated at a higher temperature than required. Several capacitors may also be placed in parallel to meet size or height requirements in the design. The selection of COUT is primarily determined by the ESR required to minimize voltage ripple. The output ripple VOUT is approximately bounded by:
V V IRMS IO(MAX) OUT IN - 1 VIN VOUT
1/ 2
This formula has a maximum at VIN = 2VOUT, where IRMS = IO(MAX)/2. This simple worst-case condition is commonly used for design because even significant deviations do not offer much relief. Note that ripple current ratings from capacitor manufacturers are often based on only
12
U
W
U
U
1 VOUT IL ESR + (4)(f )(COUT )
Since IL increases with input voltage, the output ripple is highest at maximum input voltage. Typically, once the ESR requirement is satisfied the capacitance is adequate for filtering and has the required RMS current rating. Manufacturers such as Nichicon, United Chemicon and Sanyo should be considered for high performance throughhole capacitors. The OS-CON semiconductor dielectric capacitor available from Sanyo has the lowest product of ESR and size of any aluminum electrolytic at a somewhat higher price. In surface mount applications, multiple capacitors may have to be placed in parallel to meet the ESR requirement. Aluminum electrolytic and dry tantalum capacitors are both available in surface mount packages. In the case of tantalum, it is critical that the capacitors have been surge tested for use in switching power supplies. An excellent choice is the AVX TPS series of surface mount tantalum, available in case heights ranging from 2mm to 4mm. Other capacitor types include Sanyo OS-CON, Nichicon PL series, and Sprague 593D and 595D series. Consult the manufacturer for other specific recommendations. INTVCC Regulator An internal P-channel low dropout regulator produces the 5.2V supply which powers the drivers and internal circuitry within the LTC1625. The INTVCC pin can supply up to 50mA and must be bypassed to ground with a minimum of 4.7F tantalum or low ESR electrolytic capacitance. Good bypassing is necessary to supply the high transient currents required by the MOSFET gate drivers.
LTC1625
APPLICATIONS INFORMATION
High input voltage applications in which large MOSFETs are being driven at high frequencies may cause the LTC1625 to exceed its maximum junction temperature rating. Most of the supply current drives the MOSFET gates unless an external EXTVCC source is used. The junction temperature can be estimated from the equations given in Note 1 of the Electrical Characteristics. For example, the LTC1625CGN is limited to less than 14mA from a 30V supply: TJ = 70C + (14mA)(30V)(130C/W) = 125C To prevent the maximum junction temperature from being exceeded, the input supply current must be checked when operating in continuous mode at high VIN. EXTVCC Connection The LTC1625 contains an internal P-channel MOSFET switch connected between the EXTVCC and INTVCC pins. Whenever the EXTVCC pin is above 4.7V the internal 5.2V regulator shuts off, the switch closes and INTVCC power is supplied via EXTVCC until EXTVCC drops below 4.5V. This allows the MOSFET gate drive and control power to be derived from the output or other external source during normal operation. When the output is out of regulation (start-up, short circuit) power is supplied from the internal regulator. Do not apply greater than 7V to the EXTVCC pin and ensure that EXTVCC VIN. Significant efficiency gains can be realized by powering INTVCC from the output, since the VIN current supplying the driver and control currents will be scaled by a factor of Duty Cycle/Efficiency. For 5V regulators this simply means connecting the EXTVCC pin directly to VOUT. However, for 3.3V and other lower voltage regulators, additional circuitry is required to derive INTVCC power from the output. The following list summarizes the four possible connections for EXTVCC: 1. EXTVCC left open (or grounded). This will cause INTVCC to be powered from the internal 5.2V regulator resulting in an efficiency penalty of up to 10% at high input voltages. 2. EXTVCC connected directly to VOUT. This is the normal connection for a 5V regulator and provides the highest efficiency.
VIN TK OPTIONAL EXTVCC CONNECTION 5V < VSEC < 7V LTC1625 EXTVCC SW R4 FCB R3 SGND BG PGND
1625 F05a
Figure 5a: Secondary Output Loop and EXTVCC Connection
VPUMP 2(VOUT - VD)
+
VIN TK TG LTC1625 SW EXTVCC
VIN CIN BAT85
L1
BG PGND
1625 F05b
Figure 5b: Capacitive Charge Pump for EXTVCC
*
U
W
U
U
3. EXTVCC connected to an output-derived boost network. For 3.3V and other low voltage regulators, efficiency gains can still be realized by connecting EXTVCC to an output-derived voltage which has been boosted to greater than 4.7V. This can be done with either an inductive boost winding as shown in Figure 5a or a capacitive charge pump as shown in Figure 5b. 4. EXTVCC connected to an external supply. If an external supply is available in the 5V to 7V range (EXTVCC < VIN), it may be used to power EXTVCC providing it is compatible with the MOSFET gate drive requirements.
VIN CIN 1N4148 VSEC
+
TG
+
T1 1:N
*+
CSEC 1F VOUT COUT
+
1F 0.22F BAT85
VN2222LL
BAT85
+
COUT
VOUT
13
LTC1625
APPLICATIONS INFORMATION
Note that RDS(ON) also varies with the gate drive level. If gate drives other than the 5.2V INTVCC are used, this must be accounted for when selecting the MOSFET RDS(ON). Particular care should be taken with applications where EXTVCC is connected to the output. When the output voltage is between 4.7V and 5.2V, INTVCC will be connected to the output and the gate drive is reduced. The resulting increase in RDS(ON) will also lower the current limit. Even applications with VOUT > 5.2V will traverse this region during start-up and must take into account the reduced current limit. Topside MOSFET Driver Supply (CB, DB) An external bootstrap capacitor (CB in the functional diagram) connected to the BOOST pin supplies the gate drive voltage for the topside MOSFET. This capacitor is charged through diode DB from INTVCC when the SW node is low. Note that the voltage across CB is about a diode drop below INTVCC. When the top MOSFET turns on, the switch node voltage rises to VIN and the BOOST pin rises to approximately VIN + INTVCC. During dropout operation, CB supplies the top driver for as long as ten cycles between refreshes. Thus, the boost capacitance needs to store about 100 times the gate charge required by the top MOSFET. In many applications 0.22F is adequate. VPROG pin is left open and the VOSENSE pin is connected to feedback resistors as shown in Figure 6b. The output voltage is set by the divider as:
R2 VOUT = 1.19V 1 + R1
When adjusting the gate drive level , the final arbiter is the total input current for the regulator. If you make a change and the input current decreases, then you improved the efficiency. If there is no change in input current, then there is no change in efficiency.
Output Voltage Programming The LTC1625 has a pin selectable output voltage determined by the VPROG pin as follows: VPROG = 0V VPROG = INTVCC VPROG = Open VOUT = 3.3V VOUT = 5V VOUT = Adjustable
Remote sensing of the output voltage is provided by the VOSENSE pin. For fixed 3.3V and 5V output applications an internal resistive divider is used and the VOSENSE pin is connected directly to the output voltage as shown in Figure 6a. When using an external resistive divider, the
14
U
W
U
U
LTC1625 VOUT = 5V: INTVCC GND VOUT = 3.3V: VPROG
VOUT
+
COUT
VOSENSE
SGND
1625 F06a
Figure 6a. Fixed 3.3V or 5V VOUT
LTC1625 OPEN VPROG
+
COUT
R2 VOSENSE R1 SGND
1625 F06b
Figure 6b. Adjustable VOUT
Run/Soft Start Function The RUN/SS pin is a dual purpose pin that provides a soft start function and a means to shut down the LTC1625. Soft start reduces surge currents from VIN by gradually increasing the controller's current limit ITH(MAX). This pin can also be used for power supply sequencing. Pulling the RUN/SS pin below 1.4V puts the LTC1625 into a low quiescent current shutdown (IQ < 30A). This pin can be driven directly from logic as shown in Figure 7. Releasing the RUN/SS pin allows an internal 3A current source to charge up the external capacitor CSS. If RUN/SS has been pulled all the way to ground there is a delay before starting of approximately:
LTC1625
APPLICATIONS INFORMATION
1.4V tDELAY = CSS = 0.5s / F CSS 3A
(
)
When the voltage on RUN/SS reaches 1.4V the LTC1625 begins operating with a clamp on ITH at 0.8V. As the voltage on RUN/SS increases to approximately 3.1V, the clamp on ITH is raised until its full 2.4V range is restored. This takes an additional 0.5s/F. During this time the load current will be folded back to approximately 30mV/RDS(ON) until the output reaches half of its final value. Diode D1 in Figure 7 reduces the start delay while allowing CSS to charge up slowly for the soft start function. This diode and CSS can be deleted if soft start is not needed. The RUN/SS pin has an internal 6V zener clamp (See Functional Diagram).
3.3V OR 5V D1 CSS CSS
1625 F07
RUN/SS
RUN/SS
Figure 7. RUN/SS Pin Interfacing
FCB Pin Operation When the FCB pin drops below its 1.19V threshold, continuous synchronous operation is forced. In this case, the top and bottom MOSFETs continue to be driven regardless of the load on the main output. Burst Mode operation is disabled and current reversal is allowed in the inductor. In addition to providing a logic input to force continuous operation, the FCB pin provides a means to regulate a flyback winding output. It can force continuous synchronous operation when needed by the flyback winding, regardless of the primary output load. The secondary output voltage VSEC is normally set as shown in Figure 4a by the turns ratio N of the transformer: VSEC (N + 1)VOUT However, if the controller goes into Burst Mode operation and halts switching due to a light primary load current,
U
W
U
U
then VSEC will droop. An external resistor divider from VSEC to the FCB pin sets a minimum voltage VSEC(MIN):
R4 VSEC(MIN) 1.19 V 1 + R3
If VSEC drops below this level, the FCB voltage forces continuous operation until VSEC is again above its minimum. Minimum On-Time Considerations Minimum on-time tON(MIN) is the smallest amount of time that the LTC1625 is capable of turning the top MOSFET on and off again. It is determined by internal timing delays and the amount of gate charge required to turn on the top MOSFET. Low duty cycle applications may approach this minimum on-time limit and care should be taken to ensure that:
tON(MIN) < VOUT (VIN)( f)
If the duty cycle falls below what can be accommodated by the minimum on-time, the LTC1625 will begin to skip cycles. The output voltage will continue to be regulated, but the ripple current and ripple voltage will increase. The minimum on-time for the LTC1625 is generally about 0.5s. However, as the peak sense voltage (IL(PEAK) * RDS(ON)) decreases, the minimum on-time gradually increases up to about 0.7s. This is of particular concern in forced continuous applications with low ripple current at light loads. If the duty cycle drops below the minimum on-time limit in this situation, a significant amount of cycle skipping can occur with correspondingly larger current and voltage ripple. Efficiency Considerations The efficiency of a switching regulator is equal to the output power divided by the input power (x100%). Percent efficiency can be expressed as: %Efficiency = 100% - (L1 + L2 + L3 + ...)
15
LTC1625
APPLICATIONS INFORMATION
where L1, L2, etc. are the individual losses as a percentage of input power. It is often useful to analyze individual losses to determine what is limiting the efficiency and which change would produce the most improvement. Although all dissipative elements in the circuit produce losses, four main sources usually account for most of the losses in LTC1625 circuits: 1. INTVCC current. This is the sum of the MOSFET driver and control currents. The driver current results from switching the gate capacitance of the power MOSFETs. Each time a MOSFET gate is switched on and then off, a packet of gate charge Qg moves from INTVCC to ground. The resulting current out of INTVCC is typically much larger than the control circuit current. In continuous mode, IGATECHG = f(Qg(TOP) + Qg(BOT)). By powering EXTVCC from an output-derived source, the additional VIN current resulting from the driver and control currents will be scaled by a factor of Duty Cycle/ Efficiency. For example, in a 20V to 5V application at 400mA load, 10mA of INTVCC current results in approximately 3mA of VIN current. This reduces the loss from 10% (if the driver was powered directly from VIN) to about 3%. 2. DC I2R Losses. Since there is no separate sense resistor, DC I2R losses arise only from the resistances of the MOSFETs and inductor. In continuous mode the average output current flows through L, but is "chopped" between the top MOSFET and the bottom MOSFET. If the two MOSFETs have approximately the same RDS(ON), then the resistance of one MOSFET can simply be summed with the resistance of L to obtain the DC I2R loss. For example, if each RDS(ON) = 0.05 and RL = 0.15, then the total resistance is 0.2. This results in losses ranging from 2% to 8% as the output current increases from 0.5A to 2A for a 5V output. I2R losses cause the efficiency to drop at high output currents. 3. Transition losses apply only to the topside MOSFET, and only when operating at high input voltages (typically 20V or greater). Transition losses can be estimated from: Transition Loss = (1.7)(VIN2)(IO(MAX))(CRSS)(f) 4. LTC1625 VIN supply current. The VIN current is the DC supply current to the controller excluding MOSFET gate drive current. Total supply current is typically about 850A. If EXTVCC is connected to 5V, the LTC1625 will draw only 330A from VIN and the remaining 520A will come from EXTVCC. VIN current results in a small (< 1%) loss which increases with VIN. Other losses including CIN and COUT ESR dissipative losses, Schottky conduction losses during dead time and inductor core losses, generally account for less than 2% total additional loss. Checking Transient Response The regulator loop response can be checked by looking at the load transient response. Switching regulators take several cycles to respond to a step in DC (resistive) load current. When a load step occurs, VOUT immediately shifts by an amount equal to (ILOAD)(ESR), where ESR is the effective series resistance of COUT, and COUT begins to charge or discharge. The regulator loop acts on the resulting feedback error signal to return VOUT to its steadystate value. During this recovery time VOUT can be monitored for overshoot or ringing which would indicate a stability problem. The ITH pin external components shown in Figure 1 will provide adequate compensation for most applications. A second, more severe transient is caused by connecting loads with large (> 1F) supply bypass capacitors. The discharged bypass capacitors are effectively put in parallel with COUT, causing a rapid drop in VOUT. No regulator can deliver enough current to prevent this problem if the load switch resistance is low and it is driven quickly. The only solution is to limit the rise time of the switch drive in order to limit the inrush current to the load. Automotive Considerations: Plugging into the Cigarette Lighter As battery-powered devices go mobile, there is a natural interest in plugging into the cigarette lighter in order to conserve or even recharge battery packs during operation. But before you connect, be advised: you are plugging into the supply from hell. The main battery line in an
16
U
W
U
U
LTC1625
APPLICATIONS INFORMATION
automobile is the source of a number of nasty potential transients, including load dump, reverse and double battery. Load dump is the result of a loose battery cable. When the cable breaks connection, the field collapse in the alternator can cause a positive spike as high as 60V which takes several hundred milliseconds to decay. Reverse battery is just what it says, while double battery is a consequence of tow truck operators finding that a 24V jump start cranks cold engines faster than 12V. The network shown in Figure 8 is the most straightforward approach to protect a DC/DC converter from the ravages of an automotive battery line. The series diode prevents current from flowing during reverse battery, while the transient suppressor clamps the input voltage during load dump. Note that the transient suppressor should not conduct during double-battery operation, but must still clamp the input voltage below breakdown of the converter. Although the LTC1625 has a maximum input voltage of 36V, most applications will be limited to 30V by the MOSFET V(BR)DSS.
50A IPK RATING VIN LTC1625 TRANSIENT VOLTAGE SUPPRESSOR GENERAL INSTRUMENT 1.5KA24A 12V
PGND
1625 F08
Figure 8. Automotive Application Protection
Design Example As a design example, take a supply with the following specifications: VIN = 12V to 22V (15V nominal), VOUT = 3.3V, IO(MAX) = 2A, and f = 225kHz. The required RDS(ON) can immediately be estimated:
ISC =
RDS(ON) =
120mV = 0.046 (2A)(1.3)
A 0.042 Siliconix Si4412DY MOSFET (JA = 50C/W) is close to this value.
U
W
U
U
For 40% ripple current at maximum VIN the inductor should be:
L 3.3V 3.3V 1- = 16H (225kHz)(0.4)(2A) 22V
Choosing a standard value of 15H results in a maximum ripple current of:
IL(MAX) =
3.3V 3.3V 1- = 0.83A (225kHz)(15H) 22V
Next, check that the minimum value of the current limit is acceptable. Assume a junction temperature close to a 70C ambient with 80C = 1.3.
ILIMIT
1 150mV - 0.83A = 2.3A (0.042)(1.3) 2
This is comfortably above IO(MAX) = 2A. Now double-check the assumed TJ:
PTOP = 3.3V (2.3A)2 (1.3)(0.042) + 22V (1.7)(22)2(2.3A)(180pF )(225kHz) = 43mW + 77mW = 120mW
TJ = 70C + (120mW)(50C/W) = 76C Since (76C) (80C), the solution is self-consistent. A short circuit to ground will result in a folded back current of:
1 (15V)(0.5s) 30mV + = 1.2A (0.03)(1.1) 2 15H
with a typical value of RDS(ON) and (50C) = 1.1. The resulting power dissipated in the bottom MOSFET is:
PBOT =
15V - 3.3V (1.2A)2 (1.1)(0.03) = 37mW 15V
which is less than under full load conditions.
17
LTC1625
APPLICATIONS INFORMATION
1 CSS 0.1F CC1 470pF INTVCC 2 3 4 EXTVCC SYNC VIN TK 16 15 14 M1 Si4412DY L1 15H
RC 10k
OPEN
SW RUN/SS LTC1625 13 TG FCB 5 12 BOOST ITH 6 7 8 11 10 9
CC2 220pF
SGND VOSENSE VPROG
INTVCC BG PGND
CIN: AVX TPSE226M035R0300 COUT: AVX TPSD107M010R0065 L1: SUMIDA CDRH125-150MC
Figure 9. 3.3V/2A Fixed Output at 225kHz
CIN is chosen for an RMS current rating of at least 1A at temperature. COUT is chosen with an ESR of 0.033 for low output ripple. The output ripple in continuous mode will be highest at the maximum input voltage and is approximately: VO = (IL(MAX))(ESR) = (0.83A)(0.033) = 27mV The complete circuit is shown in Figure 9. PC Board Layout Checklist When laying out the printed circuit board, the following checklist should be used to ensure proper operation of the LTC1625. These items are also illustrated graphically in the layout diagram of Figure 10. Check the following in your layout: 1) Connect the TK lead directly to the drain of the topside MOSFET. Then connect the drain to the (+) plate of CIN. This capacitor provides the AC current to the top MOSFET.
18
U
W
U
U
+
CIN 22F 35V x2
VIN 12V TO 22V
VOUT 3.3V 2A
CVCC DB CB 4.7F CMDSH-3 0.1F
+
M2 Si4412DY D1 MBRS140T3
+
COUT 100F 10V 0.065 x2
1625 F09
2) The power ground pin connects directly to the source of the bottom N-channel MOSFET. Then connect the source to the anode of the Schottky diode and (-) plate of CIN, which should have as short lead lengths as possible. 3) The LTC1625 signal ground pin must return to the (-) plate of COUT. Connect the (-) plate of COUT to power ground at the source of the bottom MOSFET 4) Keep the switch node SW away from sensitive smallsignal nodes. Ideally the switch node should be placed on the opposite side of the power MOSFETs from the LTC1625. 5) Connect the INTVCC decoupling capacitor CVCC closely to the INTVCC pin and the power ground pin. This capacitor carries the MOSFET gate drive current. 6) Does the VOSENSE pin connect directly to the (+) plate of COUT? In adjustable applications, the resistive divider (R1, R2) must be connected between the (+) plate of COUT and signal ground. Place the divider near the LTC1625 in order to keep the high impedance VOSENSE node short.
LTC1625
APPLICATIONS INFORMATION
5V EXTVCC CONNECTION CSS EXT CLK
1 2 3
EXTVCC SYNC
CC1
OPEN RC
14 RUN/SS SW LTC1625 4 13 FCB TG 5 ITH BOOST 12 DB 6 SGND VOSENSE VPROG INTVCC BG PGND 11
R2 OPEN
7 8
R1
BOLD LINES INDICATE HIGH CURRENT PATHS
Figure 10. LTC1625 Layout Diagram
TYPICAL APPLICATIONS
5V/1.2A Fixed Output at 225kHz
1 CSS 0.1F CC 330pF RC 10k INTVCC 2 3 4
EXTVCC SYNC
VIN TK
16 15 14 M1 1/2 Si9936DY L1 39H
OPEN
SW RUN/SS LTC1625 13 TG FCB 5 12 BOOST ITH 6 7 8 11 10 9 DB CMDSH-3
CVCC CB 4.7F 0.1F
SGND VOSENSE VPROG
INTVCC BG PGND
+
M2 1/2 Si9936DY
CIN: AVX TPSD156M035R0300 COUT: AVX TPSD107M010R0100 L1: SUMIDA CD104-390MC
+
OUTPUT DIVIDER REQUIRED WITH VPROG OPEN
U
W
U
U
U
+
VIN TK 16 15 M1 L1 CB VIN
CVCC
+
10 9 M2 D1
+
CIN
- -
COUT VOUT
1625 F10
+
+
CIN 15F 35V
VIN 5V TO 28V
VOUT 5V 1.2A
+
COUT 100F 10V 0.100
1625 TA02
19
LTC1625
TYPICAL APPLICATIONS
2.5V/2.8A Adjustable Output
1 CSS 0.1F CC1 1nF 2 3
EXTVCC SYNC RUN/SS
LTC1625 13 RC OPEN 4 FCB TG 10k 5 12 BOOST ITH CC2 330pF 6 11 INTVCC SGND 7 OPEN 8 VOSENSE VPROG BG PGND 10 9
CIN: AVX TPSE226M020R0300 COUT: AVX TPSD107M010R0065 L1: SUMIDA CDRH125-150MC
CSS 0.1F CC1 2.2nF
RC 10k CC2 220pF
EXTVCC VIN EXT 2 TK SYNC CLK 3 RUN/SS SW LTC1625 4 FCB TG OPEN 5 ITH BOOST 6 7 8
1
SGND VOSENSE VPROG
CIN: SANYO 30SC10M COUT: SANYO 6SA150M L1: PANASONIC 12TS-7R0LB
20
U
RF 4.7 VIN TK SW 16 15 14 CF 0.1F M1 1/2 Si4920DY L1 15H
+
CIN 22F 35V x2
VIN 5V TO 28V
VOUT 2.5V 2.8A R2 11k 1%
DB CMDSH-3
CVCC CB 4.7F 0.22F
+
M2 1/2 Si4920DY D1 MBRS140T3
+
R1 10k 1%
COUT 100F 10V 0.065 x2
1625 TA03
3.3V/8A Fixed Output
RF 4.7 16 15 14 13 12 CVCC DB CB CMDSH-3 0.22F 4.7F CF 0.1F M1 FDS6680A L1 7H
+
CIN 10F 30V x3
VIN 5V TO 28V
VOUT 3.3V 8A
INTVCC BG PGND
11 10 9
+
M2 FDS6680A D1 MBRS140T3
+
COUT 150F 6.3V 0.03 x2
1625 TA05
LTC1625
TYPICAL APPLICATIONS
3.3V/4A Fixed Output with 12V/120mA Auxiliary Output
RF 4.7 CF 0.1F M1 IRLR3103
1 CSS 0.1F EXT CLK 2 3
EXTVCC SYNC
14 SW RUN/SS LTC1625 4 13 TG FCB 5 12 BOOST ITH 6 7 8 11 10 9 DB CMDSH-3
RC CC2 CC1 10k 220pF 470pF
SGND VOSENSE VPROG
CIN: SANYO 30SC10M COUT: AVX TPSD107M010R0065 CSEC: AVX TAJB335M035R T1: BH ELECTRONICS 510-1079 *YES! USE A STANDARD RECOVERY DIODE
1 CSS 0.1F CC 470pF 2 3 RC 22k 4
EXTVCC SYNC
RUN/SS SW LTC1625 13 FCB TG 5 12 ITH BOOST 6 7 11 10 9 DB CMDSH-3
SGND VOSENSE VPROG
OPEN
8
CIN: AVX TPSE226M020R0300 COUT: AVX TPSE686M020R0150 L1: SUMIDA CDRH127-270MC
U
+
VIN 6V TO 20V CIN 10F 30V x2 VSEC 12V 120mA
* T1
VIN TK 16 15 8H 1:2.53
CS 0.1F RS 100k
*
CB 0.22F CVCC 4.7F
DS MBRA4003T3*
+
CSEC 3.3F 35V
M3 NDT410EL
R4 95.3k 1% R3 11k 1% VOUT 3.3V COUT 4A 100F 10V 0.065 x3
R1 4.7k D2 CDMSH-3
INTVCC BG PGND
+
M2 IRLR3103 D1 MBRS140T3
+
C1 0.01F
1625 TA04
12V/2.2A Adjustable Output
RF 4.7 16 15 14 CF 0.1F M1 Si4412DY L1 27H
VIN TK
+
CIN 22F 35V x2
VIN 12.5V TO 28V
VOUT 12V 2A R2 35.7k 1% + COUT 68F 20V 0.15 x2
CVCC CB 4.7F 0.1F
INTVCC BG PGND
+
M2 Si4412DY
R1 3.92k 1%
1625TA06
21
LTC1625
PACKAGE DESCRIPTION
0.007 - 0.0098 (0.178 - 0.249) 0.016 - 0.050 (0.406 - 1.270)
* DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE ** DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
22
U
Dimensions in inches (millimeters) unless otherwise noted.
GN Package 16-Lead Plastic SSOP (Narrow 0.150)
(LTC DWG # 05-08-1641)
0.189 - 0.196* (4.801 - 4.978) 16 15 14 13 12 11 10 9
0.009 (0.229) REF
0.229 - 0.244 (5.817 - 6.198)
0.150 - 0.157** (3.810 - 3.988)
1 0.015 0.004 x 45 (0.38 0.10) 0 - 8 TYP 0.053 - 0.068 (1.351 - 1.727)
23
4
56
7
8 0.004 - 0.0098 (0.102 - 0.249)
0.008 - 0.012 (0.203 - 0.305)
0.025 (0.635) BSC
GN16 (SSOP) 0398
LTC1625
PACKAGE DESCRIPTION U
Dimensions in inches (millimeters) unless otherwise noted.
S Package 16-Lead Plastic Small Outline (Narrow 0.150)
(LTC DWG # 05-08-1610)
0.386 - 0.394* (9.804 - 10.008) 16 15 14 13 12 11 10 9
0.228 - 0.244 (5.791 - 6.197)
0.150 - 0.157** (3.810 - 3.988)
1 0.010 - 0.020 x 45 (0.254 - 0.508) 0.008 - 0.010 (0.203 - 0.254) 0 - 8 TYP 0.053 - 0.069 (1.346 - 1.752)
2
3
4
5
6
7
8
0.004 - 0.010 (0.101 - 0.254)
0.016 - 0.050 0.406 - 1.270 *DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE **DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
0.014 - 0.019 (0.355 - 0.483)
0.050 (1.270) TYP
S16 0695
23
LTC1625
TYPICAL APPLICATION
3.3V/1.8A Fixed Output
1 CSS 0.1F CC1 1nF 2 3 RC 10k OPEN
EXTVCC SYNC
TK 14 RUN/SS SW LTC1625 4 13 FCB TG 5 12 ITH BOOST 6 7 8 11 10 9
CC2 100pF
SGND VOSENSE VPROG
CIN: AVX TPSD156M035R0300 COUT: AVX TPSD107M010R0100 L1: SUMIDA CDRH125-270MC
RELATED PARTS
PART NUMBER LTC1435A LTC1436A-PLL LTC1430 LTC1438 LTC1538-AUX DESCRIPTION High Efficiency Synchronous Step-Down Controller High Efficiency Synchronous Step-Down Controller High Power Synchronous Step-Down Controller Dual High Efficiency Step-Down Controller Dual High Efficiency Step-Down Controller COMMENTS Optimized for Low Duty Cycle Battery to CPU Power Applications PLL Synchronization and Auxiliary Linear Regulator Voltage Mode High Current 5V to 3.3V/ADJ Power-On Reset and Low-Battery Comparator 5V Standby Output and Auxiliary Linear Regulator
24
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 q FAX: (408) 434-0507 q www.linear-tech.com
U
VIN
16 15 M1 1/2 Si4936DY L1 27H
+
CIN 15F 35V x2
VIN 5V TO 28V
VOUT 3.3V 1.8A COUT 100F 10V 0.1 x2
CVCC DB CB 4.7F CMDSH-3 0.1F
INTVCC BG PGND
+
M2 1/2 Si4936DY D1 MBRS140T3
+
1625 TA07
1625i LT/TP 0798 4K * PRINTED IN USA
(c) LINEAR TECHNOLOGY CORPORATION 1998


▲Up To Search▲   

 
Price & Availability of LTC1625

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X