Part Number Hot Search : 
KF13277 28F800B 05D15 CA3078E LM321 X1705 ADM692A 1N4786
Product Description
Full Text Search
 

To Download LM32010P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LM32010P
Features
n n 12 cm [4.7"] QVGA format Black & white display n n
Medium Size Graphic Type LCD Module
High brightness (80 cd/m2) Mechanically compatible with LM32P10 and LM32K101
Specifications
Parameter
Display size Dot format (H x V) Dot pitch (H x V) Active area (H x V) Panel type Panel mode Color Contrast ratio Response time 12 [4.7] 320 x 240 0.30 x 0.30 96.0 x 72.0 FSTN Transmissive B/W 12 : 1 400 [-]
Unit
cm [ "] dot mm mm color ms
Parameter
Brightness 80 Duty ratio 1/240 Backlight 1CCFT(E) Power consumption panel 178 Backlight 1 250 Outline dimensions (W x H x D) 148.0 x 96.0(107.0) x 8.0 Weight 140 Operating temperature 0 to +45 Storage temperature -25 to +60
Unit
cd/m2 mW mW mm g C C
Outline Dimensions
unit : mm
148.0 19.0 134.0 124.0 100 95.98 5.0 1 3.01 0.28
47.5 0.28
2 3.5 9.5 11.51
(0.6)
3.5
0.3 0.02
PIN1
Active Area
note.4 [CN2;PIN1]
107 103 96 76 71.98
note.2 PIN12 Viewing Area note.4 [CN2;PIN2]
(0.6)
3.5
8MAX
3.2
7MAX
100 8 9
123
28MIN
note.3
0.3 0.02


▲Up To Search▲   

 
Price & Availability of LM32010P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X