Part Number Hot Search : 
2SC536 MSIW1022 EP9677 HAE332 SAA7346 16800 MC12002D MC12002D
Product Description
Full Text Search
 

To Download KBP208G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KBP2005G-KBP210G
Vishay Lite-On Power Semiconductor
2.0A Glass Passivated Bridge Rectifier
Features
D D D D D D
Glass passivated die construction High case dielectric strength of 1500VRMS Low reverse leakage current Surge overload rating to 65A peak Ideal for printed circuit board applications Plastic material - UL Recognition flammability classification 94V-0
14 400
D This series isUL listed under recognized
component index, file E95060
Absolute Maximum Ratings
Tj = 25_C Parameter Repetitive peak reverse voltage g =Working peak reverse voltage =DC Bl ki voltage DC Blocking lt Test Conditions Type KBP2005G KBP201G KBP202G KBP204G KBP206G KBP208G KBP210G Symbol VRRM =VRWM =VR V Value 50 100 200 400 600 800 1000 65 2 -65...+150 Unit V V V V V V V A A C
Peak forward surge current Average forward current TC=105C Junction and storage temperature range
IFSM IFAV Tj=Tstg
Electrical Characteristics
Tj = 25_C Parameter Forward voltage Reverse current Diode capacitance Thermal resistance junction to case Test Conditions IF=2A TC=25C TC=125C VR=4V, f=1MHz mounted on 75x75x1.6mm aluminum plate Type Symbol Min Typ Max Unit VF 1.1 V IR 5 mA IR 500 mA CD 25 pF RthJC 38 K/W
Rev. A2, 24-Jun-98
1 (4)
KBP2005G-KBP210G
Vishay Lite-On Power Semiconductor Characteristics (Tj = 25_C unless otherwise specified)
IFAV - Average Forward Current ( A ) 2.0 C D - Diode Capacitance ( pF )
Case Lead
100
Tj = 25C f = 1 MHz
1.5
Ambient
1.0
10
0.5
0
15630
0
50
100
150
15633
1 1 10 VR - Reverse Voltage ( V ) 100
Tamb - Ambient Temperature ( C )
Figure 1. Max. Average Forward Current vs. Ambient Temperature
IF Pulse Width = 300 s
Figure 4. Typ. Diode Capacitance vs. Reverse Voltage
10,000 IR - Reverse Current ( m A ) 1000
Tj = 150C
10 IF - Forward Current ( A )
Tj = 150C
100
Tj = 125C
1.0
10 1.0
Tj = 25C
Tj = 100C
Tj = 25C
0.1
0.1 0
15631
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
15634
0.01
0
20
40
60
80
100 120
140
VF - Forward Voltage ( V )
Percent of Rated Peak Reverse Voltage (%)
Figure 2. Typ. Forward Current vs. Forward Voltage
IFSM - Peak Forward Surge Current ( A )
Figure 5. Typ. Reverse Current vs. Percent of Rated Peak Reverse Voltage
100 80 60
Tj = 150C Single Half Sine-Wave (JEDEC Method)
40
20
0 1 10 Number of Cycles at 60 Hz 100
15632
Figure 3. Max. Peak Forward Surge Current vs. Number of Cycles
2 (4)
Rev. A2, 24-Jun-98
KBP2005G-KBP210G
Vishay Lite-On Power Semiconductor Dimensions in mm
14473
Case: molded plastic Polarity: as marked on body Approx. weight: 1.52 grams Mounting position: any Marking: type number
Rev. A2, 24-Jun-98
3 (4)
KBP2005G-KBP210G
Vishay Lite-On Power Semiconductor Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances ( ODSs ). The Montreal Protocol ( 1987 ) and its London Amendments ( 1990 ) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively 2 . Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency ( EPA ) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C ( transitional substances ) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay-Telefunken products for any unintended or unauthorized application, the buyer shall indemnify Vishay-Telefunken against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany Telephone: 49 ( 0 ) 7131 67 2831, Fax number: 49 ( 0 ) 7131 67 2423
4 (4)
Rev. A2, 24-Jun-98


▲Up To Search▲   

 
Price & Availability of KBP208G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X