Part Number Hot Search : 
NTE23 78M16 NTE2412 11801AFB RFR3607 344000 SK201 BSN254A
Product Description
Full Text Search
 

To Download IRF7329 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD- 94095
IRF7329
HEXFET(R) Power MOSFET
Trench Technology Ultra Low On-Resistance q Dual P-Channel MOSFET q Low Profile (<1.8mm) q Available in Tape & Reel
q q
VDSS
-12V
RDS(on) max (m) )
17@VGS = -4.5V 21@VGS = -2.5V 30@VGS = -1.8V
ID
9.2A 7.4A 4.6A
Description
New P-Channel HEXFET (R) power MOSFETs from International Rectifier utilize advanced processing techniques to achieve extremely low on-resistance per silicon area. This benefit, combined with the ruggedized device design that HEXFET Power MOSFETs are well known for, provides the designer with an extremely efficient and reliable device for use in a wide variety of applications.
S1 G1 S2 G2
1
8
D1 D1 D2 D2
2
7
3
6
The SO-8 has been modified through a customized leadframe for enhanced thermal characteristics and multiple-die capability making it ideal in a variety of power applications. With these improvements, multiple devices can be used in an application with dramatically reduced board space. The package is designed for vapor phase, infrared, or wave soldering techniques.
4
5
T o p V ie w
SO-8
Absolute Maximum Ratings
Parameter
VDS ID @ TA = 25C ID @ TA= 70C IDM PD @TA = 25C PD @TA = 70C VGS TJ, TSTG Drain- Source Voltage Continuous Drain Current, VGS @ -4.5V Continuous Drain Current, VGS @ -4.5V Pulsed Drain Current Power Dissipation Power Dissipation Linear Derating Factor Gate-to-Source Voltage Junction and Storage Temperature Range
Max.
-12 -9.2 -7.4 -37 2.0 1.3 16 8.0 -55 to + 150
Units
V A
W mW/C V C
Thermal Resistance
Symbol
RJL RJA
Parameter
Junction-to-Drain Lead Junction-to-Ambient
Typ.
--- ---
Max.
20 62.5
Units
C/W
www.irf.com
1
2/5/01
IRF7329
V(BR)DSS
V(BR)DSS/TJ
FOR REVIEW ONLY
Electrical Characteristics @ TJ = 25C (unless otherwise specified)
Parameter Drain-to-Source Breakdown Voltage Breakdown Voltage Temp. Coefficient Static Drain-to-Source On-Resistance Min. -12 --- --- --- --- -0.40 25 --- --- --- --- --- --- --- --- --- --- --- --- --- --- Typ. --- 0.007 --- --- --- --- --- --- --- --- --- 38 6.8 8.1 10 8.6 340 260 3450 1000 640 Max. Units Conditions --- V V GS = 0V, ID = -250A --- V/C Reference to 25C, ID = -1mA 17 VGS = -4.5V, ID = -9.2A m VGS = -2.5V, ID = -7.4A 21 30 VGS = -1.8V, ID = -4.6A -0.90 V V DS = VGS, ID = -250A --- S VDS = -10V, ID = -9.2A -1.0 VDS = -9.6V, VGS = 0V A -25 VDS = -9.6V, VGS = 0V, TJ = 70C -100 nA VGS = -8.0V 100 VGS = 8.0V 57 ID = -9.2A 10 nC VDS = -6.0V 12 VGS = -4.5V --- VDD = -6.0V ns --- ID = -1.0A --- RD = 6.0 --- VGS = -4.5V --- VGS = 0V --- pF VDS = -10V --- = 1.0MHz
RDS(on)
VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss
Gate Threshold Voltage Forward Transconductance Drain-to-Source Leakage Current Gate-to-Source Forward Leakage Gate-to-Source Reverse Leakage Total Gate Charge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance
Source-Drain Ratings and Characteristics
IS
ISM
VSD trr Qrr
Parameter Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode) Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge
Min. Typ. Max. Units --- --- --- --- --- --- --- --- 50 48 -2.0 A -37 -1.2 75 72 V ns nC
Conditions MOSFET symbol showing the G integral reverse p-n junction diode. TJ = 25C, IS = -2.0A, VGS = 0V TJ = 25C, IF = -2.0A di/dt = -100A/s
D
S
Notes:
Repetitive rating; pulse width limited by
max. junction temperature.
When mounted on 1 inch square copper board.
Pulse width 400s; duty cycle 2%.
2
www.irf.com
FOR REVIEW ONLY
IRF7329
VGS -10V -7.0V -4.5V -3.0V -2.5V -1.8V -1.5V BOTTOM -1.2V TOP
100
-I D , Drain-to-Source Current (A)
10
-I D, Drain-to-Source Current (A)
VGS -10V -7.0V -4.5V -3.0V -2.5V -1.8V -1.5V BOTTOM -1.2V TOP
100
10
1
-1.2V
-1.2V
20s PULSE WIDTH TJ = 150 C
1 10
0.1 0.1
20s PULSE WIDTH TJ = 25 C
1 10
1 0.1
-VDS , Drain-to-Source Voltage (V)
-VDS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
100
2.0
R DS(on) , Drain-to-Source On Resistance (Normalized)
ID = -9.2A
-I D, Drain-to-Source Current ( )
1.5
T J = 150C
10
1.0
T J = 25C VDS = -10V 20s PULSE WIDTH
1.0 1.4 1.8 2.2
0.5
1
0.0 -60 -40 -20
VGS = -4.5V
0 20 40 60 80 100 120 140 160
-V GS, Gate-to-Source Voltage (V)
TJ , Junction Temperature ( C)
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance Vs. Temperature
www.irf.com
3
IRF7329
5000
FOR REVIEW ONLY
10
-VGS , Gate-to-Source Voltage (V)
4000
VGS = 0V, f = 1 MHZ Ciss = C + C , C gs gd ds SHORTED Crss = C gd
ID = -9.2A VDS = -9.6V VDS = -6V
8
C, Capacitance(pF)
Ciss
3000
Coss = C + C ds gd
6
2000
4
Coss
1000
Crss
2
0 1 10 100
0 0 10 20 30 40 50 60 70
-V DS, Drain-to-Source Voltage (V)
QG , Total Gate Charge (nC)
Fig 5. Typical Capacitance Vs. Drain-to-Source Voltage
Fig 6. Typical Gate Charge Vs. Gate-to-Source Voltage
100
100
OPERATION IN THIS AREA LIMITED BY RDS(on)
-ISD , Reverse Drain Current (A)
10
TJ = 150 C
-ID , Drain Current (A) I
100us
10
1ms
1
TJ = 25 C
10ms
0.1 0.2
V GS = 0 V
0.4 0.6 0.8 1.0
1 0.1
TA = 25 C TJ = 150 C Single Pulse
1 10 100
-VSD ,Source-to-Drain Voltage (V)
-VDS , Drain-to-Source Voltage (V)
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 8. Maximum Safe Operating Area
4
www.irf.com
FOR REVIEW ONLY
IRF7329
VDS RD
10.0
8.0
VGS RG
D.U.T.
+
-I D , Drain Current (A)
6.0
VGS
Pulse Width 1 s Duty Factor 0.1 %
4.0
Fig 10a. Switching Time Test Circuit
2.0
td(on) tr t d(off) tf
VGS
0.0 25 50 75 100 125 150
10%
TC , Case Temperature ( C)
90%
Fig 9. Maximum Drain Current Vs. Case Temperature
VDS
Fig 10b. Switching Time Waveforms
100
Thermal Response (Z thJA )
D = 0.50 0.20 10 0.10 0.05 0.02 1 0.01 P DM t1 t2 SINGLE PULSE (THERMAL RESPONSE) 0.1 0.00001 Notes: 1. Duty factor D = t 1 / t 2 2. Peak T J = P DM x Z thJA + TA 0.01 0.1 1 10 100
0.0001
0.001
t1 , Rectangular Pulse Duration (sec)
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient
www.irf.com
-
VDD
5
IRF7329
R DS(on) , Drain-to -Source On Resistance ( )
0.030
FOR REVIEW ONLY
R DS (on) , Drain-to-Source On Resistance ( )
0.030
0.025
0.025
VGS = -1.8V
0.020
0.020 VGS = -2.5V 0.015 VGS = -4.5V 0.010 4 6 8 10 12 14 -I D , Drain Current (A)
ID = -9.2A
0.015
0.010 0.0 2.0 4.0 6.0 8.0
-V GS, Gate -to -Source Voltage (V)
Fig 12. Typical On-Resistance Vs. Gate Voltage
Fig 13. Typical On-Resistance Vs. Drain Current
Current Regulator Same Type as D.U.T.
50K
QG QGS VG QGD
12V
.2F .3F
VGS
-3mA
Charge
IG
ID
Current Sampling Resistors
Fig 14a. Basic Gate Charge Waveform
Fig 14b. Gate Charge Test Circuit
6
www.irf.com
+
D.U.T.
-
VDS
FOR REVIEW ONLY
IRF7329
1.0
100
-V GS(th) Gate threshold Voltage (V)
80 0.8
0.6
Power (W)
ID = -250A
60
40
0.4 20
0.2 -75 -50 -25 0 25 50 75 100 125 150
0 0.001 0.010 0.100 1.000 10.000 100.000
T J , Temperature ( C )
Time (sec)
Fig 16. Typical Power Vs. Time Fig 15. Typical Vgs(th) Vs. Junction Temperature
www.irf.com
7
IRF7329
SO-8 Package Details
D A 5 B
FOR REVIEW ONLY
DIM A b
INCHES MIN .0532 .013 .0075 .189 .1497 MAX .0688 .0098 .020 .0098 .1968 .1574
MILLIMET ERS MIN 1.35 0.10 0.33 0.19 4.80 3.80 MAX 1.75 0.25 0.51 0.25 5.00 4.00
A1 .0040
6 E
8
7
6
5 H 0.25 [.010] A
c D E e e1 H K L y
1
2
3
4
.050 BAS IC .025 BAS IC .2284 .0099 .016 0 .2440 .0196 .050 8
1.27 BAS IC 0.635 BAS IC 5.80 0.25 0.40 0 6.20 0.50 1.27 8
6X
e
e1 A C 0.10 [.004] 8X b 0.25 [.010] A1 CAB y
K x 45
8X L 7
8X c
NOT ES: 1. DIMENSIONING & T OLERANCING PER AS ME Y14.5M-1994. 2. CONT ROLLING DIMENSION: MILLIMET ER 3. DIMENSIONS ARE SHOWN IN MILLIMET ERS [INCHES ]. 4. OUT LINE CONFORMS T O JEDEC OUT LINE MS-012AA. 5 DIMENSION DOES NOT INCLUDE MOLD PROTRUS IONS . MOLD PROTRUS IONS NOT T O EXCEED 0.15 [.006]. 6 DIMENSION DOES NOT INCLUDE MOLD PROTRUS IONS . MOLD PROTRUS IONS NOT T O EXCEED 0.25 [.010]. 7 DIMENSION IS THE LENGTH OF LEAD F OR S OLDERING T O A S UBST RATE. 3X 1.27 [.050]
F OOTPRINT 8X 0.72 [.028]
6.46 [.255]
8X 1.78 [.070]
SO-8 Part Marking
EXAMPLE: T HIS IS AN IRF7101 (MOS FET ) DATE CODE (YWW) Y = LAS T DIGIT OF THE YEAR WW = WEEK LOT CODE PART NUMBER
www.irf.com
INTERNAT IONAL RECTIFIER LOGO
8
YWW XXXX F7101
FOR REVIEW ONLY
IRF7329
Tape and Reel
T E R M IN A L N U M B E R 1
1 2 .3 ( .48 4 ) 1 1 .7 ( .46 1 )
8 .1 ( .31 8 ) 7 .9 ( .31 2 )
F E E D D IR E C T IO N
N O TES: 1 . C O N T R O L L IN G D IM E N S IO N : M IL L IM E T E R . 2 . A L L D IM E N S IO N S A R E S H O W N IN M IL L IM E T E R S (IN C H E S ). 3 . O U T L IN E C O N F O R M S T O E IA -4 8 1 & E IA -5 4 1.
33 0.0 0 (1 2 .9 9 2 ) M AX .
1 4 .4 0 ( .5 66 ) 1 2 .4 0 ( .4 88 ) N O TE S : 1. C O N T R O L L IN G D IM E N S IO N : M IL L IM E T E R . 2. O U T L IN E C O N F O R M S T O E IA -4 8 1 & E IA -5 4 1 .
Data and specifications subject to change without notice. This product has been designed and qualified for the consumer market. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information. 2/01
www.irf.com
9


▲Up To Search▲   

 
Price & Availability of IRF7329

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X