Part Number Hot Search : 
SMAJ50 5KE100A CMBT5400 DMN20 B7221 D7682 1THAV S6203
Product Description
Full Text Search
 

To Download IR2172 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ADVANCE INFORMATION
Data Sheet No. PD60176-C
IR2172
LINEAR CURRENT SENSING IC
Features
* * * * * * * *
Floating channel up to +600V Monolithic integration Linear current feedback through shunt resistor Direct digital PWM output for easy interface Low IQBS allows the boot strap power supply Independent fast overcurrent trip signal High common mode noise immunity Input overvoltage protection for IGBT short circuit condition
Product Summary
VOFFSET IQBS Vin Gain temp.drift fo Overcurrent trip signal delay Overcurrent trip level 600Vmax 1mA +/-260mVmax 20ppm/oC (typ.) 40kHz (typ.) 1.5usec (typ) +/-260mV (typ.)
* Open Drain outputs
Description
IR2172 is the monolithic current sensing IC designed for motor drive applications. It senses the motor phase current through an external shunt resistor, converts from analog to digital signal, and transfers the signal to the low side. IR's proprietary high voltage isolation technology is implemented to enable the high bandwidth signal processing. The output format is discrete PWM to eliminate need for the A/D input interface. The dedicated overcurrent trip (OC) signal facilitates IGBT short circuit protection. The OC output pulse can be programmed by the external resistor and capacitor. The open-drain outputs make easy for any interface from 3.3V to 15V.
Packages
8 Lead SOIC 8 Lead PDIP 16 Lead SOIC (wide body)
Block Diagram
15V PWM Output GND Overcurrent VCC PO V+ V-
Up to 600V
IR2172
COM OC VB VS
To Motor Phase
IR2172
ADVANCE INFORMATION
Absolute Maximum Ratings
Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. All voltage parameters are absolute voltages referenced to COM, all currents are defined positive into any lead. The thermal resistance and power dissipation ratings are measured under board mounted and still air conditions.
Symbol
VS VBS VCC VIN VPO VOC VINdV/dt PD
Definition
High side offset voltage High side floating supply voltage Low side and logic fixed supply voltage Maximum input voltage between VIN+ and VINDigital PWM output voltage Overcurrent output voltage VIN- input voltage (note 1) Allowable offset voltage slew rate Package power dissipation @ TA +25C 8 lead SOIC 8 lead PDIP 16 lead SOIC
Min.
-0.3 -0.3 -0.3 -5 COM -0.3 COM -0.3 VS -5 -- -- -- -- -- -- -- -- -55 --
Max.
600 25 25 5 VCC +0.3 VCC +0.3 VB+ 0.3 50 .625 1.0 1.25 200 125 100 150 150 300
Units
V
V/ns
W
RthJA
Thermal resistance, junction to ambient
8 lead SOIC 8 lead PDIP 16 lead SOIC
C/W
TJ TS TL
Junction temperature Storage temperature Lead temperature (soldering, 10 seconds)
C
Note 1: Capacitors are required between VB and Vin-, and between VB and Vs pins when bootstrap power is used. The external power supply, when used, is required between Vs and Vin-, and between VB and Vs pins.
Recommended Operating Conditions
The output logic timing diagram is shown in figure 1. For proper operation the device should be used within the recommended conditions.
Symbol
VB VS VPO VOC VCC VIN TA
Definition
High side floating supply voltage High side floating supply offset voltage Digital PWM output voltage Overcurrent output voltage Low side and logic fixed supply voltage Input voltage between VIN+ and VINAmbient temperature
Min.
VS +13.0 note 2 COM COM 9.5 -260 -40
Max.
VS +20 600 VCC VCC 20 +260 125
Units
V
mV C
Note 2: Logic operation for Vs of -5 to +600V. Logic state held for Vs of -5V to -VBS.
2
www.irf.com
ADVANCE INFORMATION
IR2172
DC Electrical Characteristics
VCC = VBS = 15V, unless otherwise specified.
Symbol
VIN VOC+ VOCVOS VOS/ TA G G / TA ILK IQBS IQCC LIN VLIN/TA IOPO IOCC |VIN+ _ VIN-|
Definition
Nominal input voltage range before saturation Overcurrent trip positive input voltage Overcurrent trip negative input voltage Input offset voltage Input offset voltage temperature drift Gain (duty cycle % per VIN) Gain temperature drift Offset supply leakage current Quiescent VBS supply current Quiescent VCC supply current Linearity (duty cycle deviation from ideal linearity curve) Linearity temperature drift Digital PWM output sink current OC output sink current
Min. Typ. Max. Units Test Conditions
-260 -- -- -10 -- 157 -- -- -- -- -- -- 20 2 10 1 -- 260 -- -- 10 -- 167 -- 50 2 1 1 -- -- -- -- -- mA V/oC %/V ppm/oC A mA % %/ oC VO = 1V VO = 0.1V VO = 1V VO = 0.1V VB = VS = 600V VS = 0V max gain error=5% (Note 2) 20 -- 1 -- 0.5 .005 -- -- -- -- VIN = 0V (Note 1) mV
260 -260 0 25 162
Note 1: 10mV offset represents 1.5% duty cycle fluctuation Note 2: Gain = (full range of duty cycle in %) / (full input voltage range).
AC Electrical Characteristics
VCC = VBS = 15V, unless otherwise specified.
Symbol Definition Propagation delay characteristics
fo f / TA Dmin Dmax BW PHS Carrier frequency output Temperature drift of carrier frequency Minimum duty Maximum duty fo bandwidth Phase shift at 1kHz
Min. Typ. Max. Units Test Conditions
-- -- -- -- 40 500 7 93 15 -10 -- -- -- -- kHz ppm/oC % % kHz
o
figure 1 VIN = 0 & 5V
VIN+=-260mV,VIN-=0V VIN+=+260mV,VIN-=0V
VIN+ = 100mVpk -pk sine wave, gain=-3dB VIN+ =100mVpk-pk sine wave
www.irf.com
3
IR2172
ADVANCE INFORMATION
AC Electrical Characteristics cont.
VCC = VBS = 15V, unless otherwise specified.
Symbol Definition Proagation delay characteristics
tdoc twoc Propagation delay time of OC Low true pulse width of OC
Min. Typ. Max. Units Test Conditions
1 -- 1.5 1 -- -- sec
Timing Waveforms
PO
Duty=7%
Vin+= -260mV Vin- = 0V
Duty=93%
PO
Vin+= +260mV Vin- = 0V
Carrier Frequency = 40kHz
Figure 1 Output waveform
Application Hint:
Temperature drift of the output carrier frequency can be cancelled by measuring both a PWM period and the on-time of PWM (Duty) at the same time. Since both periods vary in the same direction, computing the ratio between these values at each PWM period gives consistent measurement of the current feedback over the temperature drift.
4
www.irf.com
ADVANCE INFORMATION
IR2172
Lead Definitions
Symbol Description
VCC COM VIN+ VINVB VS PO OC N.C. Low side and logic supply voltage Low side logic ground Positive sense input Negative sense input High side supply High side return Digital PWM output Overcurrent output (negative logic) No connection
Lead Assignment
1
VCC
VIN+
8
1
VCC
VIN+
8
1
NC
NC
16
2 2
PO
VIN-
7
2
PO
VIN-
NC
NC
15
7
3 3
VCC
VIN+
14
COM
VB
6
3
COM
VB
6 4
PO
VIN-
13
4
OC
VS
5
4
OC
VS
5 5
COM
VB
12
6
OC
VS
11
8 lead SOIC
8 lead PDIP
IR2172S
IR2172
7
NC
NC
10
8
NC
NC
9
16 lead SOIC
IR21726S
www.irf.com
5
IR2172
Case Outline - 8 Lead SOIC
ADVANCE INFORMATION
(MS-012AA) 01-0021 09
8 Lead PDIP
6
01-3003 01
www.irf.com
ADVANCE INFORMATION
IR2172
16 Lead SOIC (wide body)
01-3014 03
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245 Tel: (310) 252-7105 IR EUROPEAN REGIONAL CENTRE: 439/445 Godstone Rd., Whyteleafe, Surrey CR3 0BL, United Kingdom Tel: ++ 44 (0) 20 8645 8000
Data and specifications subject to change without notice. 6/20/2000
www.irf.com
7


▲Up To Search▲   

 
Price & Availability of IR2172

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X