Part Number Hot Search : 
SBC84622 PE4352 A1021 2CDMK RJK0349 S1C17002 2414M 30KPA43A
Product Description
Full Text Search
 

To Download HX10-P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Current Transducer HX 03 .. 50-P
For the electronic measurement of currents: DC, AC, pulsed, mixed, with a galvanic isolation between the primary circuit (high power) and the secondary circuit (electronic circuit).
IPN =
3 .. 50 A
Electrical data
Primary nominal r.m.s. current IPN (A) 3 5 10 15 20 25 50 Primary current measuring range IP (A) 9 15 30 45 60 75 150 Primary Conductor Diameter x Turns (mm) 0.6d x 20T 0.8d x 12T 1.1d x 6T 1.4d x 4T 1.6d x 3T 1.6d x 2T 1.2 x 6.3 x 1T Type
Features
HX 03-P HX 05-P HX 10-P HX 15-P HX 20-P HX 25-P HX 50-P
* Galvanic isolation between primary * * * * * *
and secondary circuit Hall effect measuring principle Isolation voltage 3000V Low power consumption Extended measuring range(3x IPN) Power supply from 12V to 15V Material according to UL94-V0
VOUT ROUT RL VC IC Vd Ve
Output voltage @ IPN, RL = 10 k, TA = 25C 4 Output impedance < 50 Load resistance 10 Supply voltage ( 5 %)1) 15 Current consumption < 15 R.m.s. voltage for AC isolation test, 50/60Hz, 1 mn > 3 R.m.s. voltage for partial discharge extinction at 10pC 1 Impulse withstand voltage, 1.2/50s 6
V k V mA kV kV kV
Advantages
* Low insertion losses * Easy to mount with automatic
handling system
Accuracy-Dynamic performance data
* Small size and space saving * Only one design for wide current
ratings range
X
L
VOE VOH VOT TCG tr f
Accuracy @ IPN, TA = 25C (without offset) Linearity (0 .. IPN) Electrical offset voltage, TA = 25C Hysteresis offset voltage @ IP = 0; after an excursion of 3 x IPN Thermal drift of VOE Thermal drift of the gain (% of reading) Response time @ 90% of IP Frequency bandwidth (-3 dB) 2)
<1 <1 < 40 < 15 max. 1.5 0.1 3 50
% of IPN % of IPN mV mV mV/K %/K s kHz
* High immunity to external
interference.
Applications
* Switched Mode Power Supplies
(SMPS)
* AC variable speed drives * Uninterruptible Power Supplies
(UPS)
General data
TA TS m Ambient operating temperature Ambient storage temperature Mass Min. internal creepage distance/clearance Isolation material group Standards - 25 .. + 85 C - 25 .. + 85 C 8 g 5.5 mm I EN50178
* Electrical appliances * Battery supplied applications * DC motor drives
Notes :1) Also operate at 12V power supplies, measuring range reduced to 2.5x IPN 2) Small signal only to avoid excessive heating of the magnetic cores
030806/5 www.lem.com
LEM Components
HX 03 .. 50-P (in mm)
HX 03...25-P
19 Max.
HX 50-P
19 Max.
20 Max.
0.5
3.5
3.5
3.5
0.5 3 8.8 5.4 4 OUT 3-P=2.54 15.4 Max. 3 +V 20 1 -V or 0 1.3 1.2 3 8.8 5.4 5 6 6 5 15.4 Max. 4.5
3
10.85 d
4 OUT 3.5 3-P=2.54 3 +V 20 1 -V or 0
6
0
3 10.85
Top view
3.5
5
HX 05-P 41123
Terminal Pin Identification 1.....-15V 2.....0V 3.....+15V 4.....Output 5.....Primary input Current(+) 6.....Primary input Current(-)
Lot No. Primary conductor diameter / dimension
HX 03-P 05-P 10-P 15-P 20-P 25-P 50-P d 0.6 0.8 1.1 1.4 1.6 1.6 1.2x6.3
Secondary pins dimension 0.5x0.25
Specifications subject to change without notice.
3
20 Max.


▲Up To Search▲   

 
Price & Availability of HX10-P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X