Part Number Hot Search : 
KP7010 S5KC20R ES51988 RF331506 EL5181 M54HC 25X16A TN254007
Product Description
Full Text Search
 

To Download HER308 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HER301 - HER308
PRV : 50 - 1000 Volts Io : 3.0 Amperes
FEATURES :
* * * * * * High current capability High surge current capability High reliability Low reverse current Low forward voltage drop Fast switching for high efficiency
HIGH EFFICIENT RECTIFIER DIODES
DO-201AD
0.21 (5.33) 0.19 (4.82)
1.00 (25.4) MIN.
0.375 (9.52) 0.285 (7.24)
MECHANICAL DATA :
* Case : DO-201AD Molded plastic * Epoxy : UL94V-O rate flame retardant * Lead : Axial lead solderable per MIL-STD-202, Method 208 guaranteed * Polarity : Color band denotes cathode end * Mounting position : Any * Weight : 1.16 grams
0.052 (1.32) 0.048 (1.22)
1.00 (25.4) MIN.
Dimensions in inches and ( millimeters )
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
RATING
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Current 0.375"(9.5mm) Lead Length Ta = 55 C Maximum Peak Forward Surge Current, 8.3ms Single half sine wave superimposed on rated load (JEDEC Method) Maximum Forward Voltage at IF = 3.0 A Maximum DC Reverse Current at Rated DC Blocking Voltage Ta = 25 C Ta = 100 C
SYMBOL VRRM VRMS VDC IF(AV)
HER 301 50 35 50
HER 302 100 70 100
HER 303 200 140 200
HER 304 300 210 300 3.0
HER 305 400 280 400
HER 306 600 420 600
HER 307 800 560 800
HER 308 1000 700 1000
UNIT V V V A
IFSM VF IR IR(H)
Trr
150 1.1 10 50 50 50 - 65 to + 150 - 65 to + 150 75 1.7
A V A A ns pf C C
Maximum Reverse Recovery Time ( Note 1 ) Typical Junction Capacitance ( Note 2 ) Junction Temperature Range Storage Temperature Range
CJ TJ TSTG
Notes :
( 1 ) Reverse Recovery Test Conditions : IF = 0.5 A, IR = 1.0 A, Irr = 0.25 A. ( 2 ) Measured at 1.0 MHz and applied reverse voltage of 4.0 VDC
Page 1 of 2
Rev. 01 : April 2, 2002
RATING AND CHARACTERISTIC CURVES ( HER301 - HER308 )
FIG.1 - REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
50 10 + 0.5 A D.U.T. 0 - 0.25 A Trr
+
50 Vdc (approx) 1
PULSE GENERATOR ( NOTE 2 ) OSCILLOSCOPE ( NOTE 1 )
- 1.0 A SET TIME BASE FOR 25-35 ns/cm
NOTES : 1. Rise Time = 7 ns max., Input Impedance = 1 megaohm, 22 pF. 2. Rise time = 10 ns max., Source Impedance = 50 ohms. 3. All Resistors = Non-inductive Types.
1 cm
FIG.2 - DERATING CURVE FOR OUTPUT RECTIFIED CURRENT
3.0 150
FIG.3 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT PEAK FORWARD SURGE CURRENT, AMPERES
8.3 ms SINGLE HALF SINE WAVE 120 Ta = 50 C
AVERAGE FORWARD OUTPUT CURRENT, AMPERES
2.4
1.8
90
1.2
60
0.6 60Hz RESISTIVE OR INDUCTIVE LOAD 0 0 25 50 75 100 125 150 175
30
0
1
2
4
6
10
20
40
60 100
AMBIENT TEMPERATURE, ( C)
NUMBER OF CYCLES AT 60Hz
FIG.4 - TYPICAL FORWARD CHARACTERISTICS REVERSE CURRENT, MICROAMPERES
FIG.5 - TYPICAL REVERSE CHARACTERISTICS
100
10 TJ = 100 C
FORWARD CURRENT, AMPERES
Pulse Width = 300 s 2% Duty Cycle TJ = 25 C 10
1.0
HER301-HER305 1.0
0.1 TJ = 25 C
HER306-HER308 0.1
0.01 0
20
40
60
80
100
120
140
PERCENT OF RATED REVERSE VOLTAGE, (%)
0.01 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
FORWARD VOLTAGE, VOLTS
Page 2 of 2
Rev. 01 : April 2, 2002


▲Up To Search▲   

 
Price & Availability of HER308

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X