Part Number Hot Search : 
PS2500 SMCJ6 MM3022 C4050 08D2827M NCP81231 B589N 2SA10
Product Description
Full Text Search
 

To Download HER308 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HER301 THRU HER308
HIGH EFFICIENCY RECTIFIER Reverse Voltage - 50 to 1000 Volts Forward Current - 3.0 Amperes
Features
Low power loss, high efficiency Low leakage Low forward voltage drop High current capability High speed switching High reliability High current surge
Mechanical Data
Case: Molded plastic Epoxy: UL94V-0 rate flame retardant Lead: MIL-STD-202E method 208C guaranteed Mounting Position: Any Weight: 0.042 ounce, 1.19 grams
DIM ENSIONS DIM A B C D inches Min. 0.283 0.189 0.048 1.000 Max. 0.374 0.208 0.051 Min. 7.20 4.80 1.20 25.40 mm Max. 9.50 5.30 1.30 Note
Maximum Ratings and Electrical Characteristics
Ratings at 25 ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
Symbols
HER 301
HER 302
HER 303
HER 304
HER 305
HER 306
HER 307
HER 308
Units
Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current 0.375" (9.5mm) lead length at TA=50 Peak forward surge current, 8.3mS single half sine-wave superimposed on rated load (MIL-STD-750D 4066 method) Maximum instantaneous forward voltage at 3.0A DC Maximum full load reverse current average, full cycle 0.375" (9.5mm) lead length at TL=55 Maximum DC reverse current at rated DC blocking voltage TA=25
VRRM VRMS VDC I(AV) IFSM VF IR(AV) IR Trr CJ TJ, TSTG
50 35 50
100 70 100
200 140 200
300 210 300 3.0
400 280 400
600 420 600
800 560 800
1000 700 1000
Volts Volts Volts Amps
200.0 1.0 1.3 150.0 10.0 50 70 -65 to +150 1.5
150.0 1.7
Amps Volts A A
Maximum reverse recovery time (Note 1) Typical junction capacitance (Note 2) Operating and storage temperature range
Notes: (1) Test conditions: IF=0.5A, IR=1.0A, Irr=0.25A (2) Measured at 1.0MHz and applied reverse voltage of 4.0 volts
75 50
nS F
1
RATINGS AND CHARACTERISTIC CURVES
2


▲Up To Search▲   

 
Price & Availability of HER308

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X