Part Number Hot Search : 
SK263 2N305 CM6515 MP02T 68HC05 L6450 2SC49 GA4F4Z
Product Description
Full Text Search
 

To Download HCF4016BEY Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HCC/HCF4016B
QUAD BILATERAL SWITCH
.20V .280 .SWI .HI .HI .EXTREMELY
.EXTREMELYHI .LOW .MATCHED .FREQUENCY .QUI .5V,10V,AND15VPARAMETRI .I .100%TESTEDFORQUI .MEETSALLREQUI
DESCRIPTION
DIGITAL OR 10V PEAK-TO-PEAK SWITCHING TYPICAL ON RESISTANCE FOR 15V OPERATION TCH ON RESISTANCE MATCHED TO WITHIN 10 TYP. OVER 15V SIGNAL INPUT RANGE GH ON/OFF OUTPUT-VOLTAGE RATIO : 65dB TYP. @ fis = 10kHz, R L = 10k GH DEGREE OF LINEARITY : < 0.5% DISTORTION TYP. @ fis = 1KHz, Vis = 5 Vpp, VDD VSS 10V, RL = 10k LOW OFF SWITCH LEAKAGE RESULTING IN VERY LOW OFFSET CURRENT AND HIGH EFFECTIVE OFF RESISTANCE: 100pA TYP. @ VDD - VSS = 18V, T amb = 25C GH CONTROL INPUT IMPEDANCE (control circuit isolated from signal circuit 1012 typ.) CROSSTALK BETWEEN SWITCHES : 50dB TYP. @ fis = 0.9MHz, R L = 1k CONTROL-INPUT TO SIGNALOUTPUT CAPACITANCE : REDUCES OUTPUT SIGNAL TRANSIENTS RESPONSE' SWITCH ON = 40MHz (typ.) ESCENT CURRENT SPECIFIED TO 20V FOR HCC DEVICE C RATINGS NPUT CURRENT OF 100nA AT 18V AND 25C FOR HCC DEVICE ESCENT CURRENT REMENTS OF JEDEC TENTATIVE STANDARD N 13A, "STANDARD SPECIFICATIONS FOR DESCRIPTION OF "B" SERIES CMOS DEVICES"
of analog or digital signals. Each of the four independent bilateral switches has a single control signal input which simultaneously biases both the p and n device in a given switch ON or OFF.
EY (Plastic Package)
F (Ceramic Frit Seal Package)
M1 (Micro Package)
C1 (Plastic Chip Carrier)
ORDER CODES : HCC4016BF HCF4016BM1 HCF4016BEY HCF4016BC1
PIN CONNECTIONS
The HCC4016B (extended temperature range) and HCF4016B (intermediate temperature range) are monolithic integrated circuit, available in 14-lead dual in-line plastic or ceramic package and plastic micropackage. The HCC/HCF4016B Series types are quad bilateral switches intended for the transmission or multiplexing
June 1989 1/15
HCC/HCF4016B
FUNCTIONAL DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol V DD* Vi II Pt ot Parameter Supply Voltage : HCC Types HC F Types Input Voltage DC Input Current (any one input) Total Power Dissipation (per package) Dissipation per Output Transistor for T o p = Full Package-temperature Range Operating Temperature : HCC Types H CF Types Storage Temperature Value - 0.5 to + 20 - 0.5 to + 18 - 0.5 to V DD + 0.5 10 200 100 - 55 to + 125 - 40 to + 85 - 65 to + 150 Unit V V V mA mW mW C C C
Top Tstg
Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for external periods may affect device reliability. * All voltage values are referred to VSS pin voltage.
RECOMMENDED OPERATING CONDITIONS
Symbol V DD VI Top Parameter Supply Voltage : HCC Types HC F Types Input Voltage Operating Temperature : HCC Types H CF Types Value 3 to 18 3 to 15 0 to V DD - 55 to + 125 - 40 to + 85 Unit V V V C C
2/15
HCC/HCF4016B
SCHEMATIC DIAGRAM 1 OF 4 IDENTICAL SECTION
STATIC ELECTRICAL CHARACTERISTICS (over recommended operating conditions)
Test Conditions Symbol IL Parameter Quiescent Device HCC Current (all Types switches on or all switches off) HCF Types VC = V SS V D D (V) V DD (V) 5 10 15 20 5 10 15 SWITCH RO N Resistance HCC V IS + 7.5 - 7.5 0.25 R L = 10k* + 7.5 - 7.5 + 7.5 - 7.5 0.25 +5 -5 - 5 0.25 +5 -5 0.25 360 360 775 370 370 790 600 600 1870 610 610 1900 200 200 280 200 200 280 250 250 580 250 250 580 400 400 850 400 400 850 660 660 2000 660 660 2000 600 600 1230 520 520 1080 960 960 2600 840 840 2380 T L o w* 0.25 0.5 1 5 1 2 4 Value 25 C 0.01 0.01 0.01 0.02 0.01 0.01 0.01 0.25 0.5 1 5 1 2 4 T Hig h * 7.5 15 30 150 7.5 15 30 A Unit
Min. Max. Min. Typ. Max. Min. Max.
HCF
HCC R L = 10k* + 5 HCF
* TLo w= - 55C for HCC device : - 40C for HCF device. * THigh= + 125C for HCC device : + 85C for HCF device.
3/15
HCC/HCF4016B
STATIC ELECTRICAL CHARACTERISTICS (continued)
Test Conditions Symbol Parameter VC = V SS V D D (V) SWITCH (continued) RO N Resistance HCC R L = 10k* HCF + 15 0 + 15 0 + 15 + 0.25 + 9.3 + 15 + 0.25 + 9.3 + 10 + 0.25 + 5.6 + 10 + 0.25 + 5.6 360 360 775 370 370 790 600 600 1870 610 610 1900 200 200 300 200 200 300 250 250 560 250 250 560 10 15 400 400 850 400 400 800 660 660 2000 660 660 2000 600 600 1230 520 520 1080 960 960 2600 840 840 2380 V DD (V) T L o w* Value 25 C T Hig h * Unit
Min. Max. Min. Typ. Max. Min. Max.
HCC R L = 10k* HCF ON Resistance RON (between any 2 of 4 switches)
+ 10
0
+ 10
0
R L = 10k*
+ 7.5 - 7.5 7.5 +5 -5 5
Input or Output Leakage Current Switch OFF (effective off resistance) CI CO C IO
HCC
V DD V C = V SS +18 0 V DD V C = V SS + 15 0 V CC = V SS = - 5 +5
0.1 0.3
10 - 5
0.1 0.3
1
A
HCF
10 - 5 4 4 0.2
1 pF
Input Capacitance Output Capacitance Feedthrough
CONTROL (V C) VT H Switch Threshold Voltage 5 I IS = 10A 10 15 II Input Current HCC Types V V IS DD HCF Types 18 15 1 2 2 0.1 0.3 1 2 2 2.25 4.5 6.75 10
-5
1 2 2 0.1 1 1 A V
10 - 5 0.3 5 7.5
CI
Input Capacitance
pF
* TLow= - 55C for HCC device : - 40C for HCF device. * THigh= + 125C for HCC device : + 85C for HCF device.
4/15
HCC/HCF4016B
DYNAMIC ELECTRICAL CHARACTERISTICS (T amb = 25C, C L = 50pF all input square wave rise and fall time = 20ns)
Test Conditions Parameter SWITCH t p d Propagation Delay Time (signal intput to output) = V DD 10 5 10sq. GND 10 Wave 15 V I(A) = 5p-p 40 20 15 0.9 100 50 40 MHz ns V C (V) RL fi (k) (KHz) VI (V) V ss V DD (V) (V) Value Typ. Max. Unit
Crosstalk Between any 2 of 4 Switches (f @ - 50dB) V C(A ) = V DD = + 5 V O(B ) V C(B ) = V S S = - 5 20 log 10 ____ = - 50dB V I( A) Frequency Response Switch "ON" (sine wave input) VO At 20 log 10 ____ = - 3dB VI Feedtrough (switch OFF) VO At 20 log 10 ____ = - 50dB VI Sine Wave Distortion CONTROL (V C) Propagation Delay : (turn on control to output) Max. Allowable Control Input Repetition Rate Crosstalk (control input to signal output)
() Symmetrical about OV
1
= V DD = +5
1
5p-p
-5
40
MHz
= VS S = -5 = V DD =5
1
- 5p-p
5
1.25
MHz
10
1
5p-p
-5
0.4
%
V DD - V SS (sq. wawe) 10 (sq. wawe) 10 (sq. wave)
1
V DD or V SS
5 10 15
35 V DD -V S S = 10V 20 15 10 50
70 40 30 MHz mV ns
1 10
V DD GND 10 GND 10
(*) For all test conditions.
Typical "ON" Characteristics for 1 of 4 switches with VDD = + 15V, VSS = 0V, and Test Circuit.
5/15
HCC/HCF4016B
Typical "ON" Characteristics for 1 of 4 switches with VDD = + 10V, VSS = 0V, andTest Circuit.
Typical "ON" Characteristics for 1 of 4 switches with VDD = + 5V, VSS = 0V, and Test Circuit.
Typical "ON" Characteristics for 1 of 4 switches with VDD = + 7.5V, VSS = - 7.5V, and Test Circuit.
6/15
HCC/HCF4016B
Typical "ON" Characteristics for 1 of 4 switches with VDD = + 5V, VSS = - 5V, and Test Circuit.
Typical "ON" Characteristics for 1 of 4 switches with VDD = + 2.5V, VSS = - 2.5V, and Test Circuit.
Typical "ON" Characteristics as function of temp.for 1 of 4 switches with VDD = + 5V and Test Circuit.
7/15
HCC/HCF4016B
Typical feedthru vs. frequency-switch "OFF" and Test Circuit.
Typical Crosstalk between Switch Circuits in the Same Package.
Typical Switch Frequency response-switch " ON" and Test Circuit.
8/15
HCC/HCF4016B
TYPICAL "ON" RESISTANCE CHARACTERISTICS, T amb = 25C
Supply Conditions V DD (V) R ON R ON (max) R ON R ON (max) R ON R ON (max) R ON R ON (max) + 15 + 15 + 10 + 10 +5 +5 + 2.5 + 2.5 VSS (V) 0 0 0 0 0 0 - 2.5 - 2.5 Load Conditions R L = 1 k Value () 200 200 300 290 290 500 860 600 1.7k 590 720 232k V is (V) + 15 0 + 11 + 10 0 + 7.4 +5 0 + 4.2 + 2.5 - 2.5 0.25 R L = 1 0 k Value () 200 200 300 250 250 560 470 580 7k 450 520 300k V is (V) + 15 0 + 9.3 + 10 0 + 5.6 +5 0 + 2.9 + 2.5 - 2.5 0.25 R L = 1 0 0 k Value () 180 200 320 240 300 610 450 800 33k 490 520 870k V is (V) + 15 0 + 9.2 + 10 0 +5.5 +5 0 +2.7 + 2.5 - 2.5 0.25
Characteristic*
* Variation from a perfect switch, RON= 0.
TEST CIRCUITS "OFF" Switch Input or Put Leakage Current. Square-Wave Response.
9/15
HCC/HCF4016B
TEST CIRCUITS (continued) Crosstalk-control Input to Signal Output. Propagaton Delay Time Signal Input (VIS) to Signal Output (VOS).
Max Allowable Control-input Repetition Rate.
Switch Treshold Voltage.
Capacitance CIOS and COS.
Turn-On Propagation Delay-control Input to Output.
10/15
HCC/HCF4016B
Plastic DIP14 MECHANICAL DATA
mm MIN. a1 B b b1 D E e e3 F I L Z 1.27 3.3 2.54 0.050 8.5 2.54 15.24 7.1 5.1 0.130 0.100 0.51 1.39 0.5 0.25 20 0.335 0.100 0.600 0.280 0.201 1.65 TYP. MAX. MIN. 0.020 0.055 0.020 0.010 0.787 0.065 inch TYP. MAX.
DIM.
P001A
11/15
HCC/HCF4016B
Ceramic DIP14/1 MECHANICAL DATA
mm MIN. A B D E e3 F G H L M N P Q 7.8 2.29 0.4 1.17 0.22 1.52 0.38 15.24 2.79 0.55 1.52 0.31 2.54 10.3 8.05 5.08 0.307 0.090 0.016 0.046 0.009 0.060 3.3 0.015 0.600 0.110 0.022 0.060 0.012 0.100 0.406 0.317 0.200 TYP. MAX. 20 7.0 0.130 MIN. inch TYP. MAX. 0.787 0.276
DIM.
P053C
12/15
HCC/HCF4016B
SO14 MECHANICAL DATA
DIM. MIN. A a1 a2 b b1 C c1 D E e e3 F G L M S 3.8 4.6 0.5 8.55 5.8 1.27 7.62 4.0 5.3 1.27 0.68 8 (max.) 0.149 0.181 0.019 8.75 6.2 0.35 0.19 0.5 45 (typ.) 0.336 0.228 0.050 0.300 0.157 0.208 0.050 0.026 0.344 0.244 0.1 mm TYP. MAX. 1.75 0.2 1.65 0.46 0.25 0.013 0.007 0.019 0.003 MIN. inch TYP. MAX. 0.068 0.007 0.064 0.018 0.010
P013G
13/15
HCC/HCF4016B
PLCC20 MECHANICAL DATA
mm MIN. A B D d1 d2 E e e3 F G M M1 1.27 1.14 7.37 1.27 5.08 0.38 0.101 0.050 0.045 9.78 8.89 4.2 2.54 0.56 8.38 0.290 0.050 0.200 0.015 0.004 TYP. MAX. 10.03 9.04 4.57 MIN. 0.385 0.350 0.165 0.100 0.022 0.330 inch TYP. MAX. 0.395 0.356 0.180
DIM.
P027A
14/15
HCC/HCF4016B
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsability for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may results from its use. No license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. SGS-THOMSON Microelectronics products are not authorized for use ascritical components in life support devices or systems without express written approval of SGS-THOMSON Microelectonics. (c) 1994 SGS-THOMSON Microelectronics - All Rights Reserved SGS-THOMSON Microelectronics GROUP OF COMPANIES Australia - Brazil - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A
15/15


▲Up To Search▲   

 
Price & Availability of HCF4016BEY

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X