Part Number Hot Search : 
14020 AKD4397 PCM1740 IRHE7110 2SK81 SLLS690C SPI220LE AD7821
Product Description
Full Text Search
 

To Download HCC4013 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HCC/HCF4013B
DUAL 'D' - TYPE FLIP-FLOP
.SET.STATI .MEDI .QUI .STANDARDI .5V,10V,AND15VPARAMETRI .I .100%TESTEDFORQUI .MEETSALLREQUI
RESET CAPABILITY C FLIP-FLOP OPERATION - RETAINS STATE INDEFINITELY WITH CLOCK LEVEL EITHER "HIGH" OR "LOW" UM-SPEED OPERATION - 16MHz (typ.) CLOCK TOGGLE RATE AT 10V ESCENT CURRENT SPECIFIED TO 20V FOR HCC DEVICE ZED SYMMETRICAL OUTPUT CHARACTERISTICS C RATINGS NPUT CURRENT OF 100nA AT 18V AND 25C FOR HCC DEVICE ESCENT CURRENT REMENTS OF JEDEC TENTATIVE STANDARD No. 13A, "STANDARD SPECIFICATIONS FOR DESCRIPTION OF "B" SERIES CMOS DEVICES"
EY (Plastic Package)
F (Ceramic Frit Seal Package)
M1 (Micro Package)
C1 (Plastic Chip Carrier)
ORDER CODES : HCC4013BF HCF4013BM1 HCF4013BEY HCF4013BC1
PIN CONNECTIONS
DESCRIPTION The HCC4013B (extended temperature range) and HCF4013B (intermediate temperature range) are monolithic integrated circuits, available in 14-lead dual in-line plastic or ceramic package and plastic micropackage. The HCC/HCF4013B consists of two identical, independent data-type flip-flops. Each flip-flop has independent data, set, reset, and clock inputs and Q and Q outputs. These devices can be used for shift register applications, and, by connecting Q output to the data input, for counter and toggle applications. The logic level present at the D input is transferred to the Q output during the positive-going transition of the clock pulse. Setting or resetting is independent of the clock and is accomplished by a high level on the set or reset line, respectively.
June 1989 1/11
HCC/HFC4013B
ABSOLUTE MAXIMUM RATINGS
Symbol V DD* Vi II Pt ot Parameter Supply Voltage : HCC Types HC F Types Input Voltage DC Input Current (any one input) Total Power Dissipation (per package) Dissipation per Output Transistor for T o p = Full Package-temperature Range Operating Temperature : HCC Types H CF Types Storasge Temperature Value - 0.5 to + 20 - 0.5 to + 18 - 0.5 to V DD + 0.5 10 200 100 - 55 to + 125 - 40 to + 85 - 65 to + 150 Unit V V V mA mW mW C C C
Top Tstg
Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for external periods may affect device reliability. * All voltages are with respect to VSS (GND).
RECOMMENDED OPERATING CONDITIONS
Symbol V DD VI Top Parameter Supply Voltage : HCC Types HC F Types Input Voltage Operating Temperature : HCC Types H CF Types Value 3 to 18 3 to 15 0 to V DD - 55 to + 125 - 40 to + 85 Unit V V V C C
LOGIC DIAGRAM AND TRUTH TABLE (one of two identical flip-flops)
CL - -/ /- - -\ - X X X
D 0 1 X X X X
R 0 0 0 1 0 1
S 0 0 0 0 1 1
Q 0 1 Q 0 1 1
Q 1 0 Q 1 0 1
NO CHANGE
LOGIC 0 = LOW LOGIC 1 = HIGH
= LOW LEVEL X = DON'T CARE N(N) = FF1/FF2 TERMINAL ASSIGNEMENT
2/11
HCC/HCF4013B
STATIC ELECTRICAL CHARACTERISTICS (over recommended operating conditions)
Test Conditions Symbol Parameter VI (V) 0/5 HCC 0/10 Types 0/15 0/20 0/5 HCF 0/10 Types 0/15 V OH Output High Voltage 0/5 0/10 0/15 V OL Output Low Voltage 5/0 10/0 15/0 V IH Input High Voltage 0.5/4.5 1/9 4.5/0.5 9/1 0/5 HCC Types 0/10 0/15 0/ 5 0/ 5 HCF Types 0/10 0/15 I OL Output Sink Current 0/5 HCC 0/10 Types 0/15 0/5 HCF 0/10 Types 0/15 I IH , I IL Input Leakage Current HCC 0/18 Types HCF 0/15 Types Any Input 0/5 2.5 4.6 9.5 13.5 2.5 4.6 9.5 13.5 0.4 0.5 1.5 0.4 0.5 1.5 <1 <1 <1 <1 <1 <1 <1 <1 <1 <1 VO (V) Value Unit |I O | V D D T L o w* 25 C T Hig h * (A) (V) Min. Max. Min. Typ. Max. Min. Max. 5 10 15 20 5 10 15 5 10 15 5 10 15 5 10 15 5 10 15 5 5 10 15 5 5 10 15 5 10 15 5 10 15 18 Any Input 15 -2 - 0.64 - 1.6 - 4.2 - 1.53 - 0.52 - 1.3 - 3.6 0.64 1.6 4.2 0.52 1.3 3.6 0.1 0.3 3.5 7 11 1.5 3 4 - 1.6 - 3.2 - 0.51 - 1 - 1.3 - 2.6 - 3.4 - 6.8 - 1.36 - 3.2 - 0.44 - 1 - 1.1 - 2.6 - 3.0 - 6.8 0.51 1.3 3.4 0.44 1.1 3.0 1 2.6 6.8 1 2.6 6.8 10
-5
IL
Quiescent Current
1 2 4 20 4 8 16 4.95 9.95 14.95 0.05 0.05 0.05 3.5 7 11 4.95 9.95 14.95
0.02 0.02 0.02 0.04 0.02 0.02 0.02
1 2 4 20 4 8 16 4.95 9.95 14.95 0.05 0.05 0.05 3.5 7 11 1.5 3 4 - 1.15 - 0.36 - 0.9 - 2.4 - 1.1 - 0.36 - 0.9 - 2.4 0.36 0.9 2.4 0.36 0.9 2.4 0.1
30 60 120 600 30 60 120 V 0.05 0.05 0.05 V 1.5 3 4 V V A
1.5/13.5 < 1 V IL Input Low Voltage
13.5/1.5 < 1 I OH Output Drive Current
mA
mA
1 1 A
10 -5 0.3 5 7.5
CI
Input Capacitance
pF
* TLow= - 55C for HCC device : - 40C for HCF device. * THigh= + 125C for HCC device : + 85C for HCF device. The Noise Margin for both "1" and "0" level is : 1V min. with VDD = 5V, 2V min. with VDD = 10V, 2.5 V min. with VDD = 15V.
3/11
HCC/HFC4013B
DYNAMIC ELECTRICAL CHARACTERISTICS (T amb = 25C, C L = 50pF, R L = 200k, typical temperature coefficient for all V DD = 0.3%/C values, all input rise and fall time = 20ns)
Symbol Parameter Test Conditions V D D (V) Min. 5 10 15 tP LH Propagation Delay Time (set to Q or reset to Q) 5 10 15 t P HL Propagation Delay Time (set to Q or reset to Q) 5 10 15 t THL , t T L H Transition Time 5 10 15 f CL * Maximum Clock Input Frequency 5 10 15 tW Cock Pulse Width 5 10 15 t r, t f ** Clock Input Rise or Fall Time 5 10 15 tW Set or Reset Pulse Width 5 10 15 t se t u p Data Setup Time 5 10 15 180 80 50 40 20 15 90 40 25 20 10 7 ns ns 3.5 8 12 140 60 40 Value Typ. 150 65 45 150 65 45 200 85 60 100 50 40 7 16 24 70 30 20 15 4 1 s ns MHz Max. 300 130 90 300 130 90 400 170 120 200 100 80 ns ns ns ns Unit
t P L H , t P HL Propagation Delay Time (clock to Q or Q outputs)
* **
Input tr, tf = 5ns. If more than unit is cascaded in a parallel clocked application, tr should be made less than or equal to the sum of the fixed propagation delay time at 15pF and the transition time of the carry output driving stage for the estimated capacitive load.
4/11
HCC/HCF4013B
Typical Output Low (sink) Current Characteristics. Minimum Output Low (sink) Current Characteristics.
Typical Output High (source) Current Characteristics.
Minimum Output High (source) Current Characteristics.
Typical Propagation Delay Time vs. Load Capacitance (CLOCK or SET to Q, CLOCK or RESET to Q).
Typical Propagation Delay Time vs. Load Capacitance (SET to Q or RESET to Q).
5/11
HCC/HFC4013B
Typical Maximum Clock Frequency vs. Supply Voltage. Typical Power Dissipation Device vs. Frequency.
TEST CIRCUITS Quiescent Device Current. Noise Immunity.
Input Leakage Current.
6/11
HCC/HCF4013B
Plastic DIP14 MECHANICAL DATA
mm MIN. a1 B b b1 D E e e3 F I L Z 1.27 3.3 2.54 0.050 8.5 2.54 15.24 7.1 5.1 0.130 0.100 0.51 1.39 0.5 0.25 20 0.335 0.100 0.600 0.280 0.201 1.65 TYP. MAX. MIN. 0.020 0.055 0.020 0.010 0.787 0.065 inch TYP. MAX.
DIM.
P001A
7/11
HCC/HFC4013B
Ceramic DIP14/1 MECHANICAL DATA
mm MIN. A B D E e3 F G H L M N P Q 7.8 2.29 0.4 1.17 0.22 1.52 0.38 15.24 2.79 0.55 1.52 0.31 2.54 10.3 8.05 5.08 0.307 0.090 0.016 0.046 0.009 0.060 3.3 0.015 0.600 0.110 0.022 0.060 0.012 0.100 0.406 0.317 0.200 TYP. MAX. 20 7.0 0.130 MIN. inch TYP. MAX. 0.787 0.276
DIM.
P053C
8/11
HCC/HCF4013B
SO14 MECHANICAL DATA
DIM. MIN. A a1 a2 b b1 C c1 D E e e3 F G L M S 3.8 4.6 0.5 8.55 5.8 1.27 7.62 4.0 5.3 1.27 0.68 8 (max.) 0.149 0.181 0.019 8.75 6.2 0.35 0.19 0.5 45 (typ.) 0.336 0.228 0.050 0.300 0.157 0.208 0.050 0.026 0.344 0.244 0.1 mm TYP. MAX. 1.75 0.2 1.65 0.46 0.25 0.013 0.007 0.019 0.003 MIN. inch TYP. MAX. 0.068 0.007 0.064 0.018 0.010
P013G
9/11
HCC/HFC4013B
PLCC20 MECHANICAL DATA
mm MIN. A B D d1 d2 E e e3 F G M M1 1.27 1.14 7.37 1.27 5.08 0.38 0.101 0.050 0.045 9.78 8.89 4.2 2.54 0.56 8.38 0.290 0.050 0.200 0.015 0.004 TYP. MAX. 10.03 9.04 4.57 MIN. 0.385 0.350 0.165 0.100 0.022 0.330 inch TYP. MAX. 0.395 0.356 0.180
DIM.
P027A
10/11
HCC/HCF4013B
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsability for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may results from its use. No license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. SGS-THOMSON Microelectronics products are not authorized for use ascritical components in life support devices or systems without express written approval of SGS-THOMSON Microelectonics. (c) 1994 SGS-THOMSON Microelectronics - All Rights Reserved SGS-THOMSON Microelectronics GROUP OF COMPANIES Australia - Brazil - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A
11/11


▲Up To Search▲   

 
Price & Availability of HCC4013

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X