Part Number Hot Search : 
MAS1016B K100207 MAS1016B MJE4352 SOE339 SDA113C XC4000E 30000
Product Description
Full Text Search
 

To Download HC49U Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Standard Crystal
Specifications
HC49
Product HC49 Resistance weld Option Code
Parameters
Package: Frequency range: 300kHz ~ 225MHz Calibration tolerance: 30ppm 5ppm ~ 100ppm Temperature stability: 50ppm 5ppm ~ 100ppm
13.46 (max) 0.43O 12.00 (min)
specify specify
Operating temperature range: -10 to +60C 0 to +50C ~ -55 to +125C Circuit condition: 8 ~ 50pF or SR
specify specify
4.88 4.65 (max) 11.05 (max)
Scale 1:1
Features

Industry standard HC49 case Fundamental mode available up to 40.0MHz Comprehensive stock of standard frequencies Low cost for volume applications Express manufacturing service Custom frequencies easily produced Tight specifications available Wide frequency range available Centre ground lead available
Equivalent series resistance (max): 3,000 (300 ~ 800kHz) 5,000 (800kHz ~ 1.30MHz) 800 (1.80 ~ 2.0MHz) 500 (>2.0 ~ 2.4MHz) 300 (>2.4 ~ 3.0MHz) 150 (>3.0 ~ 3.5MHz) 120 (>3.5 ~ 4.0MHz) 100 (>4.0 ~ 4.4MHz) 80 (>4.4 ~ 6.0MHz) 50 (>6.0 ~ 9.0MHz) 30 (>9.0 ~ 36.0MHz) 40 (25.0 ~ 90.0MHz, 3rd OT) 70 (60.0 ~ 150MHz, 5th OT) 100 (90.0 ~ 225MHz, 7th OT) Static capacitance (C0): Ageing: 7pF max
3ppm max first year 100W
Test drive level: Standard.
Optional - Please specify required code(s) when ordering
Ordering Information
Product name + frequency + specification code eg: HC49 16.1760MHz 10/20/20/30-F
Insulating washers and mounting clips available. See our website for details.
Standard Frequencies
Frequencies in MHz 1.000000 1.843200 2.000000 2.457600 3.000000 3.276800 3.579545 3.686400 4.000000 4.032000 4.096000 4.194304 4.433619 4.915200 5.000000 5.068800 5.120000 6.000000 6.144000 6.176000 6.400000 6.553600 7.372800 7.680000 8.000000 8.192000 8.867237 9.000000 9.216000 9.830400 10.00000 10.24000 10.24500 10.70000 11.00000 11.05920 11.28960 12.00000 12.28800 14.00000 14.31818 14.74560 15.00000 15.36000 16.00000 16.38400 16.93440 17.73447 18.00000 18.43200 19.66080 20.00000 22.11840 24.00000 24.00014 24.57600 30.00000 32.00000 32.76800 36.00000 40.00000 48.00000 50.00000 60.00000 64.00000
Tel: +44 1460 256 100
06 Mar 2000
Fax: +44 1460 256 101
E-mail: sales@golledge.com
Web: www.golledge.com


▲Up To Search▲   

 
Price & Availability of HC49U

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X