Part Number Hot Search : 
MA367 KOI6005B ZTL431 TMPD2836 ML6680 XXXSP 24FBXX SMAJ40
Product Description
Full Text Search
 

To Download FBR2510 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FBR2500 - FBR2510
PRV : 50 - 1000 Volts Io : 25 Amperes
FEATURES :
* * * * * * High case dielectric strength High surge current capability High reliability Low reverse current Low forward voltage drop Fast switching for high efficiency
FAST RECOVERY BRIDGE RECTIFIERS
BR50
0.728(18.50) 0.688(17.40)
0.570(14.50) 0.530(13.40)
0.685(16.70) 1.130(28.70) 0.618(15.70) 1.120(28.40)
MECHANICAL DATA :
* Case : Molded plastic with heatsink integrally mounted in the bridge encapsulation * Epoxy : UL94V-O rate flame retardant * Terminals : plated .25" (6.35 mm). Faston * Polarity : Polarity symbols marked on case * Mounting position : Bolt down on heat-sink with silicone thermal compound between bridge and mounting surface for maximum heat transfer efficiency. * Weight : 17.1 grams
0.658(16.70) 0.618(15.70) 0.032(0.81) 0.028(0.71)
0.210(5.30) 0.200(5.10) 0.252(6.40) 0.248(6.30)
0.310(7.87) 0.280(7.11)
0.100(2.50) 0.090(2.30) 0.905(23.0) 0.826(21.0)
Metal Heatsink
Dimensions in inches and ( millimeters )
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
RATING
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Current Tc = 55 C Peak Forward Surge Current Single half sine wave Superimposed on rated load (JEDEC Method) Current Squared Time at t < 8.3 ms. Maximum Forward Voltage drop per Diode at IF = 12.5 Amps. Maximum DC Reverse Current at Rated DC Blocking Voltage Ta = 25 C Ta = 100 C
SYMBOL
VRRM VRMS VDC IF(AV) IFSM It VF IR IR(H) Trr RJC TJ TSTG
2
FBR FBR FBR FBR FBR FBR FBR UNIT 2500 2501 2502 2504 2506 2508 2510
50 35 50 100 70 100 200 140 200 400 280 400 25 300 375 1.3 10 200 150 1.45 - 50 to + 150 - 50 to + 150 250 500 600 420 600 800 560 800 1000 Volts 700 Volts Amps. Amps. A2S Volts A A ns C/W C C 1000 Volts
Maximum Reverse Recovery Time (Note 1) Typical Thermal Resistance per diode (Note 2) Operating Junction Temperature Range Storage Temperature Range
Notes :
1 ) Measured with IF = 0.5 Amp., IR = 1 Amp., Irr = 0.25 Amp. 2 ) Thermal Resistance from junction to case with units mounted on a 5" x 6" x 4.9" (12.8cm.x 15.2cm.x 12.4cm.) Al.-Finned Plate.
UPDATE : APRIL 21, 1998
RATING AND CHARACTERISTIC CURVES ( FBR2500 - FBR2510 )
FIG.1 - REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
50 10 + 0.5 A D.U.T. 0 PULSE GENERATOR ( NOTE 2 ) 1 OSCILLOSCOPE ( NOTE 1 ) - 0.25 Trr
+
50 Vdc (approx)
- 1.0 A
SET TIME BASE FOR 50/200 ns/cm
NOTES : 1. Rise Time = 7 ns max., Input Impedance = 1 megaohm, 22 pF. 2. Rise time = 10 ns max., Source Impedance = 50 ohms. 3. All Resistors = Non-inductive Types.
1 cm
FIG.2 - DERATING CURVE FOR OUTPUT RECTIFIED CURRENT
25 300
FIG.3 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
Tc = 55 C 240
AVERAGE FORWARD OUTPUT CURRENT, AMPERES
20
15
PEAK FORWARD SURGE CURRENT, AMPERES
60Hz RESISTIVE OR INDUCTIVE LOAD 0 25 50 75 100 125 150 175
180
10
120
5
60
0
0
1
2
4
6
10
20
40
60
100
CASE TEMPERATURE, ( C)
NUMBER OF CYCLES AT 60Hz
FIG.4 - TYPICAL FORWARD CHARACTERISTICS PER DIODE
100
FIG.5 - TYPICAL REVERSE CHARACTERISTICS PER DIODE REVERSE CURRENT, MICROAMPERES
10 TJ = 100 C
FORWARD CURRENT, AMPERES
10
1.0
1.0
0.1 TJ = 25 C
Pulse Width = 300 s 2% Duty Cycle 0.1 TJ = 25 C
0.01 0
20
40
60
80
100
120
140
PERCENT OF RATED REVERSE VOLTAGE, (%)
0.01 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
FORWARD VOLTAGE, VOLTS


▲Up To Search▲   

 
Price & Availability of FBR2510

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X